|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistor 2SA1323 Silicon PNP epitaxial planer type For high-frequency amplification Complementary to 2SC3314 4.00.2 Unit: mm s Features q q q 0.70.1 Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Ratings -30 -20 -5 -60 -30 300 150 -55 ~ +150 Unit V V V mA mA mW C C 1:Emitter 2:Collector 3:Base 1 2 3 1.27 1.27 2.540.15 EIAJ:SC-72 New S Type Package s Electrical Characteristics Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise figure Reverse transfer impedance Common emitter reverse transfer capacitanse (Ta=25C) Symbol ICBO ICEO IEBO hFE * Conditions VCB = -10V, IE = 0 VCE = -20V, IB = 0 VEB = -5V, IC = 0 VCE = -10V, IC = -1mA IC = -10mA, IB = -1mA VCE = -10V, IC = -1mA VCB = -10V, IE = 1mA, f = 200MHz VCB = -10V, IE = 1mA, f = 5MHz VCB = -10V, IE = 1mA, f = 2MHz VCE = -10V, IC = -1mA, f = 10.7MHz min typ max - 0.1 -100 -10 2.00.2 marking +0.2 0.45-0.1 s Absolute Maximum Ratings (Ta=25C) 15.60.5 Allowing supply with the radial taping. High transition frequency fT. Optimum for high-density mounting. 3.00.2 Unit A A A 70 - 0.1 - 0.7 150 300 2.8 22 1.2 220 V V MHz 4.0 50 2.0 dB pF VCE(sat) VBE fT NF Zrb Cre *h FE Rank classification B 70 ~ 140 C 110 ~ 220 hFE Rank 1 Transistor PC -- Ta 500 -24 Ta=25C 450 -20 IB=-250A -50 2SA1323 IC -- VCE -60 VCE=-10V IC -- VBE Collector power dissipation PC (mW) Collector current IC (mA) 400 350 300 250 200 150 100 50 0 20 40 60 80 100 120 140 160 -200A -16 -150A -12 -100A Collector current IC (mA) -40 25C Ta=75C -30 -25C -8 -20 -4 -50A -10 0 0 -2 -4 -6 -8 -10 -12 0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0 Ambient temperature Ta (C) Collector to emitter voltage VCE (V) Base to emitter voltage VBE (V) VCE(sat) -- IC Collector to emitter saturation voltage VCE(sat) (V) -100 -30 -10 -3 Ta=75C -1 25C -25C IC/IB=10 -120 hFE -- IC 400 VCE=-10V 350 300 250 200 150 100 50 0 - 0.1 - 0.3 0 0.1 fT -- IE Ta=25C VCB=-10V Forward current transfer ratio hFE -100 Ta=75C -80 25C -25C -60 - 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3 -40 -20 -1 -3 -10 -30 -100 -1 -3 -10 -30 -100 Transition frequency fT (MHz) 0.3 1 3 10 30 100 Collector current IC (mA) Collector current IC (mA) Emitter current IE (mA) Cob -- VCB Common emitter reverse transfer capacitance Cre (pF) 5 6 Cre -- VCE f=1MHz IE=0 Ta=25C IC=-1mA f=10.7MHz Ta=25C 24 PG -- IC VCE=-10V f=100MHz Ta=25C Collector output capacitance Cob (pF) 4 5 20 4 Power gain PG (dB) -3 -10 -30 -100 16 3 3 12 2 2 8 1 1 4 0 -1 -3 -10 -30 -100 0 -1 0 - 0.1 - 0.3 -1 -3 -10 -30 -100 Collector to base voltage VCB (V) Collector to emitter voltage VCE (V) Collector current IC (mA) 2 Transistor NF -- IE 6 VCB=-10V f=100MHz Ta=25C 2SA1323 5 Noise figure NF (dB) 4 3 2 1 0 - 0.1 - 0.3 -1 -3 -10 Emitter current IE (mA) 3 Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company. Please read the following notes before using the datasheets A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR |
Price & Availability of 2SA1323 |