Part Number Hot Search : 
1N5418 4S161N MBI5024 SCL40 DFB2005 SC65D02 UT54AC 550E009M
Product Description
Full Text Search
 

To Download 25LC160A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25AA160A/B, 25LC160A/B
16K SPITM Bus Serial EEPROM
Device Selection Table
Part Number 25LC160A 25AA160A 25LC160B 25AA160B VCC Range 2.5-5.5V 1.8-5.5V 2.5-5.5V 1.8-5.5V Page Size 16 Byte 16 Byte 32 Byte 32 Byte Temp. Ranges I,E I I,E I Packages P, SN, ST, MS P, SN, ST, MS P, SN, ST, MS P, SN, ST, MS
Features
* * * * * * * * * Max. clock 10 MHz Low-power CMOS technology 2048 x 8-bit organization 16 byte page (`A' version devices) 32 byte page (`B' version devices) Write cycle time: 5 ms max. Self-timed ERASE and WRITE cycles Block write protection - Protect none, 1/4, 1/2 or all of array Built-in write protection - Power-on/off data protection circuitry - Write enable latch - Write-protect pin Sequential read High reliability - Endurance: 1,000,000 erase/write cycles - Data retention: > 200 years - ESD protection: > 4000V Temperature ranges supported; - Industrial (I): -40C to +85C - Automotive (E): -40C to +125C
Description
The Microchip Technology Inc. 25AA160A/B, 25LC160A/B (25XX160A/B*) are 16 Kbit Serial Electrically Erasable PROMs. The memory is accessed via a simple Serial Peripheral InterfaceTM (SPITM) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input. Communication to the device can be paused via the hold pin (HOLD). While the device is paused, transitions on its inputs will be ignored, with the exception of chip select, allowing the host to service higher priority interrupts. The 25XX160A/B is available in standard packages including 8-lead PDIP and SOIC, and advanced packaging including 8-lead MSOP, and 8-lead TSSOP. Pb-free (Pure Matte Sn) finish is also available.
* *
Package Types (not to scale)
TSSOP/MSOP
(ST, MS)
CS SO WP VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
*
PDIP/SOIC
(P, SN)
CS SO WP VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
Pin Function Table
Name CS SO WP VSS SI SCK HOLD VCC Function Chip Select Input Serial Data Output Write-Protect Ground Serial Data Input Serial Clock Input Hold Input Supply Voltage
SPI is a registered trademark of Motorola Semiconductor.
*25XX160A/B is used in this document as a generic part number for the 25AA160A/B, 25LC160A/B devices.
2003 Microchip Technology Inc.
DS21807B-page 1
25XX160A/B
1.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings()
VCC.............................................................................................................................................................................7.0V All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V Storage temperature .................................................................................................................................-65C to 150C Ambient temperature under bias ...............................................................................................................-65C to 125C ESD protection on all pins ..........................................................................................................................................4 kV NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended period of time may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
Industrial (I): Automotive (E): Min. 2.0 0.7 VCC -0.3 -0.3 -- -- VCC -0.5 TAMB = -40C to +85C TAMB = -40C to +125C Max. VCC +1 VCC +1 0.8 0.2 VCC 0.4 0.2 -- 1 1 -- 7 Units V V V V V V V A A pF VCC = 1.8V to 5.5V VCC = 2.5V to 5.5V Test Conditions VCC 2.7V (Note) VCC< 2.7V (Note) VCC 2.7V (Note) VCC < 2.7V (Note) IOL = 2.1 mA IOL = 1.0 mA, VCC < 2.5V IOH = -400 A CS = VCC, VIN = VSS TO VCC CS = VCC, VOUT = VSS TO VCC TAMB = 25C, CLK = 1.0 MHz, VCC = 5.0V (Note) VCC = 5.5V; FCLK = 10.0 MHz; SO = Open VCC = 2.5V; FCLK = 5.0 MHz; SO = Open VCC = 5.5V CS = VCC = 5.5V, Inputs tied to VCC or VSS, TAMB = -40C TO +125C CS = VCC = 2.5V, Inputs tied to VCC or VSS, TAMB = -40C TO +85C
DC CHARACTERISTICS Param. No. D001 D002 D003 D004 D005 D006 D007 D008 D009 D010 Sym. VIH1 VIH2 VIL1 VIL2 VOL VOL VOH ILI ILO CINT Characteristic High-level input voltage Low-level input voltage Low-level output voltage High-level output voltage Input leakage current Output leakage current Internal Capacitance (all inputs and outputs)
D011
ICC Read Operating Current
-- --
6 2.5
mA mA mA A A
D012 D013
ICC Write ICCS Standby Current
-- -- --
3 5 1
Note:
This parameter is periodically sampled and not 100% tested.
DS21807B-page 2
2003 Microchip Technology Inc.
25XX160A/B
TABLE 1-2: AC CHARACTERISTICS
Industrial (I): TAMB = -40C to +85C VCC = 1.8V to 5.5V Automotive (E): TAMB = -40C to +125C VCC = 2.5V to 5.5V Min. -- -- -- 50 100 150 100 200 250 50 10 20 30 20 40 50 -- -- 50 100 150 50 100 150 50 50 -- -- -- 0 -- -- -- 20 40 80 Max. 10 5 3 -- -- -- -- -- -- -- -- -- -- -- -- -- 500 500 -- -- -- -- -- -- -- -- 50 100 160 -- 40 80 160 -- -- -- Units MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Test Conditions 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V -- 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V (Note 1) (Note 1) 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V -- -- 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V (Note 1) 4.5V VCC 5.5V (Note 1) 2.5V VCC 4.5V (Note 1) 1.8V VCC 2.5V (Note 1) 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V
AC CHARACTERISTICS Param. Sym. No. 1 FCLK Characteristic Clock Frequency
2
TCSS
CS Setup Time
3
TCSH
CS Hold Time
4 5
TCSD Tsu
CS Disable Time Data Setup Time
6
THD
Data Hold Time
7 8 9
TR TF THI
CLK Rise Time CLK Fall Time Clock High Time
10
TLO
Clock Low Time
11 12 13
TCLD TCLE TV
Clock Delay Time Clock Enable Time Output Valid from Clock Low Output Hold Time Output Disable Time
14 15
THO TDIS
16
THS
HOLD Setup Time
Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total EnduranceTM Model which can be obtained from our web site: www.microchip.com. 3: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is complete.
2003 Microchip Technology Inc.
DS21807B-page 3
25XX160A/B
TABLE 1-2: AC CHARACTERISTICS (CONTINUED)
Industrial (I): TAMB = -40C to +85C VCC = 1.8V to 5.5V Automotive (E): TAMB = -40C to +125C VCC = 2.5V to 5.5V Min. 20 40 80 30 60 160 30 60 160 -- 1M Max. -- -- -- -- -- -- -- -- -- 5 -- Units ns ns ns ns ns ns ns ns ns ms Test Conditions 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V 4.5V VCC 5.5V (Note 1) 2.5V VCC < 4.5V (Note 1) 1.8V VCC < 2.5V (Note 1) 4.5V VCC 5.5V 2.5V VCC < 4.5V 1.8V VCC < 2.5V (NOTE 3) AC CHARACTERISTICS Param. Sym. No. 17 THH Characteristic HOLD Hold Time
18
THZ
HOLD Low to Output High-Z HOLD High to Output Valid Internal Write Cycle Time Endurance
19
THV
20 21
TWC --
E/W (NOTE 2) Cycles
Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total EnduranceTM Model which can be obtained from our web site: www.microchip.com. 3: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is complete.
TABLE 1-3:
AC Waveform: VLO = 0.2V
AC TEST CONDITIONS
-- (Note 1) (Note 2) 0.5 VCC 0.5 VCC
VHI = VCC - 0.2V VHI = 4.0V Input Output Note 1: For VCC 4.0V 2: For VCC > 4.0V
Timing Measurement Reference Level
DS21807B-page 4
2003 Microchip Technology Inc.
25XX160A/B
FIGURE 1-1:
CS 16 SCK 18 SO n+2 n+1 n high-impedance 19 n 5 n n-1 n-1 17 16 17
HOLD TIMING
don't care SI HOLD n+2 n+1 n
FIGURE 1-2:
SERIAL INPUT TIMING
4
CS 2 Mode 1,1 SCK Mode 0,0 5 SI 6 LSB in 7 8 3
12 11
MSB in
SO
high-impedance
FIGURE 1-3:
SERIAL OUTPUT TIMING
CS 9 SCK 13 SO MSB out 14 15 ISB out 10 3 Mode 1,1 Mode 0,0
SI
don't care
2003 Microchip Technology Inc.
DS21807B-page 5
25XX160A/B
2.0
2.1
FUNCTIONAL DESCRIPTION
Principles of Operation
2.3
Write Sequence
The 25XX160A/B are 2048 byte Serial EEPROMs designed to interface directly with the Serial Peripheral Interface (SPI) port of many of today's popular microcontroller families, including Microchip's PICmicro(R) microcontrollers. It may also interface with microcontrollers that do not have a built-in SPI port by using discrete I/O lines programmed properly with the software. The 25XX160A/B contains an 8-bit instruction register. The device is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The CS pin must be low and the HOLD pin must be high for the entire operation. Table 2-1 contains a list of the possible instruction bytes and format for device operation. All instructions, addresses, and data are transferred MSB first, LSB last. Data (SI) is sampled on the first rising edge of SCK after CS goes low. If the clock line is shared with other peripheral devices on the SPI bus, the user can assert the HOLD input and place the 25XX160A/B in `HOLD' mode. After releasing the HOLD pin, operation will resume from the point when the HOLD was asserted.
Prior to any attempt to write data to the 25XX160A/B, the write enable latch must be set by issuing the WREN instruction (Figure 2-4). This is done by setting CS low and then clocking out the proper instruction into the 25XX160A/B. After all eight bits of the instruction are transmitted, the CS must be brought high to set the write enable latch. If the write operation is initiated immediately after the WREN instruction without CS being brought high, the data will not be written to the array because the write enable latch will not have been properly set. Once the write enable latch is set, the user may proceed by setting the CS low, issuing a WRITE instruction, followed by the 16-bit address, with the five MSBs of the address being don't care bits, and then the data to be written. Up to 16 bytes (25XX160A) or 32 bytes (25XX160B) of data can be sent to the device before a write cycle is necessary. The only restriction is that all of the bytes must reside in the same page. Note: Page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. Physical page boundaries start at addresses that are integer multiples of the page buffer size (or `page size') and, end at addresses that are integer multiples of page size - 1. If a Page Write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page as might be expected. It is therefore necessary for the application software to prevent page write operations that would attempt to cross a page boundary.
2.2
Read Sequence
The device is selected by pulling CS low. The 8-bit read instruction is transmitted to the 25XX160A/B followed by the 16-bit address, with the five MSBs of the address being don't care bits. After the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the SO pin. The data stored in the memory at the next address can be read sequentially by continuing to provide clock pulses. The internal address pointer is automatically incremented to the next higher address after each byte of data is shifted out. When the highest address is reached (07FFh), the address counter rolls over to address 0000h allowing the read cycle to be continued indefinitely. The read operation is terminated by raising the CS pin (Figure 2-1).
For the data to be actually written to the array, the CS must be brought high after the Least Significant bit (D0) of the nth data byte has been clocked in. If CS is brought high at any other time, the write operation will not be completed. Refer to Figure 2-2 and Figure 2-3 for more detailed illustrations on the byte write sequence and the page write sequence respectively. While the write is in progress, the Status Register may be read to check the status of the WPEN, WIP, WEL, BP1 and BP0 bits (Figure 2-6). A read attempt of a memory array location will not be possible during a write cycle. When the write cycle is completed, the write enable latch is reset.
DS21807B-page 6
2003 Microchip Technology Inc.
25XX160A/B
Block Diagram
Status Register HV Generator
I/O Control Logic
Memory Control Logic
X Dec
EEPROM Array
Page Latches
SI SO CS SCK HOLD WP VCC VSS
Y Decoder
Sense Amp. R/W Control
TABLE 2-1:
INSTRUCTION SET
Instruction Format Description Read data from memory array beginning at selected address Write data to memory array beginning at selected address Reset the write enable latch (disable write operations) Set the write enable latch (enable write operations) Read Status Register Write Status Register
Instruction Name READ WRITE WRDI WREN RDSR WRSR
0000 0011 0000 0010 0000 0100 0000 0110 0000 0101 0000 0001
FIGURE 2-1:
CS 0 SCK
READ SEQUENCE
1
2
3
4
5
6
7
8
9 10 11
21 22 23 24 25 26 27 28 29 30 31
instruction SI 0 0 0 0 0 0 1
16-bit address 1 15 14 13 12 2 1 0 data out 7 6 5 4 3 2 1 0
high-impedance SO
2003 Microchip Technology Inc.
DS21807B-page 7
25XX160A/B
FIGURE 2-2:
CS 0 SCK instruction SI 0 0 0 0 0 0 1 16-bit address 0 15 14 13 12 2 1 0 7 6 data byte 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 21 22 23 24 25 26 27 28 29 30 31
BYTE WRITE SEQUENCE
Twc
high-impedance SO
FIGURE 2-3:
CS 0 SCK 1
PAGE WRITE SEQUENCE
2
3
4
5
6
7
8
9 10 11 16-bit address
21 22 23 24 25 26 27 28 29 30 31 data byte 1 2 1 0 7 6 5 4 3 2 1 0
instruction SI 0 0 0 0 0 01
0 15 14 13 12
CS 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 SCK data byte 2 SI 7 6 5 4 3 2 1 0 7 6 data byte 3 5 4 3 2 1 0 7 data byte n (16/32 max) 6 5 4 3 2 1 0
DS21807B-page 8
2003 Microchip Technology Inc.
25XX160A/B
2.4 Write Enable (WREN) and Write Disable (WRDI)
The following is a list of conditions under which the write enable latch will be reset: * * * * Power-up WRDI instruction successfully executed WRSR instruction successfully executed WRITE instruction successfully executed The 25XX160A/B contains a write enable latch. See Table 2-4 for the Write-Protect Functionality Matrix. This latch must be set before any write operation will be completed internally. The WREN instruction will set the latch, and the WRDI will reset the latch.
FIGURE 2-4:
WRITE ENABLE SEQUENCE (WREN)
CS 0 SCK 1 2 3 4 5 6 7
SI
0
0
0
0
0
1
1
0
high-impedance SO
FIGURE 2-5:
WRITE DISABLE SEQUENCE (WRDI)
CS 0 SCK 1 2 3 4 5 6 7
SI
0
0
0
0
0
1
0 1
0
high-impedance SO
2003 Microchip Technology Inc.
DS21807B-page 9
25XX160A/B
2.5 Read Status Register Instruction (RDSR)
The Read Status Register instruction (RDSR) provides access to the Status Register. The Status Register may be read at any time, even during a write cycle. The Status Register is formatted as follows: The Write Enable Latch (WEL) bit indicates the status of the write enable latch and is read-only. When set to a `1', the latch allows writes to the array, when set to a `0', the latch prohibits writes to the array. The state of this bit can always be updated via the WREN or WRDI commands regardless of the state of write protection on the Status Register. These commands are shown in Figure 2-4 and Figure 2-5. The Block Protection (BP0 and BP1) bits indicate which blocks are currently write-protected. These bits are set by the user issuing the WRSR instruction. These bits are nonvolatile, and are shown in Table 2-3. See Figure 2-6 for the RDSR timing sequence.
TABLE 2-2:
STATUS REGISTER
0 R WIP
7 654 3 2 1 W/R - - - W/R W/R R WPEN X X X BP1 BP0 WEL W/R = writable/readable. R = read-only.
The Write-In-Process (WIP) bit indicates whether the 25XX160A/B is busy with a write operation. When set to a `1', a write is in progress, when set to a `0', no write is in progress. This bit is read-only.
FIGURE 2-6:
CS
READ STATUS REGISTER TIMING SEQUENCE (RDSR)
0 SCK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
instruction SI 0 0 0 0 0 1 0 1 data from Status Register 7 6 5 4 3 2 1 0
high-impedance SO
DS21807B-page 10
2003 Microchip Technology Inc.
25XX160A/B
2.6 Write Status Register Instruction (WRSR)
See Figure 2-7 for the WRSR timing sequence. The Write Status Register instruction (WRSR) allows the user to write to the nonvolatile bits in the Status Register as shown in Table 2-2. The user is able to select one of four levels of protection for the array by writing to the appropriate bits in the Status Register. The array is divided up into four segments. The user has the ability to write-protect none, one, two or all four of the segments of the array. The partitioning is controlled as shown in Table 2-3. The Write-Protect Enable (WPEN) bit is a nonvolatile bit that is available as an enable bit for the WP pin. The Write-Protect (WP) pin and the Write-Protect Enable (WPEN) bit in the Status Register control the programmable hardware write-protect feature. Hardware write protection is enabled when WP pin is low and the WPEN bit is high. Hardware write protection is disabled when either the WP pin is high or the WPEN bit is low. When the chip is hardware write-protected, only writes to nonvolatile bits in the Status Register are disabled. See Table 2-4 for a matrix of functionality on the WPEN bit.
TABLE 2-3:
BP1
ARRAY PROTECTION
BP0 Array Addresses Write-Protected none upper 1/4 (0600h - 07FFh) upper 1/2 (0400h - 07FFh) all (0000h - 07FFh)
0 0 1 1
0 1 0 1
FIGURE 2-7:
CS
WRITE STATUS REGISTER TIMING SEQUENCE (WRSR)
0 SCK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
instruction SI 0 0 0 0 0 0 0 1 7 6
data to Status Register 5 4 3 2 1 0
high-impedance SO
2003 Microchip Technology Inc.
DS21807B-page 11
25XX160A/B
2.7 Data Protection 2.8 Power-On State
The following protection has been implemented to prevent inadvertent writes to the array: * The write enable latch is reset on power-up * A write enable instruction must be issued to set the write enable latch * After a byte write, page write or Status Register write, the write enable latch is reset * CS must be set high after the proper number of clock cycles to start an internal write cycle * Access to the array during an internal write cycle is ignored and programming is continued The 25XX160A/B powers on in the following state: * The device is in low-power Standby mode (CS = 1) * The write enable latch is reset * SO is in high-impedance state * A high-to-low-level transition on CS is required to enter active state
TABLE 2-4:
WEL (SR bit 1)
WRITE-PROTECT FUNCTIONALITY MATRIX
WPEN (SR bit 7) WP (pin 3) Protected Blocks Protected Protected Protected Protected Unprotected Blocks Protected Writable Writable Writable Status Register Protected Writable Protected Writable
0 1 1 1 x = don't care
x 0
1 1
x x 0 (low) 1 (high)
DS21807B-page 12
2003 Microchip Technology Inc.
25XX160A/B
3.0 PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1. The WP pin function is blocked when the WPEN bit in the Status Register is low. This allows the user to install the 25XX160A/B in a system with WP pin grounded and still be able to write to the Status Register. The WP pin functions will be enabled when the WPEN bit is set high.
TABLE 3-1:
Name CS SO WP VSS SI SCK HOLD VCC
PIN FUNCTION TABLE
Pin Number 1 2 3 4 5 6 7 8 Function Chip Select Input Serial Data Output Write-Protect Pin Ground Serial Data Input Serial Clock Input Hold Input Supply Voltage
3.4
Serial Input (SI)
The SI pin is used to transfer data into the device. It receives instructions, addresses and data. Data is latched on the rising edge of the serial clock.
3.5
Serial Clock (SCK)
The SCK is used to synchronize the communication between a master and the 25XX160A/B. Instructions, addresses or data present on the SI pin are latched on the rising edge of the clock input, while data on the SO pin is updated after the falling edge of the clock input.
3.1
Chip Select (CS)
3.6
Hold (HOLD)
A low level on this pin selects the device. A high level deselects the device and forces it into Standby mode. However, a programming cycle which is already initiated or in progress will be completed, regardless of the CS input signal. If CS is brought high during a program cycle, the device will go into Standby mode as soon as the programming cycle is complete. When the device is deselected, SO goes to the high-impedance state, allowing multiple parts to share the same SPI bus. A low-to-high transition on CS after a valid write sequence initiates an internal write cycle. After powerup, a low level on CS is required prior to any sequence being initiated.
3.2
Serial Output (SO)
The SO pin is used to transfer data out of the 25XX160A/B. During a read cycle, data is shifted out on this pin after the falling edge of the serial clock.
The HOLD pin is used to suspend transmission to the 25XX160A/B while in the middle of a serial sequence without having to retransmit the entire sequence again. It must be held high any time this function is not being used. Once the device is selected and a serial sequence is underway, the HOLD pin may be pulled low to pause further serial communication without resetting the serial sequence. The HOLD pin must be brought low while SCK is low, otherwise the HOLD function will not be invoked until the next SCK high-tolow transition. The 25XX160A/B must remain selected during this sequence. The SI, SCK and SO pins are in a high impedance state during the time the device is paused and transitions on these pins will be ignored. To resume serial communication, HOLD must be brought high while the SCK pin is low, otherwise serial communication will not resume. Lowering the HOLD line at any time will tri-state the SO line.
3.3
Write-Protect (WP)
This pin is used in conjunction with the WPEN bit in the Status Register to prohibit writes to the nonvolatile bits in the Status Register. When WP is low and WPEN is high, writing to the nonvolatile bits in the Status Register is disabled. All other operations function normally. When WP is high, all functions, including writes to the nonvolatile bits in the Status Register operate normally. If the WPEN bit is set, WP low during a Status Register write sequence will disable writing to the Status Register. If an internal write cycle has already begun, WP going low will have no effect on the write.
2003 Microchip Technology Inc.
DS21807B-page 13
25XX160A/B
4.0
4.1
PACKAGING INFORMATION
Package Marking Information
8-Lead MSOP (150 mil) Example:
MSOP 1st Line Marking Codes XXXXXXT YWWNNN 5LABI 3281L7 Device 25AA160A 25AA160B 25LC160A 25LC160B std mark 5AAA 5AAB 5LAA 5LAB Pb-free mark G5AAA G5AAB G5LAA G5LAB
8-Lead PDIP
XXXXXXXX T/XXXNNN YYWW
Example:
25LC160B I/P 1L7 0328
8-Lead SOIC
Example:
XXXXXXXX T/XXYYWW NNN
25LC160B I/SN 0328 1L7
8-Lead TSSOP XXXX TYWW NNN
Example: TSSOP 1st Line Marking Codes 5LAB I328 1L7 Device 25AA160A 25AA160B 25LC160A 25LC160B std mark 5AAA 5AAB 5LAA 5LAB Pb-free mark NAAA NAAB NLAA NLAB
Legend:
XX...X T Blank YY WW NNN
Part number Temperature (I, E) Commercial Year code (last 2 digits of calendar year) except TSSOP and MSOP which use only the last 1 digit Week code (week of January 1 is week `01') Alphanumeric traceability code
Note:
Custom marking available.
DS21807B-page 14
2003 Microchip Technology Inc.
25XX160A/B
8-Lead Plastic Micro Small Outline Package (MS) (MSOP)
E E1
p D 2 B n 1
A c A1 (F)
A2
L
8 Number of Pins .026 BSC Pitch A .043 Overall Height A2 .030 .033 .037 Molded Package Thickness .006 .000 A1 Standoff E .193 TYP. Overall Width .118 BSC E1 Molded Package Width .118 BSC D Overall Length L .016 .024 .031 Foot Length Footprint (Reference) F .037 REF Foot Angle 0 8 c Lead Thickness .003 .006 .009 B Lead Width .009 .012 .016 Mold Draft Angle Top 5 15 5 15 Mold Draft Angle Bottom *Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
Units Dimension Limits n p
MIN
INCHES NOM
MAX
MIN
MILLIMETERS* NOM 8 0.65 BSC 0.75 0.85 0.00 4.90 BSC 3.00 BSC 3.00 BSC 0.40 0.60 0.95 REF 0 0.08 0.22 5 5 -
MAX
1.10 0.95 0.15
0.80 8 0.23 0.40 15 15
JEDEC Equivalent: MO-187
Drawing No. C04-111
2003 Microchip Technology Inc.
DS21807B-page 15
25XX160A/B
8-Lead Plastic Dual In-line (P) - 300 mil (PDIP)
E1
D 2 n 1 E
A
A2
c
L A1
eB
B1 p B
Number of Pins Pitch Top to Seating Plane Molded Package Thickness Base to Seating Plane Shoulder to Shoulder Width Molded Package Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p A A2 A1 E E1 D L c B1 B eB
MIN
INCHES* NOM 8 .100 .155 .130 .313 .250 .373 .130 .012 .058 .018 .370 10 10
MAX
MIN
.140 .115 .015 .300 .240 .360 .125 .008 .045 .014 .310 5 5
.170 .145 .325 .260 .385 .135 .015 .070 .022 .430 15 15
MILLIMETERS NOM 8 2.54 3.56 3.94 2.92 3.30 0.38 7.62 7.94 6.10 6.35 9.14 9.46 3.18 3.30 0.20 0.29 1.14 1.46 0.36 0.46 7.87 9.40 5 10 5 10
MAX
4.32 3.68 8.26 6.60 9.78 3.43 0.38 1.78 0.56 10.92 15 15
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-001 Drawing No. C04-018
DS21807B-page 16
2003 Microchip Technology Inc.
25XX160A/B
8-Lead Plastic Small Outline (SN) - Narrow, 150 mil (SOIC)
E E1
p D 2 B n 1
h 45
c A A2
L A1
Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Chamfer Distance Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p A A2 A1 E E1 D h L c B
MIN
.053 .052 .004 .228 .146 .189 .010 .019 0 .008 .013 0 0
INCHES* NOM 8 .050 .061 .056 .007 .237 .154 .193 .015 .025 4 .009 .017 12 12
MAX
MIN
.069 .061 .010 .244 .157 .197 .020 .030 8 .010 .020 15 15
MILLIMETERS NOM 8 1.27 1.35 1.55 1.32 1.42 0.10 0.18 5.79 6.02 3.71 3.91 4.80 4.90 0.25 0.38 0.48 0.62 0 4 0.20 0.23 0.33 0.42 0 12 0 12
MAX
1.75 1.55 0.25 6.20 3.99 5.00 0.51 0.76 8 0.25 0.51 15 15
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-012 Drawing No. C04-057
2003 Microchip Technology Inc.
DS21807B-page 17
25XX160A/B
8-Lead Plastic Thin Shrink Small Outline (ST) - 4.4 mm (TSSOP)
E E1 p
D 2 1 n B
A c
L
A1
A2
Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Molded Package Length Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p A A2 A1 E E1 D L c B
MIN
INCHES NOM 8 .026
MAX
MIN
.033 .002 .246 .169 .114 .020 0 .004 .007 0 0
.035 .004 .251 .173 .118 .024 4 .006 .010 5 5
.043 .037 .006 .256 .177 .122 .028 8 .008 .012 10 10
MILLIMETERS* NOM MAX 8 0.65 1.10 0.85 0.90 0.95 0.05 0.10 0.15 6.25 6.38 6.50 4.30 4.40 4.50 2.90 3.00 3.10 0.50 0.60 0.70 0 4 8 0.09 0.15 0.20 0.19 0.25 0.30 0 5 10 0 5 10
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. JEDEC Equivalent: MO-153 Drawing No. C04-086
DS21807B-page 18
2003 Microchip Technology Inc.
25AA160A/B, 25LC160A/B
ON-LINE SUPPORT
Microchip provides on-line support on the Microchip World Wide Web site. The web site is used by Microchip as a means to make files and information easily available to customers. To view the site, the user must have access to the Internet and a web browser, such as Netscape(R) or Microsoft(R) Internet Explorer. Files are also available for FTP download from our FTP site.
SYSTEMS INFORMATION AND UPGRADE HOT LINE
The Systems Information and Upgrade Line provides system users a listing of the latest versions of all of Microchip's development systems software products. Plus, this line provides information on how customers can receive the most current upgrade kits.The Hot Line Numbers are: 1-800-755-2345 for U.S. and most of Canada, and 1-480-792-7302 for the rest of the world. 042003
Connecting to the Microchip Internet Web Site
The Microchip web site is available at the following URL: www.microchip.com The file transfer site is available by using an FTP service to connect to: ftp://ftp.microchip.com The web site and file transfer site provide a variety of services. Users may download files for the latest Development Tools, Data Sheets, Application Notes, User's Guides, Articles and Sample Programs. A variety of Microchip specific business information is also available, including listings of Microchip sales offices, distributors and factory representatives. Other data available for consideration is: * Latest Microchip Press Releases * Technical Support Section with Frequently Asked Questions * Design Tips * Device Errata * Job Postings * Microchip Consultant Program Member Listing * Links to other useful web sites related to Microchip Products * Conferences for products, Development Systems, technical information and more * Listing of seminars and events
2003 Microchip Technology Inc.
DS21807B-page 19
25AA160A/B, 25LC160A/B
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip product. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150. Please list the following information, and use this outline to provide us with your comments about this document. To: RE: Technical Publications Manager Reader Response Total Pages Sent ________
From: Name Company Address City / State / ZIP / Country Telephone: (_______) _________ - _________ Application (optional): Would you like a reply? Y N Literature Number: DS21807B FAX: (______) _________ - _________
Device: 25AA160A/B, 25LC160A/B Questions:
1. What are the best features of this document?
2. How does this document meet your hardware and software development needs?
3. Do you find the organization of this document easy to follow? If not, why?
4. What additions to the document do you think would enhance the structure and subject?
5. What deletions from the document could be made without affecting the overall usefulness?
6. Is there any incorrect or misleading information (what and where)?
7. How would you improve this document?
DS21807B-page 20
2003 Microchip Technology Inc.
25XX160A/B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X Tape & Reel
-
X Temp Range
/XX Package
X Lead Finish
Examples:
a) b) 25AA160A-I/MS = 16 Kbit, 16-byte page, 1.8V Serial EEPROM, Industrial temp., MSOP package 25AA160B-I/STG = 16 Kbit, 32-byte page, 1.8V Serial EEPROM, Industrial temp., TSSOP package, Pb-free 25AA160AT-I/SN = 16 Kbit, 16-byte page, 1.8V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package 25LC160A-I/MSG = 16 Kbit, 16-byte page, 2.5V Serial EEPROM, Industrial temp., MSOP package, Pb-free 25LC160BT-I/SN = 16 Kbit, 32-byte page, 2.5V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package 25LC160BT-I/ST = 16 Kbit, 32-byte page, 2.5V Serial EEPROM, Industrial temp., Tape & Reel, TSSOP package
Device
25AA160A 25AA160B 25LC160A 25LC160B Blank T I E MS P SN ST = = = = = = = =
16 Kbit, 1.8V, 16 Byte Page SPI Serial EEPROM 16 Kbit, 1.8V, 32 Byte Page SPI Serial EEPROM 16 Kbit, 2.5V, 16 Byte Page SPI Serial EEPROM 16 Kbit, 2.5V, 32 Byte Page SPI Serial EEPROM Standard packaging Tape & Reel -40C to+85C -40C to+125C Plastic MSOP (Micro Small Outline), 8-lead Plastic DIP (300 mil body), 8-lead Plastic SOIC (150 mil body), 8-lead TSSOP, 8-lead Standard 63% / 37% Sn/Pb Matte Tin (Pure Sn)
c)
d) Tape & Reel Temperature Range
e)
f) Package
Lead Finish
Blank = G =
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2003 Microchip Technology Inc.
DS21807B-page 21
25XX160A/B
NOTES:
DS21807B-page 22
2003 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, MPLAB, PIC, PICmicro, PICSTART, PRO MATE and PowerSmart are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Application Maestro, dsPICDEM, dsPICDEM.net, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPIC, Select Mode, SmartSensor, SmartShunt, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2003, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2003 Microchip Technology Inc.
DS21807B-page 23
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
China - Beijing
Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934
Atlanta
3780 Mansell Road, Suite 130 Alpharetta, GA 30022 Tel: 770-640-0034 Fax: 770-640-0307
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
China - Chengdu
Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401-2402, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-86766200 Fax: 86-28-86766599
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
Taiwan
Microchip Technology (Barbados) Inc., Taiwan Branch 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
China - Fuzhou
Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
EUROPE
Austria
Microchip Technology Austria GmbH Durisolstrasse 2 A-4600 Wels Austria Tel: 43-7242-2244-399 Fax: 43-7242-2244-393
China - Hong Kong SAR
Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
China - Shanghai
Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Denmark
Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45-4420-9895 Fax: 45-4420-9910
Kokomo
2767 S. Albright Road Kokomo, IN 46902 Tel: 765-864-8360 Fax: 765-864-8387
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
France
Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
China - Shenzhen
Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1812, 18/F, Building A, United Plaza No. 5022 Binhe Road, Futian District Shenzhen 518033, China Tel: 86-755-82901380 Fax: 86-755-8295-1393
Phoenix
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-4338
Germany
Microchip Technology GmbH Steinheilstrasse 10 D-85737 Ismaning, Germany Tel: 49-89-627-144-0 Fax: 49-89-627-144-44
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
China - Qingdao
Rm. B505A, Fullhope Plaza, No. 12 Hong Kong Central Rd. Qingdao 266071, China Tel: 86-532-5027355 Fax: 86-532-5027205
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
Italy
Microchip Technology SRL Via Quasimodo, 12 20025 Legnano (MI) Milan, Italy Tel: 39-0331-742611 Fax: 39-0331-466781
India
Microchip Technology Inc. India Liaison Office Marketing Support Division Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Marketing Support Division Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Netherlands
Microchip Technology Netherlands P. A. De Biesbosch 14 NL-5152 SC Drunen, Netherlands Tel: 31-416-690399 Fax: 31-416-690340
Japan
Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
United Kingdom
Microchip Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44-118-921-5869 Fax: 44-118-921-5820
07/10/03
DS21807B-page 24
2003 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 25LC160A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X