Part Number Hot Search : 
HT162309 2N731 ON1111 KTA12 2N956 BUX98AF 74S424 JANTXV2
Product Description
Full Text Search
 

To Download 224001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Next
Previous
Axial Lead and Cartridge Fuses
Subminiature Glass Body
2AG
Fast-Acting Type 224/225/288/289 Series
UL (R)
(R)
MIL
The 2AG Fast-Acting fuses are available in cartridge form or with axial leads. Axial leaded fuses are board washable. 2AG fuses provide the same performance characteristics as their 3AG counterpart, while occupying one-third the space. Sleeved fuses are available.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 110% 135% 200% Opening Time 4 hours, Minimum 1 hour, Maximum 1 second, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA. 224 Series approved by METI from 1 through 5 amperes.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. FUSES TO MIL SPEC: 224 and 225 Series 1/8 through 7 amperes
are available to DSCC Drawing #87108. To order, change 224 to 289 or 225 to 288.
225 000 Series
4.5 (.177") 4.5 (.177") 14.48 (.57")
224 000 Series
.635 (.025")
INTERRUPTING RATINGS:
0.1-10A 0.1-1A 1.5-3.5A 10,000 amperes at 125 VAC 35 amperes at 250 VAC 100 amperes at 250 VAC OPTIONS: 224 Series available on tape and reel. PACKAGING SPECIFICATIONS: Tape and Reel per EIA-296; T1: 52.4mm (2.062") taped spacing; For 1,500 per reel, 10mm (.40") pitch, add packaging suffix, DRT1. For 2,500 per reel, 5mm (.20") pitch, add packaging suffix, ERT1.
14.48 (.57")
38.1 (1.50") TYP.
Axial Lead Material: Solder coated copper.
PATENTED ORDERING INFORMATION:
Cartridge Catalog Number 225.100 225.125 225.250 225.375 225.500 225.750 225 001 225 01.5 225 002 225 02.5 225 003 225 03.5 225 004 225 005 225 006 225 007 225 008 225 010 Axial Lead Catalog Number 224.100 224.125 224.250 224.375 224.500 224.750 224 001 224 01.5 224 002 224 02.5 224 003 224 03.5 224 004 224 005 224 006 224 007 224 008 224 010 Ampere Rating 1/10 1/8 1/4 3/8 1/2 3/4 1 11/2 2 21/2 3 31/2 4 5 6 7 8 10 Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 125 125 125 125 125 125 Nominal Resistance Cold Ohms 6.15 3.90 1.15 0.395 0.265 0.152 0.102 0.0705 0.0490 0.0365 0.0310 0.0258 0.0233 0.0179 0.0147 0.0123 0.0100 0.00675 Nominal Melting I 2t A2 Sec. 0.000750 0.00286 0.0300 0.171 0.365 1.05 2.22 0.800 1.50 2.68 4.62 6.70 9.40 17.00 22.1 40.0 56.0 116.0
Average Time Current Curves
1/4A 3/8A 1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 4A 5A 6A 7A 8A 10A 1/10A 1/8A 100
8
10
TIME IN SECONDS
1
0.1
2AG Special 350V
(R) (R)
Fast-Acting Type
The 220 007 subminiature fuse is intended for fluorescent lighting ballast protection or similar applications up to 350V. AXIAL LEAD PART NUMBER: 220 007 (ampere rating of 3A). DIMENSIONS: Same as 224 Series. ELECTRICAL CHARACTERISTICS: Same as 224 Series. INTERRUPTING RATING: 100 amperes at 350 VAC. PATENTED Contact Littelfuse concerning other ampere ratings.
0.01
0.001 0.1 1 10 100 CURRENT IN AMPERES 1000
w w w. l i t t e l f u s e . c o m
287
AXIAL LEAD AND CARTRIDGE FUSES


▲Up To Search▲   

 
Price & Availability of 224001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X