Part Number Hot Search : 
HC540TEL HT68F CA4815CS 2SC5176 OCX160 BL8558 022284 V30LL
Product Description
Full Text Search
 

To Download 16MX16TI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 16Mx16, 7.5 - 15ns, P12, M-Densus 30A232-00 A
256 Megabit Synchronous DRAM DPSD16MX16TY5 High Density Memory Device
ADVANCED INFORMATION DESCRIPTION: The M-Densus series is a family of interchangeable memory modules. The 256 Megabit SDRAM is a member of this family which utilizes the new and innovative space saving TSOP stacking technology. The modules are constructed with 8 Meg x 16 SDRAMs. This 128 Megabit based M-Densus module, the DPSD16MX16TY5 has been designed to fit in the same footprint as the 8 Meg x 16 SDRAM TSOP monolithic and 128 Megabit SDRAM based family of M-Densus modules. This allows the memory board designer to upgrade the memory in their products without redesigning the memory board, thus saving time and money. FEATURES: * Configuration Available: 16 Meg x 16 bit (with two Chip Selects) * Clock Frequency: 66[1], 83[1], 100, 125[2], 133[2] MHz (max.) * PC100 and PC133 Compatible * 3.3V Supply * LVTTL Compatible I/O * Four Bank Operation * Programmable Burst Type, Burst Length, and CAS Latency * 4096 Cycles / 64 ms * Auto and Self Refresh * Package: TSOP Leadless Stack
NOTES: [1] Available in Industrial Temperature Ranges Only. [2] Available in Commercial Temperature Range Only.
M-Densus
PIN-OUT DIAGRAM
PIN NAMES
A0 - A11 BA0, BA1 DQ0 - DQ15 CAS RAS WE UDQM, LDQM CKE CLK CS0-CS1 VCC/VSS VCCQ/VSSQ N.C./RFU Row Address: A0 - A11 Column Address: A0 - A8 Bank Select Address Data In / Data Out Column Address Strobes Row Address Enables Data Write Enable Upper & Lower Data Input/Output Mask Clock Enable System Clock Chip Selects Power Supply/Ground Data Output Power/Ground No Connect Reserved for Future Use
FUNCTIONAL BLOCK DIAGRAM
30A232-00 REV. A
This document contains information on a product under consideration for development at Dense-Pac Microsystems, Inc. Dense-Pac reserves the right to change or discontinue information on this product without prior notice.
1
DPSD16MX16TY5 M-Densus
ADVANCED INFORMATION PART NUMBER DESCRIPTION
Dense-Pac Microsystems, Inc.
NOTES: [1] [2] [3] [4]
Available in Industrial Temperature Ranges Only. See Note 4. Available in Commercial Temperature Range Only. Contact your sales representative for supplier and manufacturer codes. Delivery of all industrial temperature ranges are subject to availability of screened components.
MECHANICAL DRAWING
Standard TSOP Pad Layout is acceptable. When possible, use the Dense-Pac recommended footprint as shown. See Application Note 53A001-00 for further
(714) 898-0007
7321 Lincoln Way, Garden Grove, California 92841-1431 (800) 642-4477 FAX: (714) 897-1772 http://www.dense-pac.com
30A232-00 REV. A
Dense-Pac Microsystems, Inc.
2


▲Up To Search▲   

 
Price & Availability of 16MX16TI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X