Part Number Hot Search : 
LGU2A RE46C P2N20 MBT2222A SMS9GE3 IRF9620 UPD7003C HP41C
Product Description
Full Text Search
 

To Download VCSO-200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCSO-200A
VCSO sFeatures
Wide frequency range.
sTypical Applications
PLL oscillator for ISDN.
sStandard Frequencies
2488.32MHz. *Plese do not clean using any kind of liquid cleansing method.
sSpecifications
Item Frequency Range Storage Temperature Range Operating Temperature Range Frequency Temperature Characteristics Frequency Aging Supply Voltage Change Frequency Deviation Power Supply Voltage Power Supply Current Output Level Output Load Output Harmonics/Subharmonics Input Impedance Type VCSO-200A 2488.32MHz -20~+85: 0~+85: -150~+50x10-6 MAX./0~+85: (VC=+1.65V) 20x10-6 MAX./year 15x10-6 MAX./+3.3V5% 180x10-6 MIN./+1.65V1.2V (positive) +3.3V5% 80mA MAX. -3 dBm MIN. 50 -30 dB MAX. 100k MIN.
sOutline
VCSO-200A
320.5
200.5
N.P.
8.5MAX
0.50.1
3MIN
25.40.3 2
7.50.3
7.50.3
1
3
4 7 6 5
Pin Connection 1 : GND 2 : +DC 3 : GND 4 : OUTPUT 5 : GND 6 : GND 7 : VC
Dimensions(mm)


▲Up To Search▲   

 
Price & Availability of VCSO-200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X