Part Number Hot Search : 
MC34129D 1256L MAU128 08A2397 Z5246B UM91214A M101AC WTK4501
Product Description
Full Text Search
 

To Download TK15407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TK15407
75 VIDEO LINE DRIVER FEATURES
s Fixed Gain (6 dB) s Internal 75 Drivers s Very Small Output Capacitor Using SAG Function Pin s Active High ON/OFF Control s Very Low Standby Current (typ. ISTBY 25 A) s Very Small SOT23L-8 Package
APPLICATIONS
s s s s s s Video Equipment Digital Cameras CCD Cameras TV Monitors Video Tape Recorders LCD Projectors
DESCRIPTION
Operating from a single +5 V supply, the TK15407 is a dual video driver IC that takes standard video signals as analog inputs and provides buffered analog outputs for driving 150 loads (series 75 resistor and 75 cable load). Both amplifiers have a fixed gain of 6 dB and can be used in series for 12 dB gain. The luminance (Y) input is clamped at 1.29 V and amplified 6 dB to produce 2 VP-P (typical) into a series 75 resistor and 75 cable load. The internal 1.5 k SAG function resistor provides gain compensation for low frequency signals. The chromanance (C) input is biased at 2.6 V and amplified 6 dB to produce 1.1 VP-P (typical) into a series 75 resistor and 75 cable load. During standby (Pin 3 grounded), the TK15407 consumes only 119 W of power. Nominal power dissipation (no input) is typically 76 mW. The TK15407 is ideally suited for S-VHS systems. The TK15407M is available in the very small SOT23L-8 surface mount package.
TK15407
SAG_Y
OUTPUT_Y
INPUT_Y
01S
VCC GND
STANDBY
INPUT_C
OUTPUT_C
BLOCK DIAGRAM
5 k
-
5 k
1.5 k
+
TK15407M
Tape/Reel Code
5 k
TAPE/REEL CODE
TL: Tape Left
January 2000 TOKO, Inc.
-
ORDERING INFORMATION
+
100 k
5 k
VCC
Page 1
TK15407
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................... 6 V Operating Voltage Range .............................. 4.5 to 5.5 V Power Dissipation (Note 1) ................................ 200 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range ...................-25 to +75 C
TK15407M ELECTRICAL CHARACTERISTICS
Test conditions: VCC = 5.0 V, VIN = 1.0 VP-P, RL = 150 , TA = 25 C unless otherwise specified. SYMBOL ICC ISTBY IOS VTHL VTLH VCMP VBIAS GVA DG DP fr THD VOUT(MAX) PARAMETER Supply Current Standby Supply Current Standby Terminal Current Threshold Voltage (High to Low) Threshold Voltage (Low to High) Clamp Voltage Bias Voltage Voltage Gain Differential Gain (Y Signal) Differential Phase (Y Signal) Frequency Response Total Harmonic Distortion (C Signal) Maximum Output Voltage (C Signal) TEST CONDITIONS No input Pin 3 Grounded Pin 3 in Standby mode Pin 3 Operating to Standby mode Pin 3 Standby to Operating mode Pin 2 Y Signal Input terminal Pin 4 C Signal Input terminal fin = 1 MHz Staircase signal input Staircase signal input fin = 1 MHz / 5 MHz fin = 1.0 kHz THD = 10% point 0.9 GND 1.8 1.10 2.35 5.2 -3.0 -3.0 MIN TYP 15.1 23.8 23.8 0.1 2.0 1.29 2.66 5.7 +1.3 0.0 -0.3 0.4 1.1 1.5 MAX 21.0 50.0 50.0 0.3 VCC 1.50 2.95 6.2 +3.0 +3.0 UNITS mA A A V V V V dB % deg dB % Vrms
Note 1: Power dissipation is 200 mW in free air. Derate at 1.6 mW/C for operation above 25C.
Page 2
January 2000 TOKO, Inc.
TK15407
TEST CIRCUIT
33 F TP2 + 75 TP3
+
75
33 F TP1 + 4.7 F 75 + 33 F
V
CC
5.0 V
TP4 + 4.7 F 75
33 F +
TP5
75
TP6
75
MEASUREMENT METHOD 1. Supply Current (ICC) The Pin 7 current is measured with no input signal and the Standby Pin (Pin 3) open. 2. Standby Supply Current (ISTBY) The Pin 7 current is measured when the Standby Pin (Pin 3 ) is connected to ground. 3. Standby Terminal Current (IOS) The Pin 3 current is measured when Pin 3 is connected to ground. 4. Threshold Voltage (High to Low) (VTHL) The Pin 3 voltage is measured at the point which changes the device from operating mode into standby mode. 5. Threshold Voltage (Low to High) (VTLH) The Pin 3 voltage is measured at the point which changes the device from standby mode into operating mode. 6. Clamp Voltage (VCMP) The DC voltage at Pin 2 is measured with no input signal. 7. Bias Voltage (VBIAS) The DC voltage at Pin 4 is measured with no input signal. 8. Voltage Gain (GVA) The voltage gain equation is as follows: GVA = 20 log10 V2/V1 Where V1 is the input voltage at TP1 (TP4) and V2 is the measured voltage at TP2 (TP5). 9. Differential Gain (DG) The differential gain is measured at TP3 when a staircase waveform of 10 steps is applied to TP1.
January 2000 TOKO, Inc.
Page 3
TK15407
MEASUREMENT METHOD (CONT.) 10. Differential Phase (DP) The differential phase is measured at TP3 when a staircase waveform of 10 steps is applied to TP1. 11. Frequency Response (fr) The frequency response equation is as follows: fr = 20 log10 V2/V1 Where V1 is the measured TP3 (TP6) voltage when the TP1 (TP4) input frequency is set to 1 MHz and V2 is the measured TP3 (TP6) voltage when the TP1 (TP4) input frequency is set to 5 MHz. 12. Total Harmonic Distortion (THD) The TP6 signal is measured when a 1 kHz 1 VP-P input signal is applied to TP4. 13. Maximum Output Voltage (VOUT(MAX)) A 1 kHz input signal is applied to TP4 and the amplitude is slowly increased. The output voltage at TP5 is measured at the point the THD reaches 10%.
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY CURRENT VS. TEMPERATURE 20
VCC = 5.0 V, No Input
SUPPLY CURRENT VS. SUPPLY VOLTAGE 20
TA = 25 C, No Input
18
ICC (mA)
18
ICC (mA)
16 14 12 10 -50
16 14 12 10 4.0
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
STANDBY SUPPLY CURRENT VS. TEMPERATURE 50
VCC = 5.0 V, Pin 3 = GND
STANDBY SUPPLY CURRENT VS. SUPPLY VOLTAGE 50
TA = 25 C, Pin 3 = GND
40
ISTBY (A) ISTBY (A)
40 30 20 10 0 4.0
30 20 10 0 -50
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
Page 4
January 2000 TOKO, Inc.
TK15407
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
VOLTAGE GAIN VS. TEMPERATURE 8.0
VCC = 5.0 V, fin = 1 MHz, VIN = 1 VP-P
VOLTAGE GAIN VS. SUPPLY VOLTAGE 8.0
TA = 25 C, fin = 1 MHz, VIN = 1 VP-P
7.0
7.0
GVA (dB)
GVA (dB)
6.0
6.0
5.0
5.0
4.0 -50
0 TA (C)
50
100
4.0 4.0
4.5
5.0 VCC (V)
5.5
6.0
FREQUENCY RESPONSE VS. TEMPERATURE 0.5
fin = 1/5 MHz, VIN = 1 VP-P
FREQUENCY RESPONSE VS. SUPPLY VOLTAGE 0.5
fin = 1/5 MHz, VIN = 1 VP-P
0.0
fr (dB)
0.0
fr (dB)
-0.5
-0.5
-1.0
-1.0
-1.5 -50
0 TA (C)
50
100
-1.5 4.0
4.5
5.0 VCC (V)
5.5
6.0
CLAMP VOLTAGE VS. TEMPERATURE 1.5
VCC = 5.0 V, Pin 2 Voltage
CLAMP VOLTAGE VS. SUPPLY VOLTAGE 1.5
TA = 25 C, Pin 2 Voltage
1.4
VCMP (V)
1.4
VCMP (V)
1.3 1.2 1.1 1.0 -50
1.3 1.2 1.1 1.0 4.0
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
January 2000 TOKO, Inc.
Page 5
TK15407
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
BIAS VOLTAGE VS. TEMPERATURE 3.5
VCC = 5.0 V, Pin 4 Voltage
BIAS VOLTAGE VS. SUPPLY VOLTAGE 3.5
TA = 25 C Pin 4 Voltage
3.0 VBIAS (V)
3.0
VBIAS (V)
0 TA (C) 50 100
2.5
2.5
2.0
2.0
1.5 -50
1.5 4.0
4.5
5.0 VCC (V)
5.5
6.0
DIFFERENTIAL GAIN VS. TEMPERATURE 6 4 2
DG (%)
VCC = 5.0 V, VIN = 1 VP-P
DIFFERENTIAL GAIN VS. SUPPLY VOLTAGE 10
TA = 25 C VIN = 1 VP-P
0
DG (%)
0 -2
-10
-20 -4 -6 -50 -30 4.0
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
DIFFERENTIAL PHASE VS. TEMPERATURE 6 4 2
VCC = 5.0 V, VIN = 1 VP-P
DIFFERENTIAL PHASE VS. SUPPLY VOLTAGE 6 4 2
TA = 25 C, VIN = 1 VP-P
DP (deg)
DP (deg)
0 -2 -4 -6 -50
0 -2 -4 -6 4.0
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
Page 6
January 2000 TOKO, Inc.
TK15407
PIN FUNCTION DESCRIPTIONS
TERMINAL PIN NO. 8 1 INTERNAL EQUIVALENT CIRCUIT SYMBOL OUTPUT_Y SAG_Y VOLTAGE 1.6 V 1.4 V
VCC
DESCRIPTION
1.5 k
Pin 8: Luminance Output terminal. The Luminance output is available to drive 75 + 75 load. Pin 1: SAG terminal
5k
2
INPUT_Y
1.3 V
VCC
Luminance Input terminal. The luminance input signal is clamped at 1.29 V.
1.29 V
3
STANDBY
2.1 V
VCC 200 k
5k
Standby Logic terminal. The device is in the standby mode when Pin 3 is connected to Low. The device is in the operating mode when Pin 3 is connected to High or Open.
VCC
4
INPUT_C
2.6 V
100 k 2.5 V
Chromanance Input terminal. The chromanance input signal is biased by a 100 k Bias Resistance. Chromanance Output terminal. The chromanance output is available to drive 75 + 75 load.
5
OUTPUT_C
2.8 V
VCC
6 7
GND VCC
GND VCC
GND terminal. Power Supply terminal.
January 2000 TOKO, Inc.
Page 7
TK15407
PACKAGE OUTLINE
SOT23L-8
0.45
Marking Information
Marking 407
TK15407
8
5 marking 1.0
e 0.8 1 e 0.8 4
+0.15 - 0.05
Recommended Mount Pad 0.1 M
0.3
+0.3
3.5 - 0.1
(3.4) 0.3
2.2
1.4max
1.2
e1 3.0
0 - 0.1
+0.15 - 0.05
0.4
+ 0.3
0.15
0.1
3.3
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 8
(c) 2000 Toko, Inc. All Rights Reserved IC-xxx-TK15407 0100O0.0K
15 max
January 2000 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of TK15407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X