Part Number Hot Search : 
7716A UZ27B CD407 IN7100 S2A04R KM684002 74ALVC 250BZI
Product Description
Full Text Search
 

To Download TC7SA04F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC7SA04F/FU
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SA04F,TC7SA04FU
Inverter with 3.6 V Tolerant Input and Output Features
* * Low voltage operation : VCC = 1.8~3.6 V High speed operation : tpd = 2.8 ns (max) (VCC = 3.0~3.6 V) : tpd = 3.7 ns (max) (VCC = 2.3~2.7 V) : tpd = 7.4 ns (max) (VCC = 1.8 V) * High Output current : IOH/IOL = 24 mA (min) (VCC = 3.0 V) : IOH/IOL = 18 mA (min) (VCC = 2.3 V) : IOH/IOL = 6 mA (min) (VCC = 1.8 V) * * * * Latch-up performance : 300 mA or more ESD performance : Human body model > 200 V : Machine model > 2000 V Power down protection is provided on all inputs and outputs. TC74VCX04FT equivalent.
TC7SA04FU TC7SA04F
Weight SSOP5-P-0.95 : 0.016 g (typ.) SSOP5-P-0.65A : 0.006 g (typ.)
Maximum Ratings (Ta = 25C)
Characteristics Power supply voltage DC input voltage DC output voltage Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature range Symbol VCC VIN VOUT IIK IOK IOUT PD ICC Tstg Rating -0.5~4.6 -0.5~4.6 -0.5~4.6 (Note 1) -0.5~VCC + 0.5 (Note 2) -50 50 (Note 3) 50 200 100 -65~150 Unit V V V mA mA mA mW mA C
Note 1: VCC = 0 V Note 2: High or low state. IOUT absolute maximum rating be observed. Note 3: VOUT < GND, VOUT > VCC
1
2002-12-13
TC7SA04F/FU
Marking Pin Assignment (top view)
Type name
NC 1
5 VCC
V5
IN A 2
GND 3
4 OUT Y
Logic Diagram
Truth Table
A L H Y H L
IN A
1
OUT Y
Recommended Operating Range
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 1.8~3.6 1.2~3.6 -0.3~3.6 0~3.6 0~VCC 24 Output current IOH/IOL 18 6 Operating temperature range Input rise and fall time Topr dt/dv -40~85 0~10 (Note 10) (Note 5) (Note 6) (Note 7) (Note 8) (Note 9) C ns/V mA (Note 4) Unit V V V
Note 4: Data retention only Note 5: VCC = 0 V Note 6: High or low state Note 7: VCC = 3.0~3.6 V Note 8: VCC = 2.3~2.7 V Note 9: VCC = 1.8 V Note 10: VIN = 0.8~2.0 V, VCC = 3.0 V
2
2002-12-13
TC7SA04F/FU
Electrical Characteristics
< DC Characteristics (Ta = -40~85C, 2.7 V < VCC = 3.6 V)
Characteristics High level Low level Symbol VIH VIL Test Condition VCC (V) Input voltage 3/4 3/4 IOH = -100 mA High level VOH VIN = VIL IOH = -12 mA IOH = -18 mA Output voltage IOH = -24 mA IOL = 100 mA Low level VOL VIN = VIH IOL = 12 mA IOL = 18 mA IOL = 24 mA Input leakage current Power off leakage current Quiescent supply current Increase in ICC per input IIN IOFF ICC DICC VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = = VIH = VCC - 0.6 V 2.7~3.6 2.7~3.6 2.7~3.6 2.7 3.0 3.0 2.7~3.6 2.7 3.0 3.0 2.7~3.6 0 2.7~3.6 2.7~3.6 2.7~3.6 2.0 3/4 VCC - 0.2 2.2 2.4 2.2 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 0.8 3/4 3/4 3/4 3/4 0.2 0.4 0.4 0.55 5.0 10.0 20.0 20.0 750 mA mA mA V V Min Max Unit
< < DC Characteristics (Ta = -40~85C, 2.3 V = VCC = 2.7 V)
Characteristics High level Low level Symbol VIH VIL Test Condition VCC (V) Input voltage 3/4 3/4 IOH = -100 mA High level Output voltage VOH VIN = VIL IOH = -6 mA IOH = -12 mA IOH = -18 mA IOL = 100 mA Low level VOL VIN = VIH IOL = 12 mA IOL = 18 mA Input leakage current Power off leakage current Quiescent supply current IIN IOFF ICC VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = = 2.3~2.7 2.3~2.7 2.3~2.7 2.3 2.3 2.3 2.3~2.7 2.3 2.3 2.3~2.7 0 2.3~2.7 2.3~2.7 1.6 3/4 VCC - 0.2 2.0 1.8 1.7 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 0.7 3/4 3/4 3/4 3/4 0.2 0.4 0.6 5.0 10.0 20.0 20.0 mA mA mA V V Min Max Unit
3
2002-12-13
TC7SA04F/FU
< DC Characteristics (Ta = -40~85C, 1.8 V = VCC < 2.3 V)
Characteristics Symbol Test Condition VCC (V) High level Input voltage Low level VIL 3/4 IOH = -100 mA IOH = -6 mA Low level Input leakage current Power off leakage current Quiescent supply current VOL IIN IOFF ICC VIN = VIH VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = = IOL = 100 mA IOL = 6 mA 1.8~2.3 1.8 1.8 1.8 1.8 1.8 0 1.8 1.8 VIH 3/4 1.8~2.3 0.7 VCC 3/4 VCC - 0.2 1.4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 0.2 VCC 3/4 3/4 0.2 0.3 5.0 10.0 20.0 20.0 mA mA mA V V Min Max Unit
High level Output voltage
VOH
VIN = VIL
AC Characteristics (Ta = -40~85C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 W)
Characteristics Symbol Test Condition VCC (V) 1.8 Figure 1, Figure 2 2.5 0.2 3.3 0.3 Min 1.0 0.8 0.6 Max 7.4 3.7 2.8 ns Unit
Propagation delay time
tpLH tpHL
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
4
2002-12-13
TC7SA04F/FU
Dynamic Switching Characteristics (Ta = 25C, input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics Symbol Test Condition VCC (V) VIN = 1.8 V, VIL = 0 V Quiet output maximum dynamic VOL VOLP VIN = 2.5 V, VIL = 0 V VIN = 3.3 V, VIL = 0 V VIN = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOL VOLV VIN = 2.5 V, VIL = 0 V VIN = 3.3 V, VIL = 0 V VIN = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOH VOLP VIN = 2.5 V, VIL = 0 V VIN = 3.3 V, VIL = 0 V (Note 11) (Note 11) (Note 11) (Note 11) (Note 11) (Note 11) (Note 11) (Note 11) (Note 11) 1.8 2.5 3.3 1.8 2.5 3.3 1.8 2.5 3.3 0.25 0.6 0.8 -0.25 -0.6 -0.8 1.5 1.9 2.2 ns ns ns Typ. Unit
Note 11: Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Power dissipation capacitance Symbol CIN CPD fIN = 10 MHz Test Condition 3/4 (Note 12) VCC (V) 1.8, 2.5, 3.3 1.8, 2.5, 3.3 Typ. 5 18 Unit pF pF
Note 12: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation. ICC (opr) = CPDVCCfIN + ICC
5
2002-12-13
TC7SA04F/FU
AC Test Circuit
Output CL RL Measure
CL = 30 pF RL = 500 W
Figure 1 AC Wareform
tr Input 2.0 ns tf 2.0 ns 90% VM 10% VIH
VOH Output tpLH VM tpHL VOL
Symbol VIH VM
VCC 3.3 0.3 V 2.7 V 1.5 V 2.5 0.2 V VCC VCC/2 1.8 V VCC VCC/2
Figure 2
tpLH, tpHL
6
2002-12-13
TC7SA04F/FU
Package Dimensions
Weight: 0.016 g (typ.)
7
2002-12-13
TC7SA04F/FU
Package Dimensions
Weight: 0.006 g (typ.)
8
2002-12-13
TC7SA04F/FU
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
9
2002-12-13


▲Up To Search▲   

 
Price & Availability of TC7SA04F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X