Part Number Hot Search : 
P20C04 SK32A 2N5427 TA724 KAM0705 LNK417EG 85000 PAW3502
Product Description
Full Text Search
 

To Download SY3417 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SY3417 / SY3417(B)
LED Lamp
Features
* Yellow colored transparency lens type * 3mm(T-1) all plastic mold type * Low power consumption
Outline Dimensions
STRAIGHT TYPE
3.0 0.2
unit : mm
STOPPER TYPE
3.0 0.2
5.3 0.2 2.9 0.2
5.3 0.2 2.9 0.2
5.2 0.5
0.4
23.0MIN
0.4
23.0MIN
1.0MIN 2.54 NOM 2.54 NOM
1.0MIN
12 3.8 0.2
3.6 0.2
12 3.8 0.2
3.6 0.2
PIN Connections 1.Anode 2.Cathode
KLY-2001-001
1
SY3417 / SY3417(B)
Absolute maximum ratings
Characteristic
Power Dissipation Forward Current * Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature
2 1
Symbol
PD IF IFP VR Topr Tstg
Ratings
85 30 50 4 -2585 -30100
Unit
mW mA mA V
260 for 5 seconds * Soldering Temperature Tsol *1.Duty ratio = 1/16, Pulse width = 0.1ms *2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Forward Voltage
Symbol
VF IV
Test Condition
IF= 20mA IF= 20mA IF= 20mA IF= 20mA VR=4V IF= 20mA
Min.
27 -
Typ.
2.0 80 585 30 17
Max.
2.7 100 10 -
Unit
V mcd nm nm uA deg
* Luminous Intensity
Peak Wavelength Spectrum Bandwidth Reverse Current
3
P IR
1/2
*4Half angle
*3. Luminous Intensity classification
*3. Luminous Intensity Maximum tolerance for each Grade Classification limit is 18%
I 24~43
J 43~68
K 68~100
*4. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
KLY-2001-001
2
SY3417/SY3417(B)
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 IV - IF
Forward Voltage VF [V]
Luminous Intensity Iv [mcd]
Forward Current IF [mA]
Forward
Current IF [mA]
Fig. 3 IF - Ta
Fig.4 Spectrum Distribution
Current IF [mA]
Forward
Relative Intensity [%]
Ambient Temperature Ta []
Wavelength [nm]
Fig. 5 Radiation Diagram
Relative Luminous Intensity Iv [%]
KLY-2001-001
3


▲Up To Search▲   

 
Price & Availability of SY3417

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X