Part Number Hot Search : 
ZX55C5V6 PDTC1 AL100 DD301 LT581X CM140 ELP6230A G03VG
Product Description
Full Text Search
 

To Download SY100S321JCTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW-POWER 9-BIT INVERTER
SY100S321
FEATURES
s Max. propagation delay of 700ps s IEE min. of -55mA s Extended supply voltage option: VEE = -4.2V to -5.5V s Voltage and temperature compensation for improved noise immunity s 70% faster than Fairchild 300K at lower power s Internal 75K input pull-down resistors s Function and pinout compatible with Fairchild F100K s Available in 24-pin CERPACK and 28-pin PLCC packages
DESCRIPTION
The SY100S321 is a monolithic 9-bit inverter. The device contains nine inverting buffer gates with single input and output.
PIN CONFIGURATIONS
D4 VCCA VEES O4 O5 O6 4 3 2 1 28 27 26 D5 D6 D7 VEE VEES VCCA D8 D9 12 13 14 15 16 17 18
11 10 9 8 7 6 5 O7 O8 VCCA VCC VCC O9 O1
Top View PLCC J28-1
BLOCK DIAGRAM
D1 D2 D3 D4 D5 D6 D7 D8 D9 O1 O2
19 20 21 22 23 24 25 VCCA O3 O2 D1 D2 D3 VEES
D8 VCCA VEE
D9
D7
D1
O3 O4 O5 O6 O7 O8 O9
1 2 3 4 5 6
24 23 22 21 20 19 18 Top View Flatpack F24-1 17 16 15 14
D6
D5 D4 VCCA Q4 Q5 Q6
D2 D3 VCCA O3 O2
13 7 8 9 10 11 12
O9 VCC
O1
PIN NAMES
Pin D1 - D9 Q1 - Q9 VEES VCCA Function Data Inputs Data Outputs VEE Substrate VCCO for ECL Outputs
VCCA
Rev.: G
O8 O7
Amendment: /0 Issue Date: July, 1999
1
Micrel
SY100S321
DC ELECTRICAL CHARACTERISTICS
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
Symbol IIH IEE Parameter Input HIGH Current Power Supply Current Min. -- -55 Typ. -- -41 Max. 200 -25 Unit A mA Condition VIN = VIH (Max.) Inputs Open
AC ELECTRICAL CHARACTERISTICS CERPACK
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0C Symbol tPLH tPHL tTLH tTHL tS, G-G Parameter Propagation Delay Data to Output
(1)
TA = +25C Min. 300 300 -- Max. 800 900 200
TA = +85C Min. 300 300 -- Max. 800 900 200 Unit ps ps ps Condition
Min. 300 300 --
Max. 800 900 200
Transition Time(1) 20% to 80%, 80% to 20% Skew, Gate-to-Gate
NOTE: 1. Reference figures 1 and 2
PLCC
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0C Symbol tPLH tPHL tTLH tTHL tS, G-G Parameter Propagation Delay Data to Output
(1)
TA = +25C Min. 300 300 -- Max. 700 900 200
TA = +85C Min. 300 300 -- Max. 700 900 200 Unit ps ps ps Condition
Min. 300 300 --
Max. 700 900 200
Transition Time(1) 20% to 80%, 80% to 20% Skew, Gate-to-Gate
NOTE: 1. Reference figures 1 and 2
2
Micrel
SY100S321
TEST CIRCUITRY(1)
L1 SCOPE CHAN A VCC RT 0.1F
PULSE GENERATOR
L2 CIRCUIT UNDER TEST SCOPE CHAN B RT
VEE
0.1F
Figure 1. AC Test Circuit NOTE: 1. VCC, VCCA = +2V, VEE = -2.5V. L1 and L2 = equal length 50 impedance lines. RT = 50 terminator internal to scope. Decoupling 0.1F from GND to VCC and VEE. All unused outputs are loaded with 50 to GND. CL = Fixture and stray capacitance 3pF.
SWITCHING WAVEFORMS
0.7 0.1ns 0.7 0.1ns -0.95V INPUT 80% 50% 20% -1.69V tPLH tPHL 80% 50% 20% tTLH tTHL
OUTPUT
Figure 2. Propagation Delay and Transition Times NOTE: VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
PRODUCT ORDERING CODE
Ordering Code SY100S321FC SY100S321JC SY100S321JCTR Package Type F24-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial
3
Micrel
SY100S321
24 LEAD CERPACK (F24-1)
Rev. 03
4
Micrel
SY100S321
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
5


▲Up To Search▲   

 
Price & Availability of SY100S321JCTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X