|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SANKEN ELECTRIC. COidPANY, LTD. SPECIFICATION DEVICE TYPE NAME Sanken Hybrid Voltage Regulator - S T R 3 0 1 3 0 1. scope The present specification shall only apply to Sanken Hybrid Voltage Regulator, type STR30130. 2. Features a) Hybrid Voltage Regulator with a triple diffused planar darlington b) For Line-operated TV . c) Fixed output voltage MESSRS. transistor. d) Plastic package (Transfer Mold) 3. Equivalent circuit . 30 04 20. .COMMON( -) 2. BASE 3. IN PUT 4. OUT PUT 1 2. 01 4. Outline dmtiings, dime&on and pin connections are as Fig-l. 5. The type number and lot number shah be marked clearly with white. DATE ISSUED : Nov. 27 ,1992 PREPARED BY : A_ ypkota. APPLICATION ENGINEER1 SEMICONDUCTOR DIVISION SPECIFICATION NUMBER l/6 CHECKED BY : ,$ac ,w APPROVED BY : SSE-19077E SANKEN El_ECTRIC COMPANY, LTD. 6 Absolute Maximum Ratings(Ta=25*0 ) Description Peak Input Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Power Transistor Junction Temperature 7 1 TOP 1 % 1 ISYmbol Unit I Ratings 27 (Tc=lOOC ) -20~+ 125 (Tc) -30~+125 +lSO'C Max I I (Notel) Tstg Tj -C l , Electrical Characteristics(Ta=25C ) Description Fixed Output Voltage Conditions IIN=6.9mA , Test Circuit 2 VIN=l61 V(D.C) , 10=0.5A Test Circuit 1 VIN=l45 - 170V(D.C) I O=O.SA,Test Circuit 1 13O+O.W (Note2) Ratings Line Regulation Load Regulation Output Voltage Temperature Coefficient In-Out Saturation Voltage : VCE(sat n 2.4VMax VIN=l61 V(D.C) A 0.5VMa.x IO=O25A-0.5A ,Test Circuit 1 VIN=161 V(D.C) , I o=O.SA +OmV/C Typ Tc=-20'0 e-+1 00-C I C=l .OA , I B=l OmA I CEO=1 OmA , I B=OA IC=l .OA , VCE=4V between Junction and frame 1.5V Max 200V Min 1500-6500 1.8 `C/W In-Out Breakdown Voltage : VCEO DC Current Gain `: hFE Power Transistor Thermal Resistance : 8jc In-Gut Leak Current : ICE0 Output (Emitter) - Base Reverse Breakdown : IWS/B) 3,4 Terminal(VCE)=2OOV 1oofl A Max 1,2 Terminal : Open t =65ms 300mA Min SSE-19077E 1 216 SANKEN ELECTRIC CUMPANY,LTO. (Notel) Recommended Case Temperature : Top(Tc)=lOO'C Max. (Note2) Fixed Output Voltage is prescribed on 5 set after Switch ON. In case a doubt should be occured, Fixed Output Voltage is prescribed in Test Circuit 2. Recommended sqrewing torque : 6-8 kg f cm Recommended Silicone Grease : G-746 (Shinetsu Chemical Industries Ltd.) -YG6260 -.-~m(Toshiba~ Silicone Co.; Ltd.) . SC1 02 (Toray Silicone Co., Ltd.) l Since this product is developed and produced for general application , radiation ray design has not been considered. , Test Circuit 1 . Rl:l.OQ, R2:2.2Q, R3:12KQ, R4:;3OKg , Rs:47Q, R6:22OQ C1:470~ F, C2:33fiF , C3:33~ F Test Circuit 2 S2TR3O;OO se ies T SSE49077E 316 SANKEN.ELECTRIC. WMPANY, LTD. STR30000 Series Derating Curves 30 * With silicon grease Heatsink : Al Tc=Ta (Without Mica) 27 .--~--~~~~~~~~~~~~~~~~~~~----~~~~~~~~~~---25 20 Power Dissipation PD 15 [WI 150x 150x 2 (wit.1 Mica) 100x 100x2 (wit2 Mica) 75 X 7% 2 (wit n Mica) 10 Withol,t heatsink. Ambient Temperature Ta [C] SSE49077E 416 SANKEN ELECTRIC COMPANY, LTD. Fig-l Outline Drawings, Dimensions and Pin C o n n e c t i o n s [Sanken Iead forming LFSOO] a. Type number : 30130 b. Lot number 1st digit : The last numerical figure of calendar year. 0 - 9 2nd digit : Month 1 to 9 for Jan. to Sep. 0 for Oct. N for Nov. D for Dec. 3rd ,4th digit : Date 01 m 31 - Unit: m m 1. COMMON (-) 2. BASE 3. IN PUT 4. OUT PUT 5. BLANK Remarks : The dimensions marked % is measured at the base of lead wires. I S S E - 1 9 0 7 7 E ) 616 |
Price & Availability of STR30130 |