Part Number Hot Search : 
SP34063 PBR941 MSK621 KRC282U 5071A 2SK34 DPA423P IR347613
Product Description
Full Text Search
 

To Download STA524A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STA524A
Absolute maximum ratings
Symbol VDSS VGSS ID ID(pulse) EAS* IAS PT Tch Tstg Ratings 200 20 7 15 (PW100s, duty1%) 55 7 3.5 (Ta=25C with all circuits operating, without heatsink) 15 (Ta=25C with all circuits operating, with infinite heatsink) 150 -40 to +150
N-channel General purpose
(Ta=25C)
External Dimensions C
***
STA (10-pin)
Electrical characteristics
Symbol V(BR)DSS IGSS IDSS VTH Re(yfs) RDS(ON) Ciss Coss Crss td(on) 1.0 4.0 7.0 280 320 420 210 90 16 60 100 70 1.0 1.5 350 480 Specification min typ max 200 100 100 2.0 Unit V nA
(Ta=25C)
Unit V V A A mJ A W W C C
Conditions ID=100A, VGS=0V VGS=20V VDS=200V, VGS=0V VDS=10V, ID=250A VDS=10V, ID=3.5A ID=3.5A, VGS=10V ID=3.5A, VGS=4V VDS=10V VGS=0V f=1.0MHz ID=3.5A, VDD 100V, RL=28.6, VGS=5V, RG=25, see Fig. 3 on page 16. VSD=7A, VGS=0V
A
V S m m pF pF pF ns ns ns ns V
* : VDD=25V, L=2mH, IL=7A, unclamped, RG=50, see Fig. E on page 15.
sEquivalent circuit diagram
3 7 9
tr td(off)
2
6
8
tf
NC: 4, 5 pin
VSD
1
10
Characteristic curves
170


▲Up To Search▲   

 
Price & Availability of STA524A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X