Part Number Hot Search : 
2N4026 Y7C14 18030 IL300 18030 M5000 6229BBEJ AQV216AX
Product Description
Full Text Search
 

To Download SS496A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Sensors Miniature Ratiometric Linear
SS490 Series MRL (Miniature Ratiometric Linear) sensors have a ratiometric output voltage, set by the supply voltage. It varies in proportion to the strength of the magnetic field. A new Hall effect integrated circuit chip provides increased temperature stability and sensitivity. Laser trimmed thin film resistors on the chip provide high accuracy (null to 3%, sensitivity up to 3%) and temperature compensation to reduce null and gain shift over temperature. The quad Hall sensing element minimizes the effects of mechanical or thermal stress on the output. The positive temperature coefficient of the sensitivity (+0.02%/C typical) helps compensate for the negative temperature coefficients of low cost magnets, providing a robust design over a wide temperature range.
SS490 Series NOTICE
Products ordered in bulk packaging (plastic bags) may not have perfectly straight leads as a result of normal handling and shipping operations. Please order tape packaging option for applications with critical lead straightness requirements.
FEATURES Small size (.160 x .118 ) Low power consumption - typically 7 mA at 5 VDC Single current sinking or current sourcing linear output Built-in thin-film resistors - laser trimmed for precise sensitivity and temperature compensation Rail-to-rail operation provides more useable signal for higher accuracy Operating temperature range of -40 to +150C Responds to either positive or negative gauss Quad Hall sensing element for stable output SS495 SPECIFICATIONS, VS = 5.0 V, TA
Catalog Listings Supply Voltage (VDC) Supply Current @ 25C (mA) Output Type (Sink or Source) Output Current (mA) Typ. Source Min. Source Min. Sink Min. Sink Magnetic Range Output Voltage Span Null (Output @ 0 Gauss, V) Sensitivity (mV/G) Linearity, % of Span Temperature Error Null Drift (%/C) Sensitivity Drift (%/C)
-40 to
125C (unless otherwise noted)
SS495A* Standard 4.5 to 10.5 SS495A1* High Accuracy 4.5 to 10.5 7.0 8.7 Ratiometric 1.5 1.0 0.6 1.0 -670 to +670 Gauss (-67 to +67 mT) -600 to +600 Gauss (-60 to +60 mT) 0.2 to (Vs - 0.2) 0.4 to (Vs - 0.4) 2.50 0.075 3.125 0.125 0.2 to (Vs - 0.2) 0.4 to (Vs - 0.4) 2.50 0.075 3.125 0.094 -1.0% -1.5% 0.04% -0.01%+0.05% -0.00%+0.06% 0.2 to (Vs - 0.2) 0.4 to (Vs - 0.4) 2.50 0.100 3.125 0.156 -1.0% -1.5% 0.07% -0.02%+0.06% -0.01%+0.07% 7.0 8.7 Ratiometric SS495A2* Basic 4.5 to 10.5 7.0 8.7 Ratiometric 1.5 1.0 0.6 1.0
Typ. Max.
Vs>4.5V Vs>4.5V Vs>4.5V Vs>5.0V Typ. Min. Typ. Min.
1.5 1.0 0.6 1.0
Typ. Max.
-1.0% -1.5% 0.06% -0.01%+0.05% -0.00%+0.06%
25C Max. <25C Max.
*Bulk, 1,000 per bag To order Surface Mount: add -S suffix to listing. Example: SS495A-S. To order tape in Ammopack style T2: add -T2 suffix to listing. To order tape in Ammopack style T3: add -T3 suffix to listing. To order tape in reel style P (surface mount): add -SP suffix to listing.
PDFINFO page- 020
20
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Solid State Sensors Miniature Ratiometric Linear
NULL SHIFT VS TEMPERATURE SENSITIVITY SHIFT VS TEMPERATURE
SS490 Series
TYP. FREQUENCY RESPONSE
RATIO OF VNULL TO VS
PDFINFO
page- 021
Analog
LINEARITY VS VS
SUPPLY CURRENT VS TEMPERATURE
TRANSFER CHARACTERISTICS VS 5.0 VDC
SENSITIVITY/V VS VS
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
21
Solid State Sensors Miniature Ratiometric Linear
SS496 SPECIFICATIONS, VS
Catalog Listings Supply Voltage, DC Supply Current @ 25C (mA) Output Type (Sink or Source) Output Current, mA Typ. Source Min. Source Min. Sink Min. Sink Magnetic Range Output Voltage Span Null (Output @ 0 Gauss, V) Sensitivity (mV/G) Linearity, % of Span Temperature Error Null Drift (%/C) Sensitivity Drift (%/C) 25C Max. <25C Max. Typ. Max. Vs>4.5V Vs>4.5V Vs>4.5V Vs>5.0V Typ. Min. Typ. Min. Typ. Max.
SS490 Series
-40 to +125C (unless otherwise noted)
SS496A Standard 4.5 to 10.5 7.0 8.7 Ratiometric 1.5 1.0 0.6 1.0 SS496A1 High Accuracy 4.5 to 10.5 7.0 8.7 Ratiometric 1.5 1.0 0.6 1.0
5.0 V, TA
NULL SHIFT VS TEMPERATURE
-840 to +840 Gauss (-84 to +84 mT) -750 to +750 Gauss (-75 to +75 mT) 0.2 to (Vs - 0.2) 0.4 to (Vs - 0.4) 2.500 0.175 2.500 0.100 -1.0% -1.5% 0.048% -0.01, +0.05 -0.00, +0.06 0.2 to (Vs - 0.2) 0.4 to (Vs - 0.4) 2.500 0.075 2.50 0.075 -1.0% -1.5% 0.032% -0.01, +0.06 -0.00, +0.06
TRANSFER CHARACTERISTICS @ VS 5 VDC
SUPPLY CURRENT VS TEMP.
TYP. FREQUENCY RESPONSE
SENSITIVITY SHIFT VS TEMP
SENSITIVITY/V VS VS
LINEARITY VS VS
RATIO OF VNULL TO VS
PDFINFO
page- 022
22
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Solid State Sensors Miniature Ratiometric Linear
MOUNTING DIMENSIONS (for reference only)
SS490 Series
PDFINFO
page- 023
Analog
SENSOR PACKAGE
OPTIONAL SURFACE MOUNT STYLE
1 Centerline of Hall cell
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 23


▲Up To Search▲   

 
Price & Availability of SS496A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X