Part Number Hot Search : 
MR700 74HC238 IRL3705 SD2333 LC75834W IRF730AL M3004L STK4873
Product Description
Full Text Search
 

To Download SMBT5087 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon Transistors
SMBT 5086 SMBT 5087
For AF input stages and driver applications q High current gain q Low collector-emitter saturation voltage q Low noise between 30 Hz and 15 kHz
q
Type SMBT 5086 SMBT 5087
Marking s2P s2Q
Ordering Code (tape and reel) Q62702-M0002 Q68000-A8319
Pin Configuration 1 2 3 B E C
Package1) SOT-23
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Total power dissipation, TS = 71 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCE0 VCB0 VEB0 IC Ptot Tj Tstg
Values 50 50 3 50 330 150 - 65 ... + 150
Unit V
mA mW C
310 240
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
SMBT 5086 SMBT 5087
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 1 mA Collector-base breakdown voltage IC = 100 A Emitter-base breakdown voltage, IE = 10 A Collector-base cutoff current VCB = 10 V, IE = 0 VCB = 35 V, IE = 0 VCB = 35 V, IE = 0, TA = 150 C DC current gain IC = 100 A, VCE = 5 V IC = 1 mA, VCE = 5 V IC = 10 mA, VCE = 5 V SMBT 5086 SMBT 5087 SMBT 5086 SMBT 5087 SMBT 5086 SMBT 5087 VCEsat VBEsat V(BR)CE0 V(BR)CB0 V(BR)EB0 ICB0 - - - hFE 150 250 150 250 150 250 - - - - - - - - - - 500 800 - - - - 0.3 0.85 V - - - 10 50 20 nA nA
A
Values typ. max.
Unit
50 50 3
- - -
- - -
V
-
Collector-emitter saturation voltage1) IC = 10 mA, IB = 1 mA Base-emitter saturation voltage1) IC = 10 mA, IB = 1 mA AC characteristics Transition frequency IC = 0.5 mA, VCE = 5 V, f = 100 MHz Output capacitance, VCB = 5 V, f = 1 MHz Small-signal current gain IC = 1 mA, VCE = 5 V, f = 1 kHz IC = 1 mA, VCE = 5 V, f = 1 kHz Noise figure IC = 100 A, VCE = 5 V, f = 1 kHz, RS = 3 k SMBT 5086 SMBT 5087
fT Cobo hfe
40 - 150 250
- - - -
- 4 600 900
MHz pF -
NF - - - - - - - - 3 2 3 2 dB dB dB dB
SMBT 5086 SMBT 5087 IC = 2 mA, VCE = 5 V, f = 10 Hz to 15 kHz, RS = 10 k SMBT 5086 SMBT 5087
1)
Pulse test conditions: t 300 s, D 2 %.
Semiconductor Group
2
SMBT 5086 SMBT 5087
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Collector-base capacitance CCB0 = f (VCB0) Emitter-base capacitance CEB0 = f (VEB0)
Permissible pulse load Ptot max/Ptot DC = f (tp)
Transition frequency fT = f (IC) VCE = 5 V
Semiconductor Group
3
SMBT 5086 SMBT 5087
Base-emitter saturation voltage IC = f (VBE sat), hFE = 40
Collector-emitter saturation voltage IC = f (VCE sat), hFE = 40
Collector current IC = f (VBE) VCE = 1 V
DC current gain hFE = f (IC) VCE = 1 V
Semiconductor Group
4
SMBT 5086 SMBT 5087
Collector cutoff current ICB0 = f (TA)
Noise figure NF = f (VCE) IC = 0.2 mA, RS = 2 k, f = 1 kHz
Noise figure NF = f (IC) IC = 0.2 mA, RS = 2 k,VCE = 5 V
Noise figure NF = f (IC) VCE = 5 V, f = 120 kHz
Semiconductor Group
5
SMBT 5086 SMBT 5087
Noise figure NF = f (IC) VCE = 5 V, f = 1 kHz
Noise figure NF = f (IC) VCE = 5 V, f = 10 kHz
Semiconductor Group
6


▲Up To Search▲   

 
Price & Availability of SMBT5087

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X