Part Number Hot Search : 
T74FS EPZ3021E 1N4150 TDA7421N 20N10 23C6422 54ACS D2219
Product Description
Full Text Search
 

To Download SB804G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB801G THRU SB807G
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 8.0 Amperes
Features
UL Recognized File # E-96005 Glass passivated junction Surge overload rating 175 amperes peak Low forward voltage drop High temperature soldering guaranteed: 260 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension Small size, simple installation Leads solderable per MIL-STD-202 Method 208
SB-10
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SB SB Type Number 801G 802G Maximum Recurrent Peak Reverse Voltage VRRM 50 100 Maximum RMS Voltage VRMS 35 70 Maximum DC Blocking Voltage VDC 50 100
Maximum Average Forward Rectified Current @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note) Operating Temperature Range Storage Temperature Range
SB SB SB SB SB Units 803G 804G 805G 806G 807G
200 140 200
400 280 400 8.0 175 1.1
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA /W
I(AV) IFSM VF IR RJC TJ
TSTG Note: Thermal Resistance from Junction to Case per Leg.
5 500 6 -55 to +150 -55 to +150
- 750 -
RATINGS AND CHARACTERISTIC CURVES (SB801G THRU SB807G)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
10
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
250
PEAK FORWARD SURGE CURRENT. (A)
200
AVERAGE FORWARD OUTPUT CURRENT AMPERES
8
150
6
100
4
50
2
0
0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
0
50
o
100
150
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
INSTANTANEOUS REVERSE CURRENT, MOCROAMPERES
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ=125 0C 10
1
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 0.1
0
1
TJ=25 0C
0.01 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1 0
20
40
60
80
100
120
140
FORWARD VOLTAGE. VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 751 -


▲Up To Search▲   

 
Price & Availability of SB804G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X