Part Number Hot Search : 
SB360S S2506 5933B SM5520 RELAYS EA100 2SA1288 MV3507DG
Product Description
Full Text Search
 

To Download RU4Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fast-Recovery Rectifier Diodes
Absolute Maximum Ratings Parameter Type No. VRM (V) IF (AV) (A)
( ) is with Heatsink
Electrical Characteristics (Ta = 25C) Tstg (C) VF (V) max IF (A) IR IR (H) (A) (A) VR = VRM VR = VRM max Ta =100C max
Others
IFSM (A)
50Hz Half-cycle Sinewave Single Shot
Tj (C)
trr (s)
IF/IRP (mA)
trr (s)
IF/IRP (mA)
Rth (j- ) (C/ W)
Mass Fig. (g)
RU 4Y RU 4Z RU 4 RU 4A RU 4B RU 4C
100 2.0 (3.5) 200 300 400
-40 to +150
70
1.3
3.5 10 10/10 0.4 3.0 0.18 10/20 8.0 1.2
A
1.5
600 800
1.5 (3.0) 50 1.6 500 50 100/100 100/200
1000
1.5 (2.5)
RU 4Y, 4Z
Ta--IF(AV) Derating
3.5
IF(AV) (A)
20*20*1t Cu
VF--IF Characteristics (Typical)
50
IFSM (A)
70 60 50 40 30 20 10
IFMS Rating
IFSM (A)
3.0
5mm 5mm
10
Forward Current IF (A)
20ms
1
2.0
0.1
1.0
0.01
Ta = 150C 100C 60C 25C
0
0
25 50 60 75 100 125 Ambient Temperature Ta (C)
150
0.001
Peak Forward Surge Current
Average Forward Current
th Wi
W ith ou ea tH
He ats ink
in k
ts
0
0.4 0.8 1.2 1.6 Forward Voltage VF (V)
2.0
0
1
5 10 Overcurrent Cycles
50
RU 4, 4A, 4B
Ta--IF(AV) Derating
3.0
IF(AV) (A)
20*20*1t Cu
VF--IF Characteristics (Typical)
50
IFSM (A)
50
IFMS Rating
IFSM (A)
2.5
5mm 5mm
10
Forward Current IF (A)
40
20ms
Average Forward Current
2.0
1
Peak Forward Surge Current
W
30
th Wi
1.5 1.0 0.5 0
ith
ou
He
tH
ea
ts
0.1
ink
0.01
Ta = 150C 100C 60C 25C
ats ink
20
10
0
25 50 60 75 100 125 Ambient Temperature Ta (C)
150
0.001
0
0.4 0.8 1.2 1.6 Forward Voltage VF (V)
2.0
0
1
5 10 Overcurrent Cycles
50
RU 4C
Ta--IF(AV) Derating
2.5
IF(AV) (A)
20*20*1t Cu
VF--IF Characteristics (Typical)
50
IFSM (A)
50
IFMS Rating
IFSM (A)
5mm
5mm
Forward Current IF (A)
2.0
10
40
20ms
1.5
1
Peak Forward Surge Current
Average Forward Current
W
30
th Wi
ith
ou
i ats He
1.0
tH
ea
0.1
ts
ink
0.5
0.01
Ta = 150C 100C 60C 25C
20
nk
10
0
0
25 50 60 75 100 125 Ambient Temperature Ta (C)
150
0.001
0
0.4 0.8 1.2 1.6 Forward Voltage VF (V)
2.0
0
1
5 10 Overcurrent Cycles
50
External Dimensions
(Unit: mm) Flammability: UL94V-0 or Equivalent
Fig. A
1.4 0.1
Cathode Mark
50.0 0.1
8.00.2
6.50.2
36


▲Up To Search▲   

 
Price & Availability of RU4Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X