Part Number Hot Search : 
FAN2012 WR12AL MCSO1V BU100 28F160 BU100 MJD31CT4 5KP78
Product Description
Full Text Search
 

To Download PLDC20G10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USE ULTRA37000TM FOR ALL NEW DESIGNS
PLDC20G10B PLDC20G10
CMOS Generic 24-Pin Reprogrammable Logic Device
Features
* Fast -- Commercial: tPD = 15 ns, tCO = 10 ns, tS = 12 ns -- Military: tPD = 20 ns, tCO = 15 ns, tS = 15 ns * Low power -- ICC max.: 70 mA, commercial -- ICC max.: 100 mA, military * Commercial and military temperature range * User-programmable output cells -- Selectable for registered or combinatorial operation -- Output polarity control -- Output enable source selectable from pin 13 or product term * Generic architecture to replace standard logic functions including: 20L10, 20L8, 20R8, 20R6, 20R4, 12L10, 14L8, 16L6, 18L4, 20L2, and 20V8 * Eight product terms and one OE product term per output * CMOS EPROM technology for reprogrammability * Highly reliable -- Uses proven EPROM technology -- Fully AC and DC tested -- Security feature prevents logic pattern duplication -- 10% power supply voltage and higher noise immunity
Functional Description
Cypress PLD devices are high-speed electrically programmable logic devices. These devices utilize the sum-of-products (AND-OR) structure providing users the ability to program custom logic functions for unique requirements. In an unprogrammed state the AND gates are connected via EPROM cells to both the true and complement of every input. By selectively programming the EPROM cells, AND gates may be connected to either the true or complement or disconnected from both true and complement inputs.
I 6 I 5 I 4 I 3 I 2 CP/I 1
Logic Block Diagram
VSS 12 I 11 I 10 I 9 I 8 I 7
PROGRAMMABLE AND ARRAY 8 8 8 OE OUTPUT CELL OUTPUT CELL 8 OE OUTPUT CELL 8 OE OUTPUT CELL 8 OE OUTPUT CELL 8 OE 8 OE 8 OE OUTPUT CELL 8 OE
OUTPUT CELL
OUTPUT CELL
OUTPUT CELL
OUTPUT CELL
13 I/OE
14 I/O 9
15 I/O 8
16 I/O 7
17 I/O 6
18 I/O 5
19 I/O 4
20 I/O 3
21 I/O 2
22 I/O 1
23 I/O 0
24 V CC
Pin Configurations
LCC Top View
NC I I CP/I V CC I/O 0 I/O 1
STD PLCC Top View
I I I CP/I V CC I/O0 I/O1
JEDEC PLCC Top View
I I CP/I NC V CC I/O0 I/O 1 4 3 2 1 2827 26 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 NC I I I NC I I I 5 6 7 8 9 10 11
[1]
I I I I I I NC
5 6 7 8 9 10 11
4 3 2 1 282726 25 24 23 PLDC20G10 22 PLDC20G10B 21 20 19 12131415161718 V SS I/OE I/O9 I/O8 NC
4 3 2 1 2827 26 NC I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 NC I I NC I I NC 5 6 7 8 9 10 11 25 24 23 PLDC20G10 PLDC20G10B 22 21 20 121314 1516 1718 19 V SS I/OE I/O 9 I/O 8 I I I
25 24 23 CG7C323-A CG7C323B-A 22 21 20 121314 1516 1718 19 VSS NC I/OE I/O 9 I/O 8 I I
I/O 2 I/O 3 I/O 4 NC I/O 5 I/O 6 I/O 7
Note: 1. The CG7C323 is the PLDC20G10 packaged in the JEDEC-compatible 28-pin PLCC pinout. Pin function and pin order is identical for both PLCC pinouts. The difference is in the location of the "no connect" or NC pins.
Cypress Semiconductor Corporation Document #: 38-03010 Rev. *A
I I
*
3901 North First Street
*
San Jose, CA 95134
* 408-943-2600 Revised April 20, 2004
USE ULTRA37000TM FOR ALL NEW DESIGNS
Selection Guide
ICC (mA) Generic Part Number 20G10B-15 20G10B-20 20G10B-25 20G10-25 20G10-30 20G10-35 20G10-40 55 80 55 80 35 40 Com/Ind 70 70 100 100 25 30 30 35 Mil tPD (ns) Com/Ind 15 20 20 25 15 20 Mil tS (ns) Com/Ind 12 12 15 18 Mil
PLDC20G10B PLDC20G10
tCO (ns) Com/Ind 10 12 15 20 25 25 15 15 Mil
Functional Description
Cypress PLDC20G10 uses an advanced 0.8-micron CMOS technology and a proven EPROM cell as the programmable element. This technology and the inherent advantage of being able to program and erase each cell enhances the reliability and testability of the circuit. This reduces the burden on the customer to test and to handle rejects. A preload function allows the registered outputs to be preset to any pattern during testing. Preload is important for testing the functionality of the Cypress PLD device.
Configuration Table and in Figures 1 through 8. A total of eight different configurations are possible, with the two most common shown in Figure 3 and Figure 5. The default or unprogrammed state is registered/active/LOW/Pin 11 OE. The entire programmable output cell is shown in the next section. The architecture bit `C1' controls the registered/combinatorial option. In either combinatorial or registered configuration, the output can serve as an I/O pin, or if the output is disabled, as an input only. Any unused inputs should be tied to ground. In either registered or combinatorial configuration, the output of the register is fed back to the array. This allows the creation of control-state machines by providing the next state. The register is clocked by the signal from Pin 1. The register is initialized on power up to Q output LOW and Q output HIGH. In both the combinatorial and registered configurations, the source of the output enable signal can be individually chosen with architecture bit `C2'. The OE signal may be generated within the array, or from the external OE (Pin 13). The Pin 13 allows direct control of the outputs, hence having faster enable/disable times. Each output cell can be configured for output polarity. The output can be either active HIGH or active LOW. This option is controlled by architecture bit `C0'. Along with this increase in functional density, the Cypress PLDC20G10 provides lower-power operation through the use of CMOS technology and increased testability with a register preload feature.
20G10 Functional Description
The PLDC20G10 is a generic 24-pin device that can be programmed to logic functions that include but are not limited to: 20L10, 20L8, 20R8, 20R6, 20R4, 12L10, 14L8, 16L6, 18L4, 20L2, and 20V8. Thus, the PLDC20G10 provides significant design, inventory and programming flexibility over dedicated 24-pin devices. It is executed in a 24-pin 300-mil molded DIP and a 300-mil windowed cerDIP. It provides up to 22 inputs and 10 outputs. When the windowed cerDIP is exposed to UV light, the 20G10 is erased and then can be reprogrammed. The programmable output cell provides the capability of defining the architecture of each output individually. Each of the 10 output cells may be configured with registered or combinatorial outputs, active HIGH or active LOW outputs, and product term or Pin 13 generated output enables. Three architecture bits determine the configurations as shown in the
Document #: 38-03010 Rev. *A
Page 2 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Programmable Output Cell
OE PRODUCT TERM OUTPUT ENABLE MUX C2 10 11 OUTPUT SELECT MUX
PLDC20G10B PLDC20G10
00 D Q 01
CP 0 INPUT/ FEED- BACK MUX C3 C2 C1 C0
Q
C1 C0
1
PIN 13
Configuration Table
Figure 1 2 5 6 3 4 7 8 C2 0 0 0 0 1 1 1 1 C1 0 0 1 1 0 0 1 1 C0 0 1 0 1 0 1 0 1 Configuration Product Term OE/Registered/Active LOW Product Term OE/Registered/Active HIGH Product Term OE/Combinatorial/Active LOW Product Term OE/Combinatorial/Active HIGH Pin 13 OE/Registered/Active LOW Pin 13 OE/Registered/Active HIGH Pin 13 OE/Combinatorial/Active LOW Pin 13 OE/Combinatorial/Active HIGH
Registered Output Configurations
C2 = 0 C1 = 0 C0 = 0
CP
D
Q
D
Q
C2 = 0 C1 = 0 C0 = 1
CP
Q
Q
Figure 1. Product Term OE/Active LOW C2 = 1 C1 = 0 C0 = 0
Figure 2. Product Term OE/Active HIGH C2 = 1 C1 = 0 C0 = 1
D
Q
D
Q
CP
Q
CP
Q
Figure 3. Pin 13 OE/Active LOW
Figure 4. Pin 13 OE/Active HIGH
Document #: 38-03010 Rev. *A
Page 3 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Combinatorial Output Configurations[2]
C2 = 0 C1 = 1 C0 = 0
PLDC20G10B PLDC20G10
C2 = 0 C1 = 1 C0 = 1
Figure 5. Product Term OE/Active LOW C2 = 1 C1 = 1 C0 = 0
Figure 6. Product Term OE/Active HIGH C2 = 1 C1 = 1 C0 = 1
PIN 13
PIN 13
Figure 7. Pin 13 OE/Active Low
Figure 8. Pin 13 OE/Active HIGH
Note: 2. Bidirectional I/O configurations are possible only when the combinatorial output option is selected
Document #: 38-03010 Rev. *A
Page 4 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage to Ground Potential ............... -0.5V to +7.0V DC Voltage Applied to Outputs in High Z State ............................................... -0.5V to +7.0V DC Input Voltage............................................ -3.0V to +7.0V Output Current into Outputs (LOW) .............................16 mA
PLDC20G10B PLDC20G10
DC Programming Voltage PLDC20G10B and CG7C323B-A ............................... 13.0V PLDC20G10 and CG7C323-A.................................... 14.0V Latch-Up Current ..................................................... >200 mA Static Discharge Voltage.............................................. >500V (per MIL-STD-883, Method 8015)
Operating Range
Range Commercial Military[3] Industrial Ambient Temperature 0C to +75C -55C to +125C -40C to +85C VCC 5V 10% 5V 10% 5V 10%
Electrical Characteristics Over the Operating Range (Unless Otherwise Noted)[4]
Parameter VOH VOL VIH VIL IIX ISC ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Level Input LOW Level Input Leakage Current Power Supply Current VCC = Min., VIN = VIH or VIL VCC = Min., VIN = VIH or VIL Test Conditions IOH = -3.2 mA IOH = -2 mA IOL = 24 mA IOL = 12 mA Com'l/Ind Military Com'l/Ind Military 2.0 0.8 -10 Com'l/Ind-15, -20 Com'l/Ind-25, -35 Military-20, -25 Military-30, -40 IOZ Output Leakage Current VCC = Max., VSS VOUT VCC -100 +10 -90 70 55 100 80 100 V V A mA mA mA mA mA A 0.5 V Min. 2.4 Max. Unit V
Guaranteed Input Logical HIGH Voltage for All Inputs[5] Guaranteed Input Logical LOW Voltage for All Inputs[5] VSS VIN VCC 0 VIN VCC VCC = Max., IOUT = 0 mA Unprogrammed Device
Output Short Circuit Current VCC = Max., VOUT = 0.5V[6, 7]
Capacitance[7]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz VIN = 2.0V, VCC = 5.0V Max. 10 10 Unit pF pF
Notes: 3. TA is the "instant on" case temperature. 4. See the last page of this specification for Group A subgroup testing information. 5. These are absolute values with respect to device ground. All overshoots due to system or tester noise are included. 6. Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. VOUT = 0.5V has been chosen to avoid test problems caused by tester ground degradation. 7. Tested initially and after any design or process changes that may affect these parameters.
Document #: 38-03010 Rev. *A
Page 5 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
AC Test Loads and Waveforms (Commercial)
R1 238 (319 MIL) 5V OUTPUT 50pF INCLUDING JIG AND SCOPE R2 170 (236 MIL) INCLUDING JIG AND SCOPE 5V OUTPUT 5 pF R1 238 (319 MIL)
PLDC20G10B PLDC20G10
R2 170 (236 MIL)
(a)
(b)
Equivalent to: THEVENIN EQUIVALENT (Commercial) 99 OUTPUT 2.08V=Vthc
Equivalent to: THEVENIN EQUIVALENT (Military/Industrial) 136 OUTPUT 2.13V=V thm
Switching Characteristics Over Operating Range[3, 8, 9]
Commercial B-15 Parameter tPD tEA tER tPZX tPXZ tCO tS tH tP[10] tWH tWL fMAX[11] Description Input or Feedback to Non-Registered Output Input to Output Enable Input to Output Disable Pin 11 to Output Enable Pin 11 to Output Disable Clock to Output Input or Feedback Set-up Time Hold Time Clock Period Clock High Time Clock Low Time Maximum Frequency 12 0 22 8 8 45.4 15 15 15 12 12 10 12 0 24 10 10 41.6 B-20 20 20 20 15 15 12 15 0 30 12 12 33.3 -25 25 25 25 20 20 15 30 0 55 17 17 18.1 -35 Unit ns ns ns ns ns ns ns ns ns ns ns MHz 35 35 35 25 25 25 Min. Max. Min. Max. Min. Max. Min. Max.
Switching Characteristics Over Operating Range [3, 8, 9]
Military/Industrial B-20 Parameter tPD tEA tER tPZX tPXZ tCO tS tH Description Input or Feedback to Non-Registered Output Input to Output Enable Input to Output Disable Pin 11 to Output Enable Pin 11 to Output Disable Clock to Output Input or Feedback Set-Up Time Hold Time 15 0 20 20 20 17 17 15 18 0 B-25 25 25 25 20 20 15 20 0 -30 30 30 30 25 25 20 35 0 -40 Unit ns ns ns ns ns ns ns ns 40 40 40 25 25 25 Min. Max. Min. Max. Min. Max. Min. Max.
Notes: 8. Part (a) of AC Test Loads and Waveforms used for all parameters except tER, tPZX, and tPXZ. Part (b) of AC Test Loads and Waveforms used for tER, tPZX, and tPXZ. 9. The parameters tER and tPXZ are measured as the delay from the input disable logic threshold transition to VOH - 0.5V for an enabled HIGH output or VOL + 0.5V for an enabled LOW input. 10. tP, minimum guaranteed clock period is that guaranteed for state machine operation and is calculated from tP = tS + tCO. The minimum guaranteed period for registered data path operation (no feedback) can be calculated as the greater of (tWH + tWL) or (tS + tH). 11. fMAX, minimum guaranteed operating frequency, is that guaranteed for state machine operation and is calculated from fMAX = 1/(tS + tCO). The minimum guaranteed fMAX for registered data path operation (no feedback) can be calculated as the lower of 1/(tWH + tWL) or 1/(tS + tH).
Document #: 38-03010 Rev. *A
Page 6 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Switching Characteristics Over Operating Range (continued)[3, 8, 9]
Military/Industrial B-20 Parameter tP[10] tWH tWL fMAX[11] Clock Period Clock High Time Clock Low Time Maximum Frequency Description 30 12 12 33.3 B-25 33 14 14 30.3 40 16 16 25.0 -30
PLDC20G10B PLDC20G10
-40 Unit ns ns ns MHz 60 22 22 16.6
Min. Max. Min. Max. Min. Max. Min. Max.
Switching Waveform
INPUTS I/O, REGISTERED FEEDBACK tS CP tP OE tPXZ tH tW tW
tCO REGISTERED OUTPUTS tPD COMBINATORIAL OUTPUTS
tPZX
t ER
t EA
Document #: 38-03010 Rev. *A
Page 7 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Functional Logic Diagram
1
OE 0
PLDC20G10B PLDC20G10
0
4
8
12
16
20
24
28
32
36
40
* * *
OUTPUT CELL
7
23
OE 0
* * *
OUTPUT CELL
7
22
2
OE 0
* * *
7
OUTPUT CELL
21
3
OE 0
* * *
OUTPUT CELL
7
20
4
OE 0
* * *
OUTPUT CELL
7
19
5
OE 0
* * *
OUTPUT CELL
7
18
6
OE 0
* * *
OUTPUT CELL
7
17
7
OE 0
* * *
OUTPUT CELL
7
16
8
OE 0
* * *
OUTPUT CELL
7
15
9
OE 0
* * *
OUTPUT CELL
7
14
10
11
13
Document #: 38-03010 Rev. *A
Page 8 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Ordering Information
tPD (ns) 15 20 25 tS (ns) 12 15 15 tCO (ns) 10 15 15 ICC (mA) 70 100 55 Ordering Code PLDC20G10B-15PC PLDC20G10B-15WC PLDC20G10B-20DMB PLDC20G10-25JC PLDC20G10-25PC/PI PLDC20G10-25WC 30 20 20 80 PLDC20G10-30DMB PLDC20G10-30LMB PLDC20G10-30WMB 35 30 25 55 PLDC20G10-35JC PLDC20G10-35PC Package Name P13 W14 D14 J64 P13 W14 D14 L64 W14 J64 P13 Package Type 24-Lead (300-Mil) Molded DIP
PLDC20G10B PLDC20G10
Operating Range Commercial Military Commercial Commercial/ Industrial Commercial Military
24-Lead (300-Mil) Windowed CerDIP 24-Lead (300-Mil) CerDIP 28-Lead Plastic Leaded Chip Carrier 24-Lead (300-Mil) Molded DIP 24-Lead (300-Mil) Windowed CerDIP 24-Lead (300-Mil) CerDIP 28-Square Leadless Chip Carrier 24-Lead (300-Mil) Windowed CerDIP 28-Lead Plastic Leaded Chip Carrier 24-Lead (300-Mil) Molded DIP Commercial
MILITARY SPECIFICATIONS Group A Subgroup Testing DC Characteristics
Parameter VOH VOL VIH VIL IIX IOZ ICC 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 Subgroups
Switching Characteristics
Parameter tPD tPZX tCO tS tH Subgroups 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11
Document #: 38-03010 Rev. *A
Page 9 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Package Diagrams
24-Lead (300-Mil) CerDIP D14
MIL-STD-1835 D- 9 Config.A
PLDC20G10B PLDC20G10
51-80031-**
28-Lead Plastic Leaded Chip Carrier J64
51-85001-*A
Document #: 38-03010 Rev. *A
Page 10 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Package Diagrams (continued)
28-Square Leadless Chip Carrier L64
MIL-STD-1835 C-4
PLDC20G10B PLDC20G10
51-80051-**
Document #: 38-03010 Rev. *A
Page 11 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Package Diagrams (continued)
28-Pin Windowed Leaded Chip Carrier H64
PLDC20G10B PLDC20G10
51-80077-**
Document #: 38-03010 Rev. *A
Page 12 of 14
USE ULTRA37000TM FOR ALL NEW DESIGNS
Package Diagrams (continued)
24-Lead (300-Mil) PDIP P13
PLDC20G10B PLDC20G10
51-85013-*B
24-Lead (300-Mil) Windowed CerDIP W14
MIL-STD-1835 D-9 Config. A
51-80086-**
Ultra37000 is a trademark of Cypress Semiconductor Corporation. All products and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-03010 Rev. *A
Page 13 of 14
(c) Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
USE ULTRA37000TM FOR ALL NEW DESIGNS
Document History Page
PLDC20G10B PLDC20G10
Document Title: PLDC20G10B/PLDC20G10 CMOS Generic 24-Pin Reprogrammable Logic Device Document Number: 38-03010 REV. ** *A ECN NO. 106292 213375 Issue Date 04/25/01 See ECN Orig. of Change SZV FSG Description of Change Change from Spec number: 38-00019 to 38-03010 Added note to title page: "Use Ultra37000 For All New Designs"
Document #: 38-03010 Rev. *A
Page 14 of 14


▲Up To Search▲   

 
Price & Availability of PLDC20G10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X