Part Number Hot Search : 
SPN6435 S20VTA60 MODEL139 CS42448 CS42448 040AR HPM349 SK13SA
Product Description
Full Text Search
 

To Download PHP55N03T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
GENERAL DESCRIPTION
N-channel enhancement mode standard level field-effect power transistor in a plastic envelope using 'trench' technology. The device features very low on-state resistance and has integral zener diodes giving ESD protection up to 2kV. It is intended for use in DC-DC converters and general purpose switching applications.
PHP55N03T
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 10 V MAX. 30 55 103 175 18 UNIT V A W C m
PINNING - TO220AB
PIN 1 2 3 tab gate drain source drain DESCRIPTION
PIN CONFIGURATION
tab
SYMBOL
d
g s
1 23
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg, Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage & operating temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 30 30 20 55 38 220 103 175 UNIT V V V A A A W C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS in free air TYP. 60 MAX. 1.45 UNIT K/W K/W
ESD LIMITING VALUE
SYMBOL VC PARAMETER Electrostatic discharge capacitor voltage, all pins CONDITIONS Human body model (100 pF, 1.5 k) MIN. MAX. 2 UNIT kV
September 1997
1
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
STATIC CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IGSS V(BR)GSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Gate source leakage current CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 175C Tj = -55C VDS = 30 V; VGS = 0 V; VGS = 10 V; VDS = 0 V Tj = 175C Tj = 175C Tj = 175C MIN. 30 27 2.0 1.0 16 TYP. 3.0 0.05 0.02 15 -
PHP55N03T
MAX. 4.0 4.4 10 500 1 20 18 33.5
UNIT V V V V A A A A V m m
Gate source breakdown voltage IG = 1 mA; Drain-source on-state VGS = 10 V; ID = 25 A resistance
DYNAMIC CHARACTERISTICS
Tmb = 25C unless otherwise specified SYMBOL gfs Qg(tot) Qgs Qgd Ciss Coss Crss td on tr td off tf Ld Ld Ls PARAMETER Forward transconductance Total gate charge Gate-source charge Gate-drain (Miller) charge Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 25 A ID = 55 A; VDD = 24 V; VGS = 10 V MIN. 7 TYP. 15 29.5 4.5 16.5 1700 390 170 15 22 30 18 3.5 4.5 7.5 MAX. 2000 450 220 20 35 45 25 UNIT S nC nC nC pF pF pF ns ns ns ns nH nH nH
VGS = 0 V; VDS = 25 V; f = 1 MHz
VDD = 15 V; ID = 25 A; VGS = 10 V; RG = 5 Resistive load Measured from contact screw on tab to centre of die Measured from drain lead 6 mm from package to centre of die Measured from source lead 6 mm from package to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 25 A; VGS = 0 V IF = 55 A; VGS = 0 V IF = 55 A; -dIF/dt = 100 A/s; VGS = -10 V; VR = 25 V TYP. 0.95 1.0 70 0.1 MAX. 55 220 1.2 UNIT A A V ns C
September 1997
2
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
AVALANCHE LIMITING VALUE
SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 28 A; VDD 25 V; VGS = 10 V; RGS = 50 ; Tmb = 25 C MIN. TYP. -
PHP55N03T
MAX. 80
UNIT mJ
September 1997
3
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
PHP55N03T
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
1E+01
Zth / (K/W)
1E+00
0.5 0.2 0.1 0.05 0.02 0 T t
1E-01
P D
tp
D = tp T
1E-02
0
20
40
60
80 100 Tmb / C
120
140
160
180
1E-03 1E-07
1E-05
1E-03 t/s
1E-01
1E+01
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID% Normalised Current Derating
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
ID / A 80 12 10 60 8 VGS / V = 6.5 6 40 5.5 5 4.5 4
120 110 100 90 80 70 60 50 40 30 20 10 0
BUK7518-30
20
0
20
40
60
80 100 Tmb / C
120
140
160
180
0
0
2
4 VDS / V
6
8
10
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 10 V
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / mOhm 5.5 6 6.5 8
1000
ID / A
7518-30
4
7518-30
100
RD
N S(O
V )=
DS
/ ID
tp = 10 us 100 us
3 10 2
12 VGS / V =
1 ms 10 DC 10 ms 100 ms
1
1
1
10 VDS / V
100
0
0
20
40 ID / A
60
80
100
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
September 1997
4
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
PHP55N03T
ID / A 80 Tj / C = 25 60
7518-30
5
VGS(TO) / V max.
BUK759-60
175
4 typ. 3
40
2
min.
20
1
0
0
2
4
VGS / V
6
8
10
0 -100
-50
0
50 Tj / C
100
150
200
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
gfs / S
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Sub-Threshold Conduction
25
7518-30
1E-01
20
Tj / C = 25 175
1E-02 2% typ 98%
15
1E-03
10
1E-04
5
1E-05
0
0
20
40 ID / A
60
80
1E-06
0
1
2
3
4
5
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
a 2
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
C / pF
30V TrenchMOS
10000
7518-30
1.5 Ciss 1 1000
0.5
Coss Crss
0 -100
-50
0
50 Tj / C
100
150
200
100 0.1
1 VDS / V
10
100
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 25 A; VGS = 10 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
September 1997
5
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
PHP55N03T
10
VGS / V
7518-30
120 110 100
WDSS%
8 VDS / V = 6 6 24
90 80 70 60 50 40 30 20 10 0
4
2
0
0
5
10
15 QG / nC
20
25
30
20
40
60
80
100 120 Tmb / C
140
160
180
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 55 A; parameter VDS
IF / A 7518-30
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 28 A
80
+
L
60
VDD
VDS
Tj / C = 175 40 25
VGS 0 T.U.T.
-ID/100
20
RGS
0
R 01 shunt
0
0.5
1 VSDS / V
1.5
2
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
+
RD VDS VGS 0 RG T.U.T.
VDD
-
Fig.17. Switching test circuit.
September 1997
6
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
PHP55N03T
4,5 max 10,3 max
1,3
3,7 2,8
5,9 min
15,8 max
3,0 max not tinned
3,0
13,5 min
1,3 max 1 2 3 (2x)
2,54 2,54
0,9 max (3x)
0,6 2,4
Fig.18. TO220AB; pin 2 connected to mounting base.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for TO220 envelopes. 3. Epoxy meets UL94 V0 at 1/8".
September 1997
7
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
PHP55N03T
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1997
8
Rev 1.100


▲Up To Search▲   

 
Price & Availability of PHP55N03T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X