Part Number Hot Search : 
B39361 25X40 LBT20006 M5232 1MELZ 248YF LVDS31 LVC1G17
Product Description
Full Text Search
 

To Download P6KA24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KA6.8 thru P6KA43A
Vishay Semiconductors
formerly General Semiconductor
Automotive Transient Voltage Suppressors
DO-204AC (DO-15)
* ted Features n ate P
Breakdown Voltage 6.8 to 43V Peak Pulse Power 600W
0.034 (0.86) 0.028 (0.71) Dia.
1.0 (25.4) min.
0.300 (7.6) 0.230 (5.8)
* Designed for under the hood applications * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Exclusive patented PAR(R) oxide passivated chip construction * 600W peak pulse power surge capability with a 10/1000ms waveform repetition rate (duty cycle): 0.01% * Excellent clamping capability * Low incremental surge resistance * Very fast response time * For devices with V(BR)10V, ID are typically less than 1.0mA * High temperature soldering guaranteed: 300C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3kg) tension
0.140 (3.6) 0.104 (2.6) Dia. 1.0 (25.4) min.
Mechanical Data
Case: JEDEC DO-204AC molded plastic body over passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: For unidirectional types the color band denotes the cathode, which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.015 oz., 0.4 g Packaging codes/options: 1/4K per Bulk Box, 40K/box 4/4K per 13" Reel, 16K/box 23/2K per Ammo mag., 18K/box
Available in uni-directional only
Dimensions in inches and (millimeters)
*Patent #'s
4,980,315 5,166,769 5,278,094
Maximum Ratings and Thermal Characteristics (TA = 25C unless otherwise noted)
Parameter Peak pulse power dissipation with a 10/1000s
(1) (1)
Symbol
(Fig. 1) (Fig. 3)
Value Minimum 600 See Next Table 5.0 75 3.5 -65 to +185
Unit W A W A V C
PPPM IPPM PM(AV) IFSM VF TJ, TSTG
Pulse pulse current with a 10/1000s waveform Steady state power dissipation at TL = 75C lead lengths 0.375" (9.5mm)(2)
Peak forward surge current, 8.3ms single half sine-wave (3) Maximum instantaneous forward voltage at 50A
(3)
Operating junction and storage temperature range
Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25C per Fig. 2 (2) Mounted on copper pad area of 1.6 x 1.6" (40 x 40mm) per Fig. 5 (3) Measured on 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum
Document Number 88368 06-May-02
www.vishay.com 1
P6KA6.8 thru P6KA43A
Vishay Semiconductors
formerly General Semiconductor
Electrical Characteristics (TA = 25C unless otherwise noted)
Breakdown Voltage V(BR)(1) at IT (V) Device Type Min Max Test Current IT (A) Stand-off Voltage VWM (V) Maximum Reverse Leakage at VWM ID (A) TJ = 150C Maximum Peak Pulse Reverse Current Leakage IPPM(2) at VWM ID (A) (A) Maximum Clamping Voltage at lPPM VC (V) Maximum Temp. Coefficient of V(BR) (% / C)
P6KA6.8 P6KA6.8A P6KA7.5 P6KA7.5A P6KA8.2 P6KA8.2A P6KA9.1 P6KA9.1A P6KA10 P6KA10A P6KA11 P6KA11A P6KA12 P6KA12A P6KA13 P6KA13A P6KA15 P6KA15A P6KA16 P6KA16A P6KA18 P6KA18A P6KA20 P6KA20A P6KA22 P6KA22A P6KA24 P6KA24A P6KA27 P6KA27A P6KA30 P6KA30A P6KA33 P6KA33A P6KA36 P6KA36A P6KA39 P6KA39A P6KA43 P6KA43A
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.3 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8
500 500 250 250 100 100 25.0 25.0 10.0 10.0 5.0 5.0 2.0 2.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1,0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
1000 1000 500 500 200 200 50 50 20 20 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
55.6 57.1 51.3 53.1 48.0 49.6 43.5 44.8 40.0 41.4 37.0 38.5 34.7 35.9 31.6 33.0 27.3 28.3 25.5 26.7 22.6 23.8 20.6 21.7 18.8 19.6 17.3 18.1 15.3 16.0 13.8 14.5 12.6 13.1 11.5 12.0 10.6 11.1 9.7 10.1
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.6 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.076 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.08 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101
Notes: (1) V(BR) measured after IT applied for 300s. IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35
www.vishay.com 2
Document Number 88368 06-May-02
P6KA6.8 thru P6KA43A
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
PPPM -- Peak Pulse Power (kW)
Non-repetitive Pulse Waveform shown in Fig. 3 TA = 25C 10
Fig. 2 - Pulse Derating Curve
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
100
100
75
50
1
25
0.1 0.1s 1.0s 10s 100s 1.0ms 10ms
0
0
25
50
75
100
125
150
175
200
td -- Pulse Width (sec.)
TA -- Ambient Temperature (C)
Fig. 3 - Pulse Waveform
150 6,000
Fig. 4 - Typical Junction Capacitance
CJ -- Junction Capacitance (pF)
TJ = 25C f = 1.0MHz Vsig = 50mVp-p 1,000 Measured at Zero Bias
IPPM -- Peak Pulse Current, % IRSM
tr = 10sec. Peak Value IPPM
100
TJ = 25C Pulse Width (td) is defined as the point where the peak current decays to 50% of IPPM
Half Value -- IPP 2 IPPM 50 10/1000sec. Waveform as defined by R.E.A.
100
Measured at Stand-Off Voltage, VWM
td 0 10 0 1.0 2.0 3.0 4.0 1.0 10 100 200
t -- Time (ms)
V(BR) -- Breakdown Voltage (V)
PM(AV), Steady State Power Dissipation (W)
Fig. 5 - Steady State Power Derating Curve
IFSM -- Peak Forward Surge Current (A)
5.0 60HZ Resistive or Inductive Load 3.75 L = 0.375" (9.5mm) Lead Lengths 200
Fig. 6 - Maximum Non-Repetitive/Peak Forward Surge Current
TL = 75C 8.3ms Single Half Sine-Wave (JEDEC Method)
100
2.5 1.6 x 1.6 x 0.040" (40 x 40 x 1mm) Copper Heat Sinks 1.25
0
10 1 10 100
0
25
50
75
100
125
150
175
200
TL -- Lead Temperature (C)
Number of Cycles at 60HZ
Document Number 88368 06-May-02
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of P6KA24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X