Part Number Hot Search : 
248YF AD9381 XCL208 SW12400E FQP5N50 K4S28 03007 P542G
Product Description
Full Text Search
 

To Download ON2153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reflective Photosensors (Photo Reflectors)
CNZ2153 (ON2153)
Reflective photosensor
Non-contact point SW, object sensing
CNZ2153 is a photosensor detecting the change of reflective light in which a high efficiency GaAs infrared light emitting diode is used as the light emitting element, and a Si phototransistor is used as the light detecting element. The two elements are located parallel in the same direction and objects are detected when passing in front of the device.
(3.2)
4.00.2 3.00.2
Unit: mm
Mark for indicating LED side 7.50.2
Overview
10.60.3
0.5
9.60.3
6.00.2
2.20.2
10.2 min.
1.70.2
Features
* Fast response * Small size and light weight * Detection of paper, film and cloth * Optical mark reading * Detection of coin and bill * Detection of position and edge * Start, end mark detection of magnetic tape
(Note)
0.450.05 (7.2) 0.30.05 *2-0.90.15 3
2
Applications
Absolute Maximum Ratings Ta = 25C
Parameter Input (Light Reverse voltage emitting diode) Forward current Power dissipation *1 Output (Photo Collector-emitter voltage transistor) (Base open) Emitter-collector voltage (Base open) Collector current Collector power dissipation *2 Operating ambient temperature Storage temperature Symbol VR IF PD VCEO VECO IC PC T opr Tstg Rating 3 50 75 30 5 20 50 -25 to +85 -30 to +100 Unit V mA mW V V mA mW C C
1: Cathode 2: Anode 3: Emitter 4: Collector PRSTR104-002 Package 1. ( ) Dimension is reference 2. * is dimension at the root of leads
1 4
Temperature
Note) *1: Input power derating ratio is 1.0 mW/C at Ta 25C. *2: Output power derating ratio is 0.67 mW/C at Ta 25C.
Electrical-Optical Characteristics Ta = 25C 3C
Parameter Input Forward voltage characteristics Reverse current Terminal capacitance Output Collector-emitter cutoff current characteristics (Base open) Symbol Conditions VF IF = 50 mA IR VR = 3 V Ct VR = 0 V, f = 1 MHz ICEO VCE = 10 V VCC = 5 V, IF = 20 mA, RL = 100 IF = 50 mA, IC = 0.1 mA VCC = 10 V, IC = 0.1 mA, RL = 100
VCC d = 3 mm RL White paper (Reflective ratio 90%)
Min
Typ 1.2 50
Max 1.5 10 0.2
Unit V A pF A A V s s
Transfer Collector current *1, 2 IC characteristics Collector-emitter saturation voltage VCE(sat) Rise time tr Fall time tf
100 6.0 6.0
1200 0.5
Note) 1. Input and output are handled electrically. 2. This product is not designed to withstand radiation 3. *1: Output current measurement circuit (Ambient light is shut off completely) 2: Rank classification * Rank IC (A) Q 100 to 300
IF
IC
R S No-rank 200 to 600 400 to 1 200 100 to 1 200
SHG00053BED
Note) The part number in the parenthesis shows conventional part number.
Publication date: April 2004
1
CNZ2153
IF , IC Ta
60 60 IF 50 50
IF V F
Ta = 25C 1.6
VF Ta
Forward current IF , collector current IC (mA)
Forward current IF (mA)
40
40
Forward voltage VF (V)
1.2
IF = 50 mA
10 mA 0.8
30 IC 20
30
20
0.4
10
10
0 -25
0
20
40
60
80
100
0
0
0.4
0.8
1.2
1.6
2.0
2.4
0 -40
0
40
80
Ambient temperature Ta (C)
Forward voltage VF (V)
Ambient temperature Ta (C)
IC I F
10 VCC = 5 V RL = 100 Ta = 25C 102
IC VCE
Ta = 25C 160
IC Ta
VCC = 5 V IF = 20 mA RL = 100 120
1
10
10 -1
1 IF = 30 mA 20 mA 10 -1 10 mA
Relative collector current IC (%)
Collector current IC (mA)
Collector current IC (mA)
80
10 -2
40
10 -3 10 -1
1
10
102
10 -2 10 -1
1
10
102
0 -40
0
40
80
Forward current IF (mA)
Collector-emitter voltage VCE (V)
Ambient temperature Ta (C)
ICEO Ta
Collector-emitter cutoff current (Base open) ICEO (A)
10 VCE = 10 V 103
tr IC
VCC = 10 V Ta = 25C 0.32
IC d
VCC = 5 V Ta = 25C IF = 20 mA RL = 100
1
Collector current IC (mA)
102 10 -1
0.24 d 0.16
Rise time tr (s)
RL = 1 k 10 500 100 1
10 -2
10 -3
0.06
10 -4 -40
0
40
80
10 -1 10 -2
10 -1
1
10
0
0
2
4
6
8
Ambient temperature Ta (C)
Collector current IC (mA)
Distance d (mm)
2
SHG00053BED
Caution for Safety
This product contains Gallium Arsenide (GaAs).
DANGER
GaAs powder and vapor are hazardous to human health if inhaled or ingested. Do not burn, destroy, cut, cleave off, or chemically dissolve the product. Follow related laws and ordinances for disposal. The product should be excluded form general industrial waste or household garbage.
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of ON2153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X