Part Number Hot Search : 
DS016 TA1281F AZP9212 IC16C58 IRFP150A 8097JF 03515 BLF245B
Product Description
Full Text Search
 

To Download NTE726 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE726 Integrated Circuit Wide Band Amplifier
Features: D Exceptionally High Amplifier Gain: Power Gain at 4.5MHz/s - 75dB (Typ) D Excellent Limiting Characteristics: Input Limiting Voltage (Knee) = 600V (Typ) at 10.7MHz/s D Wide Frequency Capability: 100kHz/s to > 20MHz/s Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Recommended Minimum DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V Minimum Input Signal Voltage (Between Pin1 and Pin2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V Maximum Device Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature (During Soldering, 1/16" from case, 10sec max), TL . . . . . . . . . . . . . . . . . +265C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Total Device Dissipation Symbol PT Test Conditions VCC = 6V, Note 1 VCC = 7.5V, Note 1 VCC = 10V, Note 1 Voltage Gain A VCC = 6V, f = 1Mc/s, Note 2 VCC = 7.5V, f = 1Mc/s, Note 2 VCC = 7.5V, f = 4.5Mc/s, Note 2 VCC = 7.5V, f = 10.7Mc/s, Note 2 VCC = 10V, f = 1Mc/s, Note 2 Input-Impedance Components Parallel Input Resistance Parallel Input Capacitance Output-Impedance Components Parallel Output Resistance Parallel Output Capacitance Noise Figure Input Limiting Voltage (Knee) ROUT COUT NF vi(lim) VCC = 7.5V, f = 4.5Mc/s VCC = 7.5V, f = 4.5Mc/s VCC = 7.5V, f = 4.5Mc/s - - - - 31.5 4.2 8.7 300 - - - 400 k pF dB V RIN CIN VCC = 7.5V, f = 4.5Mc/s - - 3 7 - - k pF Min 66 97 150 60 65 60 55 65 Typ 90 120 190 66 70 67 61 71 Max 121 167 255 - - - - - Unit mW mW mW dB dB dB dB dB
Note 1. The total current drain may be determined by dividing PT by VCC. Note 2. Recommended minimum DC supply voltage (VCC) is 5.5V. Nominal load current flowing into Pin5 is 1.5mA at 7.5V.
Pin Connection Diagram (Top View) Internal Connection* 7 GND 8 6 Internal Connection* 5 IF Output
Internal Connection* 9
4
Bypass
10 VCC 1 IF Input High 2
3 Bypass IF Input Reference
*NOTE: These leads are internally connected. DO NOT USE.
.335 (8.52) Dia Max .175 (4.45) Max
.500 (12.7) Min
.018 (0.45) Dia Typ .100 (2.54) 3 2 1 7 10 9 8 .200 (5.08) Dia 4 5 6 .370 (9.4) Max


▲Up To Search▲   

 
Price & Availability of NTE726

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X