Part Number Hot Search : 
SMDJ51A TL431CLP 111AM 89256 PJ944 153M000 NDF653 BT8E5
Product Description
Full Text Search
 

To Download MX29LV040CQC-70G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX29LV040C
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
FEATURES
* Extended single - supply voltage range 2.7V to 3.6V * 524,288 x 8 only * Single power supply operation - 3.0V only operation for read, erase and program operation * Fully compatible with MX29LV040 device * Fast access time: 55R/70/90ns * Low power consumption - 30mA maximum active current - 0.2uA typical standby current * Command register architecture - 8 equal sector of 64K-Byte each - Byte Programming (9us typical) - Sector Erase (Sector structure 64K-Byte x8) * Auto Erase (chip & sector) and Auto Program - Automatically erase any combination of sectors with Erase Suspend capability - Automatically program and verify data at specified address * Erase suspend/Erase Resume - Suspends sector erase operation to read data from, or program data to, any sector that is not being erased, then resumes the erase * Status Reply - Data# Polling & Toggle bit for detection of program and erase operation completion * Sector protection - Hardware method to disable any combination of sectors from program or erase operations - Any combination of sectors can be erased with erase suspend/resume function * CFI (Common Flash Interface) compliant - Flash device parameters stored on the device and provide the host system to access * 100,000 minimum erase/program cycles * Latch-up protected to 100mA from -1V to VCC+1V * Package type: - 32-pin PLCC - 32-pin TSOP - All Pb-free devices are RoHS Compliant * Compatibility with JEDEC standard - Pinout and software compatible with single-power supply Flash * 20 years data retention
GENERAL DESCRIPTION
The MX29LV040C is a 4-mega bit Flash memory organized as 512K bytes of 8 bits. MXIC's Flash memories offer the most cost-effective and reliable read/write nonvolatile random access memory. The MX29LV040C is packaged in 32-pin PLCC and TSOP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers. The standard MX29LV040C offers access time as fast as 55ns, allowing operation of high-speed microprocessors without wait states. To eliminate bus contention, the MX29LV040C has separate chip enable (CE#) and output enable (OE#) controls. MXIC's Flash memories augment EPROM functionality with in-circuit electrical erasure and programming. The MX29LV040C uses a command register to manage this functionality. The command register allows for 100%
P/N:PM1149
TTL level control inputs and fixed power supply levels during erase and programming, while maintaining maximum EPROM compatibility. MXIC Flash technology reliably stores memory contents even after 100,000 erase and program cycles. The MXIC cell is designed to optimize the erase and programming mechanisms. In addition, the combination of advanced tunnel oxide processing and low internal electric fields for erase and program operations produces reliable cycling. The MX29LV040C uses a 2.7V~3.6V VCC supply to perform the High Reliability Erase and auto Program/ Erase algorithms. The highest degree of latch-up protection is achieved with MXIC's proprietary non-epi process. Latch-up protection is proved for stresses up to 100 milliamperes on address and data pin from -1V to VCC + 1V.
REV. 1.3, APR. 24, 2006
1
MX29LV040C
PIN CONFIGURATIONS
32 TSOP (Standard Type) (8mm x 20mm)
A11 A9 A8 A13 A14 A17 WE# VCC A18 A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE# A10 CE# Q7 Q6 Q5 Q4 Q3 GND Q2 Q1 Q0 A0 A1 A2 A3
32 PLCC
WE# VCC A12 A15 A16 A18
A7 A6 A5 A4 A3 A2 A1 A0 Q0
5
4
1
32
30 29
A17
A14 A13 A8 A9
9
MX29LV040C
25
A11 OE# A10 CE#
MX29LV040C
13 14
Q1 Q2 GND
17
Q3 Q4 Q5
21 20
Q6
Q7
SECTOR STRUCTURE
Table 1. MX29LV040C SECTOR ADDRESS TABLE Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 A18 0 0 0 0 1 1 1 1 A17 0 0 1 1 0 0 1 1 A16 0 1 0 1 0 1 0 1 Address Range 00000h-0FFFFh 10000h-1FFFFh 20000h-2FFFFh 30000h-3FFFFh 40000h-4FFFFh 50000h-5FFFFh 60000h-6FFFFh 70000h-7FFFFh
PIN DESCRIPTION
SYMBOL A0~A18 Q0~Q7 CE# WE# OE# GND VCC PIN NAME Address Input Data Input/Output Chip Enable Input Write Enable Input Output Enable Input Ground Pin +3.0V single power supply
Note:All sectors are 64 Kbytes in size.
P/N:PM1149
REV. 1.3, APR. 24, 2006
2
MX29LV040C
BLOCK DIAGRAM
CE# OE# WE#
CONTROL INPUT LOGIC
PROGRAM/ERASE HIGH VOLTAGE
WRITE STATE MACHINE (WSM)
STATE REGISTER FLASH ARRAY
ARRAY SOURCE HV
X-DECODER
ADDRESS LATCH
A0-A18
AND BUFFER
Y-PASS GATE
COMMAND DATA DECODER
Y-DECODER
SENSE AMPLIFIER
PGM DATA HV
COMMAND DATA LATCH
PROGRAM DATA LATCH
Q0-Q7
I/O BUFFER
P/N:PM1149
REV. 1.3, APR. 24, 2006
3
MX29LV040C
AUTOMATIC PROGRAMMING
The MX29LV040C is byte programmable using the Automatic Programming algorithm. The Automatic Programming algorithm makes the external system do not need to have time out sequence nor to verify the data programmed. The typical chip programming time at room temperature of the MX29LV040C is less than 10 seconds. write commands to the command register using standard microprocessor write timings. The device will automatically pre-program and verify the entire array. Then the device automatically times the erase pulse width, provides the erase verification, and counts the number of sequences. A status bit toggling between consecutive read cycles provides feedback to the user as to the status of the erasing operation. Register contents serve as inputs to an internal statemachine which controls the erase and programming circuitry. During write cycles, the command register internally latches address and data needed for the programming and erase operations. During a system write cycle, addresses are latched on the falling edge, and data are latched on the rising edge of WE# or CE#, whichever happens first. MXIC's Flash technology combines years of EPROM experience to produce the highest levels of quality, reliability, and cost effectiveness. The MX29LV040C electrically erases all bits simultaneously using FowlerNordheim tunneling. The bytes are programmed by using the EPROM programming mechanism of hot electron injection. During a program cycle, the state-machine will control the program sequences and command register will not respond to any command set. During a Sector Erase cycle, the command register will only respond to Erase Suspend command. After Erase Suspend is completed, the device stays in read mode. After the state machine has completed its task, it will allow the command register to respond to its full command set.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses according to MXIC's Automatic Chip Erase algorithm. Typical erasure at room temperature is accomplished in less than 4 second. The Automatic Erase algorithm automatically programs the entire array prior to electrical erase. The timing and verification of electrical erase are controlled internally within the device.
AUTOMATIC SECTOR ERASE
The MX29LV040C is sector(s) erasable using MXIC's Auto Sector Erase algorithm. The Automatic Sector Erase algorithm automatically programs the specified sector(s) prior to electrical erase. The timing and verification of electrical erase are controlled internally within the device. An erase operation can erase one sector, multiple sectors, or the entire device.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the user to only write program set-up commands (including 2 unlock write cycle and A0H) and a program command (program data and address). The device automatically times the programming pulse width, provides the program verification, and counts the number of sequences. A status bit similar to Data# Polling and a status bit toggling between consecutive read cycles, provide feedback to the user as to the status of the programming operation. Refer to write operation status table 6, for more information on these status bits.
AUTOMATIC SELECT
The automatic select mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on Q7~Q0. This mode is mainly adapted for programming equipment on the device to be programmed with its programming algorithm. When programming by high voltage method, automatic select mode requires VID (11.5V to 12.5V) on address pin A9 and other address pin A6, A1, and A0 as referring to Table 2. In addition, to access the automatic select codes in-system, the host can issue the automatic select command through the command register without requiring VID, as shown in table 3.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
P/N:PM1149
REV. 1.3, APR. 24, 2006
4
MX29LV040C
To verify whether or not sector being protected, the sector address must appear on the appropriate highest order address bit (see Table 1 and Table 2). The rest of address bits, as shown in table 3, are don't care. Once all necessary bits have been set as required, the programming equipment may read the corresponding identifier code on Q7~Q0.
TABLE 2. MX29LV040C AUTOMATIC SELECT MODE OPERATION
A18 A15 Description Read Manufacture Code CE# OE# WE# L L L L L L H H H | X X SA | X X X A9 VID VID VID A16 A10 Silicon ID Device ID Sector Protection Verification A8 | A7 X X X L L L A6 A5 | A2 X X X L L H L H L C2H 4FH 01H (protected) 00H (unprotected) NOTE:SA=Sector Address, X=Don't Care, L=Logic Low, H=Logic High A1 A0 Q7~Q0
P/N:PM1149
REV. 1.3, APR. 24, 2006
5
MX29LV040C
TABLE 3. MX29LV040C COMMAND DEFINITIONS
Command Bus First Bus Cycle Second Bus Cycle Third Bus Cycle Fourth Bus Cycle Data Fifth Bus Cycle Addr Sixth Bus Cycle Data Addr Data
Cycle Addr Reset Read Read Manufacture ID Read Silicon ID Sector Protect Verify Program Chip Erase Sector Erase Sector Erase Suspend Sector Erase Resume CFI Query 4 6 6 1 1 1 1 1 4 4 4
Data Addr
Data Addr
Data Addr
XXXH F0H RA RD 55H 55H 55H 555H 555H 555H 90H X00H C2H 90H X01H 4FH 90H (SA) x02H 555H AAH 2AAH 555H AAH 2AAH 555H AAH 2AAH XXXH B0H XXXH 30H AAH 98 55H 55H 55H 555H 555H 555H A0H PA 00H 01H PD 2AAH 55H 2AAH 55H 555H 10H SA 30H
555H AAH 2AAH 555H AAH 2AAH 555H AAH 2AAH
80H 555H AAH 80H 555H AAH
Note: 1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacturer code,A1=0, A0 = 1 for device code. A2-A18=do not care. (Refer to table 2) DDI = Data of Device identifier : C2H for manufacture code, 4FH for device code. X = X can be VIL or VIH RA=Address of memory location to be read. RD=Data to be read at location RA. 2. PA = Address of memory location to be programmed. PD = Data to be programmed at location PA. SA = Address of the sector. 3. For Sector Protect Verify operation : If read out data is 01H, it means the sector has been protected. If read out data is 00H, it means the sector is still not being protected. 4. Any number of CFI data read cycle are permitted.
P/N:PM1149
REV. 1.3, APR. 24, 2006
6
MX29LV040C
COMMAND DEFINITIONS
Device operations are selected by writing specific address and data sequences into the command register. Writing incorrect address and data values or writing them in the improper sequence will reset the device to the read mode. Table 3 defines the valid register command sequences. Note that the Erase Suspend (B0H) and Erase Resume (30H) commands are valid only while the Sector Erase operation is in progress.
TABLE 4. MX29LV040C BUS OPERATION
ADDRESS DESCRIPTION CE# OE# WE# A18 A15 A9 A16 A10 Read Write Reset Output Disable Standby Sector Protect Chip Unprotect Sector Protection Verify NOTES: L L X L Vcc0.3V L L L L H X H X H H L H L X H X L L H SA X SA X X X X X VID A8 A7 AIN AIN X X X X X X L H L X X X H H H L L L A6 A5 A2 Dout DIN(3) High Z High Z High Z X X CODE(5) A1 A0 Q0~Q7
1. Manufacture and device codes may also be accessed via a command register write sequence. Refer to Table 3. 2. VID is the Silicon-ID-Read high voltage, 11.5V to 12.5V. 3. Refer to Table 3 for valid Data-In during a write operation. 4. X can be VIL or VIH, L=Logic Low=VIL, H=Logic High=VIH. 5. Code=00H/XX00H means unprotected. Code=01H/XX01H means protected. 6. A18~A13=Sector address for sector protect.
P/N:PM1149
REV. 1.3, APR. 24, 2006
7
MX29LV040C
REQUIREMENTS FOR READING ARRAY DATA
To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power control and selects the device. OE# is the output control and gates array data to the output pins. WE# should remain at VIH. The internal state machine is set for reading array data upon device power-up. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid address on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered.
STANDBY MODE
When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE# input. The device enters the CMOS standby mode when the CE# pin is both held at VCC0.3V. (Note that this is a more restricted voltage range than VIH.) If CE# is held at VIH, but not within VCC0.3V, the device will be in the standby mode, but the standby current will be greater. The device requires standard access time (tCE) for read access when the device is in either of these standby modes, before it is ready to read data. If the device is deselected during erasure or programming, the device draws active current until the operation is completed. ICC3 in the DC Characteristics table represents the standby current specification.
WRITE COMMANDS/COMMAND SEQUENCES
To program data to the device or erase sectors of memory , the system must drive WE# and CE# to VIL, and OE# to VIH. An erase operation can erase one sector, multiple sectors , or the entire device. Table 1 indicates the address space that each sector occupies. A "sector address" consists of the address bits required to uniquely select a sector. The "Writing specific address and data commands or sequences into the command register initiates device operations. Table 3 defines the valid register command sequences. Writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. Section has details on erasing a sector or the entire chip, or suspending/resuming the erase operation. After the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read autoselect codes from the internal register (which is separate from the memory array) on Q7-Q0. Standard read cycle timings apply in this mode. Refer to the Autoselect Mode and Autoselect Command Sequence section for more information. ICC2 in the DC Characteristics table represents the active current specification for the write mode. The "AC Characteristics" section contains timing specification table and timing diagrams for write operations.
OUTPUT DISABLE
With the OE# input at a logic high level (VIH), output from the devices are disabled. This will cause the output pins to be in a high impedance state.
READ/RESET COMMAND
The read or reset operation is initiated by writing the read/reset command sequence into the command register. Microprocessor read cycles retrieve array data. The device remains enabled for reads until the command register contents are altered. If program-fail or erase-fail happen, the write of F0H will reset the device to abort the operation. A valid command must then be written to place the device in the desired state.
P/N:PM1149
REV. 1.3, APR. 24, 2006
8
MX29LV040C
SILICON-ID-READ COMMAND
Flash memories are intended for use in applications where the local CPU alters memory contents. As such, manufacturer and device codes must be accessible while the device resides in the target system. PROM programmers typically access signature codes by raising A9 to a high voltage (VID). However, multiplexing high voltage onto address lines is not generally desired system design practice. The MX29LV040C contains a Silicon-ID-Read operation to supple traditional PROM programming methodology. The operation is initiated by writing the read silicon ID command sequence into the command register. Following the command write, a read cycle with A1=VIL, A0=VIL retrieves the manufacturer code of C2H. A read cycle with A1=VIL, A0=VIH returns the device code of 4FH for MX29LV040C. The Automatic Chip Erase does not require the device to be entirely pre-programmed prior to executing the Automatic Chip Erase. Upon executing the Automatic Chip Erase, the device will automatically program and verify the entire memory for an all-zero data pattern. When the device is automatically verified to contain an all-zero pattern, a self-timed chip erase and verify begin. The erase and verify operations are completed when the data on Q7 is "1" at which time the device returns to the Read mode. The system is not required to provide any control or timing during these operations. When using the Automatic Chip Erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array(no erase verification command is required). If the Erase operation was unsuccessful, the data on Q5 is "1"(see Table 6), indicating the erase operation exceed internal timing limit. The automatic erase begins on the rising edge of the last WE# or CE# pulse, whichever happens first in the command sequence and terminates when the data on Q7 is "1" and the data on Q6 stops toggling for two consecutive read cycles, at which time the device returns to the Read mode.
SET-UP AUTOMATIC CHIP/SECTOR ERASE COMMANDS
Chip erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the "set-up" command 80H. Two more "unlock" write cycles are then followed by the chip erase command 10H.
TABLE 5. EXPANDED SILICON ID CODE
Pins Manufacture code Device code A0 VIL A1 VIL VIH Q7 X 0 0 Q6 Q5 Q4 1 1 0 0 0 0 0 0 0 Q3 Q2 Q1 Q0 Code (Hex) 0 1 0 0 1 0 1 1 0 0 1 0 C2H 4FH 00H (Unprotected)
VIH VIL
Sector Protection Verification VIL
P/N:PM1149
REV. 1.3, APR. 24, 2006
9
MX29LV040C
READING ARRAY DATA
The device is automatically set to reading array data after device power-up. No commands are required to retrieve data. The device is also ready to read array data after completing an Automatic Program or Automatic Erase algorithm.
After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode. The system can read array data using the standard read timings, except that if it reads at an address within erasesuspended sectors, the device outputs status data. After completing a programming operation in the Erase Suspend mode, the system may once again read array data with the same exception. See Erase Suspend/Erase Resume Commands" for more infor-mation on this mode. The system must issue the reset command to re-enable the device for reading array data if Q5 goes high, or while in the autoselect mode. See the "Reset Command" section, next.
SECTOR ERASE COMMANDS
The Automatic Sector Erase does not require the device to be entirely pre-programmed prior to executing the Automatic Sector Erase Set-up command and Automatic Sector Erase command. Upon executing the Automatic Sector Erase command, the device will automatically program and verify the sector(s) memory for an all-zero data pattern. The system is not required to provide any control or timing during these operations. When the sector(s) is automatically verified to contain an all-zero pattern, a self-timed sector erase and verify begin. The erase and verify operations are complete when the data on Q7 is "1" and the data on Q6 stops toggling for two consecutive read cycles, at which time the device returns to the Read mode. The system is not required to provide any control or timing during these operations. When using the Automatic sector Erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). Sector erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the set-up command 80H. Two more "unlock" write cycles are then followed by the sector erase command 30H. The sector address is latched on the falling edge of WE# or CE#, whichever happens later, while the command(data) is latched on the rising edge of WE# or CE#, whichever happens first. Sector addresses selected are loaded into internal register on the sixth falling edge of WE# or CE#, whichever happens later. Each successive sector load cycle started by the falling edge of WE# or CE#, whichever happens later must begin within 50us from the rising edge of the preceding WE# or CE#, whichever happens first. Otherwise, the loading period ends and internal auto sector erase cycle starts. (Monitor Q3 to determine if the sector erase timer window is still open, see section Q3, Sector Erase Timer.) Any command other than Sector Erase(30H) or Erase Suspend(B0H) during the time-out period resets the device to read mode.
RESET COMMAND
Writing the reset command to the device resets the device to reading array data. Address bits are don't care for this command. The reset command may be written between the sequence cycles in an erase command sequence before erasing begins. This resets the device to reading array data. Once erasure begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in a program command sequence be-fore programming begins. This resets the device to reading array data (also applies to programming in Erase Suspend mode). Once programming begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in an SILICON ID READ command sequence. Once in the SILICON ID READ mode, the reset command must be written to return to reading array data (also applies to SILICON ID READ during Erase Suspend). If Q5 goes high during a program or erase operation, writing the reset command returns the device to reading array data (also applies during Erase Suspend).
P/N:PM1149
REV. 1.3, APR. 24, 2006
10
MX29LV040C
Table 6. Write Operation Status
Status Byte Program in Auto Program Algorithm Auto Erase Algorithm Erase Suspend Read (Erase Suspended Sector) Erase Suspended Mode Erase Suspend Read (Non-Erase Suspended Sector) Erase Suspend Program Byte Program in Auto Program Algorithm Exceeded Time Limits Auto Erase Algorithm Erase Suspend Program Q7 (Note1) Q7# 0 1 Data Q7# Q7# 0 Q7# Q6 Toggle Toggle No Toggle Data Toggle Toggle Toggle Toggle Q5 (Note2) 0 0 0 Data 0 1 1 1 Q3 N/A 1 N/A Data N/A N/A 1 N/A Q2 No Toggle Toggle Toggle Data N/A No Toggle Toggle N/A
In Progress
Note: 1. Q7 and Q2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 2. Q5 switches to '1' when an Auto Program or Auto Erase operation has exceeded the maximum timing limits. See "Q5:Exceeded Timing Limits " for more information.
P/N:PM1149
REV. 1.3, APR. 24, 2006
11
MX29LV040C
ERASE SUSPEND
This command only has meaning while the state machine is executing Automatic Sector Erase operation, and therefore will only be responded during Automatic Sector Erase operation. When the Erase Suspend command is written during a sector erase operation, the device requires a maximum of 100us to suspend the erase operations. However, When the Erase Suspend command is written during the sector erase time-out, the device immediately terminates the time-out period and suspends the erase operation. After this command has been executed, the command register will initiate erase suspend mode. The state machine will return to read mode automatically after suspend is ready. At this time, state machine only allows the command register to respond to the Read Memory Array, Erase Resume and program commands. The system can determine the status of the program operation using the Q7 or Q6 status bits, just as in the standard program operation. After an erase-suspend program operation is complete, the system can once again read array data within non-suspended sectors. also begins the programming operation. The system is not required to provide further controls or timings. The device will automatically provide an adequate internally generated program pulse and verify margin. The device provides Q2, Q3, Q5, Q6, Q7 to determine the status of a write operation. If the program operation was unsuccessful, the data on Q5 is "1" (see Table 6), indicating the program operation exceed internal timing limit. The automatic programming operation is completed when the data read on Q6 stops toggling for two consecutive read cycles and the data on Q7 and Q6 are equivalent to data written to these two bits, at which time the device returns to the Read mode(no program verify command is required).
WORD/BYTE PROGRAM COMMAND SEQUENCE
The device programs one byte of data for each program operation. The command sequence requires four bus cycles, and is initiated by writing two unlock write cycles, followed by the program set-up command. The program address and data are written next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further controls or timings. The device automatically generates the program pulses and verifies the programmed cell margin. Table 3 shows the address and data requirements for the byte program command sequence. When the Embedded Program algorithm is complete, the device then returns to reading array data and addresses are no longer latched. The system can determine the status of the program operation by using Q7, or Q6. See "Write Operation Status" for information on these status bits. Any commands written to the device during the Embedded Program Algorithm are ignored. Note that a hardware reset immediately terminates the programming operation. The Byte Program command sequence should be reinitiated once the device has reset to reading array data, to ensure data integrity. Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from a "0" back to a "1". Attempting to do so may halt the operation and set Q5 to "1", or cause the Data# Polling algorithm to indicate the operation was successful. However, a succeeding read will show that the data is still "0". Only erase operations can convert a "0" to a "1".
ERASE RESUME
This command will cause the command register to clear the suspend state and return back to Sector Erase mode but only if an Erase Suspend command was previously issued. Erase Resume will not have any effect in all other conditions. Another Erase Suspend command can be written after the chip has resumed erasing. The minimum time from Erase Resume to next Erase Suspend is 400us. Repeatedly suspending the device more often may have undetermined effects.
AUTOMATIC PROGRAM COMMANDS
To initiate Automatic Program mode, A three-cycle command sequence is required. There are two "unlock" write cycles. These are followed by writing the Automatic Program command A0H. Once the Automatic Program command is initiated, the next WE# pulse causes a transition to an active programming operation. Addresses are latched on the falling edge, and data are internally latched on the rising edge of the WE# or CE#, whichever happens first. The rising edge of WE# or CE#, whichever happens first,
P/N:PM1149
REV. 1.3, APR. 24, 2006
12
MX29LV040C
WRITE OPERATION STATUS
The device provides several bits to determine the status of a write operation: Q2, Q3, Q5, Q6 and Q7. Table 6 and the following subsections describe the functions of these bits. Q7 and Q6 each offer a method for determining whether a program or erase operation is complete or in progress. These three bits are discussed first. on the following read cycles. This is because Q7 may change asynchronously with Q0-Q6 while Output Enable (OE#) is asserted low.
Q6:Toggle BIT I
Toggle Bit I on Q6 indicates whether an Automatic Program or Erase algorithm is in progress or complete, or whether the device has entered the Erase Suspend mode. Toggle Bit I may be read at any address, and is valid after the rising edge of the final WE# or CE#, whichever happens first, in the command sequence (prior to the program or erase operation), and during the sector timeout. During an Automatic Program or Erase algorithm operation, successive read cycles to any address cause Q6 to toggle. The system may use either OE# or CE# to control the read cycles. When the operation is complete, Q6 stops toggling. After an erase command sequence is written, if all sectors selected for erasing are protected, Q6 toggles and returns to reading array data. If not all selected sectors are protected, the Automatic Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. The system can use Q6 and Q2 together to determine whether a sector is actively erasing or is erase suspended. When the device is actively erasing (that is, the Automatic Erase algorithm is in progress), Q6 toggling. When the device enters the Erase Suspend mode, Q6 stops toggling. However, the system must also use Q2 to determine which sectors are erasing or erase-suspended. Alternatively, the system can use Q7. If a program address falls within a protected sector, Q6 toggles for approximately 2 us after the program command sequence is written, then returns to reading array data. Q6 also toggles during the erase-suspend-program mode, and stops toggling once the Automatic Program algorithm is complete. Table 6 shows the outputs for Toggle Bit I on Q6.
Q7: Data# Polling
The Data# Polling bit, Q7, indicates to the host sys-tem whether an Automatic Algorithm is in progress or completed, or whether the device is in Erase Suspend. Data# Polling is valid after the rising edge of the final WE# pulse in the program or erase command sequence. During the Automatic Program algorithm, the device outputs on Q7 the complement of the datum programmed to Q7. This Q7 status also applies to programming during Erase Suspend. When the Automatic Program algorithm is complete, the device outputs the datum programmed to Q7. The system must provide the program address to read valid status information on Q7. If a program address falls within a protected sector, Data# Polling on Q7 is active for approximately 1 us, then the device returns to reading array data. During the Automatic Erase algorithm, Data# Polling produces a "0" on Q7. When the Automatic Erase algorithm is complete, or if the device enters the Erase Suspend mode, Data# Polling produces a "1" on Q7. This is analogous to the complement/true datum output described for the Automatic Program algorithm: the erase function changes all the bits in a sector to "1" prior to this, the device outputs the "complement," or "0". The system must provide an address within any of the sectors selected for erasure to read valid status information on Q7. After an erase command sequence is written, if all sectors selected for erasing are protected, Data# Polling on Q7 is active for approximately 100 us, then the device returns to reading array data. If not all selected sectors are protected, the Automatic Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. When the system detects Q7 has changed from the complement to true data, it can read valid data at Q7-Q0
P/N:PM1149
REV. 1.3, APR. 24, 2006
13
MX29LV040C
Q2:Toggle Bit II
The "Toggle Bit II" on Q2, when used with Q6, indicates whether a particular sector is actively erasing (that is, the Automatic Erase algorithm is in process), or whether that sector is erase-suspended. Toggle Bit II is valid after the rising edge of the final WE# or CE#, whichever happens first, in the command sequence. Q2 toggles when the system reads at addresses within those sectors that have been selected for erasure. (The system may use either OE# or CE# to control the read cycles.) But Q2 cannot distinguish whether the sector is actively erasing or is erase-suspended. Q6, by comparison, indicates whether the device is actively erasing, or is in Erase Suspend, but cannot distinguish which sectors are selected for erasure. Thus, both status bits are required for sectors and mode information. Refer to Table 6 to compare outputs for Q2 and Q6. this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation.
Q5 Exceeded Timing Limits
Q5 will indicate if the program or erase time has exceeded the specified limits (internal pulse count). Under these conditions Q5 will produce a "1". This time-out condition indicates that the program or erase cycle was not successfully completed. Data# Polling and Toggle Bit are the only operating functions of the device under this condition. If this time-out condition occurs during sector erase operation, it specifies that a particular sector is bad and it may not be reused. However, other sectors are still functional and may be used for the program or erase operation. The device must be reset to use other sectors. Write the Reset command sequence to the device, and then execute program or erase command sequence. This allows the system to continue to use the other active sectors in the device. If this time-out condition occurs during the chip erase operation, it specifies that the entire chip is bad or combination of sectors are bad. If this time-out condition occurs during the byte programming operation, it specifies that the entire sector containing that byte is bad and this sector maynot be reused, (other sectors are still functional and can be reused). The time-out condition will not appear if a user tries to program a non blank location without erasing. Please note that this is not a device failure condition since the device was incorrectly used.
Reading Toggle Bits Q6/ Q2
Whenever the system initially begins reading toggle bit status, it must read Q7-Q0 at least twice in a row to determine whether a toggle bit is toggling. Typically, the system would note and store the value of the toggle bit after the first read. After the second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling, the device has completed the program or erase operation. The system can read array data on Q7-Q0 on the following read cycle. However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of Q5 is high (see the section on Q5). If it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as Q5 went high. If the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. If it is still toggling, the device did not complete the operation successfully, and the system must write the reset command to return to reading array data. The remaining scenario is that system initially determines that the toggle bit is toggling and Q5 has not gone high. The system may continue to monitor the toggle bit and Q5 through successive read cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to perform other system tasks. In
Q3 Sector Erase Timer
After the completion of the initial sector erase command sequence, the sector erase time-out will begin. Q3 will remain low until the time-out is complete. Data# Polling and Toggle Bit are valid after the initial sector erase command sequence.
P/N:PM1149
REV. 1.3, APR. 24, 2006
14
MX29LV040C
If Data# Polling or the Toggle Bit indicates the device has been written with a valid erase command, Q3 may be used to determine if the sector erase timer window is still open. If Q3 is high ("1") the internally controlled erase cycle has begun; attempts to write subsequent commands to the device will be ignored until the erase operation is completed as indicated by Data# Polling or Toggle Bit. If Q3 is low ("0"), the device will accept additional sector erase commands. To insure the command has been accepted, the system software should check the status of Q3 prior to and following each subsequent sector erase command. If Q3 were high on the second status check, the command may not have been accepted. CE# = VIH or WE# = VIH. To initiate a write cycle CE# and WE# must be a logical zero while OE# is a logical one.
POWER SUPPLY DECOUPLING In order to reduce power switching effect, each device should have a 0.1uF ceramic capacitor connected between its VCC and GND.
POWER-UP SEQUENCE
The MX29LV040C powers up in the Read only mode. In addition, the memory contents may only be altered after successful completion of the predefined command sequences.
DATA PROTECTION
The MX29LV040C is designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transition. During power up the device automatically resets the state machine in the Read mode. In addition, with its control register architecture, alteration of the memory contents only occurs after successful completion of specific command sequences. The device also incorporates several features to prevent inadvertent write cycles resulting from VCC power-up and power-down transition or system noise.
SECTOR PROTECTION
The MX29LV040C features hardware sector protection. This feature will disable both program and erase operations for these sectors protected. To activate this mode, the programming equipment must force VID on address pin A9 and OE# (suggest VID = 12V). Programming of the protection circuitry begins on the falling edge of the WE# pulse and is terminated on the rising edge. Please refer to sector protect algorithm and waveform. To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9 ( with CE# and OE# at VIL and WE# at VIH). When A1=VIH, A0=VIL, A6=VIL, it will produce a logical "1" code at device output Q0 for a protected sector. Otherwise the device will produce 00H for the unprotected sector. In this mode, the addresses, except for A1, are don't care. Address locations with A1 = VIL are reserved to read manufacturer and device codes.(Read Silicon ID) It is also possible to determine if the sector is protected in the system by writing a Read Silicon ID command. Performing a read operation with A1=VIH, it will produce a logical "1" at Q0 for the protected sector.
LOW VCC WRITE INHIBIT
When VCC is less than VLKO the device does not accept any write cycles. This protects data during VCC power-up and power-down. The command register and all internal program/erase circuits are disabled, and the device resets. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the proper signals to the control pins to prevent unintentional write when VCC is greater than VLKO.
WRITE PULSE "GLITCH" PROTECTION
Noise pulses of less than 5ns(typical) on CE# or WE# will not initiate a write cycle.
LOGICAL INHIBIT
Writing is inhibited by holding any one of OE# = VIL,
P/N:PM1149 REV. 1.3, APR. 24, 2006
15
MX29LV040C
CHIP UNPROTECT
The MX29LV040C also features the chip unprotect mode, so that all sectors are unprotected after chip unprotect is completed to incorporate any changes in the code. It is recommended to protect all sectors before activating chip unprotect mode. To activate this mode, the programming equipment must force VID on control pin OE# and address pin A9. The CE# pins must be set at VIL. Pins A6 must be set to VIH. Refer to chip unprotect algorithm and waveform for the chip unprotect algorithm. The unprotected mechanism begins on the falling edge of the WE# pulse and is terminated on the rising edge. It is also possible to determine if the chip is unprotected in the system by writing the Read Silicon ID command. Performing a read operation with A1=VIH, it will produce 00H at data outputs(Q0-Q7) for an unprotected sector. It is noted that all sectors are unprotected after the chip unprotect algorithm is completed.
P/N:PM1149
REV. 1.3, APR. 24, 2006
16
MX29LV040C
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Plastic Packages . . . . . . . . . . . . . ..... -65oC to +150oC Ambient Temperature with Power Applied. . . . . . . . . . . . . .... -65oC to +125oC Voltage with Respect to Ground VCC (Note 1) . . . . . . . . . . . . . . . . . -0.5 V to +4.0 V A9, OE#, and All other pins (Note 1) . . . . . . . -0.5 V to VCC +0.5 V Output Short Circuit Current (Note 3) . . . . . . 200 mA Notes: 1. Minimum DC voltage on input or I/O pins is -0.5 V. During voltage transitions, input or I/O pins may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCC +0.5 V. During voltage transitions, input or I/O pins may overshoot to VCC +2.0 V for periods up to 20 ns. 2. Minimum DC input voltage on pins A9 and OE# is -0.5 V. During voltage transitions, A9 and OE# may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC input voltage on pin A9 is +12.5 V which may overshoot to 14.0 V for periods up to 20 ns. 3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
OPERATING RATINGS
Commercial (C) Devices Ambient Temperature (TA ). . . . . . . . . . . . 0C to +70C Industrial (I) Devices Ambient Temperature (TA ). . . . . . . . . . -40C to +85C VCC Supply Voltages VCC for full voltage range. . . . . . . . . . . +2.7 V to 3.6 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
P/N:PM1149
REV. 1.3, APR. 24, 2006
17
MX29LV040C
Table 7. CAPACITANCE TA = 25oC, f = 1.0 MHz
SYMBOL CIN1 CIN2 COUT PARAMETER MIN. Input Capacitance Control Pin Capacitance Output Capacitance TYP MAX. 8 12 12 UNIT pF pF pF CONDITIONS VIN = 0V VIN = 0V VOUT = 0V
Table 8. DC CHARACTERISTICS TA = 0oC to 70oC, VCC = 2.7V to 3.6V
Symbol ILI ILIT ILO ICC1 PARAMETER Input Leakage Current A9 Input Leakage Current Output Leakage Current VCC Active Read Current 7 2 ICC2 ICC3 ICC4 VCC Active write Current VCC Standby Current VCC Standby Current During Reset ICC5 VIL VIH VID Automatic sleep mode Input Low Voltage(Note 1) Input High Voltage Voltage for Auto Select VOL VOH1 VOH2 Output Low Voltage Output High Voltage(TTL) Output High Voltage (CMOS) VLKO Low VCC Lock-Out Voltage (Note 4) NOTES: 1. VIL min. = -1.0V for pulse width is equal to or less than 50 ns. VIL min. = -2.0V for pulse width is equal to or less than 20 ns. 2. VIH max. = VCC + 1.5V for pulse width is equal to or less than 20 ns If VIH is over the specified maximum value, read operation cannot be guaranteed. 3. Automatic sleep mode enable the low power mode when addresses remain stable for tACC +30ns. 4. Not 100% tested. 1.4 2.1 V 0.85xVCC VCC-0.4 0.45 V IOL = 4.0mA, VCC= VCC min IOH = -2mA, VCC=VCC min IOH = -100uA, VCC min -0.5 0.7xVCC 11.5 0.2 5 0.8 VCC+ 0.3 12.5 uA V V V VCC=3.3V VIH=VCC 0.3V;VIL=VSS 0.3V 15 0.2 0.2 MIN. TYP MAX. 1 35 1 12 4 30 5 5 UNIT uA uA uA mA mA mA uA uA CE#=VIL, OE#=VIH CE#;VCC 0.3V CE#; VCC 0.3V CONDITIONS VIN = VSS to VCC VCC=VCC max; A9=12.5V VOUT = VSS to VCC, VCC=VCC max CE#=VIL, OE#=VIH @5MHz @1MHz
P/N:PM1149
REV. 1.3, APR. 24, 2006
18
MX29LV040C
AC CHARACTERISTICS TA = -40oC to 85oC, VCC = 2.7V~3.6V
Table 9. READ OPERATIONS
29LV040C-55R 29LV040C-70 SYMBOL PARAMETER tRC tACC tCE tOE tDF tOEH Read Cycle Time (Note 1) Address to Output Delay CE# to Output Delay OE# to Output Delay OE# High to Output Float (Note1) Output Enable Read Hold Time Toggle and Data# Polling tOH Address to Output hold 0 0 0 ns CE#=OE#=VIL 0 0 10 MIN. 55 55 55 30 25 0 0 10 MAX. MIN. 70 70 70 30 25 0 0 10 MAX. 29LV040C-90 MIN. 90 90 90 35 30 MAX. UNIT ns ns ns ns ns ns ns CE#=OE#=VIL OE#=VIL CE#=VIL CE#=VIL CONDITIONS
TEST CONDITIONS:
* Input pulse levels: 0V/3.0V. * Input rise and fall times is equal to or less than 5ns. * Output load: 1 TTL gate + 100pF (Including scope and jig), for 29LV040C-90. 1 TTL gate + 30pF (Including scope and jig) for 29LV040C-70. * Reference levels for measuring timing: 1.5V.
NOTE: 1. Not 100% tested. 2. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven.
P/N:PM1149
REV. 1.3, APR. 24, 2006
19
MX29LV040C
Figure 1. SWITCHING TEST CIRCUITS
DEVICE UNDER TEST
2.7K ohm +3.3V
CL
6.2K ohm
DIODES=IN3064 OR EQUIVALENT
CL=100pF Including jig capacitance CL=30pF for MX29LV040C-70
Figure 2. SWITCHING TEST WAVEFORMS
3.0V
1.5V
TEST POINTS
1.5V
0V INPUT
OUTPUT
AC TESTING: Inputs are driven at 3.0V for a logic "1" and 0V for a logic "0". Input pulse rise and fall times are < 5ns.
P/N:PM1149
REV. 1.3, APR. 24, 2006
20
MX29LV040C
Figure 3. READ TIMING WAVEFORMS
tRC VIH
Addresses
VIL
ADD Valid
tACC tCE
CE#
VIH VIL
WE#
VIH VIL tOEH VIH
tOE
tDF
OE#
VIL tACC tOH
Outputs
VOH VOL
HIGH Z
DATA Valid
HIGH Z
P/N:PM1149
REV. 1.3, APR. 24, 2006
21
MX29LV040C
AC CHARACTERISTICS TA = -40oC to 85oC, VCC = 2.7V~3.6V
Table 10. Erase/Program Operations
29LV040C-55R SYMBOL PARAMETER tWC tAS tAH tDS tDH tOES tGHWL tCS tCH tWP tWPH Write Cycle Time (Note 1) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write (OE# High to WE# Low) CE# Setup Time CE# Hold Time Write Pulse Width Write Pulse Width High 0 0 35 30 9(TYP.) 0.7(TYP.) 50 50 0 0 35 30 9(TYP.) 0.7(TYP.) 50 50 0 0 35 30 9(TYP.) 0.7(TYP.) 50 50 ns ns ns ns us sec us us MIN. 55 0 45 35 0 0 0 MAX. 29LV040C-70 MIN. 70 0 45 35 0 0 0 MAX. 29LV040C-90 MIN. 90 0 45 45 0 0 0 MAX. Unit ns ns ns ns ns ns ns
tWHWH1 Programming Operation (Note 2) tWHWH2 Sector Erase Operation (Note 2) tVCS tBAL VCC Setup Time (Note 1) Sector Address Load Time
NOTES: 1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
P/N:PM1149
REV. 1.3, APR. 24, 2006
22
MX29LV040C
AC CHARACTERISTICS
TA = -40oC to 85oC, VCC = 2.7V~3.6V
Table 11. Alternate CE# Controlled Erase/Program Operations
29LV040C-55R SYMBOL tWC tAS tAH tDS tDH tOES tGHEL tWS tWH tCP tCPH tWHWH1 tWHWH2 PARAMETER Write Cycle Time (Note 1) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write WE# Setup Time WE# Hold Time CE# Pulse Width CE# Pulse Width High Programming Operation(note2) Sector Erase Operation (note2) MIN. 55 0 45 35 0 0 0 0 0 35 30 9(Typ.) 0.7(Typ.) MAX. 29LV040C-70 MIN. 70 0 45 35 0 0 0 0 0 35 30 9(Typ.) 0.7(Typ.) MAX. 29LV040C-90 MIN. 90 0 45 45 0 0 0 0 0 35 30 9(Typ.) 0.7(Typ.) MAX. UNIT ns ns ns ns ns ns ns ns ns ns ns us sec
NOTE: 1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
P/N:PM1149
REV. 1.3, APR. 24, 2006
23
MX29LV040C
Figure 4. COMMAND WRITE TIMING WAVEFORM
VCC
3V
Addresses
VIH
ADD Valid
VIL tAS tAH
WE#
VIH VIL tOES tWPH tCWC
tWP
CE#
VIH VIL tCS tCH
OE#
VIH VIL VIH tDS tDH
Data
VIL
DIN
P/N:PM1149
REV. 1.3, APR. 24, 2006
24
MX29LV040C
AUTOMATIC PROGRAMMING TIMING WAVEFORM
One byte data is programmed. Verify in fast algorithm and additional verification by external control are not required because these operations are executed automatically by internal control circuit. Programming completion can be verified by Data# Polling and toggle bit checking after automatic programming starts. Device outputs DATA# during programming and DATA# after programming on Q7.(Q6 is for toggle bit; see toggle bit, Data# Polling, timing waveform)
Figure 5. AUTOMATIC PROGRAMMING TIMING WAVEFORM
Program Command Sequence(last two cycle)
tWC tAS
Read Status Data (last two cycle)
Address
555h
PA
tAH
PA
PA
CE#
tCH tGHWL
OE#
tWP
tWHWH1
WE#
tCS tDS tDH
tWPH
A0h Data
PD
Status
DOUT
tVCS
VCC
NOTES: 1.PA=Program Address, PD=Program Data, DOUT is the true data the program address
P/N:PM1149
REV. 1.3, APR. 24, 2006
25
MX29LV040C
Figure 6. AUTOMATIC PROGRAMMING ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data A0H Address 555H
Write Program Data/Address
Increment Address
Data Poll from system
No Verify Word Ok ?
YES
No Last Address ?
YES
Auto Program Completed
P/N:PM1149
REV. 1.3, APR. 24, 2006
26
MX29LV040C
Figure 7. CE# CONTROLLED PROGRAM TIMING WAVEFORM
PA for program SA for sector erase 555 for chip erase
555 for program 2AA for erase
Data# Polling Address
tWC tWH tAS tAH
PA
WE#
tGHEL
OE#
tCP tWHWH1 or 2
CE#
tWS tDS tDH
tCPH
Q7 Data
A0 for program 55 for erase PD for program 30 for sector erase 10 for chip erase
DOUT
NOTES: 1.PA=Program Address, PD=Program Data, DOUT=Data Out, Q7=complement of data written to device. 2.Figure indicates the last two bus cycles of the command sequence.
P/N:PM1149
REV. 1.3, APR. 24, 2006
27
MX29LV040C
AUTOMATIC CHIP ERASE TIMING WAVEFORM
All data in chip are erased. External erase verification is not required because data is verified automatically by internal control circuit. Erasure completion can be verified by Data# Polling and toggle bit checking after automatic erase starts. Device outputs 0 during erasure and 1 after erasure on Q7.(Q6 is for toggle bit; see toggle bit, Data# Polling, timing waveform)
Figure 8. AUTOMATIC CHIP ERASE TIMING WAVEFORM
Erase Command Sequence(last two cycle)
tWC tAS
Read Status Data
Address
2AAh
555h
tAH
VA
VA
CE#
tCH tGHWL
OE#
tWP
tWHWH2
WE#
tCS tDS tDH
tWPH
55h Data
10h
In Progress Complete
tVCS
VCC
NOTES: SA=sector address(for Sector Erase), VA=Valid Address for reading status data(see "Write Operation Status").
P/N:PM1149
REV. 1.3, APR. 24, 2006
28
MX29LV040C
Figure 9. AUTOMATIC CHIP ERASE ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 80H Address 555H
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 10H Address 555H
Data Pall from System
NO
Data=FFh ?
YES
Auto Chip Erase Completed
P/N:PM1149
REV. 1.3, APR. 24, 2006
29
MX29LV040C
AUTOMATIC SECTOR ERASE TIMING WAVEFORM
Sector indicated by A13 to A18 are erased. External erase verify is not required because data are verified automatically by internal control circuit. Erasure completion can be verified by Data# Polling and toggle bit checking after automatic erase starts. Device outputs 0 during erasure and 1 after erasure on Q7.(Q6 is for toggle bit; see toggle bit, Data# Polling, timing waveform)
Figure 10. AUTOMATIC SECTOR ERASE TIMING WAVEFORM
Erase Command Sequence(last two cycle)
tWC tAS
Read Status Data
Address
2AAh
Sector Address 0
tAH
Sector Address 1
Sector Address n
VA
VA
CE#
tCH tGHWL
OE#
tBAL tWHWH2
tWP
WE#
tCS tDS tDH
tWPH
55h Data
30h
30h
30h
In Progress Complete
tVCS
VCC
NOTES: SA=sector address(for Sector Erase), VA=Valid Address for reading status data(see "Write Operation Status").
P/N:PM1149
REV. 1.3, APR. 24, 2006
30
MX29LV040C
Figure 11. AUTOMATIC SECTOR ERASE ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 80H Address 555H
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 30H Sector Address
Last Sector to Erase YES Data Poll from System
NO
Data=FFh
NO
YES
Auto Sector Erase Completed
P/N:PM1149
REV. 1.3, APR. 24, 2006
31
MX29LV040C
Figure 12. ERASE SUSPEND/ERASE RESUME FLOWCHART
START
Write Data B0H
ERASE SUSPEND Toggle Bit checking Q6 not toggled YES Read Array or Program NO
Reading or Programming End YES Write Data 30H
NO
Delay at least 400us (note)
ERASE RESUME
Continue Erase
Another Erase Suspend ? YES
NO
Note: Repeatedly suspending the device more often may have undetermined effects.
P/N:PM1149
REV. 1.3, APR. 24, 2006
32
MX29LV040C
Figure 13. TIMING WAVEFORM FOR SECTOR PROTECT
A1
A6
12V 3V A9
tVLHT Verify
12V 3V OE#
tVLHT tWPP 1 tVLHT
WE#
tOESP
CE#
Data
tOE
01H
F0H
A18-A12
Sector Address
P/N:PM1149
REV. 1.3, APR. 24, 2006
33
MX29LV040C
Figure 14. SECTOR PROTECTION ALGORITHM
START
Set Up Sector Addr
PLSCNT=1
OE#=VID, A9=VID, CE#=VIL A6=VIL
Activate WE# Pulse
Time Out 150us
Set WE#=VIH, CE#=OE#=VIL A9 should remain VID
No
Read from Sector Addr=SA, A1=1
PLSCNT=32?
No
Data=01H?
Yes Device Failed
Protect Another Sector?
Yes
Remove VID from A9 Write Reset Command
Sector Protection Complete
P/N:PM1149
REV. 1.3, APR. 24, 2006
34
MX29LV040C
Figure 15. TIMING WAVEFORM FOR CHIP UNPROTECTED
A1
12V 3V A9
tVLHT
A6
Verify
12V 3V OE#
tVLHT tWPP 2 time out 50ms tVLHT
WE#
tOESP
CE#
Data
tOE
00H
F0H
A17-A12
Sector Address
Notes: tWPP1 (Write pulse width for sector protect)=100ns min. tWPP2 (Write pulse width for sector unprotect)=100ns min.
P/N:PM1149
REV. 1.3, APR. 24, 2006
35
MX29LV040C
Figure 16. CHIP UNPROTECTED ALGORITHM
START
Protect All Sectors
PLSCNT=1
Set OE#=A9=VID CE#=VIL, A6=1
Activate WE# Pulse
Time Out 50ms
Increment PLSCNT
Set OE#=CE#=VIL A9=VID,A1=1
Set Up First Sector Addr
Read Data from Device No
Increment Sector Addr
Data=00H?
No PLSCNT=1000?
Yes No
Yes Device Failed
All sectors have been verified? Yes Remove VID from A9 Write Reset Command
Chip Unprotect Complete
* It is recommended before unprotect whole chip, all sectors should be protected in advance.
P/N:PM1149
REV. 1.3, APR. 24, 2006
36
MX29LV040C
WRITE OPERATION STATUS Figure 17. DATA# POLLING ALGORITHM
Start
Read Q7~Q0 Add.=VA(1)
Q7 = Data ?
Yes
No No
Q5 = 1 ?
Yes Read Q7~Q0 Add.=VA
Q7 = Data ? (2) No FAIL
Yes
Pass
NOTE : 1.VA=Valid address for programming 2.Q7 should be re-checked even Q5="1" because Q7 may change simultaneously with Q5.
P/N:PM1149
REV. 1.3, APR. 24, 2006
37
MX29LV040C
Figure 18. TOGGLE BIT ALGORITHM
Start
Read Q7-Q0
Read Q7-Q0
(Note 1)
T oggle Bit Q6 = T oggle ?
NO
YES
NO Q5= 1?
YES
Read Q7~Q0 T wice
(Note 1,2)
T oggle bit Q6= T oggle?
NO
YES
Program/Erase Operation Not Complete,Write Reset Command
Program/Erase operation Complete
Note:1.Read toggle bit twice to determine whether or not it is toggling. 2. Recheck toggle bit because it may stop toggling as Q5 change to "1".
P/N:PM1149
REV. 1.3, APR. 24, 2006
38
MX29LV040C
Figure 19. DATA# POLLING TIMINGS (DURING AUTOMATIC ALGORITHMS)
tRC
Address
VA
tACC tCE
VA
VA
CE#
tCH tOE
OE#
tOEH tDF
WE#
tOH
Q7
Complement
Complement
True
Valid Data
High Z
Q0-Q6
Status Data
Status Data
True
Valid Data
High Z
NOTES: 1. VA=Valid address. Figure shows are first status cycle after command sequence, last status read cycle, and array data read cycle. 2. CE# must be toggled when DATA# polling.
P/N:PM1149
REV. 1.3, APR. 24, 2006
39
MX29LV040C
Figure 20. TOGGLE BIT TIMING WAVEFORMS (DURING AUTOMATIC ALGORITHMS)
tRC
Address
VA
tACC tCE
VA
VA
VA
CE#
tCH tOE
OE#
tOEH tDF
WE#
tOH
Q6/Q2
High Z
Valid Status (first read)
Valid Status (second read)
Valid Data (stops toggling)
Valid Data
NOTES: 1. VA=Valid address; not required for Q6. Figure shows first two status cycle after command sequence, last status read cycle, and array data read cycle. 2. CE# must be toggled when toggle bit toggling.
P/N:PM1149
REV. 1.3, APR. 24, 2006
40
MX29LV040C
Figure 21. Q6 vs Q2 for Erase and Erase Suspend Operations
Enter Embedded Erasing
Erase Suspend Erase
Enter Erase Suspend Program Erase Suspend Program Erase Suspend Read
Erase Resume Erase Erase Complete
WE#
Q6
Q2
NOTES: The system can use OE# or CE# to toggle Q2/Q6, Q2 toggles only when read at an address within an erase-suspended
P/N:PM1149
REV. 1.3, APR. 24, 2006
41
MX29LV040C
Figure 22. ID CODE READ TIMING WAVEFORM
VCC
3V VID VIH VIL
VIH VIL tACC VIH tACC
ADD A9
ADD A0
A1
VIL
ADD A2-A8 A10-A17 CE#
VIH VIL
VIH VIL
WE#
VIH VIL
tCE
OE#
VIH VIL
tOE tDF tOH tOH
VIH
DATA Q0-Q7
DATA OUT
VIL
DATA OUT B9H/BAH (Byte) 22B9H/22BAH (Word)
C2H/00C2H
P/N:PM1149
REV. 1.3, APR. 24, 2006
42
MX29LV040C
RECOMMENDED OPERATING CONDITIONS
At Device Power-Up AC timing illustrated in Figure A is recommended for the supply voltages and the control signals at device power-up. If the timing in the figure is ignored, the device may not operate correctly.
VCC(min)
VCC
GND
tVR tR or tF tACC tR or tF
VIH
ADDRESS
VIL
Valid Address
tF tCE tR
VIH
CE#
VIL
VIH
WE#
VIL
tF
VIH
tOE
tR
OE#
VIL
VIH
WP#/ACC
VIL
VOH
DATA
High Z
VOL
Valid Ouput
Figure A. AC Timing at Device Power-Up
Symbol tVR tR tF
Parameter VCC Rise Time Input Signal Rise Time Input Signal Fall Time
Notes 1 1,2 1,2
Min. 20
Max. 500000 20 20
Unit us/V us/V us/V
Notes : 1. Sampled, not 100% tested. 2. This specification is applied for not only the device power-up but also the normal operations.
P/N:PM1149
REV. 1.3, APR. 24, 2006
43
MX29LV040C
Table 12. ERASE AND PROGRAMMING PERFORMANCE (1)
PARAMETER Sector Erase Time Chip Erase Time Byte Programming Time Chip Programming Time Erase/Program Cycles Note: 100,000 MIN. LIMITS TYP.(2) 0.7 4 9 4.5 MAX.(3) 15 32 300 13.5 UNITS sec sec us sec Cycles
1.Not 100% Tested, Excludes external system level over head. 2.Typical values measured at 25C, 3V. 3.Maximum values measured at 25C, 2.7V.
Table 13. LATCH-UP CHARACTERISTICS
MIN. Input Voltage with respect to GND on all pins except I/O pins Input Voltage with respect to GND on all I/O pins Current Includes all pins except Vcc. Test conditions: VCC = 3.0V, one pin at a time. -1.0V -1.0V -100mA MAX. 12.5V VCC + 1.0V +100mA
Table 14. DATA RETENTION
Parameter Description Test Conditions 150C Data Retention Time 125C 20 Years Min 10 Unit Years
P/N:PM1149
REV. 1.3, APR. 24, 2006
44
MX29LV040C
QUERY COMMAND AND COMMON FLASH INTERFACE (CFI) MODE ( for MX29LV040C)
MX29LV040C is capable of operating in the CFI mode. This mode all the host system to determine the manufacturer of the device such as operating parameters and configuration. Two commands are required in CFI mode. Query command of CFI mode is placed first, then the Reset command exits CFI mode. These are described in Table 15. The single cycle Query command is valid only when the device is in the Read mode, including Erase Suspend, Standby mode, and Read ID mode; however, it is ignored otherwise. The Reset command exits from the CFI mode to the Read mode, or Erase Suspend mode, or read ID mode. The command is valid only when the device is in the CFI mode.
TABLE 15-1. CFI mode: Identification Data Values
(All values in these tables are in hexadecimal) Description Query-unique ASCII string "QRY" Address (Byte Mode) 20 22 24 26 28 2A 2C 2E 30 32 34 Data 0051 0052 0059 0002 0000 0040 0000 0000 0000 0000 0000
Primary vendor command set and control interface ID code Address for primary algorithm extended query table Alternate vendor command set and control interface ID code (none) Address for secondary algorithm extended query table (none)
TABLE 15-2. CFI Mode: System Interface Data Values
(All values in these tables are in hexadecimal) Description VCC supply, minimum (2.7V) VCC supply, maximum (3.6V) VPP supply, minimum (none) VPP supply, maximum (none) Typical timeout for single word/byte write (2N us) Typical timeout for Minimum size buffer write (2N us) Typical timeout for individual block erase (2N ms) Typical timeout for full chip erase (2N ms) Maximum timeout for single word/byte write times (2N X Typ) Maximum timeout for buffer write times (2N X Typ) Maximum timeout for individual block erase times (2N X Typ) Maximum timeout for full chip erase times (not supported)
P/N:PM1149
Address (Byte Mode) 36 38 3A 3C 3E 40 42 44 46 48 4A 4C
Data 0027 0036 0000 0000 0004 0000 000A 0000 0005 0000 0004 0000
REV. 1.3, APR. 24, 2006
45
MX29LV040C
TABLE 15-3. CFI Mode: Device Geometry Data Values
(All values in these tables are in hexadecimal) Description Device size (2N bytes) Flash device interface code (refer to the CFI publication 100) Maximum number of bytes in multi-byte write (not supported) Number of erase block regions Erase block region 1 information (refer to the CFI publication 100) Address (Byte Mode) 4E 50 52 54 56 58 5A 5C 5E 60 62 64 66 68 6A 6C 6E 70 72 74 76 78 Data 0013 0000 0000 0000 0000 0001 0007 0000 0000 0001 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000
Erase block region 2 information
Erase block region 3 information
Erase block region 4 information
TABLE 15-4. CFI Mode: Primary Vendor-Specific Extended Query Data Values
(All values in these tables are in hexadecimal) Description Query-unique ASCII string "PRI" Address (Byte Mode) 80 82 84 86 88 8A 8C 8E 90 92 94 96 98 Data 0050 0052 0049 0031 0030 0001 0002 0001 0001 0004 0000 0000 0000
REV. 1.3, APR. 24, 2006
Major version number, ASCII Minor version number, ASCII Address sensitive unlock (0=required, 1= not required) Erase suspend (2= to read and write) Sector protect (N= # of sectors/group) Temporary sector unprotected (1=supported) Sector protect/unprotected scheme Simultaneous R/W operation (0=not supported) Burst mode type (0=not supported) Page mode type (0=not supported)
P/N:PM1149
46
MX29LV040C
ORDERING INFORMATION PLASTIC PACKAGE
PART NO. MX29LV040CTC-55R MX29LV040CTC-70 MX29LV040CTC-90 MX29LV040CTC-12 MX29LV040CQC-55R MX29LV040CQC-70 MX29LV040CQC-90 MX29LV040CQC-12 MX29LV040CTI-55R MX29LV040CTI-70 MX29LV040CTI-90 MX29LV040CTI-12 MX29LV040CQI-55R MX29LV040CQI-70 MX29LV040CQI-90 MX29LV040CQI-12 MX29LV040CTC-55Q MX29LV040CTC-70G MX29LV040CTC-90G MX29LV040CTC-12G MX29LV040CQC-55Q MX29LV040CQC-70G MX29LV040CQC-90G MX29LV040CQC-12G MX29LV040CTI-55Q MX29LV040CTI-70G MX29LV040CTI-90G MX29LV040CTI-12G MX29LV040CQI-55Q MX29LV040CQI-70G MX29LV040CQI-90G MX29LV040CQI-12G ACCESS TIME(ns) 55 70 90 120 55 70 90 120 55 70 90 120 55 70 90 120 55 70 90 120 55 70 90 120 55 70 90 120 55 70 90 120 OPERATING 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 STANDBY 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 PACKAGE 32 Pin TSOP 32 Pin TSOP 32 Pin TSOP 32 Pin TSOP 32 Pin PLCC 32 Pin PLCC 32 Pin PLCC 32 Pin PLCC 32 Pin TSOP 32 Pin TSOP 32 Pin TSOP 32 Pin TSOP 32 Pin PLCC 32 Pin PLCC 32 Pin PLCC 32 Pin PLCC 32 Pin TSOP 32 Pin TSOP 32 Pin TSOP 32 Pin TSOP 32 Pin PLCC 32 Pin PLCC 32 Pin PLCC 32 Pin PLCC 32 Pin TSOP 32 Pin TSOP 32 Pin TSOP 32 Pin TSOP 32 Pin PLCC 32 Pin PLCC 32 Pin PLCC 32 Pin PLCC PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free PB free Remark
CURRENT MAX.(mA) CURRENT MAX.(uA)
P/N:PM1149
REV. 1.3, APR. 24, 2006
47
MX29LV040C
PART NAME DESCRIPTION
MX 29 LV 040 C TC 70 G
OPTION: G: Lead-free package R: Restricted VCC (3.0V~3.6V) Q: Restricted VCC (3.0V~3.6V) with Lead-free package SPEED: 55: 55ns 70: 70ns 90: 90ns 12:120ns TEMPERATURE RANGE: C: Commercial (0C to 70C) I: Industrial (-40C to 85C) PACKAGE: Q: PLCC T: TSOP REVISION: C DENSITY & MODE: 040: 4M, x8 Equal Sector TYPE: L, LV: 3V DEVICE: 29:Flash
P/N:PM1149
REV. 1.3, APR. 24, 2006
48
MX29LV040C
PACKAGE INFORMATION
P/N:PM1149
REV. 1.3, APR. 24, 2006
49
MX29LV040C
P/N:PM1149
REV. 1.3, APR. 24, 2006
50
MX29LV040C
REVISION HISTORY
Revision No. Description 1.0 1. Removed "Preliminary" 2. Added "Recommended Operating Conditions" 1.1 1. Modified "Low power consumption--active current" from 20mA(Max.) to 30mA(Max.) 2. Added description about Pb-free devices are RoHS Compliant 1.2 1. Modified Erase Resume from delay 10ms to delay 400us 1.3 1. Modified table 15. CFI mode 2. Added VLKO description Page P1 P43 P1 P1 P12,32 P45,46 P15,18 Date JUN/30/2005 AUG/30/2005
JAN/17/2006 APR/24/2006
P/N:PM1149
REV. 1.3, APR. 24, 2006
51
MX29LV040C
MACRONIX INTERNATIONAL CO., LTD.
Headquarters:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
Europe Office :
TEL:+32-2-456-8020 FAX:+32-2-456-8021
Hong Kong Office :
TEL:+86-755-834-335-79 FAX:+86-755-834-380-78
Japan Office :
Kawasaki Office :
TEL:+81-44-246-9100 FAX:+81-44-246-9105
Osaka Office :
TEL:+81-6-4807-5460 FAX:+81-6-4807-5461
Singapore Office :
TEL:+65-6346-5505 FAX:+65-6348-8096
Taipei Office :
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-262-8887 FAX:+1-408-262-8810
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of MX29LV040CQC-70G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X