Part Number Hot Search : 
APS3605 STYN830 DKF5035 10009 M6502W ST8024S 2SK4147 MBR05
Product Description
Full Text Search
 

To Download MRF160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF160/D
The RF MOSFET Line
Power Field Effect Transistor
N-Channel Enhancement-Mode MOSFET
* Guaranteed 28 Volt, 500 MHz Performance Output Power = 4.0 Watts Gain = 16 dB (Min) Efficiency = 55% (Typ) * Excellent Thermal Stability, Ideally Suited for Class A Operation * Facilitates Manual Gain Control, ALC and Modulation Techniques * 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR * Low Crss - 0.8 pF Typical at VDS = 28 Volts Designed primarily for wideband large-signal output and driver from 30-500 MHz.
MRF160
To 500 MHz, 4 W, 28 V MOSFET BROADBAND RF POWER FET
D
G S
CASE 249-06, STYLE 3
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-Gate Voltage Drain-Gate Voltage (RGS = 1.0 M) Gate-Source Voltage Drain Current-Continuous Total Device Dissipation @ TC = 25C Derate Above 25C Storage Temperature Range Operating Junction Temperature Symbol VDSS VDGR VGS ID PD Tstg TJ Value 65 65 20 1.0 24 0.14 - 65 to +150 200 Unit Vdc Vdc Vdc ADC Watts W/C C C
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction to Case RJC 7.2 C/W
NOTE -- CAUTION -- MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
REV 5
1
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VDS = 0 Vdc, VGS = 0 Vdc, ID = 1.0 mA) Zero Gate Voltage Drain Current (VDS = 28 Vdc, VGS = 0 V) Gate-Source Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) V(BR)DSS 65 IDSS -- IGSS -- -- 1.0 -- 0.5 A -- -- mA Vdc
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 Vdc, ID = 10 mA) Drain Source On-Voltage (VDS (on), VGS = 10 Vdc, ID = 500 mA) Forward Transconductance (VDS = 10 Vdc, ID = 250 mA) VGS(th) 1.5 VDS(on) -- gfs 150 220 -- 3.8 -- mS 3.0 4.5 Vdc Vdc
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 28 Vdc, VGS = 0 V, f = 1.0 MHz) Output Capacitance (VDS = 28 V, VGS = 0 Vdc, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 28 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss -- Coss -- Crss -- 0.8 -- 6.5 -- pF 6.0 -- pF pF
FUNCTIONAL CHARACTERISTICS
Common Source Power Gain (VDD = 28 Vdc, Pout = 4.0 W, f = 500 MHz, IDQ = 50 mA) Drain Efficiency (VDD = 28 Vdc, Pout = 4.0 W, f = 500 MHz, IDQ = 50 mA) Electrical Ruggedness (VDD = 28 Vdc, Pout = 4.0 W, f = 500 MHz, IDQ = 50 mA) Load VSWR = 30:1 at All Phase Angles at Frequency of Test Series Equivalent Input Impedance (VDD = 28 Vdc, Pout = 4.0 W, f = 500 MHz, IDQ = 50 mA) Series Equivalent Output Impedance (VDD = 28 Vdc, Pout = 4.0 W, f = 500 MHz, IDQ = 50 mA) Gps 16 50 No Degradation in Output Power Zin -- Zout -- 21 - j28 -- 6.8 - j21 -- Ohms Ohms 55 -- 18 -- % dB
REV 5
2
R3 Bias Supply R2 C7 C8 RFC2 R1
C10
RFC1
C11
VDD 28 V +
+ VDC
C9 -
C12
RF Output RF Input C6 C1 C2 DUT C5
C3
C4
C1, C6 C2 C4, C5 C3 C7, C9 C8 C10, C11 C12
240 pF, 100 mil Chip Capacitors 15 pF, 100 mil ATC Chip Capacitor 1 - 10 pF, Johanson Trimmer Capacitors 24 pF, 100 mil ATC Chip Capacitor 0.1 mF, 100 mil Chip Capacitors 220 pF, 100 mil ATC Chip Capacitor 680 pF, Feed Through Capacitors 50 mF, 50 V Electrolytic Capacitor
R1 R2 R3 RFC1 RFC2
200 , 1/2 Watt 10 k, 1/2 Watt 1 k, 1/2 Watt Ferroxcube VK200-19/4B 8 Turns, #20 AWG, Enameled, ID 110 mils
Board Material -- 0.062, Teflon Fiberglass, 1 oz., Copper clad both sides, r = 2.55 C5 900 mils
Input Line 160 mils X 5315 mils C2 1300 mils C3 & C4 300 mils
Output Line 160 mils X 4345 mils
NOTE: Due to variation in Chip Capacitor values and board material, these are approximate positions.
Figure 1. MRF160 500 MHz Test Circuit
REV 5
3
Figure 2. MRF160 Broadband Test Fixture
REV 5
4
TYPICAL CHARACTERISTICS
7 Pout , OUTPUT POWER (WATTS) 6 5 4 3 2 1 0 0 40 80 120 Pin, INPUT POWER (mW) 160 200 0 12 16 20 24 VDS, DRAIN-SOURCE VOLTAGE (VOLTS) 28 Pout , OUTPUT POWER (WATTS) f = 500 MHz IDQ = 50 mA 6 f = 500 MHz IDQ = 50 mA Pin = 150 mW 75 mW 4 50 mW
2
25 mW
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Voltage
4.0 3.6 Pout , OUTPUT POWER (WATTS) 3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 0.5 1 1.5 2 2.5 VGS, GATE-SOURCE VOLTAGE (VOLTS) 3 3.5 f = 500 MHz VDS = 28 V IDQ = 50 mA Pin = Constant
32 28 C, CAPACITANCE (pF) 24 20 16 12 8 4 0 0 4 Ciss Crss 8 12 16 20 VDS, DRAIN-SOURCE VOLTAGE (VOLTS) 24 28 Coss f = 1.0 MHz VGS = 0 V
Figure 5. Output Power versus Gate Voltage
Figure 6. Capacitance versus Drain-Source Voltage
10
I D, DRAIN CURRENT (AMPS)
1
0.1
0
0
1 10 VDS, DRAIN VOLTAGE (VOLTS)
100
Figure 7. DC Safe Operating Area
REV 5
5
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
6
REV 5
f MHz
430 420 410 400 390 380 370 360 350 340 330 320 310 300 290 280 270 260 250 240 230 220 210 200 190 180 170 160 150 140 130 120 100 110 90 85 80 70 60 50 40 30
0.667 0.666 0.668 0.672 0.675 0.672 0.667 0.669 0.674 0.679 0.679 0.679 0.679 0.686 0.693 0.697 0.697 0.699 0.705 0.713 0.724 0.730 0.731 0.737 0.754 0.769 0.776 0.782 0.797 0.814 0.831 0.841 0.853 0.872 0.896 0.903 0.912 0.925 0.943 0.959 0.970 0.991 |S11|
Table 1. Common Source S-Parameters (VDS = 12.5 V, ID = 120 mA)
S11
-131 -131 -130 -129 -127 -125 -124 -123 -122 -121 -109 -108 -106 -104 -101 -119 -117 -116 -115 -113 -111 -99 -96 -94 -92 -89 -85 -82 -79 -75 -71 -67 -63 -58 -53 -51 -48 -42 -37 -31 -25 -19
10.20
10.70
12.40
12.90
13.50
13.70
13.90
14.30
14.80
15.20
15.50
15.80
11.10
11.50
11.90
|S21|
4.48 4.56 4.70 4.83 4.96 5.02 5.18 5.33 5.47 5.63 5.80 5.96 6.12 6.36 6.54 6.70 6.91 7.18 7.44 7.69 7.94 8.20 8.47 8.83 9.24 9.55 9.81
S21
101
103
105
107
109
122
126
128
131
135
139
141
143
147
151
156
161
166
112
115
117
119
74 74 75 77 78 80 80 82 83 84 86 87 88 90 92 93 94 96 97 99
0.066 0.067 0.069 0.070 0.071 0.066 0.068 0.070 0.070 0.071 0.070 0.070 0.069 0.072 0.071 0.071 0.070 0.070 0.070 0.072 0.071 0.069 0.068 0.068 0.069 0.068 0.066 0.064 0.063 0.061 0.059 0.056 0.054 0.051 0.048 0.046 0.044 0.040 0.035 0.030 0.025 0.019 |S12|
S12
-1 -1 13 14 15 15 16 20 21 22 23 25 28 32 32 34 37 40 43 46 48 52 54 56 59 63 67 72 77 11 0 2 4 3 3 4 5 7 8 9 7 9
0.646 0.644 0.654 0.655 0.655 0.614 0.644 0.650 0.645 0.648 0.648 0.642 0.639 0.664 0.658 0.654 0.661 0.673 0.676 0.696 0.697 0.692 0.692 0.707 0.725 0.737 0.740 0.739 0.760 0.777 0.788 0.796 0.812 0.830 0.851 0.857 0.863 0.880 0.900 0.918 0.933 0.938 |S22|
S22
-122 -122 -121 -108 -106 -104 -103 -102 -100 -119 -116 -119 -118 -116 -114 -114 -112 -110 -111 -99 -95 -94 -92 -90 -87 -83 -79 -78 -74 -70 -67 -63 -60 -57 -52 -49 -47 -42 -37 -31 -25 -19
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
7
REV 5
1000
f MHz
f MHz
280 270 260 250 240 230 220 210 200 190 180 170 160 150 140 130 120 100 900 800 700 600 500 490 480 470 460 450 440 110 90 85 80 70 60 50 40 30
0.760 0.761 0.764 0.769 0.777 0.785 0.790 0.792 0.798 0.813 0.824 0.830 0.836 0.848 0.862 0.875 0.884 0.893 0.908 0.927 0.932 0.938 0.947 0.961 0.971 0.978 0.995 0.748 0.724 0.731 0.708 0.693 0.670 0.670 0.666 0.663 0.662 0.670 0.671 |S11| |S11|
Table 1. Common Source S-Parameters (VDS = 12.5 V, ID = 120 mA) (continued)
S11
S11
Table 2. Common Source S-Parameters (VDS = 28 V, ID = 250 mA)
-109 -108 -106 -104 -101 -169 -165 -158 -152 -147 -138 -137 -136 -135 -135 -134 -132 -98 -96 -94 -91 -88 -84 -81 -78 -74 -69 -65 -61 -56 -51 -49 -46 -41 -36 -30 -24 -18
-111
10.30
10.70
12.20
12.70
13.10
13.30
13.40
13.80
14.20
14.50
14.70
15.00
|S21|
11.10
11.40
11.80
|S21|
6.91 7.13 7.40 7.65 7.92 8.10 8.36 8.63 9.00 9.38 9.64 9.86 1.73 1.93 2.22 2.61 3.06 3.81 3.88 3.95 4.05 4.15 4.29 4.39
S21
S21
101
104
105
107
109
122
125
128
131
134
138
141
143
145
149
153
158
162
167
112
115
117
119
95 96 97 99 28 32 40 46 55 66 67 68 69 70 71 72
0.055 0.055 0.055 0.055 0.057 0.055 0.054 0.053 0.053 0.053 0.053 0.050 0.049 0.048 0.047 0.045 0.043 0.040 0.038 0.036 0.034 0.033 0.029 0.026 0.022 0.018 0.014 0.027 0.037 0.037 0.044 0.053 0.063 0.064 0.064 0.065 0.067 0.068 0.066 |S12| |S12|
S12
S12
-32
-15
-14
-17
16 17 18 18 19 22 24 25 26 29 31 35 35 37 40 44 46 49 51 55 56 58 62 65 69 73 78 -6 -6 -5 -5 -5 -6 -1 -1
0.640 0.649 0.662 0.663 0.694 0.677 0.677 0.682 0.701 0.719 0.729 0.718 0.733 0.754 0.772 0.781 0.788 0.802 0.825 0.839 0.845 0.851 0.867 0.885 0.900 0.913 0.919 0.778 0.760 0.733 0.723 0.689 0.670 0.663 0.663 0.664 0.677 0.663 0.651 |S22| |S22|
S22
S22
-153
-151
-146
-142
-136
-128
-128
-128
-127
-127
-123
-123
-82 -82 -81 -80 -78 -75 -73 -72 -70 -67 -64 -60 -60 -57 -54 -51 -48 -46 -43 -39 -37 -35 -32 -28 -23 -19 -15
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
1000 f MHz 900 800 700 600 500 490 480 470 460 450 440 430 420 410 400 390 380 370 360 350 340 330 320 310 300 290 0.769 0.759 0.765 0.745 0.736 0.730 0.730 0.727 0.724 0.723 0.731 0.731 0.729 0.728 0.731 0.734 0.737 0.732 0.730 0.733 0.738 0.743 0.744 0.744 0.743 0.751 0.757 |S11|
8
REV 5
Table 2. Common Source S-Parameters (VDS = 28 V, ID = 250 mA) (continued)
S11
-173 -168 -161 -156 -150 -140 -139 -138 -137 -137 -136 -134 -133 -132 -131 -130 -129 -127 -126 -124 -123 -121 -120 -118 -117 -115 -113
|S21|
1.98 2.20 2.54 2.99 3.54 3.99 4.05 4.13 4.24 4.37 4.47 4.57 4.67 4.78 4.92 5.04 5.17 5.21 5.40 5.55 5.70 5.85 6.01 6.17 6.37 6.59 6.75
S21
27 31 39 46 56 66 67 68 68 69 71 72 74 75 76 77 79 80 81 82 84 85 87 88 89 91 93
0.018 0.022 0.025 0.029 0.037 0.048 0.048 0.049 0.050 0.054 0.053 0.051 0.051 0.052 0.054 0.055 0.055 0.052 0.054 0.054 0.055 0.055 0.055 0.054 0.055 0.056 0.055 |S12|
S12
-34 -14 -5 -9 -4 -3 -3 -3 -4 10 12 14 11 11 1 1 0 1 3 4 7 4 4 6 8 9
19
0.756 0.742 0.713 0.699 0.657 0.647 0.641 0.642 0.647 0.673 0.630 0.626 0.628 0.630 0.641 0.639 0.627 0.593 0.623 0.631 0.629 0.629 0.628 0.619 0.635 0.645 0.641 |S22|
S22
-139 -136 -131 -126 -108 -107 -108 -107 -106 -102 -102 -101 -100 -99 -97 -93 -98 -96 -94 -92 -92 -90 -89 -90 -86 -84 -118
PACKAGE DIMENSIONS
2
3
1
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. SEATING PLANE = GROUND AND IS CONNECTED TO PIN 1 AND 3. INCHES MIN MAX 0.271 0.286 0.112 0.136 0.215 0.235 0.055 0.065 0.003 0.007 0.435 --- 45_ REF MILLIMETERS MIN MAX 6.88 7.26 2.84 3.45 5.46 5.97 1.40 1.65 0.08 0.18 11.05 --- 45 _ REF
K
4
M
H
J
A C
SEATING PLANE
DIM A C D H J K M
STYLE 3: PIN 1. 2. 3. 4.
SOURCE GATE SOURCE DRAIN
CASE 249-06 ISSUE H
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 5
9


▲Up To Search▲   

 
Price & Availability of MRF160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X