Part Number Hot Search : 
XO5082 GMS82512 MAX168 3E552FB DTA124E FMS6243 AM2502DC LBN14015
Product Description
Full Text Search
 

To Download MMBT5551LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
High Voltage Transistors
NPN Silicon
1 BASE 3 COLLECTOR
MMBT5550LT1 MMBT5551LT1
3
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Symbol V CEO V CBO V
EBO
2 EMITTER
Value 140 160 6.0 600
Unit Vdc Vdc Vdc mAdc
1 2
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
IC
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RJA PD 556 300 2.4 RJA TJ , Tstg 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
DEVICE MARKING
MMBT5550LT1 = M1F, MMBT5551LT1 = G1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted.)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage(3) (I C = 1.0 mAdc, I B = 0) Collector-Base Breakdown Voltage (I C = 100 Adc, I E = 0) Emitter-Base Breakdown Voltage (I E = 10 Adc, I C = 0) Collector Cutoff Current ( V CB = 100Vdc, I E = 0) ( V CB = 120Vdc, I E = 0) ( V CB = 100Vdc, I E = 0, T A=100 C) ( V CB = 120Vdc, I E = 0, T A=100 C) Emitter Cutoff Current ( V BE = 4.0Vdc, I C= 0) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 3. Pulse Test: Pulse Width = 300 s, Duty Cycle = 2.0%. I CBO MMBT5550 MMBT5551 MMBT5550 MMBT5551 I EBO -- -- -- -- -- 100 50 100 50 50 nAdc Adc nAdc MMBT5550 MMBT5551 V
(BR)EBO
V (BR)CEO 140 160 V (BR)CBO 160 180 6.0 -- -- -- --
Vdc
MMBT5550 MMBT5551
Vdc
Vdc --
M20-1/4
LESHAN RADIO COMPANY, LTD.
MMBT5550LT1 MMBT5551LT1
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) (Continued)
Characteristic Symbol hFE MMBT5550 MMBT5551 MMBT5550 MMBT5551 MMBT5550 MMBT5551 VCE(sat) Both Types MMBT5550 MMBT5551 V Both Types MMBT5550 MMBT5551
BE(sat)
Min
Max
Unit --
ON CHARACTERISTICS
DC Current Gain (I C = 1.0 mAdc, V CE = 5.0 Vdc) (I C = 10 mAdc, V CE = 5.0 Vdc) (I C = 50 mAdc, V CE = 5.0Vdc) Collector-Emitter Saturation Voltage (I C = 10 mAdc, I B = 1.0 mAdc) (I C = 50 mAdc, I B = 5.0 mAdc ) Base-Emitter Saturation Voltage (I C = 10 mAdc, I B = 1.0 mAdc) (I C = 50 mAdc, I B = 5.0 mAdc) 60 80 60 80 20 30 -- -- -- -- -- -- -- -- 250 250 -- -- Vdc 0.15 0.25 0.20 Vdc 1.0 1.2 1.0
M20-2/4
LESHAN RADIO COMPANY, LTD.
MMBT5550LT1 MMBT5551LT1
h FE, DC CURRENT GAIN (NORMALIZED)
500 300 200
T J = +125C +25C
V CE = 1.0 V V CE = 5.0 V
100
-55C
50 30 20
10 7.0 5.0 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100
I C , COLLECTOR CURRENT (mA)
V CE, COLLECTOR EMITTER VOLTAGE (VOLTS)
Figure 15. DC Current Gain
1.0
T J = 25C
0.8
I C = 1.0 mA
0.6
10 mA
30 mA
100 mA
0.4
0.2
0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50
I B , BASE CURRENT (mA)
Figure 16. Collector Saturation Region
10 1
1.0
V CE = 30 V
10 0
T J = 25C
0.8
I C, COLLECTOR CURRENT (A)
10 -1
T J = 125C I C = I CES 75C REVERSE 25C FORWARD
V, VOLTAGE (VOLTS)
V BE(sat) @ I C /I B = 10
0.6
10 -2
0.4
10 -3
10 -4
0.2
V CE(sat) @ I C /I B = 10
10
-5
0 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100
-0.4 -0.3
V BE , BASE-EMITTER VOLTAGE (VOLTS)
I C , COLLECTOR CURRENT (mA)
Figure 3. Collector Cut-Off Region
Figure 4. "On" Voltages
M20-3/4
LESHAN RADIO COMPANY, LTD.
MMBT5550LT1
, TEMPERATURE COEFFICIENT (mV/C)
MMBT5551LT1
2.5 2 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 0.1 t r , t f <10 ns DUTY CYCLE = 1.0% 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 Values Shown are for I C @ 10 mA 10 ms 0.25 mF 10.2 V
T J = -55C to +135C
VC for V CE(sat)
V in
V BB
-8.8 V 100 RB
V CC 3.0 k
30 V RC
VB for V BE(sat)
INPUT PULSE 5.1 k V in 100 1N914
V out
V
I C , COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
Figure 6. Switching Time Test Circuit
100 70 50 30
1000
T J = 25C
500 300 200
I C /I B = 10 T J = 25C t r @ V CC = 120 V t r @ V CC = 30 V
C, CAPACITANCE (pF)
20 10 7.0 5.0 3.0 2.0 1.0 0.2 0.3 0.7 0.5 1.0 2.0 3.0 5.0 7.0 10 20
t, TIME (ns)
C ibo
100 50 30 20 10 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 200
t d @ V EB(off) = 1.0 V V CC = 120 V
C obo
V R , REVERSE VOLTAGE (VOLTS)
I C , COLLECTOR CURRENT (mA)
Figure 7. Capacitances Figure
8. Turn-On Time
5000
t f @ V CC = 120 V
3000 2000
I C /I B = 10 T J = 25C
t f @ V CC = 30 V
1000 500 300 200
t, TIME (ns)
t s @ V CC = 120 V
100 50 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 200
I C , COLLECTOR CURRENT (mA)
Figure 9. Turn-Off Time
M20-4/4


▲Up To Search▲   

 
Price & Availability of MMBT5551LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X