Part Number Hot Search : 
53640 BD721 BDW84C CP210 FJB5555 FJB5555 1N524 M67M67C
Product Description
Full Text Search
 

To Download MAX6666 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2138; Rev 1; 12/03
High-Accuracy PWM Output Temperature Sensors
General Description
The MAX6666/MAX6667 are high-accuracy, low-cost, low-power temperature sensors with a single-wire output. The MAX6666/MAX6667 convert the ambient temperature into a ratiometric PWM output with temperature information contained in the duty cycle of the output square wave. The MAX6666 has a push-pull output and the MAX6667 has an open-drain output. The MAX6666/MAX6667 operate at supply voltages from +3V to +5.5V. The typical unloaded supply current at 5.0V is 200A. Both devices feature a single-wire output that minimizes the number of pins necessary to interface with a microprocessor (P). The output is a square wave with a nominal frequency of 35Hz (20%) at +25C. The output format is decoded as follows: Temperature (C) = 235 - (400 x t1) / t2 Where t1 is fixed with a typical value of 10ms and t2 is modulated by the temperature (Figure 1). The MAX6666/MAX6667 operate from -40C to +125C and are available in space-saving SOT23 and MAX packages. o Simple Single-Wire PWM Output o 1.0C Accuracy at +25C o High Accuracy 1C at TA = +30C 2.5C at TA = +10C to +50C o Operate Up to +125C o Low 200A Typical Current Consumption o Multiple Package Options 6-Pin SOT23 8-Pin SO 8-Pin MAX
Features
MAX6666/MAX6667
Ordering Information
PART MAX6666AUT-T MAX6666AUA MAX6666ASA MAX6667AUT-T MAX6667AUA MAX6667ASA TEMP RANGE -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C PIN-PACKAGE 6 SOT23-6 8 MAX 8 SO 6 SOT23-6 8 MAX 8 SO
Applications
Process Control Industrial HVAC and Environmental Control Automotive P and C Temperature Monitoring
Typical Operating Circuit
+3.3V VCC t1 t2
Pin Configurations
TOP VIEW
DOUT VCC 1 2 3 8 7 IC IC IC IC
MAX6666 MAX6667
DOUT GND
C INPUT TO TIMER/COUNTER
GND
MAX6666 MAX6667
6 5
IC 4
MAX/SO Pin Configurations continued at end of data sheet.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
High-Accuracy PWM Output Temperature Sensors MAX6666/MAX6667
ABSOLUTE MAXIMUM RATINGS
(Voltages Referenced to GND) VCC ........................................................................-0.3V to +6.0V DOUT MAX6666................................................-0.3V to (VCC + 0.3V) MAX6667 ..........................................................-0.3V to + 6.0V DOUT Current ......................................................-1mA to +50mA Continuous Current into Any Other Terminal....................20mA Continuous Power Dissipation (TA = +70C) 6-Pin SOT23 (derate 8.7mW/C above +70C).........695.7mW 8-Pin MAX (derate 4.1mW/C above +70C) .............330mW 8-Pin SO (derate 5.88mW/C above +70C)................471mW Operating Temperature Range .........................-40C to +150C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering,10s).....................................+150
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40C to +125C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25C.)
PARAMETER Supply Voltage Range Supply Current SYMBOL VCC ICC VCC = +3.0V to +5.5V TA = +30C TA = +10C to +50C Temperature Error VCC = +3.3V TA = 0C to +100C TA = -25C to +125C TA = -40C, VCC = +3.3V Nominal t1 Pulse Width MAX6666 Output High Voltage MAX6666 Output Low Voltage MAX6666 Fall Time MAX6666 Rise Time MAX6667 Output Low Voltage MAX6667 Fall Time MAX6667 Output Capacitance MAX6667 Output Leakage Power-Supply Rejection Ratio PSRR VCC = +3.0V to +5.5V IOH = 800A IOL = 800A CL = 100pF, RL = CL = 100pF, RL = ISINK = 1.6mA ISINK = 5.0mA CL = 100pF, RL = 10k CL = 0 40 15 <0.1 0.3 1.0 80 80 0.4 1.2 VCC - 0.4 0.4 -1 -2.5 -3.8 -4.8 -6 10 CONDITIONS MIN 3.0 200 TYP MAX 5.5 500 +1 +2.5 +3.8 +4.8 +6 ms V V ns ns V ns pF A C/V C UNITS V A
2
_______________________________________________________________________________________
High-Accuracy PWM Output Temperature Sensors
Typical Operating Characteristics
(VCC = +3.3V, TA = +25C, unless otherwise noted.)
OUTPUT FREQUENCY vs. TEMPERATURE
MAX6666/7 toc01
MAX6666/MAX6667
OUTPUT FREQUENCY vs. SUPPLY VOLTAGE
MAX6666/7 toc02
T1 AND T2 TIMES vs. TEMPERATURE
39 TWO TYPICAL PARTS 34 29 T2 24 19
MAX6666/7 toc03
50
45 TEMP = +125C OUTPUT FREQUENCY (Hz) 40 TEMP = +25C
OUTPUT FREQUENCY (Hz)
40
30
35
20
30
TIME (ms)
10
25
TEMP = -40C
T1 14 9
0 -40 -15 10 35 60 85 110 TEMPERATURE (C)
20 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V)
-40
-10
20
50
80
110
140
TEMPERATURE (C)
OUTPUT ACCURACY vs. TEMPERATURE
MAX6666/7 toc04
SUPPLY CURRENT vs. TEMPERATURE
MAX6666/7 toc05
SUPPLY CURRENT vs. SUPPLY VOLTAGE
156 SUPPLY CURRENT (A) 154 152 150 148 146 144 142 140
MAX6666/7 toc06
3 2 OUTPUT ACCURACY (C) 1 0 -1 -2 -3 -40 -10 20 50 80 110 TEMPERATURE (C)
210 200 190 SUPPLY CURRENT (A) 180 170 160 150 140 130 120 110 100 -55 -25 5 95 65 TEMPERATURE (C) 35 125 VCC = +3.3V VCC = +5.5V
158
155
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
POWER-SUPPLY REJECTION RATIO vs. TEMPERATURE
MAX6666/7 toc07
POWER-SUPPLY REJECTION vs. FREQUENCY
MAX6666/7 toc08
0.50 0.45 0.40 0.35 PSRR (C/V) 0.30 0.25 0.20 0.15 0.10 0.05 0 -40 -15 10 35 60 85 110 TEMPERATURE (C)
1.0 CHANGE IN TEMPERATURE (C)
0.5
0
-0.5 VAC = 100mVp-p -1.0 0.01 0.1 1 10 100 1k 10k FREQUENCY (Hz)
_______________________________________________________________________________________
3
High-Accuracy PWM Output Temperature Sensors MAX6666/MAX6667
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25C, unless otherwise noted.)
MAX6666 OUTPUT RISE AND FALL TIMES vs. CAPACITIVE LOADS
MAX6666/7 toc10
MAX6666 OUTPUT FALL TIME
MAX6666/7 toc09
1200 1000 800 TIME (ns) 600 400 200 0
CLOAD = 100pF RL = 100k
FALL TIME RISE TIME
1V/div
40ns/div
0
300
600
900
1200
1500
CLOAD (pF)
OUTPUT LOW VOLTAGE vs. TEMPERATURE
MAX6666/7 toc11
OUTPUT HIGH VOLTAGE VS. TEMPERATURE
VCC = +3.3V ISOURCE = 800A
MAX6666/7 toc12
1.0 0.9 OUTPUT LOW VOLTAGE (V) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -20 0 20 40 60 ISINK = 1mA ISINK = 1.5mA ISINK = 5mA
3.30 3.25 OUTPUT HIGH VOLTAGE (V) 3.20 3.15 3.10 3.05 3.00
80 100 120 140
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (C)
TEMPERATURE (C)
Pin Description
PIN NAME MAX/SO 1 2 3 4-8 SOT23 1 2 3 4, 5, 6 DOUT VCC GND IC Digital Output Pin. The pulse width of the output waveform is modulated by the temperature. Supply Voltage Ground Internally Connected. Leave unconnected or connect to GND. FUNCTION
4
_______________________________________________________________________________________
High-Accuracy PWM Output Temperature Sensors
Detailed Description
The MAX6666/MAX6667 are high-accuracy, low-cost, low current (200A typ) temperature sensors ideal for interfacing with Cs or Ps. The MAX6666/MAX6667 convert the ambient temperature into a ratiometric PWM output at a nominal frequency of 35Hz (20%) at +25C. The time periods, t1 (high) and t2 (low) (Figure 1), are easily read by the P's timer/counter port. To calculate the temperature, use the expression below: Temperature (C) = +235 - (400 x t1) / t2 The C or P measures the output of the MAX6666/ MAX6667 by counting t 1 and t2 and computing the temperature based on their ratio. The resolution of the count is a function of the processor clock frequency and the resolution of the counter. The MAX6666/ MAX6667 have a resolution of approximately 11 bits. Always use the same clock for t1 and t2 counters so that the temperature is strictly based on a ratio of the two times, thus eliminating errors due to different clocks' frequencies. The MAX6666 (Figure 2a) has a push-pull output and provides Rail-to Rail(R) output drive. The ability to source and sink current allows the MAX6666 to drive capacitive loads up to 10nF with less than 1C error. The MAX6667 (Figure 2b) has an open-drain output. The output capacitance should be minimized in MAX6667 applications because the sourcing current is set by the pullup resistor. If the output capacitance becomes too large, lengthy rise and fall times distort the pulse width, resulting in inaccurate measurements.
t1
MAX6666/MAX6667
t2
Figure 1. MAX6666/MAX6667 PWM Output
Power-Supply Bypassing
The MAX6666/MAX6667 operate from a +3V to +5.5V supply. If a noisy power-supply line is used, bypass VCC to GND with a 0.1F capacitor.
Power Supply from P Port Pin
The low quiescent current of the MAX6666/MAX6667 enables it to be powered from a logic line, which meets the requirements for supply voltage range. This provides a simple shutdown function to totally eliminate quiescent current by taking the logic line low. The logic line must be able to withstand the 0.1F power-supply bypass capacitance.
Galvanic Isolation
Use an optocoupler to isolate the MAX6666/MAX6667 whenever a high common-mode voltage is present. Because some optocouplers have turn-off times that are much longer than their turn-on times, choose an optocoupler with equal turn-on and turn-off times. Unequal turn-on/turn-off times produce an error in the temperature reading.
Applications Information
Accurate temperature monitoring requires a good thermal contact between the MAX6666/MAX6667 and the object being monitored. A precise temperature measurement depends on the thermal resistance between the object being monitored and the MAX6666 die. Heat flows in and out of plastic packages primarily through the leads. For the best thermal contact, connect all unused pins to ground. If the sensor is intended to measure the temperature of a heat-generating component on the circuit board, mount the device as close as possible to that component and share the ground traces (if they are not too noisy) with the component. This maximizes the heat transfer from the component to the sensor.
Thermal Considerations
Self-heating may cause the temperature measurement accuracy of the MAX6666/MAX6667 to degrade in some applications. The quiescent dissipation and the power dissipated by the digital output may cause errors in obtaining the accurate temperature measurement. The temperature errors depend on the thermal conductivity of the package (SOT23, 140C/W; 8-pin SO, 170C/W; 8-pin MAX, 242C/W), the mounting technique, and the airflow. Static dissipation in the MAX6666/MAX6667 is typically 4.5mW operating at 5V with no load. As a worst-case example, consider the MAX6667 and its maximum rated load of 5mA and assume a maximum output voltage of 0.8V adds 4mW power dissipation. In an 8-pin MAX, this would result in a temperature rise of 0.004 242 or approximately
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
_______________________________________________________________________________________
5
High-Accuracy PWM Output Temperature Sensors MAX6666/MAX6667
VCC VCC +3.3V
P DOUT N N DOUT MAX6667 DOUT GND (a) (b)
2.5V 5.1k TO LOGIC GATE INPUT
Figure 2. MAX6666/MAX6667 Output Configuration
Figure 4. Low-Voltage Logic
MAX6666 TEMPERATURE ERROR vs. LOAD CURRENT
3.5 3.0 TEMPERATURE ERROR (C) MAX 2.5 SO 2.0 1.5 1.0 SOT23-6 0.5 0 0 2 4 6 8 10 LOAD CURRENT (mA)
Pin Configurations (continued)
TOP VIEW
DOUT 1 MAX6666 MAX6667 6 IC
VCC 2
5
IC
GND 3
4
IC
SOT23
Figure 3. MAX6666 Temperature Error Due to Load Current
Chip Information
1C. Use Figure 3 to estimate the temperature error with respect to the MAX6666 packages. TRANSISTOR COUNT: 6479 PROCESS: BiCMOS
Low-Voltage Logic
Use the MAX6667 open-drain output to drive low-voltage devices. As shown in Figure 4, connect a pullup resistor from the low-voltage logic supply to the MAX6667 output. Limit the resistor's current to about 1mA, thus maintaining an output low logic level of less than 200mV.
6
_______________________________________________________________________________________
High-Accuracy PWM Output Temperature Sensors
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
6LSOT.EPS
MAX6666/MAX6667
PACKAGE OUTLINE, SOT-23, 6L
21-0058
F
1 1
4X S
8
8
INCHES DIM A A1 A2 b MIN 0.002 0.030 MAX 0.043 0.006 0.037
MILLIMETERS MAX MIN 0.05 0.75 1.10 0.15 0.95
y 0.500.1
E
H
0.60.1
c D e E H L
1
1
0.60.1
S
D
BOTTOM VIEW
0.010 0.014 0.005 0.007 0.116 0.120 0.0256 BSC 0.116 0.120 0.188 0.198 0.016 0.026 6 0 0.0207 BSC
0.25 0.36 0.13 0.18 2.95 3.05 0.65 BSC 2.95 3.05 5.03 4.78 0.41 0.66 0 6 0.5250 BSC
TOP VIEW
A2
A1
A
c e b L
SIDE VIEW
FRONT VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, 8L uMAX/uSOP
APPROVAL DOCUMENT CONTROL NO. REV.
21-0036
1 1
J
_______________________________________________________________________________________
8LUMAXD.EPS
7
High-Accuracy PWM Output Temperature Sensors MAX6666/MAX6667
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
SOICN .EPS
INCHES DIM A A1 B C e E H L MAX MIN 0.053 0.069 0.004 0.010 0.014 0.019 0.007 0.010 0.050 BSC 0.150 0.157 0.228 0.244 0.016 0.050
MILLIMETERS MAX MIN 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 1.27 BSC 3.80 4.00 5.80 6.20 0.40 1.27
N
E
H
VARIATIONS:
1
INCHES
MILLIMETERS MIN 4.80 8.55 9.80 MAX 5.00 8.75 10.00 N MS012 8 AA 14 AB 16 AC
TOP VIEW
DIM D D D
MIN 0.189 0.337 0.386
MAX 0.197 0.344 0.394
D C
A e B A1
0-8 L
FRONT VIEW
SIDE VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, .150" SOIC
APPROVAL DOCUMENT CONTROL NO. REV.
21-0041
B
1 1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX6666

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X