Part Number Hot Search : 
TKP7A IR3892 SA30A D5116 FXT449 2SC32 8109B 80L95
Product Description
Full Text Search
 

To Download LTC4210-1CS6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC4210-1/LTC4210-2 Hot Swap Controller in 6-Lead SOT-23 Package
FEATURES
s s
DESCRIPTIO
s s s s s s s s
Allows Safe Board Insertion and Removal from a Live Backplane Adjustable Analog Current Limit with Circuit Breaker Fast Response Limits Peak Fault Current Automatic Retry or Latch Off On Current Fault Adjustable Supply Voltage Power-Up Rate High Side Drive for External MOSFET Switch Controls Supply Voltages from 2.7V to 16.5V Undervoltage Lockout Adjustable Overvoltage Protection Low Profile (1mm) SOT-23 (ThinSOTTM) Package
The LTC(R)4210 is a 6-pin SOT-23 Hot SwapTM controller that allows a board to be safely inserted and removed from a live backplane. An internal high side switch driver controls the GATE of an external N-channel MOSFET for a supply voltage ranging from 2.7V to 16.5V. The LTC4210 provides the initial timing cycle and allows the GATE to be ramped up at an adjustable rate. The LTC4210 features a fast current limit loop providing active current limiting together with a circuit breaker timer. The signal at the ON pin turns the part on and off and is also used for the reset function. This part is available in two options: the LTC4210-1 for automatic retry on overcurrent fault and the LTC4210-2 for latch off on an overcurrent fault.
, LTC and LT are registered trademarks of Linear Technology Corporation. ThinSOT and Hot Swap are trademarks of Linear Technology Corporation.
APPLICATIO S
s s s
Hot Board Insertion Electronic Circuit Breaker Industrial High Side Switch/Circuit Breaker
TYPICAL APPLICATIO
BACKPLANE PCB EDGE CONNECTOR CONNECTOR (FEMALE) (MALE) VIN 5V LONG
Single Channel 5V Hot Swap Controller
RSENSE 0.01 Z1 OPTIONAL RX 10 CX 0.1F VCC SENSE GATE
Q1 Si4410DY
+
RG 100 RC 100 CC 0.01F
VOUT 5V 470F 4A CLOAD
SHORT
RON1 20k ON RON2 10k
LTC4210
TIMER GND CTIMER 0.22F
GND
LONG Z1: ISMA10A OR SMAJ10A
GND
4210 TA01
U
Power-Up Sequence
CLOAD = 470F VON (2V/DIV) VTIMER (1V/DIV) VOUT (5V/DIV) IOUT (0.5A/DIV) 10ms/DIV
4210 TA02
U
U
421012f
1
LTC4210-1/LTC4210-2
ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
TOP VIEW TIMER 1 GND 2 ON 3 6 VCC 5 SENSE 4 GATE
Supply Voltage (VCC) ............................................... 17V Input Voltage (SENSE, TIMER) .. - 0.3V to (VCC + 0.3V) Input Voltage (ON) ..................................... -0.3V to 17V Output Voltage (GATE) ........ Internally Limited (Note 3) Operating Temperature Range LTC4210-1C/LTC4210-2C ....................... 0C to 70C LTC4210-1I/LTC4210-2I .................... - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
LTC4210-1CS6 LTC4210-2CS6 LTC4210-1IS6 LTC4210-2IS6 S6 PART MARKING LTYW LTYX LTF5 LTF6
S6 PACKAGE 6-LEAD PLASTIC TSOT-23
TJMAX = 125C, JA = 230C/ W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL VCC ICC VLKOR VLKOHYST IINON IINSENSE VCB IGATEUP IGATEDN VGATE PARAMETER Supply Voltage VCC Supply Current VCC Undervoltage Lockout Release VCC Undervoltage Lockout Hysteresis ON Pin Input Current SENSE Pin Input Current Circuit Breaker Trip Voltage GATE Pin Pull-Up Current GATE Pin Pull-Down Current
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 5V, unless otherwise noted. (Note 2)
CONDITIONS
q q
MIN 2.7 2.2 -10 -10 44 -5
TYP 0.65 2.5 100 0 5 50 - 10 25
VCC Rising
q q
MAX 16.5 3.5 2.65 10 10 56 -15
External N-Channel Gate Drive
ITIMERUP ITIMERDN VTIMER VTMRHYST VON VONHYST
TIMER Pin Pull-Up Current TIMER Pin Pull-Down Current TIMER Pin Threshold TIMER Low Threshold Hysteresis ON Pin Threshold ON Pin Threshold Hysteresis
VSENSE = VCC VCB = (VCC - VSENSE) VGATE = 0V VTIMER = 1.5V, VGATE = 3V or VON = 0V, VGATE = 3V or VCC - VSENSE = 100mV, VGATE = 3V VGATE - VCC, VCC = 2.7V VGATE - VCC, VCC = 3V VGATE - VCC, VCC = 3.3V VGATE - VCC, VCC = 5V VGATE - VCC, VCC = 12V VGATE - VCC, VCC = 15V Initial Cycle, VTIMER = 1V During Current Fault Condition, VTIMER = 1V After Current Fault Disappears, VTIMER = 1V Under Normal Conditions, VTIMER = 1V High Threshold, TIMER Rising Low Threshold, TIMER Falling ON Threshold, ON Rising
q q q
UNITS V mA V mV A A mV A mA
q q q q q q q q q q q q
4.0 4.5 5.0 10 9.0 6.0 -2 -25
1.22 0.15 1.22
6.5 7.5 8.5 12 12 11 -5 -60 2 100 1.3 0.2 100 1.3 80
8 10 12 16 16 18 -8.5 -100 3.5 1.38 0.25 1.38
421012f
2
U
V V V V V V A A A A V V mV V mV
W
U
U
WW
W
LTC4210-1/LTC4210-2
ELECTRICAL CHARACTERISTICS
SYMBOL tOFF(TMRHIGH) tOFF(ONLOW) tOFF(VCCLOW) PARAMETER Turn-Off Time (TIMER Rise to GATE Fall) Turn-Off Time (ON Fall to GATE Fall) Turn-Off Time (VCC Fall to IC Reset)
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. VCC = 5V, unless otherwise noted. (Note 2)
CONDITIONS VTIMER = 0V to 2V Step, VCC = VON = 5V VON = 5V to 0V Step, VCC = 5V VCC = 5V to 2V Step, VON = 5V MIN TYP 1 30 30 MAX UNITS s s s
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 3: An internal Zener on the GATE pin clamps the charge pump voltage to a typical maximum voltage of 26V. External overdrive of the GATE pin beyond the internal Zener voltage may damage the device. Without a limiting resistor, the GATE capacitance must be <0.15F at maximum VCC. If a lower GATE pin clamp voltage is desired, an external Zener diode may be used.
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
4.0 3.5
SUPPLY CURRENT (mA)
TA = 25C
UNDERVOLTAGE LOCKOUT THRESHOLD (V)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G01
SUPPLY CURRENT (mA)
VGATE vs Supply Voltage
40 35 30
VGATE (V) VGATE (V)
TA = 25C
25 20 15 10 5
20 15 10 5 0 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G04
VCC = 12V VCC = 5V
IGATEUP (A)
25
UW
Supply Current vs Temperature
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -75 -50 -25 VCC = 15V VCC = 12V VCC = 5V VCC = 3V 0 25 50 75 100 125 150 TEMPERATURE (C)
4210 G02
Undervoltage Lockout Threshold vs Temperature
2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 -75 -50 -25 0 25 50 75 100 125 150
4210 G03
VCC RISING
VCC FALLING
TEMPERATURE (C)
VGATE vs Temperature
40 35 30 VCC = 15V -8.0 -8.5 -9.0 -9.5 -10.0 -10.5 -11.0 VCC = 3V -11.5 -12.0 0 25 50 75 100 125 150
4210 G05
IGATEUP vs Supply Voltage
TA = 25C
0 -75 -50 -25
0
2
4
TEMPERATURE (C)
6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G06
421012f
3
LTC4210-1/LTC4210-2 TYPICAL PERFOR A CE CHARACTERISTICS
IGATEUP vs Temperature
-8.0 -8.5 -9.0
IGATEUP (A) VGATE (V)
-10.0 -10.5 -11.0 -11.5
VCC = 15V
VCC = 5V
VGATE (V)
-9.5
VCC = 3V
VCC = 12V
-12.0 -75 -50 -25
0
25
50
75 100 125 150
4210 G07
TEMPERATURE (C)
ITIMERUP (In Initial Cycle) vs Supply Voltage
0 -1 -2 -3
ITIMERUP (A) ITIMERUP (A)
TA = 25C
-4 -5 -6 -7 -8 -9
-4 -5 -6 -7 -8 -9
ITIMERUP (A)
-10 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G10
ITIMERUP (During Circuit Breaker Delay) vs Temperature
-20 VCC = 5V -30 -40
ITIMERUP (A) ITIMERDN (A)
-50 -60 -70
2.2 2.0 1.8 1.6
ITIMERDN (A)
-80 -90 -100 -75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (C)
4210 G13
4
UW
VGATE vs Supply Voltage
18 16 14 12 10 8 6 4 2 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G08
VGATE vs Temperature
18 16 14 12 10 8 6 4 2 -75 -50 -25 0 25 50 75 100 125 150 VCC = 12V VCC = 15V VCC = 3V VCC = 5V
TA = 25C
TEMPERATURE (C)
4210 G09
ITIMERUP (In Initial Cycle) vs Temperature
0 -1 -2 -3 -40 -50 -60 -70 VCC = 5V -20 -30
ITIMERUP (During Circuit Breaker Delay) vs Supply Voltage
TA = 25C
-80 -90 0 25 50 75 100 125 150 -100 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G12
-10 -75 -50 -25
TEMPERATURE (C)
4210 G11
ITIMERDN (In Cool-Off Cycle) vs Supply Voltage
3.0 2.8 2.6 2.4 TA = 25C 3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G14
ITIMERDN (In Cool-Off Cycle) vs Temperature
VCC = 5V
1.4 1.2 1.0
1.0 -75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (C)
4210 G15
421012f
LTC4210-1/LTC4210-2 TYPICAL PERFOR A CE CHARACTERISTICS
TIMER High Threshold vs Supply Voltage
1.38 1.36 TA = 25C 1.38 VCC = 5V 1.36
TIMER HIGH THRESHOLD (V)
TIMER HIGH THRESHOLD (V)
1.34 1.32 1.30 1.28 1.26 1.24 1.22 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G16
1.34 1.32 1.30 1.28 1.26 1.24 1.22 -75 -50 -25 0 25 50 75 100 125 150
TIMER LOW THRESHOLD (V)
TIMER Low Threshold vs Temperature
0.24 0.23 1.45 VCC = 5V 1.40
TIMER LOW THRESHOLD (V)
ON PIN THRESHOLD (V)
ON PIN THRESHOLD (V)
0.22 0.21 0.20 0.19 0.18 0.17 0.16 -75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (C)
4210 G19
tOFF(ONLOW) vs Supply Voltage
80 70 60 TA = 25C 80 70 60
tOFF,ONLOW (s)
tOFF,ONLOW (s)
50 40 30 20 10 0 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G22
UW
TIMER High Threshold vs Temperature
0.24 0.23 0.22 0.21 0.20 0.19 0.18 0.17 0.16
TIMER Low Threshold vs Supply Voltage
TA = 25C
0
2
4
TEMPERATURE (C)
4210 G17
6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G18
ON Pin Threshold vs Supply Voltage
TA = 25C 1.45 1.40 1.35
ON Pin Threshold vs Temperature
VCC = 5V
1.35 HIGH THRESHOLD 1.30 1.25 1.20 1.15 1.10 1.05 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G20
HIGH THRESHOLD 1.30 1.25 1.20 1.15 1.10 1.05 -75 -50 -25 0 25 50 75 100 125 150 LOW THRESHOLD
LOW THRESHOLD
TEMPERATURE (C)
4210 G21
tOFF(ONLOW) vs Temperature
VCC = 15V
50 40 30 20 10 0 -75 -50 -25 0 25 50
VCC = 12V
VCC = 5V
VCC = 3V
75 100 125 150
TEMPERATURE (C)
4210 G23
421012f
5
LTC4210-1/LTC4210-2 TYPICAL PERFOR A CE CHARACTERISTICS
VCB vs Supply Voltage
58 56 54
VCB (mV) VCB (mV)
TA = 25C
52 50 48 46 44 42 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
4210 G24
PI FU CTIO S
TIMER (Pin 1): Timer Input Pin. An external capacitor CTIMER sets a 272.9ms/F initial timing delay and a 21.7ms/ F circuit breaker delay. The GATE pin turns off whenever the TIMER pin is pulled beyond the COMP2 threshold, such as for overvoltage detection with an external zener. GND (Pin 2): Ground Pin. ON (Pin 3): ON Input Pin. The ON pin comparator has a low-to-high threshold of 1.3V with 80mV hysteresis and a glitch filter. When the ON pin is low, the LTC4210 is reset. When the ON pin goes high, the GATE turns on after the initial timing cycle. GATE (Pin 4): GATE Output Pin. This pin is the high side gate drive of an external N-channel MOSFET. An internal charge pump provides a 10A pull-up current with Zener clamps to VCC and ground. In overload, the error amplifier (EA) controls the external MOSFET to maintain a constant load current. An external R-C compensation network should be connected to this pin for current limit loop stability. SENSE (Pin 5): Current Limit Sense Input Pin. A sense resistor between the VCC and SENSE pins sets the analog current limit. In overload, the EA controls the external MOSFET gate to maintain the SENSE pin voltage at 50mV below VCC. When the EA is maintaining current limit, the TIMER circuit breaker mode is activated. The current limit loop/circuit breaker mode can be disabled by connecting the SENSE pin to the VCC pin. VCC (Pin 6): Positive Supply Input Pin. The operating supply voltage range is between 2.7V to 16.5V. An undervoltage lockout (UVLO) circuit with a glitch filter resets the LTC4210 when a low supply voltage is detected.
6
UW
VCB vs Temperature
58 VCC = 5V 56 54 52 50 48 46 44 42 -75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (C)
4210 G25
U
U
U
421012f
LTC4210-1/LTC4210-2
BLOCK DIAGRA W
6 VCC 5 SENSE INITIAL UP/LATCH OFF UVLO 5A 60A CURRENT LIMIT GLITCH FILTER
+ - -
50mV
EA
0.2V
+
COMP1
-
1 TIMER LOGIC
+
COMP2 1.3V SHUTDOWN M5
-
INITIAL DOWN/NORMAL GLITCH FILTER
2A 2 GND
100A
COOL OFF
COMP3
-
1.3V
+
ON 3
4210 BD
+
CHARGE PUMP 10A GATE Z2 26V 4 Z1 12V
421012f
7
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
Hot Circuit Insertion
When circuit boards are inserted into live backplanes, the supply bypass capacitors can draw large transient currents from the backplane power bus as they charge. Such transient currents can cause permanent damage to connector pins, glitches on the system supply or reset other boards in the system. The LTC4210 is designed to turn a printed circuit board's supply voltage ON and OFF in a controlled manner, allowing the circuit board to be safely inserted into or removed from a live backplane. The LTC4210 can reside either on the backplane or on the daughter board for hot circuit insertion applications. Overview The LTC4210 is designed to operate over a range of supplies from 2.7V to 16.5V. Upon insertion, an undervoltage lockout circuit determines if sufficient supply voltage is present. When the ON pin goes high an initial timing cycle assures that the board is fully seated in the backplane before the MOSFET is turned on. A single timer capacitor sets the periods for all of the timer functions. After the initial timing cycle the LTC4210 can either start up in current limit or with a lower load current. Once the external MOSFET is fully enhanced and the supply has ramped up, the LTC4210 monitors the load current through an external sense resistor. Overcurrent faults are actively limited to 50mV/RSENSE for a specified circuit breaker timer limit. The LTC4210-1 will automatically retry after a current limit fault while the LTC4210-2 latches off. The LTC4210-1 timer function limits the retry duty cycle to 3.8% for MOSFET cooling. Undervoltage Lockout An internal undervoltage lockout (UVLO) circuit resets the LTC4210 if the VCC supply is too low for normal operation.
8
U
The UVLO has a low-to-high threshold of 2.5V, a 100mV hysteresis and a high-to-low glitch filter of 30s. Above 2.5V supply voltage, the LTC4210 will start if the ON pin conditions are met. A short supply dip below 2.4V for less than 30s is ignored to allow for bus supply transients. ON Function The ON pin is the input to a comparator which has a lowto-high threshold of 1.3V, an 80mV hysteresis and a highto-low glitch filter of 30s. A low input on the ON pin resets the LTC4210 TIMER status and turns off the external MOSFET by pulling the GATE pin to ground. A low-to-high transition on the ON pin starts an initial cycle followed by a start-up cycle. A 10k pull-up resistor connecting the ON pin to the supply is recommended. The 10k resistor shunts any potential static charge on the backplane and reduces the overvoltage stress at the ON pin during live insertion. Alternatively, an external resistor divider at the ON pin can be used to program an undervoltage lockout value higher than the internal UVLO circuit. An RC filter can be added at the ON pin to increase the delay time at card insertion if the internal glitch filter delay is insufficient. GATE Function During hot insertion of the PCB, an abrupt application of supply voltage charges the external MOSFET drain/gate capacitance. This can cause an unwanted gate voltage spike. An internal proprietary circuit holds GATE low before the internal circuitry wakes up. This reduces the MOSFET current surges substantially at insertion. The GATE pin is held low in reset mode and during the initial timing cycle. In the start-up cycle the GATE pin is pulled up by a 10A current source. During an overcurrent fault condition, the error amplifier servoes the GATE pin to maintain a constant current to the load until the circuit breaker trips. When the circuit breaker trips, the GATE pin shuts down abruptly.
421012f
W
UU
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
Current Limit Circuit Breaker Function
The LTC4210 features a current limiting circuit breaker instead of a traditional comparator circuit breaker. When there is a sudden load current surge, such as a low impedance fault, the bus supply voltage can drop significantly to a point where the power to an adjacent card is affected, causing system malfunctions. The LTC4210 fast response error amplifier (EA) instantly limits current by reducing the external MOSFET GATE pin voltage. This minimizes the bus supply voltage drop and permits power budgeting and fault isolation without affecting neighboring cards. A compensation circuit should be connected to the GATE pin for current limit loop stability. Sense Resistor Consideration The nominal fault current limit is determined by a sense resistor connected between VCC and the SENSE pin as given by Equation 1.
ILIMIT(NOM) =
VCB(NOM) RSENSE(NOM)
=
50mV RSENSE(NOM)
The power rating of the sense resistor should be rated at the fault current level. Table 2 in the Appendix lists some common sense resistors. For proper circuit breaker operation, Kelvin-sense PCB connections between the sense resistor and the LTC4210 VCC and SENSE pins are strongly recommended. The drawing in Figure 1 illustrates the connections between the LTC4210 and the sense resistor. PCB layout should be balanced and symmetrical to minimize wiring errors. In addition, the PCB layout for the sense resistor should include good thermal management techniques for optimal sense resistor power dissipation.
U
CURRENT FLOW TO LOAD SENSE RESISTOR CURRENT FLOW TO LOAD TRACK WIDTH W: 0.03" PER AMP ON 1 OZ COPPER W
4210 F01
W
UU
TO VCC
TO SENSE
Figure 1. Making PCB Connections to the Sense Resistor
Calculating Current Limit For a selected RSENSE, the nominal load current is given by Equation 1. The minimum load current is given by Equation 2:
ILIMIT(MIN) = VCB(MIN) RSENSE(MAX) = 44mV RSENSE(MAX)
(2)
(1)
where R RSENSE(MAX) = RSENSE * 1 + TOL 100 The maximum load current is given by Equation 3:
ILIMIT(MAX) =
where
VCB(MAX) RSENSE(MIN)
=
56mV RSENSE(MIN)
(3)
R RSENSE(MIN) = RSENSE * 1 - TOL 100
421012f
9
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
If a 7m sense resistor with 1% tolerance is used for current limiting, the nominal current limit is 7.14A. From Equations 2 and 3, ILIMIT(MIN) = 6.22A and ILIMIT(MAX) = 8.08A. For proper operation, the minimum current limit must exceed the circuit maximum operating load current with margin. The sense resistor power rating must exceed VCB(MAX)2/RSENSE(MIN). Frequency Compensation A compensation circuit should be connected to the GATE pin for current limit loop stability. Method 1 The simplest frequency compensation network consists of RC and CC (Figure 2a). The total GATE capacitance is: CGATE = CISS + CC (4) Generally, the compensation value in Figure 2a is sufficient for a pair of input wires less than a foot in length. Applications with longer input wires may require the RC or CC value to be increased for better fault transient performance. For a pair of three foot input wires, users can start with CC = 47nF and RC = 100. Despite the wire length, the general rule for AC stability required is CC 8nF and RC 1k. Method 2 The compensation network in Figure 2b is similar to the circuitry used in method 1 but with an additional gate resistor RG. The RG resistor helps to minimize high frequency
VIN 5V RSENSE 0.007 6 VCC LTC4210* GATE 5 SENSE 4 RC 100 CC 10nF *ADDITIONAL DETAILS OMITTED FOR CLARITY **USE CP IF 0.2F < CL < 9F, OTHERWISE NOT REQUIRED Q1 Si4410DY
+
VOUT CL
(2a) Method 1
Figure 2. Frequency Compensation
10
U
parasitic oscillations frequently associated with the power MOSFET. In some applications, the user may find that RG helps in short-circuit transient recovery as well. However, too large of an RG value will slow down the turn-off time. The recommended RG range is between 5 and 500. Usually, method 2 is preferred when the input supply voltage is greater than 10V. RG limits the current flow into the GATE pin's internal zener clamp during transient events. The recommended RC and CC values are the same as method 1. The parasitic compensation capacitor CP is required when 0.2F < load capacitance CL < 9F, otherwise it is optional. Parasitic MOSFET Oscillation There are two possible parasitic oscillations when the MOSFET operates as a source follower when ramping at power-up or during current limiting. The first type of oscillation occurs at high frequencies, typically above 1MHz. This high frequency oscillation is easily damped with RG as mentioned in method 2. The second type of oscillation occurs at frequencies between 200kHz and 800kHz due to the load capacitance being between 0.2F and 9F, the presence of RG and RC resistance, the absence of a drain bypass capacitor, a combination of bus wiring inductance and bus supply output impedance. There are several ways to prevent this second type of oscillation. The simplest way is to avoid load capacitance below 10F, the second choice is connecting an external CP > 1.5nF.
RSENSE 0.007 6 VCC LTC4210* GATE 5 SENSE 4 RG 200 RC 100 CC 10nF
4210 F02
W
UU
VIN 12V
Q1 Si4410DY
+
CL CP** 2.2nF
VOUT
(2b) Method 2
421012f
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
Whichever method of compensation is used, board level short-circuit testing is highly recommended as board layout can affect transient performance. Beside frequency compensation, the total gate capacitance CGATE also determines the GATE start-up as in Equation 6. The C GATE should be kept below 0.15F at high supply operation as the capacitive energy ( 0.5 * CGATE * VGATE2 ) is discharged by the LTC4210 internal pull-down transistor. This prevents the internal pull-down transistor from overheating when the GATE turns off and/or is servoing during current limiting. Timer Function The TIMER pin handles several key functions with an external capacitor, CTIMER. There are two comparator thresholds: COMP1 (0.2V) and COMP2 (1.3V). The four timing current sources are: 5A pull-up 60A pull-up 2A pull-down 100A pull-down The 100A is a nonideal current source approximating a 7k resistor below 0.4V. Initial Timing Cycle When the card is being inserted into the bus connector, the long pins mate first which brings up the supply VIN at time point 1 of Figure 3. The LTC4210 is in reset mode as the ON pin is low. GATE is pulled low and the TIMER pin is pulled low with a 100A source. At time point 2, the short pin makes contact and ON is pulled high. At this instant, a start-up check requires that the supply voltage be above UVLO, the ON pin be above 1.3V and the TIMER pin voltage be less than 0.2V. When these three conditions are fulfilled, the initial cycle begins and the TIMER pin is pulled high with 5A. At time point 3, the TIMER reaches the COMP2 threshold and the first portion of the initial cycle
U
ends. The 100A current source then pulls down the TIMER pin until it reaches 0.2V at time point 4. The initial cycle delay (time point 2 to time point 4) is related to CTIMER by equation: tINITIAL 272.9 * CTIMER ms/F (5) When the initial cycle terminates, a start-up cycle is activated and the GATE pin ramps high. The TIMER pin continues to be pulled down towards ground.
12 >2.5V VIN >1.3V VON COMP2 100A COMP1 5A VGATE VTH VOUT RESET MODE INITIAL CYCLE START-UP CYCLE NORMAL CYCLE DISCHARGE BY LOAD
4210 F03
W
UU
345
6
7
VTIMER
10A
Figure 3. Normal Operating Sequence
Start-Up Cycle Without Current Limit The GATE is released with a 10A pull-up at time point 4 of Figure 3. At time point 5, GATE reaches the external MOSFET threshold VTH and VOUT starts to follow the GATE ramp up. If the RSENSE current is below the current limit, the GATE ramps at a constant rate of:
VGATE IGATE = T CGATE
where CGATE is the total capacitance at the GATE pin.
(6)
421012f
11
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
The current through RSENSE can be divided into two components; ICLOAD due to the total load capacitance (CLOAD) and ILOAD due to the noncapacitive load elements. The capacitive load typically dominates. For a successful start-up without current limit, IRSENSE < ILIMIT: IRSENSE = ICLOAD + ILOAD < ILIMIT
V IRSENSE = C LOAD * OUT + ILOAD < ILIMIT T
Due to the voltage follower configuration, the VOUT ramp rate approximately tracks VGATE:
VOUT ICLOAD VGATE IGATE = = T CLOAD T CGATE
At time point 6, VOUT is approximately VIN but GATE rampup continues until it reaches a maximum voltage. This maximum voltage is determined either by the charge pump or the internal clamp. Start-Up Cycle With Current Limit If the duration of the current limit is brief during start-up (Figure 4) and it did not last beyond the circuit breaker function time out, the GATE behaves the same as in startup without current limit except for the time interval between time point 5A and time point 5B. The servo amplifier limits IRSENSE by decreasing the IGATE current (<10A).
50mV IRSENSE = ILIMIT = RSENSE
Equations 8 and 9 are applicable but with a lower GATE and VOUT ramp rate. Gate Start-Up Time The start-up time without current limit is given by:
VTH + VIN IGATE V V tSTARTUP = CGATE * TH + CGATE * IN IGATE IGATE tSTARTUP = CGATE *
12
U
1 >2.5V VIN 2 345 5A 5B 6 7 >1.3V VON COMP2 VTIMER 100A 60A COMP1 5A <10A 10A VGATE VTH DISCHARGE BY LOAD 10A 2A 100A
W
UU
(7)
(8)
VOUT REGULATED AT 50mV/RSENSE IRSENSE
4210 F04
RESET MODE
INITIAL CYCLE
START-UP CYCLE
NORMAL CYCLE
Figure 4. Operating Sequence with Current Limiting at Start-Up Cycle
During current limiting, the second term in Equation 10 is partly modified from CGATE * VIN/IGATE to CLOAD * VIN/ICLOAD. The start-up time is now given by:
tSTARTUP = CGATE *
VTH
(9)
IGATE ICLOAD (11) VTH VIN = CGATE * + CLOAD * IGATE IRSENSE - ILOAD
+ CLOAD *
VIN
For successful completion of current limit start-up cycle there must be a net current to charge CLOAD and the current limit duration must be less than tCBDELAY. The second term in equation 11 has to fulfill equation 12.
C LOAD * VIN < tCBDELAY IRSENSE - ILOAD
(10)
(12)
421012f
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
Circuit Breaker Timer Operation
When a current limit fault is encountered at time point A in Figure 5, the circuit breaker timing is activated with a 60A pull-up. The circuit breaker trips at time point B if the fault is still present and the TIMER pin voltage reaches the COMP2 threshold and the LTC4210 shuts down. For a continuous fault, the circuit breaker delay is:
tCBDELAY = 1.3V *
CTIMER 60A
t C TIMER
(s / F ) =
1.3V * 1F (60A * D) - 2A
(14)
NORMALIZED RESPONSE TIME (s/F)
Intermittent overloads may exceed the current limit as in Figure 6, but if the duration is sufficiently short, the TIMER pin may not reach the COMP2 threshold and the LTC4210 will not shut down. To handle this situation, the TIMER discharges with 2A whenever (VCC - SENSE) voltage is below the 50mV limit and the TIMER voltage is between the COMP1 and COMP2 thresholds. When the TIMER voltage falls below the COMP1 threshold, the TIMER pin is discharged with an equivalent 7k resistor (normal mode, 100A source) when (VCC - SENSE) voltage is below the 50mV limit. If the TIMER pin does not drop below the COMP1 threshold, any intermittent overload with an aggregate duty cycle of more than 3.8% will eventually trip the circuit breaker. Figure 7 shows the circuit breaker response time in seconds normalized to 1F. The asymmetric charging and discharging of TIMER is a fair gauge of MOSFET heating.
When the circuit breaker trips, the GATE pin is pulled low. The TIMER enters latchoff mode with a 5A pull-up for the LTC4210-2 (latched-off version), while an autoretry "cooloff" cycle begins with a 2A pull-down for the LTC4210-1 (autoretry version). An autoretry cool-off delay of the LTC4210-1 between COMP2 and COMP1 thresholds takes:
tCOOLOFF = 1.1V *
CTIMER 2A
U
A COMP2 VTIMER B CIRCUIT BREAKER TRIPS LATCHED OFF (5A PULL-UP) OR RETRY (2A PULL-DOWN) 60A COMP1 100A
4210 F05
W
UU
NORMAL MODE
FAULT MODE
(13)
Figure 5. A Continuous Fault Timing
A1 ILOAD
B1
A2
B2
A3
B3 ~50mV/RSENSE
COMP2 VTIMER
60A
60A
60A
CIRCUIT BREAKER TRIPS
2A 2A VGATE 10A 10A
COMP1 LATCHED OFF (5A PULL-UP) OR RETRY (2A PULL-DOWN)
4210 F06
CB FAULT
CB FAULT
CB FAULT
Figure 6. Mulitple Intermittent Overcurrent Conditon
1
t (s/F) = 1.3V * 1F CTIMER 60A * D - 2A
0.1
0.01
0 10 20 30 40 50 60 70 80 90 100 OVERLOAD DUTY CYCLE, D (%)
4210 F07
(15)
Figure 7. Circuit Breaker Timer Response for Intermittent Overload
421012f
13
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
Autoretry After Current Fault (LTC4210-1)
Figure 8 shows the waveforms of the LTC4210-1 (autoretry version) during a circuit breaker fault. At time point B1, the TIMER trips the COMP2 threshold of 1.3V. The GATE pin pulls to ground while TIMER begins a "cool-off" cycle with a 2A pull-down to the COMP1 threshold of 0.2V. At time point C1, the TIMER pin pulls down with approximately a 7k resistor to ground and a GATE start-up cycle is initiated. If the fault persists, the fault autoretry duty cycle is approximately 3.8%. Pulling the ON pin low for more than 30s will stop the autoretry function and put the LTC4210 in reset mode.
A1 B1 2A 60A VTIMER 100A 60A C1 A2 B2 2A COMP2 COMP1
VGATE
VOUT REGULATING AT 50mV/RSENSE
ILOAD
NORMAL MODE CB FAULT LATCHED OFF CYCLE
2410 F09
NORMAL MODE
CB FAULT
COOL OFF CYCLE
CB FAULT
COOL OFF CYCLE
4210 F08
Figure 8. Automatic Retry After Overcurrent Fault
14
U
Latch-Off After Current Fault (LTC4210-2) Figure 9 shows the waveforms of the LTC4210-2 (latch-off version) during a circuit breaker fault. At time point B, the TIMER trips the COMP2 threshold. The GATE pin pulls to ground while the TIMER pin is latched high by a 5A pullup. The TIMER pin eventually reaches the soft-clamped voltage (VCLAMP) of 2.3V. To clear the latchoff mode, the user can either pull the TIMER pin to below 0.2V externally or cycle the ON pin low for more than 30s.
A B C VCLAMP COMP2 VTIMER 60A COMP1 VGATE 0V VOUT 0V REGULATING AT 50mV/RSENSE ILOAD
W
UU
Figure 9. Latchoff After Overcurrent Fault
421012f
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
Normal Mode/External Timer Control
Whenever the TIMER pin voltage drops below the COMP1 threshold, but is not in reset mode, the TIMER enters normal (100A source) mode with an equivalent 7k resistive pull-down. Table 1 shows the relationship of tINITIAL, tCBDELAY, tCOOLOFF vs CTIMER. If the TIMER pin is pulled beyond the COMP2 threshold, the GATE pin is pulled to ground immediately. This allows the TIMER pin to be used for overvoltage detection, see Figure 11. Externally forcing the TIMER pin below the COMP1 threshold will reset the TIMER to normal mode. During overvoltage detection, the TIMER's 100A pull-down current will continue to be on if (VCC - SENSE) voltage is below 50mV. If the (VCC - SENSE) voltage exceeds 50mV during the overvoltage detection, the TIMER current will be the same as described for latched-off or autoretry mode. See the
Table 1. tINITIAL, tCBDELAY, tCOOLOFF vs CTIMER
CTIMER (F) 0.033 0.047 0.068 0.082 0.1 0.22 0.33 0.47 0.68 0.82 1 2.2 3.3 tINITIAL (ms) 9.0 12.8 18.6 22.4 27.3 60.0 90.1 128.3 185.6 223.8 272.9 600.5 900.7 tCBDELAY (ms) 0.7 1 1.5 1.8 2.2 4.8 7.2 10.2 14.7 17.8 21.7 47.7 71.5 tCOOLOFF (ms) 18.2 25.9 37.4 45.1 55 121 181.5 258.5 374 451 550 1210 1815
U
section OVERVOLTAGE DETECTION USING TIMER PIN for details of the application. Power-Off Cycle The system can be reset by toggling the ON pin low for more than 30s as shown at time point 7 of Figure 3. The GATE pin is pulled to ground. The TIMER capacitor is also discharged to ground. CLOAD discharges through the load. Alternatively, the TIMER pin can be externally driven above the COMP2 threshold to turn off the GATE pin. POWER MOSFET SELECTION Power MOSFETs can be classified by RDSON at VGS gate drive ratings of 10V, 4.5V, 2.5V and 1.8V. Use the typical curves VGATE vs Supply Voltage and VGATE vs Temperature to determine whether the gate drive voltage is adequate for the selected MOSFET at the operating voltage. In addition, the selected MOSFET should fulfill two VGS criteria: 1. Positive VGS absolute maximum rating > LTC4210 maximum VGATE, and 2. Negative VGS absolute maximum rating > supply voltage. The gate of the MOSFET can discharge faster than VOUT when shutting down the MOSFET with a large CLOAD. If one of the conditions cannot be met, an external Zener clamp shown on Figure 10a or Figure 10b can be used. The selection of RG should be within the allowed LTC4210 package dissipation when discharging VOUT via the Zener clamp.
421012f
W
UU
15
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
RSENSE VCC
Q1 D1* RS 200 GATE
VOUT
(10a)
*USER SELECTED VOLTAGE CLAMP (A LOW BIAS CURRENT ZENER DIODE IS RECOMMENDED) 1N4688 (5V) 1N4692 (7V) 1N4695 (9V) 1N4702 (15V)
Figure 10. Gate Protection Zener Clamp
BACKPLANE PCB EDGE CONNECTOR CONNECTOR (FEMALE) (MALE) VIN 5V LONG RX Z2 10 CX 0.1F RB 10k D1 1N4148 RTIMER 18 RON2 10k 3 1
SHORT
GND
LONG Z1: SMAJ10A Z2: BZX84C6V2
Figure 11. Supply Side Overvoltage Protection
16
U
RSENSE VCC Q1 D1* RS 200 GATE D2* VOUT
W
UU
(10b)
RSENSE 0.01
Q1 Si4410DY
+
6 VCC 5 SENSE GATE 4 RG 100 R4 100 CC 10nF
VOUT 5V 4A CLOAD 470F
Z1
RON1 20k
ON
LTC4210
TIMER GND 2
CTIMER 0.22F
GND
4210 F11
421012f
LTC4210-1/LTC4210-2
APPLICATIO S I FOR ATIO
A MOSFET with a VGS absolute maximum rating of 20V meets the two criteria for all the LTC4210 applications ranges from 2.7V to 16.5V. Typically most 10V gate rated MOSFETs have VGS absolute maximum ratings of 20V or greater, so no external VGS Zener clamp is needed. There are 4.5V gate rated MOSFETs with VGS absolute maximum ratings of 20V. In addition to the MOSFET gate drive rating and VGS absolute maximum rating, other criteria such as VBDSS, ID(MAX), RDS(ON), PD, JA, TJ(MAX) and maximum safe operating area should also be carefully reviewed. VBDSS should exceed the maximum supply voltage inclusive of spikes and ringing. ID(MAX) should be greater than the current limit, ILIMIT. RDS(ON) determines the MOSFET VDS which together with VCB yields an error in the VOUT voltage. At 2.7V supply voltage, the total of VDS + VCB of 0.1V yields 3.7% VOUT error. The maximum power dissipated in the MOSFET is ILIMIT2 * RDS(ON) and this should be less than the maximum power dissipation, PD allowed in that package. Given power dissipation, the MOSFET junction temperature, TJ can be computed from the operating temperature (TA) and the MOSFET package thermal resistance (JA). The operating TJ should be less than the TJ(MAX) specification. Next review the short-circuit condition under maximum supply VIN(MAX) conditions and maximum current limit, ILIMIT(MAX) during the circuit breaker time-out interval of tCBDELAY with the maximum safe operating area of the MOSFET. The operation during output short-circuit conditions must be well within the manufacturer's recommended safe operating region with sufficient margin. To ensure a reliable design, fault tests should be evaluated in the laboratory. VIN TRANSIENT PROTECTION Unlike most circuits, Hot Swap controllers typically are not allowed the good engineering practice of supply
U
bypass capacitors, since controlling the surge current to bypass capacitors at plug-in is the primary motivation for the Hot Swap controller. Although wire harness, backplane and PCB trace inductances are usually small, these can create large spikes when large currents are suddenly drawn, cut-off or limited. This can cause detrimental damage to board components unless measures are taken. Abrupt intervention can prevent subsequent damage caused by a catastrophic fault but it does cause a large supply transient. The energy stored in the lead/trace inductance is easily controlled with snubbers and/or transient voltage suppressors. Even when ferrite beads are used for electromagnetic interference (EMI) control, the low saturating current of ferrite will not pose a major problem if the transient voltage suppressors with adequate ratings are used. The transient associated with the GATE turn off can be controlled with a snubber and/or transient voltage suppressor. Snubbers such as RC networks are effective especially at low voltage supplies. The choice of RC is usually determined experimentally. The value of the snubber capacitor is usually chosen between 10 to 100 times the MOSFET COSS. The value of the snubber resistor is typically between 3 to 100. When the supply exceeds 7V or EMI beads exist in the wire harness, a transient voltage suppressor and snubber are recommended to clip off large spikes and reduce the ringing. For supply voltages of 6V or below, a snubber network should be sufficient to protect against transient voltages. In many cases, a simple short-circuit test can be performed to determine the need of the transient voltage suppressor. OVERVOLTAGE DETECTION USING THE TIMER PIN Figure 11 shows a supply side overvoltage detection circuit. A Zener diode, a diode and COMP2 threshold sets the overvoltage threshold. Resistor RB biases the Zener diode voltage. Diode D1 blocks forward current in the Zener during start-up or output short-circuit. RTIMER with CTIMER sets the overload noise filter.
421012f
W
UU
17
LTC4210-1/LTC4210-2
APPE DIX
Table 2 lists some current sense resistors that can be used with the circuit breaker. Table 3 lists some power MOSFETs that are available. Table 4 lists the web sites of several
Table 2. Sense Resistor Selection Guide
CURRENT LIMIT VALUE 1A 2A 2.5A 3.3A 5A 10A PART NUMBER LR120601R050 LR120601R025 LR120601R020 WSL2512R015F LR251201R010F WSR2R005F DESCRIPTION 0.05 0.5W 1% Resistor 0.025 0.5W 1% Resistor 0.02 0.5W 1% Resistor 0.015 1W 1% Resistor 0.01 1.5W 1% Resistor 0.005 2W 1% Resistor MANUFACTURER IRC-TT IRC-TT IRC-TT Vishay-Dale IRC-TT Vishay-Dale
Table 3. N-Channel Selection Guide
CURRENT LEVEL (A) 0 to 2 2 to 5 5 to 10 10 to 20 PART NUMBER MMDF3N02HD MMSF5N02HD MTB50N06V MTB75N05HD DESCRIPTION Dual N-Channel SO-8 RDS(ON) = 0.1, CISS = 455pF Single N-Channel SO-8 RDS(ON) = 0.025, CISS = 1130pF Single N-Channel DD Pak RDS(ON) = 0.028, CISS = 1570pF Single N-Channel DD Pak RDS(ON) = 0.0095, CISS = 2600pF MANUFACTURER ON Semiconductor ON Semiconductor ON Semiconductor ON Semiconductor
Table 4. Manufacturers' Web Sites
MANUFACTURER TEMIC Semiconductor International Rectifier ON Semiconductor Harris Semiconductor IRC-TT Vishay-Dale Vishay-Siliconix Diodes, Inc. WEB SITE www.temic.com www.irf.com www.onsemi.com www.semi.harris.com www.irctt.com www.vishay.com www.vishay.com www.diodes.com
18
U
manufacturers. Since this information is subject to change, please verify the part numbers with the manufacturer.
421012f
LTC4210-1/LTC4210-2
PACKAGE DESCRIPTIO
0.62 MAX
0.95 REF
3.85 MAX 2.62 REF
RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR
0.20 BSC 1.00 MAX DATUM `A'
0.30 - 0.50 REF NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 0.09 - 0.20 (NOTE 3)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
S6 Package 6-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1636)
2.90 BSC (NOTE 4) 1.22 REF 1.4 MIN 2.80 BSC 1.50 - 1.75 (NOTE 4) PIN ONE ID 0.95 BSC 0.30 - 0.45 6 PLCS (NOTE 3) 0.80 - 0.90 0.01 - 0.10 1.90 BSC
S6 TSOT-23 0302
421012f
19
LTC4210-1/LTC4210-2
TYPICAL APPLICATIO
BACKPLANE PCB EDGE CONNECTOR CONNECTOR (MALE) (FEMALE) VIN 12V LONG RX 10 CX 0.1F
GND
RELATED PARTS
PART NUMBER LTC1421 LTC1422 LT1640AL/LT1640AH LTC1642 LTC1647 LTC4211 LTC4230 LTC4251 LTC4252 LTC4253 DESCRIPTION Two Channel, Hot Swap Controller Single Channel, Hot Swap Controller in SO-8 Negative Voltage Hot Swap Controller in SO-8 Single Channel, Hot Swap Controller Dual Channel, Hot Swap Controller Single Channel, Hot Swap Controller Triple Channel, Hot Swap Controller -48V Hot Swap Controller in SOT-23 -48V Hot Swap Controller in MSOP -48V Hot Swap Controller with Triple Supply Sequencing COMMENTS Operates from 3V to 12V and Supports -12V Operates from 2.7V to 12V, Reset Output Operates from -10V to -80V Overvoltage Protection to 33V, Foldback Current Limiting 3.3V, 5V, Internal FETs for 12V Operates from 2.7V to 16.5V, Separate ON pins for Sequencing 2.5V to 16.5V, Multifunction Current Control 1.7V to 16.5V, Multifunction Current Control Floating Supply, Three-Level Current Limiting Floating Supply, Power Good, Three-Level Current Limiting Floating Supply, Three-Level Current Limiting
LTC1643AL/LTC1643AH PCI Hot Swap Controller
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
U
12V Hot Swap Application
RSENSE 0.01 Q1 Si4410DY
+
6 VCC 5 SENSE GATE 4 RG 200 RC 100 CC 10nF
VOUT 12V 4A CLOAD 470F
Z1
SHORT
RON1 62k RON2 10k
3 1
ON
LTC4210
TIMER GND 2
LONG Z1: SMAJ12A
CTIMER 0.22F
GND
4210 TA03
421012f LT/TP 0603 1K * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2002


▲Up To Search▲   

 
Price & Availability of LTC4210-1CS6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X