Part Number Hot Search : 
MAX85 SK330 WSD521G 03000 OP97FZ KBPC110 40A2128M G1200
Product Description
Full Text Search
 

To Download KMM5364005CK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DRAM MODULE
KMM5364005CK/CKG KMM5364105CK/CKG
KMM5364005CK/CKG & KMM5364105CK/CKG Fast Page Mode with EDO Mode 4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
GENERAL DESCRIPTION
The Samsung KMM53640(1)05CK is a 4Mx36bits Dynamic RAM high density memory module. The Samsung KMM53640(1)05CK consists of eight CMOS 4Mx4bits DRAMs in 24-pin SOJ package and one CMOS 4Mx4 bit Quad CAS with EDO DRAM in 28-pin SOJ package mounted on a 72-pin glass-epoxy substrate. A 0.1 or 0.22uF decoupling capacitor is mounted on the printed circuit board for each DRAM. The KMM53640(1)05CK is a Single In-line Memory Module with edge connections and is intended for mounting into 72 pin edge connector sockets.
FEATURES
* Part Identification - KMM5364005CK(4096 cycles/64ms Ref, SOJ, Solder) - KMM5364005CKG(4096 cycles/64ms Ref, SOJ, Gold) - KMM5364105CK(2048 cycles/32ms Ref, SOJ, Solder) - KMM5364105CKG(2048 cycles/32ms Ref, SOJ, Gold) * Fast Page Mode with Extended Data Out * CAS-before-RAS refresh capability * RAS-only and Hidden refresh capability * TTL compatible inputs and outputs * Single +5V10% power supply * JEDEC standard PDPin & pinout * PCB : Height(1000mil), single sided component
PERFORMANCE RANGE
Speed -5 -6
tRAC
50ns 60ns
tCAC
13ns 15ns
tRC
90ns 110ns
tHPC
25ns 30ns
PIN CONFIGURATIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Symbol VSS DQ0 DQ18 DQ1 DQ19 DQ2 DQ20 DQ3 DQ21 Vcc NC A0 A1 A2 A3 A4 A5 A6 A10 DQ4 DQ22 DQ5 DQ23 DQ6 DQ24 DQ7 DQ25 A7 A11 Vcc A8 A9 Res(RAS1) RAS0 DQ26 DQ8 Pin 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Symbol DQ17 DQ35 Vss CAS0 CAS2 CAS3 CAS1 RAS0 Res(RAS1) NC W NC DQ9 DQ27 DQ10 DQ28 DQ11 DQ29 DQ12 DQ30 DQ13 DQ31 Vcc DQ32 DQ14 DQ33 DQ15 DQ34 DQ16 NC PD1 PD2 PD3 PD4 NC Vss
PIN NAMES
Pin Name A0 - A11 A0 - A10 DQ0 - DQ35 W RAS0 CAS0 - CAS3 PD1 -PD4 Vcc Vss NC Function Address Inputs(4K Ref) Address Inputs(2K Ref) Data In/Out Read/Write Enable Row Address Strobe Column Address Strobe Presence Detect Power(+5V) Ground No Connection
PRESENCE DETECT PINS (Optional)
Pin PD1 PD2 PD3 PD4 50NS Vss NC Vss Vss 60NS Vss NC NC NC
* Pin connection changing available
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
* NOTE : A11 is used for only KMM5364005CK/CKG (4K ref.)
DRAM MODULE
FUNCTIONAL BLOCK DIAGRAM
CAS0 RAS0 CAS RAS OE U0 W DQ0 DQ1 DQ2 A0A11(A10) DQ3 DQ0 DQ1 DQ2 A0A11(A10) DQ3 DQ0 DQ1 DQ2 A0A11(A10) DQ3 DQ0 DQ1 DQ2 A0A11(A10) DQ3 DQ0 DQ1 DQ2 A0A11(A10) DQ3 DQ0 DQ1 DQ2 A0A11(A10) DQ3 DQ0 DQ1 DQ2 A0A11(A10) DQ3 DQ0 DQ1 DQ2 A0A11(A10) DQ3
KMM5364005CK/CKG KMM5364105CK/CKG
DQ0-DQ3
CAS RAS OE
U1 W
DQ4-DQ7
CAS1
CAS RAS OE
U2 W
DQ9-DQ12
CAS RAS OE
U3 W
DQ13-DQ16
CAS2
CAS RAS OE
U4 W
DQ18-DQ21
CAS RAS OE
U5 W
DQ22-DQ25
CAS3
CAS RAS OE
U6 W
DQ27-DQ30
CAS RAS OE
U7 W
DQ31-DQ34
CAS0 CAS1 CAS2 CAS3 RAS OE W W A0-A11(A10) Vcc
U8
DQ0 DQ1 DQ2 DQ3
DQ8 DQ17 DQ26 DQ35
A0A11(A10)
.1 or .22uF Capacitor for each DRAM Vss
To all DRAMs
DRAM MODULE
ABSOLUTE MAXIMUM RATINGS *
Item Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol VIN, VOUT VCC Tstg Pd IOS
KMM5364005CK/CKG KMM5364105CK/CKG
Rating -1 to +7.0 -1 to +7.0 -55 to +150 9 50 Unit V V C W mA
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70C)
Item Supply Voltage Ground Input High Voltage Input Low Voltage *1 : VCC+2.0V/20ns, Pulse width is measured at VCC. *2 : -2.0V/20ns, Pulse width is measured at VSS. Symbol VCC VSS VIH VIL Min 4.5 0 2.4 -1.0*2 Typ 5.0 0 Max 5.5 0 VCC+1*1 0.8 Unit V V V V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
Symbol ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 II(L) IO(L) VOH VOL Speed -5 -6 Don't care -5 -6 -5 -6 Don't care -5 -6 Don't care Don't care KMM5364005CK/CKG Min
-
KMM5364105CK/CKG Min
-
Max 810 720 18 810 720 720 630 9 810 720 45 5 0.4
Max 990 900 18 990 900 810 720 9 990 900 45 5 0.4
Unit mA mA mA mA mA mA mA mA mA mA uA uA V V
-45 -5 2.4 -
-
-
-45 -5 2.4 -
ICC1 : Operating Current * (RAS, CAS, Address cycling @tRC=min) ICC2 : Standby Current (RAS=CAS=W=VIH) ICC3 : RAS Only Refresh Current * (CAS=VIH, RAS cycling @tRC=min) ICC4 : EDO Mode Current * (RAS=VIL, CAS Address cycling : tHPC=min) ICC5 : Standby Current (RAS=CAS=W=Vcc-0.2V) ICC6 : CAS-Before-RAS Refresh Current * (RAS and CAS cycling @tRC=min) II(L) : Input Leakage Current (Any input 0VINVcc+0.5V, all other pins not under test=0 V) IO(L) : Output Leakage Current(Data Out is disabled, 0VVOUTVcc) VOH : Output High Voltage Level (IOH = -5mA) VOL : Output Low Voltage Level (IOL = 4.2mA) * NOTE : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open. ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one EDO mode cycle, tHPC.
DRAM MODULE
CAPACITANCE (TA = 25C, VCC=5V, f = 1MHz)
Item Input capacitance[A0-A11(A10)] Input capacitance[W] Input capacitance[RAS0] Input capacitance[CAS0 - CAS3] Input/Output capacitance[DQ0-35] Symbol CIN1 CIN2 CIN3 CIN4 CDQ1 Min
-
KMM5364005CK/CKG KMM5364105CK/CKG
Max 65 80 80 40 20 Unit pF pF pF pF pF
AC CHARACTERISTICS (0CTA70C, VCC=5.0V10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V, Output loading CL=100pF Parameter Random read or write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay from CAS Transition time(rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold time referenced to CAS Read command hold time referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data-in set-up time Data-in hold time Refresh period (4K Ref) Refresh period (2K Ref) Write command set-up time CAS setup time(CAS-before-RAS refresh) CAS hold time(CAS-before-RAS refresh) RAS to CAS precharge time Symbol -5 Min 90 50 13 25 3 3 2 30 50 13 38 8 20 15 5 0 10 0 8 25 0 0 0 10 10 13 8 0 8 64 32 0 5 10 5 0 5 10 5 10K 37 25 10K 13 50 3 3 2 40 60 15 45 10 20 15 5 0 10 0 10 30 0 0 0 10 10 15 10 0 10 64 32 10K 45 30 10K 15 50 Max Min 110 60 15 30 -6 Max Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns ns ns 7 9 9 8 8 13 4 10 3,4,10 3,4,5 3,10 3 6,11,12 2 Note
tRC tRAC tCAC tAA tCLZ tCEZ tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCH tWP tRWL tCWL tDS tDH tREF tREF tWCS tCSR tCHR tRPC
DRAM MODULE
AC CHARACTERISTICS (0CTA70C, VCC=5.0V10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V, Output loading CL=100pF Parameter CAS precharge time (C-B-R counter test Access time from CAS precharge Hyper page mode cycle time CAS precharge time(Hyper page cycle) RAS pulse width(Hyper page cycle) RAS hold time from CAS precharge W to RAS precharge time(C-B-R refresh) W to RAS hold time(C-B-R refresh) Output data hold time Output buffer turn off delay from RAS Output buffer turn off delay from W W to data delay W pulse width (Hyper Page Cycle) Hold time CAS low to CAS high Symbol -5 Min 20 30 25 8 50 30 10 10 5 3 3 15 5 5 13 13 200K Max
KMM5364005CK/CKG KMM5364105CK/CKG
-6 Min 20 35 30 10 60 35 10 10 5 3 3 15 5 5 15 15 200K Max
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Note
tCPT tCPA tHPC tCP tRASP tRHCP tWRP tWRH tDOH tREZ tWEZ tWED tWPE tCLCH
3 13
6,11,12 6,11
14
NOTES
1. An initial pause of 200us is required after power-up followed by any 8 RAS-only or CAS-before-RAS refresh cycles before proper device operation is achieved. 2. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 2 TTL loads and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes that tRCDtRCD(max). 6. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to VOH or VOL. 7. tWCS is non-restrictive operating parameter. It is included in the data sheet as electrical characteristics only. If tWCStWCS(min), the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle. 8. Either tRCH or tRRH must be satisfied for a read cycle. 9. These parameter are referenced to the CAS leading edge in early write cycles and to the W leading edge in read-write cycles. 10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as reference point only. If tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA. 11. tCEZ(max), tREZ(max), tWEZ(max) and tOEZ(max) define the time at which the output achieves the open circuit condition and are not referenced to output voltage level. 12. If RAS goes to high before CAS high going, the open circuit condtion of the output is achieved by CAS high going. If CAS goes to high before RAS high going, the open circuit condtion of the output is achieved by RAS high going. 13. tASCtCP min 14. In order to hold the address latched by the first CAS going low, the parameter tCLCH must be met.
DRAM MODULE
READ CYCLE
KMM5364005CK/CKG KMM5364105CK/CKG
tRC tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tCSH tRCD tRSH tCAS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
tRAL tCAH
COLUMN ADDRESS
ROW ADDRESS
tRCS
W VIH VIL -
tRCH tRRH
tAA tCEZ tRAC OPEN tCAC tCLZ tREZ
DATA-OUT
tWEZ
DQ
VOH VOL -
Dont care Undefined
DRAM MODULE
WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
KMM5364005CK/CKG KMM5364105CK/CKG
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD tRAD
tRSH tCAS
tCRP
tASR
A VIH VIL -
tRAH
tASC
tRAL tCAH
COLUMN ADDRESS
ROW ADDRESS
tCWL tRWL tWCS
W VIH VIL -
tWCH tWP
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
DRAM MODULE
HYPER PAGE READ CYCLE
KMM5364005CK/CKG KMM5364105CK/CKG
tRASP
RAS VIH VIL o
tRP
tCSH tCRP
CAS VIH VIL -
tRHCP tHPC tCP tHPC tCAS tCP tHPC tCAS tCP tCAS
tRCD tCAS tRAD
tASR
A VIH VIL -
tRAH tASC
ROW ADDR
tCAH
tASC
tCAH
tASC
tCAH
COLUMN ADDR
tASC
tCAH
tREZ
COLUMN ADDRESS
COLUMN ADDRESS
COLUMN ADDRESS
tRRH tRCS
W VIH VIL -
tRCH tCPA tCAC tAA
tCAC tAA tCPA tAA tCAC tRAC tDOH
VALID DATA-OUT
tCAC tAA tCPA tDOH
VALID DATA-OUT
tDOH
VALID DATA-OUT VALID DATA-OUT
DQ
VOH VOL -
tCLZ
Dont care Undefined
DRAM MODULE
HYPER PAGE WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
KMM5364005CK/CKG KMM5364105CK/CKG
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tHPC tRCD tCAS tRAD tCSH tASC tCP tCAS
o
tHPC tCP
tRSH tCAS
tASR
A VIH VIL -
tRAH
tCAH
tASC
tCAH
o
tASC
tCAH
ROW ADDR.
COLUMN ADDRESS
COLUMN ADDRESS
o
COLUMN ADDRESS
tWCS
W VIH VIL -
tWCH
tWCS
tWCH tWP tCWL
o
tWCS
tWCH tWP tCWL tRWL
tWP tCWL
tDS
DQ VIH VIL -
tDH
VALID DATA-IN
tDS
tDH
o
VALID DATA-IN
tDS
tDH
o
VALID DATA-IN
Dont care Undefined
DRAM MODULE
RAS - ONLY REFRESH CYCLE*
NOTE : W, OE, DIN = Don't care DOUT = OPEN tRC
RAS VIH VIL -
KMM5364005CK/CKG KMM5364105CK/CKG
tRP
tRAS tCRP tRPC tCRP
CAS
VIH VIL -
tASR
A VIH VIL -
tRAH
ROW ADDR
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE , A = Don't care
tRP
RAS VIH VIL -
tRC tRAS
tRP
tRPC tCP tCSR tCHR
tRPC
CAS
VIH VIL -
tWRP
W VIH VIL -
tWRH
tCEZ
DQ VOH VOL -
OPEN
Dont care Undefined
* In RAS-only refresh cycle of 64Mb A-dile & B-die, when CAS signal transits from Low to High, the valid data may be cut off.
DRAM MODULE
HIDDEN REFRESH CYCLE ( READ )
KMM5364005CK/CKG KMM5364105CK/CKG
tRC
RAS VIH VIL -
tRP
tRC tRAS
tRP
tRAS
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tRCS
W VIH VIL -
tRRH
tWRH tWRP
tAA tCAC tCLZ tRAC
DQ VOH VOL -
tCEZ tREZ tWEZ
DATA-OUT
OPEN
Dont care Undefined
DRAM MODULE
HIDDEN REFRESH CYCLE ( WRITE )
NOTE : DOUT = OPEN
KMM5364005CK/CKG KMM5364105CK/CKG
tRC
RAS VIH VIL -
tRP
tRC tRAS
tRP
tRAS tCRP
tRCD
tRSH
tCHR
CAS
VIH VIL -
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tWCS
W VIH VIL -
tWRP tWCH tWP
tWRH
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
DRAM MODULE
CAS-BEFORE-RAS REFRESH COUNTER TEST CYCLE
KMM5364005CK/CKG KMM5364105CK/CKG
tRP
RAS VIH VIL VIH VIL -
tRAS tCPT tCHR tRSH tCAS tRAL tASC tCAH
tCSR
CAS
A
VIH VIL -
COLUMN ADDRESS
READ CYCLE
W VIH VIL -
tWRP
tWRH
tAA tRCS tCAC
tRRH tRCH
tWEZ tCLZ
DATA-OUT
tCEZ tREZ
DQ
VOH VOL -
WRITE CYCLE
W VIH VIL -
tWRP
tWRH tWCS
tRWL tCWL tWCH tWP tDS tDH
DATA-IN
DQ
VIH VIL -
Dont care Undefined
NOTE : This timing diagram is applied to all devices besides 64M DRAM based modules.
DRAM MODULE
CAS - BEFORE - RAS SELF REFRESH CYCLE
NOTE : OE, A = Dont care
KMM5364005CK/CKG KMM5364105CK/CKG
tRP
RAS VIH VIL -
tRASS
tRPS
tRPC tCP tCSR tCHS
tRPC
CAS
VIH VIL -
tCEZ
DQ VOH VOL -
OPEN
W
VIH VIL -
tWRP
tWRH
TEST MODE IN CYCLE
NOTE : OE , A = Dont care tRC tRAS tRPC tCP
CAS VIH VIL -
tRP
RAS VIH VIL -
tRP
tRPC tCSR tCHR
tWTS
W VIH VIL -
tWTH
tCEZ
DQ VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
PACKAGE DIMENSIONS
KMM5364005CK/CKG KMM5364105CK/CKG
Units : Inches (millimeters)
4.250(107.95) 3.984(101.19) .133(3.38) R.062(1.57) .125 DIA.002(3.18.051)
.400(10.16) 1.00(25.40) .250(6.35)
.080(2.03) .250(6.35)
.250(6.35) 3.750(95.25)
R.062.004(R1.57.10)
.125(3.17) MIN
( Front view )
( Back view )
Gold & Solder Plating Lead
.200(5.08) MAX
.010(.25)MAX
.100(2.54) MIN
.050(1.27)
.041.004(1.04.10)
.054(1.37) .047(1.19)
Tolerances : .005(.13) unless otherwise specified NOTE : The used device are 4Mx4 EDO DRAM (SOJ & 300mil) & 4Mx4 Quad CAS with EDO DRAM (SOJ & 300mil) DRAM Part No. : KMM5364005CK/CKG -- KM44C4004CK (300 mil) & KM44C4005CK (300mil) KMM5364105CK/CKG -- KM44C4104CK (300 mil) & KM44C4105CK (300mil) Revision History Rev 0.0 : Aug. 1997


▲Up To Search▲   

 
Price & Availability of KMM5364005CK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X