Part Number Hot Search : 
EL1517 RB715 D476A 74S00FC GBPC1506 LVA519 5ZSXE HMC6042
Product Description
Full Text Search
 

To Download KGF1322S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2Q0039-38-71 electronic components
This version: Jul. 1998 Previous version: Jan. 1998 KGF1322S
electronic components KGF1322S
Power FET (Ceramic Package Type)
GENERAL DESCRIPTION
The KGF1322S, housed in a SMD-type ceramic package, is a discrete UHF-band power FET that features high efficiency, high output power, and low current operation. The KGF1322S specifications are guaranteed to a fixed matching circuit for 5.8 V and 850 MHz; external impedancematching circuits are also required. Because of its high efficiency, high output power (more than 33 dBm), and SMD package, the KGF1322S is ideal as a transmitter-final-stage amplifier for personal handy phones, such as digital cellular phones.
FEATURES
* High output power: 33 dBm (min.) * High efficiency: 60% (min.) * Low thermal resistance: 18C/W (typ.) * Package: 3PFP
1/7
electronic components
KGF1322S
MARKING
(1)
(2)
K1322S XXXX
PRODUCT NAME LOT NUMBER
MONTHLY LOT NUMBER (3) PRODUCTION MONTH (1-9,X,Y,Z) PRODUCTION YEAR (LOWEST DIGIT) (1) Gate (2) Source (3) Drain
CIRCUIT
Drain(3)
Gate(1)
Source(2)
2/7
electronic components
KGF1322S
ABSOLUTE MAXIMUM RATINGS
Item Drain-source voltage Gate-source voltage Drain current Total power dissipation Channel temperature Storage temperature Symbol VDS VGS IDS Ptot Tch Tstg Condition Ta = 25C Ta = 25C Ta = 25C Ta = Tc = 25C -- -- Unit V V A W C C Min. -- -6.0 -- -- -- -45 Max. 10 0.4 3 5 150 125
ELECTRICAL CHARACTERISTICS
(Ta = 25C) Item Gate-source leakage current Gate-drain leakage current Drain-source leakage current Drain current Gate-source cut-off voltage Output power Drain efficiency Thermal resistance Symbol IGSS IGDO IDS(off) IDSS VGS(off) PO hD Rth Condition VGS = -6 V VGD = -16 V VDS = 10 V, VGS = -6 V VDS = 1.5 V, VGS = 0 V VDS = 3 V, IDS = 4 mA (*1), PIN = 22 dBm (*1), PIN = 22 dBm Channel to case Unit mA mA mA A V dBm % C/W Min. -- -- -- 2.0 -3.6 33.0 60 -- Typ. -- -- -- -- -- -- -- 18 Max. 0.1 0.5 1.5 -- -2.6 -- -- --
*1 Condition: f = 850 MHz, VDS = 5.8 V, IDSQ = 240 mA
3/7
electronic components
KGF1322S
RF CHARACTERISTICS
4/7
electronic components Typical S Parameters
KGF1322S
VDS = 5.8 V, IDS = 240 mA Freq(MHz) MAG(S11) ANG(S11) MAG(S21) ANG(S21) MAG(S12) ANG(S12) MAG(S22) ANG(S22) 500.0 600.0 700.0 800.0 900.0 1000.0 1100.0 1200.0 1300.0 1400.0 1500.0 1600.0 1700.0 1800.0 1900.0 2000.0 2100.0 2200.0 2300.0 2400.0 2500.0 2600.0 2700.0 2800.0 2900.0 3000.0 0.943 0.944 0.942 0.942 0.942 0.941 0.940 0.940 0.938 0.938 0.937 0.936 0.933 0.931 0.933 0.926 0.929 0.927 0.927 0.925 0.920 0.921 0.920 0.917 0.912 0.919 -153.04 -157.98 -161.54 -164.34 -166.64 -168.72 -170.35 -171.81 -173.25 -174.54 -175.88 -177.17 -178.32 -179.53 179.35 178.33 176.84 175.82 174.60 173.16 172.29 170.85 169.67 168.50 167.06 166.01 4.260 3.585 3.097 2.748 2.449 2.206 2.010 1.857 1.719 1.604 1.504 1.416 1.335 1.269 1.205 1.149 1.098 1.055 1.013 0.978 0.945 0.915 0.890 0.863 0.839 0.821 93.86 90.21 86.61 83.68 81.07 78.36 76.08 73.71 71.28 69.12 66.93 64.58 62.71 60.49 58.57 56.56 54.26 52.60 50.44 48.46 46.58 44.62 43.21 41.46 39.76 38.08 0.031 0.031 0.032 0.033 0.033 0.034 0.034 0.035 0.035 0.036 0.037 0.038 0.038 0.039 0.040 0.041 0.042 0.042 0.042 0.043 0.043 0.045 0.045 0.046 0.046 0.047 19.02 18.11 17.24 16.97 16.92 16.90 16.95 17.22 17.36 17.23 17.43 17.16 16.98 17.41 17.46 17.41 17.19 16.54 17.14 16.90 16.80 16.89 16.48 16.41 16.76 17.11 0.694 0.694 0.694 0.704 0.704 0.699 0.698 0.704 0.704 0.703 0.701 0.699 0.699 0.703 0.701 0.701 0.698 0.700 0.699 0.695 0.700 0.701 0.710 0.709 0.704 0.703 -175.73 -177.31 -178.07 -178.36 -179.24 179.92 179.22 178.93 178.24 177.44 176.59 176.20 175.71 175.32 174.50 173.76 173.06 172.48 171.55 171.19 170.62 169.84 169.06 168.12 167.03 166.26
5/7
electronic components Typical S Parameters
KGF1322S
VDS = 5.8 V, IDS = 240 mA Frequency : 0.5 to 3.0 GHz Z0 = 50 W
6/7
electronic components
KGF1322S
PACKAGE DIMENSIONS
1.10.2 0.510.15
0.50.05
4.40.15
1.90.15 3.00.15 6.30.15
2.80
3.70.15
1.50.15
0.1250.05
3.80.15 3.50.15
2.0
2.05 2.85 METALIZATION (Unit: mm)
Package material Lead frame material Pin treatment plate thickness Al203 Fe-Ni-Co alloy Ni/Au plating Au:1.0 mm or more
3.4
5.6 MAX
4.20.15
7/7


▲Up To Search▲   

 
Price & Availability of KGF1322S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X