Part Number Hot Search : 
TTP224 ATMEGA DNK1201M PBL3771N ILA3654Q STD5KA36 BUZ50B AA102
Product Description
Full Text Search
 

To Download KDR411S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
LOW POWER RECTIFICATION FOR SWITCHING POWER SUPPLY. FEATURES
Small Surface Mounting Type. (SOT-23) Low Forward Voltage : VF max=0.5V
A G
L
KDR411S
SCHOTTKY BARRIER TYPE DIODE
E B
L
DIM A
2
MILLIMETERS _ 2.93 + 0.20
1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
High Reliability
3
D
B C D E G H J K
H
1
CONSTRUCTION
Silicon epitaxial planar.
P P
L M N P
C
N
MAXIMUM RATING (Ta=25
CHARACTERISTIC Peak Reverse Voltage DC Reverse Voltage Average Forward Current Peak Forward Surge Current Junction Temperature Storage Temperature Range
)
SYMBOL VRM VR IO IFSM Tj Tstg RATING 40 20 0.5 3 125 -40 +125 UNIT V V A A
M 3
1. NC 2. ANODE 3. CATHODE
2 1
K
SOT-23
Marking
Type Name
J
Lot No.
U3
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Forward Voltage Reverse Current Total Capacitance VF (1) VF (2) IR CT
)
TEST CONDITION IF=10mA IF=500mA VR=10V VR=10V, f=1MHz MIN. TYP. 20 MAX. 0.3 0.5 30 UNIT V V A pF
SYMBOL
2002. 10. 2
Revision No : 1
1/2
KDR411S
I F - VF
1 FORWARD CURRENT I F (A) REVERSE CURRENT I R (A) 10m
I R - VR
Ta=125 C
100m
Ta =1 25 Ta C =7 5 C Ta =2 5 C Ta =-2 5 C
1m
Ta=75 C
10m
100
1m
10
Ta=25 C
100
0
0.1
0.2
0.3
0.4
0.5
0.6
1
0
5
10
15
20
25
30
35
FORWARD VOLTAGE V F (V)
REVERSE VOLTAGE V R (V)
C T - VR
1K TOTAL CAPACITANCE C T (pF)
Ta=25 C f=1MHz
100
10
1
0
10
20
30
40
REVERSE VOLTAGE V R (V)
2002. 10. 2
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDR411S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X