Part Number Hot Search : 
PCA9552 MBR690 RT9184 4026BEY OPB702 LD7710 MAX1586 MJD42
Product Description
Full Text Search
 

To Download HZK9L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HZK-L Series
Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
ADE-208-127B (Z) Rev. 2 Features
* Low leakage, low zener impedance and maximum power dissipation of 400mW. * Wide spectrum from 5.2V through 38V of zener voltage provide flexible application. * LLD package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No. HZK-L Series Mark Color Code Package Code LLD
Outline
Cathode band 1 3rd. band 2nd. band Cathode band 1 3rd. band 2nd. band 2 2
1. Cathode 2. Anode
Absolute Maximum Ratings (Ta = 25C)
Item Power dissipation Junction temperature Storage temperature Note: With P.C. Board. Symbol Pd* Tj Tstg Value 400 175 -55 to +175 Unit mW C C
HZK-L Series
Electrical Characteristics (Ta = 25C)
Zener Voltage VZ (V)* Type HZK6L Grade A B C HZK7L A B C HZK9L A B C HZK11L A B C HZK12L A B C HZK15L HZK16L HZK18L HZK20L HZK22L HZK24L HZK27L HZK30L HZK33L HZK36L Min 5.2 5.5 5.8 6.3 6.7 7.2 7.7 8.3 8.9 9.5 10.2 10.9 11.6 12.4 13.2 14.1 15.3 16.9 18.8 20.9 22.9 25.2 28.2 31.2 34.2 Max 5.7 6.0 6.4 6.9 7.3 7.9 8.5 9.1 9.7 10.3 11.1 11.9 12.7 13.4 14.3 15.5 17.1 19.0 21.1 23.3 25.5 28.6 31.6 34.6 38.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1 1 1 1 1 1 1 1 1 1 13.0 14.0 15.0 18.0 20.0 22.0 24.0 27.0 30.0 33.0 80 80 80 100 100 120 150 200 250 300 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1 10.5 80 0.5 0.5 1 8.0 80 0.5 0.5 1 6.0 60 0.5 0.5 1 3.5 Test Condition I Z (mA) 0.5 Reverse Current I R (A) Max 1 Test Condition VR (V) 2.0 Dynamic Resistance r d () Max 150 80 60 60 0.5 Test Condition I Z (mA) 0.5
Note: Tested with DC. Type No. is as follows: HZK6AL, HZK6BL, *** HZK36L.
HZK-L Series
MARK COLOR CODE
Type HZK6AL HZK6BL HZK6CL HZK7AL HZK7BL HZK7CL HZK9AL HZK9BL HZK9CL HZK11AL HZK11BL HZK11CL HZK12AL HZK12BL HZK12CL HZK15L HZK16L HZK18L HZK20L HZK22L HZK24L HZK27L HZK30L HZK33L HZK36L Cathode Band Orange Orange Orange Orange Orange Orange Orange Orange Orange Orange Orange Orange Orange Orange Orange Yellow Yellow Yellow Yellow Yellow Yellow Yellow Yellow Yellow Yellow Second Band Verdure Verdure Verdure Yellow Green Yellow Green Yellow Green Purple Purple Purple Light Blue Light Blue Light Blue White White White Black Yellor Ocher Pink Orange Yellow Verdure Yellow Green Purple Light Blue White Third Band Pink Verdure Light Blue Pink Verdure Light Blue Pink Verdure Light Blue Pink Verdure Light Blue Pink Verdure Light Blue Pink Pink Pink Pink Pink Pink Pink Pink Pink Pink
HZK-L Series
HZK7L 10-2 HZK16L HZK24L
HZK11L
HZK12L
HZK15L
HZK18L HZK20L
HZK22L
HZK27L
HZK30L
Zener Current I Z (A)
10
-4
10
-5
10
-6
0
5
HZK9L
10
15
20
25
30
HZK33L
HZK36L 35
HZK6L
10
-3
40
Zener Voltage VZ (V)
Fig.1 Zener current Vs. Zener voltage
0.10 Zener Voltage Temperature Coefficient z (%/C) 0.08 0.06 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 -0.10 0 5 mV/C %/C 50 40 30 20 10 0 -10 -20 -30 -40 -50 10 15 20 25 30 35 40 Zener Voltage VZ (V) Zener Voltage Temperature Coefficient z (mV/C)
Fig.2 Temperature Coefficient Vs. Zener voltage
HZK-L Series
500
2.5mm 3mm
400 Power Dissipation Pd (mW)
Printed circuit board 15 x 20 x 1.6t mm Material: Glass epoxy
300
200
100
0 0 50 100 150 Ambient Temperature Ta (C) 200
Fig.3 Power Dissipation Vs. Ambient Temperature
HZK-L Series
Package Dimensions
Unit: mm
3.5 1.35 0.1
+0.1 -0.2
3.5 1.35 0.1
+0.1 -0.2
Cathode band 1 3rd. band 2nd. band 2
Cathode band 1 3rd. band 2nd. band 2 1 Cathode 2 Anode (0.35typ)
(0.35typ)
( ) : Reference only
HITACHI Code JEDEC Code EIAJ Code Weight (g)
LLD -- -- 0.027


▲Up To Search▲   

 
Price & Availability of HZK9L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X