Part Number Hot Search : 
5TT10 BU2040 12101 C2530 24012 74VHC1G MHS027 CY7C42
Product Description
Full Text Search
 

To Download FAN8010MP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FAN8010MP
1 Channel DC Motor Driver
Features
* * * * * * * * * * Current mode control High output current(Iomax 0.6A) Low saturation voltage(0.3V typ) Low voltage operation(2~6.5V) Very low standby current( < 1uA) Leadless miniature package(3*3*1mm3). Selectable output current level Available saturation mode control Built in brake function. Built in TSD
Description
The FAN8010MP is designed for Mobile camera, Digital still camera, and portable equipment.
10MLP3X3
Typical Applications
* General DC Motor * Digital Still Camera * Moblie Camera
Ordering Information
Device FAN8010MPX Package 10MLP3X3 Operating Temp. -30xC ~ +80xC
Rev.1.0.2
(c)2005 Fairchild Semiconductor Corporation
FAN8010MP
Pin Asignments
IN1 ADJ FC OUT1 GND
1 2 3 4 5
10 9 8 7 6
IN2 VCC VM OUT2 Sense
FAN8010MP
Pin Definitions
Pin Number 1 2 3 4 5 6 7 8 9 10 Pin Name IN 1 ADJ FC OUT1 GND SENSE OUT2 VM VCC IN 2 I/O I A A A P A A P P I Pin Function Description Logic Input 1 Output Current Adjust Compensation Capacitor Motor Ouput1 Ground Motor Current Sensing Motor Output2 Power Supply For Output Stage Power Supply For Signal Block Logic Input 2 Remark -
2
FAN8010MP
Internal Block Diagram
VM
1 10
IN1 IN2
Forward
8
Input Stage
Reverse Brake
OUT1 OUT2 SENSE
4 7
Stand-by
TSD
9 5
VCC GND ADJ
Reference FC
R1 R2
6
3
2
3
FAN8010MP
Absolute Maximum Ratings (Ta = 25C)
Parameter Symbol Value Unit
Maximum Power Supply Voltage Maximum Power Supply VoNtage Maximum Power Supply Current Maximum Logic Input Voltage Maximum Output Sustain Voltage Maximum Power Dissipation Operating Temperature Storage Temperature
Note :
VMMAX VCCMAX IOMAX VINMAX VOUTMAX PdMAXNote1 TOPR TSTG
7.5 7.5 600 7.5 8.5 0.7 / 2.5
-30 ~ +80 -55 ~ +150
V V mA V V W
C C
Case 1
Case 2
Remark
Pd is measured base on the JEDEC/STD(JESD 51-2)
Power plane(Cu)
GND plane(Cu)
PCB(glass-epoxy)
Via
Pd=0.7W
Pd=2.5W
1. Refer: EIA/JESD 51-2 & EIA/JESD 51-3 & EIA/JESD 51-5 & EIA/JESD 51-7 2. Case 1: Single layer PCB with 1 signal plane only, PCB size 76mm x 114mm x 1.6mm. 3. Case 2: Multi layer PCB with 1 signal, 1 power and 1 ground planes, PCB size 76mm x 114mm x 1.6mm, Cu plane sizes for power and ground 74mm x 74mm x 0.035mm, thermal via hole pitch 0.9mm, via hole size 0.3mm, 6 via hole. 4. Should not exceed PD or ASO value.
Power Dissipation Curve
Pd [mW] 3,000 2,000 1,000 0 case2
SOA
case1
0
25
50
75
100
125
150
175
Ambient Temperature, Ta [C]
Recommended Operating Conditions (Ta = 25C)
Parameter Symbol Min. Typ. Max. Unit
Supply Voltage For Signal Block Supply Voltage For Power Stage
VCC VM
2.2 2.2
-
6.5 6.5
V V
4
FAN8010MP
Equivalent Circuit
IN1/IN2 ADJ
VCC
VCC
Reference
40K
1 10
70K 80K
2
7K
FC
OUT1/OUT2
VM
VCC
4
6
3
5
FAN8010MP
Electrical Characteristics
(Ta= 25C, VCC=3.3V, VM=3.3V unless otherwise specified)
Parameter COMMON BLOCK Symbol Conditions Min. Typ. Max. Unit
A
Standby Current Operating Current1 Operating Current2
LOGIC INPUTS
ISTB ICC1 ICC2 VH VL IH VADJ IO VSAT
VCC=7.5V, IN1=IN2=L IN1=H or IN2 =H IN1=IN2=H
1.8 -0.3
6 16 60 0.2 200 0.3
1.0 11 25 VCC 0.4 90 0.21 220 0.45
mA mA V V
A
Logic Input High Level Voltage Logic Input Low Level Voltage Logic Input Current
OUTPUT STAGE
VH=5.0V, IN1=H or IN2=H
0.19
Current Command Output Current Output Saturation Voltage (PNP+NPN)
V mA V
RS=1.0 IO=200mA
180 -
6
FAN8010MP
Typical Application Circuits Constant Current Driver
Supply
1
IN1 IN2
VM VCC
8 9
CS
10
OUT1
2
4
ADJ
ROPT
3
FAN8010MP
FC OUT2
7
M
CFC
5
GND
SENSE
6
Rs
Normal H-Bridge Driver
Supply
1
IN1 IN2
VM VCC
8 9
CS
10
OUT1
2
4
ADJ
FAN8010MP
3
M
OUT2
7
FC
5
GND
SENSE
6
7
FAN8010MP
Application Informations
1. Logic Inputs and Outputs
FAN8010MP has two input pins, IN1and IN2. The following truth table shows the relationship of the inputs and outputs.
IN1 IN2 OUT1 OUT2 Remark
L H L H
L L H H
Z H L H
Z L H H
Standby Rotation Rotation Brake
2. Constant Output Current Control
The voltage, VADJ pin is 0.2V typically which is obtained by a internal reference and a resistor divider as shown in the figure. The VADJ is used as the output current command and can be adjusted by the external resistor ROPT between ADJ and GND. The output current is converted to the voltage VS through the current sense resistor RS. By the negative feedback loop, the VS is regulated to VADJ. Actually 50mW, which is the sum of the internal bonding resistance and internal metal resistance, should be added to the RS. The output current is calculated as followings ;
I O = ( V ADJ ) ( R S + R W ) = 1.38 ( R OPT || 7K ) { ( 40K + R OPT || 7K ) ( R S + R W )}
VM Reference 1.38V ADJ ROPT 40K 7K H-BRIDGE OUT2 IN1~2 Rw FC Vs Sense Rs
OUT1 M
If oscillation or overshoot get loaded on the output current, they can be removed by connecting a ceramic capacitor ranged from 1nF to 10nF between the FC pin and GND. When a capacitor is used, output response time is delayed as the capacitance increases.
3. Unregulated Voltage Control
When the exact current control is not needed, the sense pin should be connected to the GND, and FAN8010MP is operated as a normal H-bridge driver.
4. Thermal Shutdown
Thermal Shutdown Circuit turns OFF all outputs when the junction temperature typically reaches 175C. It is intended to protect the device from failures due to excessive junction temperature. The Thermal Shutdown has the hysteresis of 25C approximately.
8
FAN8010MP
9
FAN8010MP
Test Circuits
1
IN1
IN2
10
2
ADJ
VCC
9
3
FC
FAN8010MP
VM
8
4
OUT1
OUT2
7
5
GND
SENSE
6
10
FAN8010MP
Package Dimensions (Unit: mm)
11
FAN8010MP
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 1/6/05 0.0m 001 Stock#DSxxxxxxxx (c) 2005 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of FAN8010MP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X