Part Number Hot Search : 
F75645P DG528DN HFP2N60S 51181 2N2222A C1500 VHC1G0 H5116
Product Description
Full Text Search
 

To Download CY7C235A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1CY7C235A
CY7C235A
1K x 8 Registered PROM
Features
* CMOS for optimum speed/power * High speed -- 25 ns address set-up -- 12 ns clock to output * Low power -- 495 mW (Commercial) -- 660 mW (Military) Synchronous and asynchronous output enables On-chip edge-triggered registers Programmable asynchronous registers (INIT) EPROM technology, 100% programmable Slim, 300-mil, 24-pin plastic or hermetic DIP or 28-pin LCC and PLCC * 5V 10% VCC, commercial and military * TTL-compatible I/O * Direct replacement for bipolar PROMs * * * * * * Capable of withstanding greater than 2001V static discharge
Functional Description
The CY7C235A is a high-performance 1024-word by 8-bit electrically programmable read only memory packaged in a slim 300-mil plastic or hermetic DIP, 28-pin leadless chip carrier, or 28-pin plastic leaded chip carrier. The memory cells utilize proven EPROM floating gate technology and byte-wide intelligent programming algorithms. The CY7C235A replaces bipolar devices pin for pin and offers the advantages of lower power, superior performance, and high programming yield. The EPROM cell requires only 12.5V for the supervoltage, and low current requirements allow for gang programming. The EPROM cells allow for each memory location to be tested 100%, as each location is written into, erased, and repeatedly exercised prior to encapsulation. Each PROM is also tested for AC performance to guarantee that the product will meet AC specification limits after customer programming.
Logic Block Diagram
INIT O7 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 CP CP O0 COLUMN ADDRESS ADDRESS DECODER ROW ADDRESS PROGRAMMABLE ARRAY MUL TIPLEXER PROGRAMMABLE INITIALIZE WORD O5 8-BIT EDGETRIGGERED REGISTER O4 O3 O2 O1 O6
Pin Configuration
DIP Top View
A7 A6 A5 A4 A3 A2 A1 A0 O0 O1 O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VCC A8 A9 E INIT ES CP O7 O6 O5 O4 O3
LCC/PLCC Top View
A5 A6 A7 NC V CC A8 A9 A4 A3 A2 A1 A0 NC O0 4 3 2 1 2827 26 25 5 24 6 23 7 22 8 21 9 20 10 19 11 12 1314151617 18 O1 O2 GND NC O3 O4 O5 E INIT ES CP NC O7 O6
ES E
Selection Guide
Minimum Address Set-Up Time Maximum Clock to Output Maximum Operating Commercial Current Military 7C235A-25 25 12 90 7C235A-30 30 15 90 7C235A-40 40 20 90 120 Unit ns ns mA mA
Cypress Semiconductor Corporation Document #: 38-04002 Rev. *B
*
3901 North First Street
*
San Jose
*
CA 95134 * 408-943-2600 Revised December 27, 2002
CY7C235A
Maximum Ratings[1]
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ..................................... -65C to +150C Ambient Temperature with Power Applied.................................................. -55C to +125C Supply Voltage to Ground Potential (Pin 24 to Pin 12 for DIP) .................................. -0.5V to +7.0V DC Voltage Applied to Outputs in High Z State .................................................... -0.5V to +7.0V DC Input Voltage ................................................. -3.0V to +7.0V DC Program Voltage (Pins 7, 18, 20 for DIP) ............... 13.0V Static Discharge Voltage............................................ >2001V (per MIL-STD-883, Method 3015) Latch-Up Current..................................................... >200 mA
Operating Range
Range Commercial Military[2] Ambient Temperature 0C to +70C -55C to +125C VCC 5V 10% 5V 10%
Electrical Characteristics Over Operating Range[3]
Parameter VOH VOL VIH VIL IIX VCD IOZ IOS ICC VPP IPP VIHP VILP Description Output HIGH Voltage Output LOW Voltage Input HIGH Level Input LOW Level Input Leakage Current Input Clamp Diode Voltage Output Leakage Current Output Short Circuit Current Power Supply Current Programming Supply Voltage Programming Supply Current Input HIGH Programming Voltage Input LOW Programming Voltage 3.0 0.4 Test Conditions VCC = Min., IOH = -4.0 mA VIN = VIH or VIL VCC = Min., IOL = 16 mA VIN = VIH or VIL Guaranteed Input Logical HIGH Voltage for All Inputs[4] Guaranteed Input Logical LOW Voltage for All Inputs[4] GND < VIN < VCC Note 5 GND < VOUT < VCC Output Disabled[4] VCC = Max., VOUT = 0.0V[6] IOUT = 0 mA, VCC = Max. Commercial Military 12 -10 -20 +10 -90 90 120 13 50 V mA V V A mA mA -10 2.0 0.8 +10 Min. 2.4 0.4 Max. Unit V V V V A
Capacitance[5]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC =5.0V Max. 10 10 Unit pF pF
Notes: 1. The volatge on any input or I/O pin cannot exceed the power pin during power-up. 2. TA is the "instant on" case temperature. 3. See the last page of this specification for Group A subgroup testing information. 4. For devices using the synchronous enable, the device must be clocked after applying these voltages to perform this measurement. 5. See Introduction to CMOS PROMs in this Data Book for general information on testing. 6. For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.
Document #: 38-04002 Rev. *B
Page 2 of 10
CY7C235A
a
AC Test Loads and Waveforms[5]
5V OUTPUT 50 pF INCLUDING JIG AND SCOPE R2 167 R1 250 5V OUTPUT 5 pF INCLUDING JIG AND SCOPE R2 167 3.0V GND 5 ns R1 250 ALL INPUT PULSES 90% 10% 90% 10% 5 ns
(a) NormalLoad
Equivalent to:
(b) High -ZLoad
TH EVENIN EQUIVALENT 100 2.0V
OUTPUT
Operating Modes
The CY7C235A incorporates a D-type, master-slave register on chip, reducing the cost and size of pipelined microprogrammed systems and applications where accessed PROM data is stored temporarily in a register. Additional flexibility is provided with synchronous (ES) and asynchronous (E) output enables and asynchronous initialization (INIT). Upon power-up, the synchronous enable (ES) flip-flop will be in the set condition causing the outputs (O0-O7) to be in the OFF or high-impedance state. Data is read by applying the memory location to the address input (A0-A9) and a logic LOW to the enable (ES) input. The stored data is accessed and loaded into the master flip-flops of the data register during the address set-up time. At the next LOW-to-HIGH transition of the clock (CP), data is transferred to the slave flip-flops, which drive the output buffers, and the accessed data will appear at the outputs (O0-O7), provided the asynchronous enable (E) is also LOW. The outputs may be disabled at any time by switching the asynchronous enable (E) to a logic HIGH, and may be returned to the active state by switching the enable to a logic LOW. Regardless of the condition of E, the outputs will go to the OFF or high-impedance state upon the next positive clock edge after the synchronous enable (ES) input is switched to a HIGH level. If the synchronous enable pin is switched to a logic LOW, the subsequent positive clock edge will return the output to the active state if E is LOW. Following a positive clock edge, the address and synchronous enable inputs are free to change since no change in the output will occur until the next LOW-to-HIGH transition of the clock. This unique feature allows the CY7C235A decoders and sense amplifiers to access the next location while previously addressed data remains stable on the outputs.
System timing is simplified in that the on-chip edge-triggered register allows the PROM clock to be derived directly from the system clock without introducing race conditions. The on-chip register timing requirements are similar to those of discrete registers available in the market. The CY7C235A has an asynchronous initialize input (INIT). The initialize function is useful during power-up and time-out sequences and can facilitate implementation of other sophisticated functions such as a built-in "jump start" address. When activated the initialize control input causes the contents of a user programmed 1025th 8-bit word to be loaded into the on-chip register. Each bit is programmable and the initialize function can be used to load any desired combination of 1s and 0s into the register. In the unprogrammed state, activating INIT will generate a register CLEAR (all outputs LOW). If all the bits of the initialize word are programmed, activating INIT performs a register PRESET (all outputs HIGH). Applying a LOW to the INIT input causes an immediate load of the programmed initialize word into the master and slave flip-flops of the register, independent of all other inputs, including the clock (CP). The initialize data will appear at the device outputs after the outputs are enabled by bringing the asynchronous enable (E) LOW. When power is applied the (internal) synchronous enable flip-flop will be in a state such that the outputs will be in the high-impedance state. In order to enable the outputs, a clock must occur and the ES input pin must be LOW at least a set-up time prior to the clock LOW-to-HIGH transition. The E input may then be used to enable the outputs. When the asynchronous initialize input, INIT, is LOW, the data in the initialize byte will be asynchronously loaded into the output register. It will not, however, appear on the output pins until they are enabled, as described in the preceding paragraph.
Document #: 38-04002 Rev. *B
Page 3 of 10
CY7C235A
Switching Characteristics Over Operating Range[3, 5]
7C235A-25 Parameter tSA tHA tCO tPWC tSES tHES tDI tRI tPWI tCOS tHZC tDOE tHZE Description Address Set-Up to Clock HIGH Address Hold from Clock HIGH Clock HIGH to Valid Output Clock Pulse Width ES Set-Up to Clock HIGH ES Hold from Clock HIGH Delay from INIT to Valid Output INIT Recovery to Clock HIGH INIT Pulse Width Inactive to Valid Output from Clock HIGH[7] Inactive Output from Clock Valid Output from E LOW Inactive Output from E HIGH HIGH[7] 20 20 20 20 20 20 12 10 5 25 20 20 20 20 20 20 Min. 25 0 12 15 10 5 25 20 25 25 25 25 25 Max. 7C235A-30 Min. 30 0 15 20 15 5 35 Max. 7C235A-40 Min. 40 0 20 Max. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns
Note: 7. Applies only when the synchronous (ES) function is used.
Switching Waveforms[5]
tHA A0 - A10 tSES tHES tSES tHES tSA tHA
ES
tSES
tHES
CP
tPWC
tPWC
tPWC
tPWC
tPWC
tPWC
O0 - O7 tCO
tHZC
tCOS
tCO
tHZE
tDOE
E tDI INIT tPWI tRI
Programming Information
Programming support is available from Cypress as well as from a number of third-party software vendors. For detailed
programming information, including a listing of software packages, please see the PROM Programming Information located at the end of this section. Programming algorithms can be obtained from any Cypress representative.
Document #: 38-04002 Rev. *B
Page 4 of 10
CY7C235A
Table 1. Mode Selection Pin Function[8] Read or Output Disable Mode Read Output Disable Output Disable Initialize Program Program Verify Program Inhibit Intelligent Program Program Initialize Byte Blank Check
Note: 8. X = "don't care" but not to exceed VCC 5%.
A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9 A0, A3-A9
A1 A1 A1 A1 A1 A1 A1 A1 A1 A1 VPP A1
A2 A2 A2 A2 A2 A2 A2 A2 A2 A2 VILP A2
CP PGM X X X X VILP VIHP VIHP VILP VILP VIHP
ES VFY VIL VIH X X VIHP VILP VIHP VIHP VIHP VILP
E E VIL X VIH VIL VIHP VIHP VIHP VIHP VIHP VIHP
INIT VPP VIH VIH VIH VIL VPP VPP VPP VPP VPP VPP
O7-O0 D7-D0 O7-O0 High Z High Z Init Byte D7-D0 O7-O0 High Z D7-D0 D7-D0 Zeros
Other
DIP Top View
A7 A6 A5 A4 A3 A2 A1 A0 D0 D1 D2 GND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VCC A8 A9 E VPP VFY PGM D7 D6 D5 D4 D3
LCC/PLCC Top View
A5 A6 A7 NC V CC A8 A9 A4 A3 A2 A1 A0 NC D0 5 6 7 8 9 10 11 4 3 2 1 28 27 26 25 24 23 22 21 20 19 121314151617 18 E VPP VFY PGM NC D7 D6 D1 D2 GND NC D3 D4 D5
Figure 1. Programming Pinouts
Document #: 38-04002 Rev. *B
Page 5 of 10
CY7C235A
Typical DC and AC Characteristics
NORMALIZED SUPPLY CURRENT vs. SUPPLY VOLTAGE 1.6 NORMALIZED ICC NORMALIZED ICC 1.4 1.2 1.0 0.8 0.6 4.0 TA =25C f = fMAX 4.5 5.0 5.5 6.0 1.2 NORMALIZED CLOCK-TO-OUTPUT TIME NORMALIZED SUPPLY CURRENT vs. AMBIENT TEMPERATURE CLOCK TO OUTPUT TIME vs. V CC 1.6 1.4 1.2 1.0 0.8 TA =25C 0.6 4.0 4.5 5.0 5.5 6.0
1.1
1.0
0.9
0.8 -55
25
125
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE (C)
SUPPLY VOLTAGE (V)
NORMALIZED CLOCK-TO-OUTPUT TIME
CLOCK TO OUTPUT TIME vs. TEMPERATURE 1.6 NORMALIZED SET -UP TIME 1.4 1.2 1.0 0.8 0.6 -55 1.2
NORMALIZED SET-UP TIME vs. SUPPLY VOLTAGE 1.6 NORMALIZED SET-UP TA =25C 0.4 4.0 4.5 5.0 5.5 6.0 1.4 1.2 1.0 0.8 0.6 -55
NORMALIZED SET-UP TIME vs. TEMPERATURE
1.0
0.8
0.6
25
125
25
125
AMBIENT TEMPERATURE (C)
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE (C)
OUTPUT SINK CURRENT (mA)
NORMALIZED SUPPLY CURRENT vs. CLOCK PERIOD 1.02 1.00 NORMALIZED ICC 0.98 0.96 0.94 0.92 0.90 0.88 0 25 50 75 100 VCC =5.5V TA =25C 30.0 25.0 DELTA t AA (ns) 20.0 15.0 10.0 5.0 0.0
TYPICAL ACCESS TIME CHANGE vs. OUTPUT LOADING
OUTPUT SINK CURRENT vs. OUTPUT VOLTAGE 175 150 125 100 75 50 25 0 0.0 1.0 2.0 3.0 4.0 VCC =5.0V TA =25C
TA =25C VCC =4.5V 0 200 400 600 800 1000
CLOCK PERIOD (ns)
CAPACITANCE (pF)
OUTPUT VOLTAGE (V)
C235A-10
Document #: 38-04002 Rev. *B
Page 6 of 10
CY7C235A
Ordering Information
Speed (ns) tSA tCO Ordering Code 25 12 CY7C235A-25PC 30 15 CY7C235A-30JC 40 20 CY7C235A-40PC CY7C235A-40DMB CY7C235A-40LMB Package Name P13 J64 P13 D14 L64
Package Type 24-Lead (300-Mil) Molded DIP 28-Lead Plastic Leaded Chip Carrier 24-Lead (300-Mil) Molded DIP 24-Lead (300-Mil) CerDIP 28-Square Leadless Chip Carrier
Operating Range Commercial
Military
MILITARY SPECIFICATIONS Group A Subgroup Testing DC Characteristics
Parameter VOH VOL VIH VIL IIX IOZ ICC Subgroups 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3
Switching Characteristics
Parameter tSA tHA tCO Subgroups 7, 8, 9, 10, 11 7, 8, 9, 10, 11 7, 8, 9, 10, 11
Package Diagrams
24-Lead (300-Mil) CerDIP D14
MIL-STD-1835 D- 9 Config.A
51-80031-**
Document #: 38-04002 Rev. *B
Page 7 of 10
CY7C235A
Package Diagrams (continued)
28-Lead Plastic Leaded Chip Carrier J64
51-85001-*A
28-Square Leadless Chip Carrier L64
MIL-STD-1835 C-4
51-80051-**
Document #: 38-04002 Rev. *B
Page 8 of 10
CY7C235A
Package Diagrams (continued)
24-Lead (300-Mil) Molded DIP P13
51-85013-A
All product and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-04002 Rev. *B
Page 9 of 10
(c) Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
CY7C235A
Document History Page
Document Title: CY7C235A 1K x 8 Registered PROM Document Number: 38-04002 REV. ** *A *B ECN NO. 113857 118893 122243 Issue Date 03/06/02 10/09/02 12/27/02 Orig. of Change DSG GBI RBI Description of Change Change from Spec number: 38-00229 to 38-04002 Update ordering information Add power up requirements to maximum ratings information.
Document #: 38-04002 Rev. *B
Page 10 of 10


▲Up To Search▲   

 
Price & Availability of CY7C235A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X