Part Number Hot Search : 
2N681 2N681 AR5001 HMC28308 XC9221 REB105 AS3515 BP8G3
Product Description
Full Text Search
 

To Download CS3750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS3750
CS3750
100mA Dual H-Bridge Air-Core Gauge Driver
Description
The CS3750 is a dual H-bridge four quadrant air-core gauge driver. The IC provides all the functions necessary to drive a tachometer or speedometer as part of a microprocessor based multiplexed system. Digital input control eliminates the need for any analog calibration of the gauge. The controlling microprocessor sends out a PWM signal to each H bridge driver input (IN1, IN2). The PWM signal duty cycle is proportional to the Hbridge output. Output current (100mA max) direction is controlled by the DIRECTION input. PWM switching noise is minimized at each half bridge by an internal RC filter and external programmable capacitor. The CS3750 is protected against 50V load dump, over voltage and thermal runaway fault conditions. Any of these faults causes the IC to shut down. Each high side of the output driver is current limited. A short circuit condition in one driver does not affect the others.
Features
s 2 Independent NPN H-Bridge Drivers s No Analog Trim Required s Used in Multiplexed Systems s Quiet Gauge Operation s Programmable Slew Rate Minimizes Switching Noise s Fault Protection Over Voltage Thermal Shutdown Short Circuit
Absolute Maximum Ratings Supply Voltage .................................................................................7.5V to +16V Internal Power Dissipation.....................................................Internally limited Logic Input Voltages .......................................................................0.3V to 6.5V Junction Temperature Range ...................................................40C to +150C Storage Temperature Range .....................................................55C to +165C Lead Temperature Soldering Wave Solder (through hole styles only) ...........10 sec. max, 260C peak Electrostatic Discharge (Human Body Model)............................................8kV Block Diagram
OUT1A
1/2 H -Bridge Driver with Current Limit
Package Options
16 Lead PDIP (internally fused leads)
OUT1B
1/2 H -Bridge Driver with Current Limit
C1
OUT2A
1/2 H- Bridge Driver with Current Limit
OUT2B
1/2 H- Bridge Driver with Current Limit
C2
DIR1 1 C1 IN1 Gnd Gnd OUT1A
DIR2 C2 IN2 Gnd Gnd OUT2A VS2 OUT2B
DIRECTION Control RC Filter for PWM Input Overvoltage Thermal Shutdown
DIRECTION Control RC Filter for PWM Input
VS1 OUT1B
Gnd
VREF VS1,2 DIR1 IN1 DIR2 IN2
Cherry Semiconductor Corporation 2000 South County Trail, East Greenwich, RI 02818 Tel: (401)885-3600 Fax: (401)885-5786 Email: info@cherry-semi.com Web Site: www.cherry-semi.com
Rev. 7/20/95
1
A
Company
CS3750
Electrical Characteristics: 7.5V <= VCC<=15V; -40C TA +85C unless otherwise specified. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT
s Output Stage VOUT Saturation Voltage (Low Side) VOUT Offset Voltage VOUT Saturation High Side Low Side VOUT Differential Matching Voltage Supply Current s Input Stage VIN LOW HIGH Hysteresis IIN LOW HIGH Output Slew Rate with respect to input Output Turn on Delay with respect to input Output Turn off Delay with respect to input s Direction VDIR LOW HIGH Hysteresis IDIR LOW HIGH Output Slew Rate with respect to DIR Output Fall Time with respect to DIR Output Turn on Delay with respect to DIR Output Turn off Delay with respect to DIR s Protection Functions IOUT Current Limit (High Side Only) Over Voltage Threshold Hysteresis Thermal Shutdown Hysteresis
IOUT=100mA; VIN=0V IOUT=1mA; VIN=0V VC=5V; IOUT=-30mA VIN=5V;IOUT=-100mA VIN=0V;IOUT=-1mA VC=5V, IOUT=-100mA VIN=VDIR=0;
VS-2
0.25 0.01 15 VS-1.5 0.02
0.50 0.10 50 VS 0.10 100 45
V V mV V V mV mA
23
VIN decreasing; VDIR=0V VIN increasing; VDIR=0V VDIR=0V VIN=0.8V; VDIR=0V VIN=3.5V VIN=250Hz; RLOAD=1501/2 VIN=250Hz; RLOAD=1501/2, note 1 VIN=250Hz; RLOAD=1501/2, note 2
0.8
1.9 2.0 100 20 0.4 0.2 1.5 2.4
3.5 100 100.0 0.8 6 9
V V mV A A V/us s s
VIN=5V; VDIR decreasing VIN=5V; VDIR increasing VIN=5V VIN=0V; VDIR=0.8V VIN=0V; VDIR=3.5V VIN=5V; fDIR=250Hz; C=0F VIN=0V; VDIR=0V; C=0F VIN=5V; RLOAD=1501/2 VDIR=250Hz; C=0F, note 1 VIN=5V; RLOAD=1501/2 VDIR=250Hz; C=0F, note 2
0.8
0.2
1.9 2.0 100 40 0.4 1.5 0.2
3.5 100 100
V V mV A A V/s s
2.0
1 2.5
6 9
s s
VIN=5V VIN=5V
100 17.0
225 21.5 0.5 160 20 26.0
mA V V C C
Note 1: Time required for output signal to rise to 90% of its amplitude after input signal switches. Note 2: Time required for output signal to decrease to 10% of its amplitude after input signal switches.
2
CS3750
Package Pin Description
PACKAGE PIN # PIN SYMBOL FUNCTION
16L PDIP (internally fused leads) 1 2 3 4,5,12,13 6 7 8 9 10 11 14 15 16 DIR1 C1 IN1 Gnd OUT1A VS1 OUT1B OUT2B VS2 OUT2A IN2 C2 DIR2 CMOS compatible input pin controls direction of current through OUT1 RC filter capacitor for OUT1 connected to Ground CMOS compatible input pin controls output OUT1A and 1B Ground connection One half of H-bridge output stage 1 Supply voltage One half of H-bridge output stage 1 One half of H-bridge output stage 2 Supply voltage One half of H-bridge output stage 2 CMOS compatible input pin controls output OUT2A and 2B RC filter capacitor for OUT2 connected to Ground CMOS compatible input pin controls direction of current through OUT2
Circuit Description Output Stage Each output stage contains 4 power NPN transistors arranged in a traditional H bridge configuration. Current flow through the two outputs (OUTxA, OUTxB) in each H-bridge is controlled by the logic signal DIRx. PWM input signals from the microprocessor, are filtered on chip and sent to the output stage. The duty cycle of the PWM signal is proportional to output voltage. The RC filter reduces the noise of the PWM input signal by slowing its slew rate: i.e., the output signal is converted from a square wave to an exponential sawtooth waveform. An external capacitor (Cx) controls the slew rate for each H bridge. Motor Direction Control When the voltage on the control pin (INx) is low, both halves of the H bridge are off (Table 1). When INx is high, DIR controls the flow of current through the H-bridge. If DIRx=0, current flows from OUTxA out to the coil and back in through OUTxB. If DIRx=1, current flows from OUTxB out to the coil and back in through OUTxA.
Table 1. Logic Control of H-Bridge
Protection The high side driver transistor in each H-bridge is current limited as a protection against a short circuit fault condition. If an over voltage or a thermal runaway fault conditions occurs, all outputs shut down. Application Diagram
VBAT
Microprocessor
I/O
1
DIR1
DIR2
*C1
CS3750
C1 IN1 Gnd Gnd
C2 IN2 Gnd Gnd *C2
OUT1A VS1 OUT1B
OUT2A VS2 OUT2B
Input INX 0 1 1
Direction DIRX X 0 1 0 1 0
Outputs OUTxA OUTxB 0 0 1
* 0.047mF COIL1 COIL2 Circular Speedometer
Air Core Gauge
3
CS3750
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES) PACKAGE THERMAL DATA
D Lead Count 16L PDIP (internally fused leads) Metric Max Min 19.69 18.67 English Max Min .775 .735
Thermal Data RQJC RQJA typ typ
16L PDIP (internally fused leads) 15 50 uC/W uC/W
Plastic DIP (N); 300 mil wide
7.11 (.280) 6.10 (.240)
8.26 (.325) 7.62 (.300) 3.68 (.145) 2.92 (.115)
1.77 (.070) 1.14 (.045)
2.54 (.100) BSC
.356 (.014) .203 (.008)
0.39 (.015) MIN. .558 (.022) .356 (.014) Some 8 and 16 lead packages may have 1/2 lead at the end of the package. All specs are the same.
REF: JEDEC MS-001
D
Ordering Information
Part Number CS3750ENF16
Rev. 7/20/95
Description 16L PDIP (internally fused leads) 4
Cherry Semiconductor Corporation reserves the right to make changes to the specifications without notice. Please contact Cherry Semiconductor Corporation for the latest available information.
(c) 1999 Cherry Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of CS3750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X