Part Number Hot Search : 
56AEEE DS1843D 051233 76SB12 S0303 203922B 035CT F7338
Product Description
Full Text Search
 

To Download BYW77G-200-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYW77G-200
HIGH EFFICIENCY FAST RECOVERY DIODES
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM trr VF 25 A 200 V 50 ns 0.85 V
1&3 4
4
2
FEATURES AND BENEFITS
1
3
VERY SMALL CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES LOW FORWARD AND REVERSE RECOVERY TIME HIGH SURGE CURRENT CAPABILITY SMD PACKAGE DESCRIPTION Single rectifier suited for switchmode power supply and high frequency DC to DC converters. Packaged in D2PAK, this surface mount device is intended for use in high frequency inverters, free wheeling and polarity protection applications.
D2PAK (Plastic)
ABSOLUTE MAXIMUM RATINGS Symbol VRRM IF(RMS) IF(AV) IFSM IFRM Tstg Tj Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Repetitive peak forward current Storage and junction temperature range Tc=125C = 0.5 tp=10ms sinusoidal tp = 5s f = 5 kHz Value 200 50 25 200 310 - 40 to + 150 Unit V A A A A C
October 1999 - Ed:3A
1/5
BYW77G-200
THERMAL RESISTANCE Symbol Rth (j-c) Junction to case Parameter Value 1 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * Parameter Reverse leakage current Test Conditions VR = VRRM Tj = 25C Tj = 100C VF ** Forward voltage drop IF = 20 A IF = 40 A IF = 40 A
Pulse test : * tp = 5 ms, < 2 % ** tp = 380 s, < 2 %
Min.
Typ.
Max. 25 2.5 0.85 1.00 1.15
Unit A mA V
Tj = 125C Tj = 125C Tj = 25C
To evaluate the conduction losses use the following equation : P = 0.65 x IF(AV) + 0.0075 IF2(RMS) RECOVERY CHARACTERISTICS Symbol trr Parameter Reverse recovery time Test Conditions Tj = 25C Irr = 0.25 A Tj = 25C dIF/dt = -50A/s tfr Forward recovery time Peak forward voltage IF = 0.5A IR = 1A IF = 1A VR = 30V 10 V 1.5 Min. Typ. Max. 35 50 ns Unit ns
Tj = 25C IF = 1A dIF/dt = 100A/s VFR = 1.1 x VF max Tj = 25C IF = 1A dIF/dt = 100A/s
VFP
PIN OUT configuration in D2PAK:
2/5
BYW77G-200
Fig.1 : Average forward power dissipation versus average forward current.
P F(av)(W)
=0.1 =0.05 =0.2 =0.5 =1
Fig.2 : Peak current versus form factor.
I M(A)
30.0 27.5 25.0 22.5 20.0 17.5 15.0 12.5 10.0 7.5 5.0 2.5 0.0 0
500
T
400
P=20W
I
M
300 200
P=30W
=tp/T tp
T
100
P=40W
I F(av)(A)
5 10 15 20
=tp/T
tp
25
30
0 0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Fig.3 : Forward voltage drop versus forward current (maximum values).
VFM(V)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
Tj=125 oC
Fig.4 : Relative variation of thermal impedance junction to case versus pulse duration.
1.0
K
Zth(j-c) (tp. K= Rth(j-c)
=0.5 =0.2 =0.1
)
0.5
T
0.2
IFM(A) 1 10 100 300
Single pulse
0.1
0.1
1.0E-03 1.0E-02
tp(s)
1.0E-01
=tp/T
tp
1.0E+00
Fig.5 : Non repetitive surge peak forward current versus overload duration.
IM(A)
Fig.6 : Average current versus ambient temperature. ( = 0.5)
I F(av)(A)
30
Rth(j-a)=Rth(j-c)
300 250 200
25
=0.5
20
Tc=25 oC
T
150
Tc=75 o C
15
=tp/T tp
100
IM
Tc=125 o C
10
t =0.5
50 0 0.001
5
Rth(j-a)=15 o C/W
t(s)
0.01 0.1 1
0 0 20 40
Tamb( o C)
60 80 100 120 140 160
3/5
BYW77G-200
Fig.7 : Junction capacitance versus reverse voltage applied (Typical values).
200 1 90 1 80 1 70 1 60 1 50 1 40 1 30 1 20 11 0 1 00 1
Fig.8 : Reverse recovery charges versus dIF/dt.
C(pF)
F=1MHz Tj=25 oC
80 70 60 50 40 30 20
QRR(nC)
90%CONFIDENCE
IF=IF(av)
Tj=100 OC
Tj=25 O C
VR(V)
10 1 00 200
10 0 1
dIF/dt(A/s)
10 1 00
Fig.9 : Peak reverse current versus dIF/dt.
Fig.10 : Dynamic parameters versus junction temperature.
3.0 2.5 2.0 1.5 1.0 0.5 0.0 1
IRM(A)
90%CONFIDENCE
QRR;IRM[Tj]/QRR;IRM[Tj=125 oC]
1.50
Tj=100 OC
IF=IF(av)
1.25 1.00
IRM
0.75
QRR
0.50
Tj=25 O C
0.25 0.00 0 25
dIF/dt(A/s)
20 10 1 00
Tj( oC)
50
75
100
125
150
4/5
BYW77G-200
PACKAGE MECHANICAL DATA D2PAK (Plastic) REF.
A E L2 C2
D L L3 A1 B2 B G A2 2.0 MIN. FLAT ZONE V2 C R
A A1 A2 B B2 C C2 D E G L L2 L3 M R V2
DIMENSIONS Millimeters Inches Min. Max. Min. Max. 4.40 4.60 0.173 0.181 2.49 2.69 0.098 0.106 0.03 0.23 0.001 0.009 0.70 0.93 0.027 0.037 1.14 1.70 0.045 0.067 0.45 0.60 0.017 0.024 1.23 1.36 0.048 0.054 8.95 9.35 0.352 0.368 10.00 10.40 0.393 0.409 4.88 5.28 0.192 0.208 15.00 15.85 0.590 0.624 1.27 1.40 0.050 0.055 1.40 1.75 0.055 0.069 2.40 3.20 0.094 0.126 0.40 typ. 0.016 typ. 0 8 0 8
FOOT PRINT (in millimeters)
16.90
10.30 1.30
5.08
3.70 8.90
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of BYW77G-200-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X