Part Number Hot Search : 
391K0 TLP597A 856331 UPD6308 BU4540AL VCH162 C3789 A1275
Product Description
Full Text Search
 

To Download BFR35AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFR35AP
NPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20 mA
3
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type BFR35AP
Maximum Ratings Parameter Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation1) Junction temperature Ambient temperature Storage temperature Thermal Resistance Parameter Junction - soldering point2) TS 48C
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R please refer to Application Note Thermal Resistance
thJA
1
2 1
VPS05161
Marking GEs
Pin Configuration 1=B 2=E 3=C
Package SOT23
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
Value 15 20 20 2.5 30 4 280 150 -65 ... 150 -65 ... 150
Unit V
mA mW C
Symbol RthJS
Value 365
Unit K/W
Aug-01-2001
BFR35AP
Electrical Characteristics Parameter Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-emitter cutoff current VCE = 20 V, VBE = 0 Collector -base cutoff current VCB = 10 V, IE = 0 Emitter-base cutoff current VEB = 2.5 V, IC = 0 DC current gainIC = 15 mA, VCE = 8 V hFE 40 100 200 IEBO 100 A ICBO 100 nA ICES 10 A V(BR)CEO 15 V Symbol min. Values typ. max. Unit
2
Aug-01-2001
BFR35AP
Electrical Characteristics Parameter AC Characteristics Transition frequency IC = 15 mA, VCE = 8 V, f = 500 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Collector emitter capacitance VCE = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 2 mA, VCE = 6 V, ZS = ZSopt, f = 900 MHz f = 1.8 GHz Power gain, maximum available1) IC = 15 mA, VCE = 8 V, ZS = ZSopt, ZL = ZLopt, f = 900 MHz f = 1.8 GHz Transducer gain IC = 15 mA, VCE = 8 V, ZS = ZL = 50, f = 900 MHz f = 1.8 GHz 12.5 7 |S21e|2 Gma 15 9.5 F 1.8 2.9 dB Ceb 0.7 Cce 0.2 Ccb 0.38 0.6 pF fT 3.5 5 GHz Symbol min. Values typ. max. Unit
1G ma
= |S21 /S12| (k-(k2 -1)1/2 ) 3 Aug-01-2001


▲Up To Search▲   

 
Price & Availability of BFR35AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X