Part Number Hot Search : 
PSMN1 M54HC690 DS125 A17DN DM204 DM204 LS655 TPF4805S
Product Description
Full Text Search
 

To Download BCW65B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW 65, BCW 66 NPN
General Purpose Transistors NPN
Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
2.9 0.1 0.4
3
250 mW SOT-23 (TO-236) 0.01 g
1.1
Plastic case Kunststoffgehause
1.3 0.1
Type Code
1 2
2.5 max
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.9
Dimensions / Mae in mm 1=B 2=E 3=C
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (DC) Peak Collector current - Kollektor-Spitzenstrom Base current - Basis-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCE0 VCB0 VEB0 Ptot IC ICM IB IBM Tj TS
Grenzwerte (TA = 25/C) BCW 65 32 V 60 V 5V 250 mW 1) 800 mA 1000 mA 100 mA 200 mA 150/C - 65...+ 150/C BCW 66 45 V 75 V
Characteristics (Tj = 25/C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, VCB = 32 V IE = 0, VCB = 32 V, Tj = 150/C IE = 0, VCB = 45 V IE = 0, VCB = 45 V, Tj = 150/C IC = 0, VEB = 4 V BCW 65 BCW 66 ICB0 ICB0 ICB0 ICB0 IEB0 - - - - -
Kennwerte (Tj = 25/C) Typ. - - - - - Max. 20 nA 20 :A 20 nA 20 :A 20 nA
Emitter-Base cutoff current - Emitterreststrom
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
42
General Purpose Transistors Characteristics (Tj = 25/C) Min. Collector saturation volt. - Kollektor-Sattigungsspg. 1) IC = 100 mA, IB = 10 mA IC = 500 mA, IB = 50 mA IC = 100 mA, IB = 10 mA IC = 500 mA, IB = 50 mA BCW 65A / 66F VCE = 10 V, IC = 100 :A BCW 65B / 66G BCW 65C / 66H BCW 65A / 66F VCE = 1 V, IC = 10 mA BCW 65B / 66G BCW 65C / 66H BCW 65A / 66F VCE = 1 V, IC = 100 mA BCW 65B / 66G BCW 65C / 66H BCW 65A / 66F VCE = 2 V, IC = 500 mA BCW 65B / 66G BCW 65C / 66H Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 50 mA, f = 100 MHz VCB = 10 V, IE = ie = 0, f = 1 MHz VEB = 0.5 V, IC = ic = 0, f = 1 MHz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren Marking - Stempelung BCW 65A = EA BCW 66F = EF fT CCB0 CEB0 - - - RthA VCEsat VCEsat VBEsat VBEsat hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE - - - - 35 50 80 75 110 180 100 160 250 - - -
BCW 65, BCW 66 Kennwerte (Tj = 25/C) Typ. - - - - - - - - - - 160 250 350 35 60 100 170 MHz 6 pF 60 pF Max. 300 mV 700 mV 1.25 V 2V - - - - - - 250 400 630 - - - - - - 420 K/W 2) BCW 67, BCW 68 BCW 65B = EB BCW 66G = EG BCW 65C = EC BCW 66H = EH
Base saturation voltage - Basis-Sattigungsspannung 1)
DC current gain - Kollektor-Basis-Stromverhaltnis 1)
Collector-Base Capacitance - Kollektor-Basis-Kapazitat Emitter-Base Capacitance - Emitter-Basis-Kapazitat
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
43


▲Up To Search▲   

 
Price & Availability of BCW65B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X