Part Number Hot Search : 
UMA1017M FX609P6 2N7002 AX195 EM6A816 MV5453 SQD45P03 UMA7N
Product Description
Full Text Search
 

To Download BC857BV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D744
BC857BV PNP general purpose double transistor
Product specification Supersedes data of 2001 Sep 10 2001 Nov 07
Philips Semiconductors
Product specification
PNP general purpose double transistor
FEATURES * 300 mW total power dissipation * Very small 1.6 mm x 1.2 mm x 0.55 mm ultra thin package * Excellent coplanarity due to straight leads * Improved thermal behaviour due to flat leads * Reduces number of components as replacement of two SC-75/SC-89 packaged BISS transistors * Reduces required board space * Reduces pick and place costs. APPLICATIONS * General purpose switching and amplification. DESCRIPTION PNP double transistor in a SOT666 plastic package. NPN complement: BC847BV. MARKING TYPE NUMBER BC857BV MARKING CODE 3F
6 5 4
BC857BV
PINNING PIN 1, 4 2, 5 6, 3 emitter base collector DESCRIPTION TR1; TR2 TR1; TR2 TR1; TR2
6
5
4
TR2 TR1
1
Top view
2
3
MAM450
1
2
3
Fig.1 Simplified outline (SOT666) and symbol.
2001 Nov 07
2
Philips Semiconductors
Product specification
PNP general purpose double transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL Per transistor VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb Per device Ptot Note 1. Transistor mounted on an FR4 printed-circuit board. THERMAL CHARACTERISTICS SYMBOL Rth j-a Notes 1. Transistor mounted on an FR4 printed-circuit board. 2. The only recommended soldering method is reflow soldering. PARAMETER thermal resistance from junction to ambient CONDITIONS notes 1 and 2 VALUE 416 total power dissipation Tamb 25 C; note 1 - 300 collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 open emitter open base open collector - - - - - - - -65 - -65 -50 -45 -5 PARAMETER CONDITIONS MIN.
BC857BV
MAX.
UNIT
V V V mA mA mA mW C C C mW
-100 -200 -200 200 +150 150 +150
UNIT K/W
2001 Nov 07
3
Philips Semiconductors
Product specification
PNP general purpose double transistor
CHARACTERISTICS Tamb = 25 C; unless otherwise specified. SYMBOL Per transistor ICBO IEBO hFE VBE VCEsat VBEsat Cc Ce fT Note 1. Pulse test: tp 300 s; 0.02. collector-base cut-off current emitter-base cut-off current DC current gain base-emitter voltage IE = 0; VCB = -30 V IE = 0; VCB = -30 V; Tj = 150 C IC = 0; VEB = -5 V IC = -2 mA; VCE = -5 V IC = -2 mA; VCE = -5 V IC = -100 mA; IB = -5. mA; note 1 base-emitter saturation voltage collector capacitance emitter capacitance transition frequency IC = -10 mA; IB = -0.5 mA IE = ie = 0; VCB = -10 V; f = 1 MHz IC = ic = 0; VEB = -500 mV; f = 1 MHz IC = -10 mA; VCE = -5 V; f = 100 MHz - - - 200 -600 - - - - - 100 - - - - -655 - - -755 - 10 - PARAMETER CONDITIONS MIN. TYP.
BC857BV
MAX. -15 -5 -100 450 -750 -100 -400 - 2.2 - -
UNIT
nA A nA mV mV mV mV pF pF MHz
collector-emitter saturation voltage IC = -10 mA; IB = -0.5 mA
2001 Nov 07
4
Philips Semiconductors
Product specification
PNP general purpose double transistor
Graphical information BC857BV
MHB975
BC857BV
handbook, halfpage
1000
handbook, halfpage
hFE 800
-1200 VBE (mV) -1000 -800
MHB976
(1)
600
(1)
-600 -400
(2)
400
(2) (3)
200
(3)
-200 -0 -10-2
0 -10-2
-10-1
1
10
102 103 IC (mA)
-10-1
-1
-10
VCE = -5 V. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
VCE = -5 V. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 150 C.
-102 -103 IC (mA)
Fig.3 Fig.2 DC current gain; typical values.
Base-emitter voltage as a function of collector current; typical values.
-104 handbook, halfpage VCEsat (mV)
MHB977
handbook, halfpage V
-1200 BEsat (mV) -1000 -800
MHB978
-103
(1) (2)
-600
(3)
-102
(1)
-400
(2) (3)
-200
-10 -10-1
-1
-10
-102 -103 IC (mA)
0 -10-1
-1
-10
-102
IC (mA)
-103
IC/IB = 20. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
IC/IB 20. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 150 C.
Fig.4
Collector-emitter saturation voltage as a function of collector current; typical values.
Fig.5
Base-emitter saturation voltage as a function of collector current; typical values.
2001 Nov 07
5
Philips Semiconductors
Product specification
PNP general purpose double transistor
PACKAGE OUTLINE Plastic surface mounted package; 6 leads
BC857BV
SOT666
D
A
E
X
S
YS HE
6
5
4
pin 1 index A
1
e1 e
2
bp
3
wMA Lp detail X
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.6 0.5 bp 0.27 0.17 c 0.18 0.08 D 1.7 1.5 E 1.3 1.1 e 1.0 e1 0.5 HE 1.7 1.5 Lp 0.3 0.1 w 0.1 y 0.1
OUTLINE VERSION SOT666
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 01-01-04 01-08-27
2001 Nov 07
6
Philips Semiconductors
Product specification
PNP general purpose double transistor
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
BC857BV
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Nov 07
7
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/02/pp8
Date of release: 2001
Nov 07
Document order number:
9397 750 09041


▲Up To Search▲   

 
Price & Availability of BC857BV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X