Part Number Hot Search : 
HCNW4506 SC425 FOD07 LTM06 MT1302A 4HC15 3477M000 LMS220
Product Description
Full Text Search
 

To Download BAV99DW-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV99DW
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY Features
NEW PRODUCT
* * * * *
Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance Two "BAV99" Circuits In One Package
SOT-363
A
AC
1
Dim
A2
Min 0.10 1.15 2.00 0.30 1.80 1.80 3/4 0.90 0.25 0.10
Max 0.30 1.35 2.20 0.40 2.20 2.20 0.10 1.00 0.40 0.25
C2
A B
BC
C D E G H
M
Mechanical Data
* * * * * * Case: SOT-363, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: KJG Weight: 0.006 grams (approx.) Case Material - UL Flammability Rating Classification 94V-0
0.65 Nominal
A1
C1
AC
2
H K
J K L M
J
D
F
L
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Power Dissipation (Note 2) Thermal Resistance Junction to Ambient Air (Note 2) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Pd RqJA Tj , TSTG BAV99DW 100 75 53 215 2.0 1.0 0.5 200 625 300 417 -65 to +150 Unit V V V mA A mW C/W mW C/W C
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Maximum Forward Voltage Symbol VFM Min 3/4 Max 0.715 0.855 1.0 1.25 2.5 50 30 25 2.0 4.0 Unit Test Condition IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
V mA mA mA nA pF ns
Maximum Peak Reverse Current Junction Capacitance Reverse Recovery Time Notes:
IRM Cj trr
3/4 3/4 3/4
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Device mounted on Alumina PCB, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30145 Rev. C-2
1 of 3
BAV99DW
Ordering Information
(Note 3) Packaging SOT-363 Shipping 3000/Tape & Reel
NEW PRODUCT
Device BAV99DW-7 Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key Year Code Month Code 1998 J Jan 1 Feb 2 1999 K March 3 2000 L Apr 4 May 5 2001 M Jun 6 Jul 7 2002 N Aug 8 Sep 9 2003 O Oct O Nov N 2004 P Dec D
DS30145 Rev. C-2
KJG YM
2 of 3
KJG YM
KJG = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
BAV99DW
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
10,000
IR, LEAKAGE CURRENT (nA)
100
1000
10
100
1.0
10
0.1
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1.8 1.6
f = 1MHz
1
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature
Cj, CAPACITANCE (pF)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Junction Capacitance vs Reverse Voltage
DS30145 Rev. C-2
3 of 3
BAV99DW


▲Up To Search▲   

 
Price & Availability of BAV99DW-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X