Part Number Hot Search : 
N4148 RT28X MIP3E3 150200 951026 11060 ITM2520 BYM56D
Product Description
Full Text Search
 

To Download AZ23C5V6W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ23C5V6W, AZ23C6V8W, AZ23C10W, AZ23C18W
200mW DUAL SURFACE MOUNT ZENER DIODE
NEW PRODUCT
Features
* * * Nominal Zener Voltages: 5.6V, 6.8V, 10V, 18V Ultra-Small Surface Mount Package Ideal For Transient Suppression
SOT-323 Dim
A
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
A B
BC
Mechanical Data
* * * * * * * Case: SOT-323, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminal Connections: See Diagram Marking: See Below & Page 2 Weight: 0.006 grams (approx.) Ordering Information: See Page 2
C D E G H
M
0.65 Nominal
G H K
J
J D F L
K L M a
All Dimensions in mm
Maximum Ratings
Forward Voltage Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 200 625 -65 to +150 Unit V mW C/W C Temperature Coefficient of Zener Voltage @ IZT = 5mA TC (mV/C) Min -2.0 1.2 4.5 12.4 Max 2.5 4.5 8.0 16.0
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Type Number
Marking Code
Zener Voltage Range (Note 2) VZ @ IZT Nom (V) Min (V) 5.32 6.47 9.4 16.8 Max (V) 5.88 7.14 10.6 19.1
Maximum Zener Impedance (Note 3) ZZT @ IZT W 40 15 15 50 mA 5.0 5.0 5.0 5.0 ZZK @ IZK W 400 80 70 170 mA 1.0 1.0 1.0 1.0
Maximum Reverse Current (Note 2) IR @ mA 1.0 2.0 0.2 0.1 VR V 2.0 4.0 7.0 12.6
AZ23C5V6W AZ23C6V8W AZ23C10W AZ23C18W Notes:
KD9 KDB KDF KDL
5.6 6.8 10 18
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used so as not to induce significant self-heating. 3. f = 1KHz.
DS30257 Rev. 2 - 2
1 of 2 AZ23C5V6W, AZ23C6V8W, AZ23C10W, AZ23C18W www.diodes.com
50
NEW PRODUCT
Tj = 25C
C5V6W C6V8W
300
Pd, POWER DISSIPATION (mW)
IZ, ZENER CURRENT (mA) 40
200
30
20
100
10
Test Current IZ 5.0mA
0 0 100 200
0 0 1
TA, Ambient Temperature, (C)
Fig. 1 Power Derating Curve
30
Tj = 25C C10W
3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
2
10
1000
Tj = 25 C
CT, TOTAL CAPACITANCE (pF)
VR = 1V VR = 2V
IZ, ZENER CURRENT (mA)
20
100
VR = 1V
C18W
10
Test current IZ 5mA
VR = 2V
10 1 10 100
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3 Zener Breakdown Characteristics 40
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 4 Total Capacitance vs Nominal Zener Voltage
Ordering Information (Note 4)
Device (Type Number)-7* Packaging SOT-323 Shipping 3000/Tape & Reel
* Add "-7" to the appropriate type number in Table 1 from Page 2 example: 6.8V Zener = AZ23C6V8W-7. Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code (See Table) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4
YM
2002 N May 5
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS30257 Rev. 2 - 2
2 of 2 AZ23C5V6W, AZ23C6V8W, AZ23C10W, AZ23C18W www.diodes.com


▲Up To Search▲   

 
Price & Availability of AZ23C5V6W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X