Part Number Hot Search : 
A5800201 MRD721 UC1113F 477M00 04110 TPD41 RB4812 DS310
Product Description
Full Text Search
 

To Download AWT6270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWT6270
HELP
TM
830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
PRELIMINARY DATA SHEET - Rev 1.5
FEATURES
* * InGaP HBT Technology High Efficiency: 44% @ POUT = +27 dBm 21% @ POUT = +16 dBm 15% @ POUT = +7 dBm * * * * * Low Quiescent Current: 16 mA Low Leakage Current in Shutdown Mode: <1 A VREF = +2.85 V (+2.75 V min over temp) Optimized for a 50 System Low Profile Miniature Surface Mount Package: 1.61 mm Max
AWT6270
APPLICATIONS
* Dual Band WCDMA Wireless Handsets
M7 Package 10 Pin 4 mm x 4 mm x 1.6 mm Surface Mount Module
PRODUCT DESCRIPTION
The AWT6270 meets the increasing demands for higher output power in UMTS handsets. The PA module is optimized for VREF = +2.85 V, a requirement for compatibility with the Qualcomm(R) 6250 chipset. The device is manufactured on an advanced InGaP HBT MMIC technology offering state-of-the-art reliability, temperature stability, and ruggedness. Selectable bias modes that optimize efficiency for different output power levels, and a shutdown mode with low leakage current, increase handset talk and standby time. The self-contained 4 mm x 4 mm x 1.6 mm surface mount package incorporates matching networks optimized for output power, efficiency, and linearity in a 50 system.
GND at slug (pad) VREF VMODE
1 2 Bias Control 10 9 8 7 6
GND GND RFOUT GND VCC
GND 3 RFIN VCC
4 5
Figure 1: Block Diagram
01/2005
AWT6270
GND VREF 1 VMODE 2 GND 3 RFIN VCC 4 5 GND
Figure 2: Pinout (X-ray Top View)
10 GND 9 8 7 6 GND RFOUT GND VCC
Table 1: Pin Description PIN 1 2 3 4 5 6 7 8 9 10 NAME VREF VMODE GND RFIN V CC V CC GND RFOUT GND GND DESCRIPTION Reference Voltage Mode Control Ground RF Input Supply Voltage Supply Voltage Ground RF Output Ground Ground
2
PRELIMINARY DATA SHEET - Rev 1.5 01/2005
AWT6270
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
PARAMETER Supply Voltage (VCC) Mode Control Voltage (VMODE) Reference Voltage (VREF) RF Input Power (PIN) Storage Temperature (TSTG)
MIN 0 0 0 -40
MAX +5 +3.5 +3.5 +10 +150
UNIT V V V dB m C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PARAMETER Operating Frequency (f) Supply Voltage (VCC) Reference Voltage (VREF) Mode Control Voltage (VMODE) RF Output Power (POUT) Case Temperature (TC)
MIN 830 +3.2 +2.75 0 +2.5 0 +26.5 -10
(1)
TYP +3.4 +1.5 +2.85 +2.85 +27 -
MAX 840 +4.2 +2.95 +0.5 +3.1 +0.5 +90
UNIT MHz V V V dB m C
COMMENTS
POUT < +27 dBm POUT < 7 dBm PA "on" PA "shut down" Low Bias Mode High Bias Mode
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications.
Notes: (1) For operation at VCC = +3.2 V, POUT is derated by 0.5 dB.
PRELIMINARY DATA SHEET - Rev 1.5 01/2005
3
AWT6270 Table 4: Electrical Specifications (TC = +25 C, VCC = +3.4 V, VREF = +2.85 V, 50 system)
PARAMETER
MIN 25 14 13 41 18 12 -
TYP 27 16 15 -41 -44 -43 -60 -54 -53 44 21 15 16 3.8 0.7 <1 -136.5 -143
MAX 29 18 17 -38 -38 -38 -48 -48 -48 22 5 1 5 -135 -141
UNIT
COMMENTS POUT = +27 dBm, VMODE = 0 V POUT = +16 dBm, VMODE = +2.85 V POUT = +7 dBm, VCC = 1.5 V, VMODE = +2.85 V POUT = +27 dBm, VMODE = 0 V POUT = +16 dBm, VMODE = +2.85 V POUT = +7 dBm, VCC = 1.5 V, VMODE = +2.85 V POUT = +27 dBm, VMODE = 0 V POUT = +16 dBm, VMODE = +2.85 V POUT = +7 dBm, VCC = 1.5 V, VMODE = +2.85 V POUT = +27 dBm, VMODE = 0 V POUT = +16 dBm, VMODE = +2.85 V POUT = +7 dBm, VCC = 1.5 V, VMODE = +2.85 V VMODE = +2.85 V, VCC = 3.4 V through VREF pin through VMODE pin, VMODE = +2.85 V VCC = +4.2 V, VREF = 0 V, VMODE = 0 V
Gain
dB
ACLR1 at 5 MHz offset
(1)
dB c
ACLR2 at 10 MHz offset
dB c
Power-Added Efficiency (1)
%
Quiescent Current (Icq) Reference Current Mode Control Current Leakage Current
mA mA mA A
Noise in Receive Band Harmonics 2fo 3fo, 4fo Input Impedance
875 MHz to 885 MHz POUT = +27 dBm, VMODE = 0 V dBm/Hz 875 MHz to 885 MHz POUT = +16 dBm, VMODE = +2.85 V
-
-45 -50 -
-30 -30 2:1
dB c VSWR POUT < +27 dBm In-band load VSWR < 5:1 Out-of-band load VSWR < 10:1 Applies over all operating conditions Applies over full operating range
Spurious Output Level (all spurious outputs)
-
-
-70
dB c
Load mismatch stress with no permanent degradation or failure
10:1
-
-
VSWR
Notes: (1) ACLR and Efficiency measured at 835 MHz.
4
PRELIMINARY DATA SHEET - Rev 1.6 01/2005
AWT6270
APPLICATION INFORMATION
To ensure proper performance, refer to all related Application Notes on the ANADIGICS web site: http://www.anadigics.com Shutdown Mode The power amplifier may be placed in a shutdown mode by applying logic low levels (see Operating Ranges table) to both the VREF and VMODE voltages. Bias Modes The power amplifier may be placed in either a Low Bias mode or a High Bias mode by applying the appropriate logic level (see Operating Ranges table) to the VMODE voltage. The Bias Control table lists the recommended modes of operation for various applications. Three operating modes are recommended to optimize current consumption. High Bias/High VCC operating mode is for POUT levels > 16 dBm. At ~16dBm - 7 dBm, the PA should be "Mode Switched" to Low Bias Mode. For POUT levels < ~7 dBm, the VCC can be switched to 1.5 V (Low Bias Mode is also used for this POUT range).
Table 5: Bias Control
APPLICATION CDMA - low power CDMA - med power CDMA - high power Shutdown POUT LE V E LS <+7 dBm 7 < POUT < +16 dBm >+16 dBm BIAS MODE Low Low High Shutdown V R EF VMODE V CC > +1.5 +3.4 +3.4 -
+2.85 V +2.85 V +2.85 V +2.85 V +2.85 V 0V 0V 0V
PRELIMINARY DATA SHEET - Rev 1.5 01/2005
5
AWT6270
PACKAGE OUTLINE
Figure 4: M7 Package Outline - 10 Pin 4 mm x 4 mm x 1.6 mm Surface Mount Module
70
70
Figure 5: Branding Specification 6
PRELIMINARY DATA SHEET - Rev 1.6 01/2005
AWT6270
COMPONENT PACKAGING
Figure 6: Tape & Reel Packaging
Table 6: Tape & Reel Dimensions
PACKAGE TYPE 4 mm x 4 mm x 1.6 mm TAPE WIDTH 12 mm POCKET PITCH 8 mm REEL CAPACITY 2500 MAX REEL DIA 13"
PRELIMINARY DATA SHEET - Rev 1.5 01/2005
7
AWT6270
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE RANGE -10 oC to +90 oC PACKAGE DESCRIPTION 10 P i n 4 mm x 4 mm x 1.6 mm Surface Mount Module COMPONENT PACKAGING
AWT6270M7P8
Tape and Reel, 2500 pieces per Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
8
PRELIMINARY DATA SHEET - Rev 1.5 01/2005


▲Up To Search▲   

 
Price & Availability of AWT6270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X