|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY RE-RELAYS * Surface-mount terminal type also available 20.2 .795 11.2 .441 8.9 .350 FEATURES * Excellent high frequency characteristics (Impedance 75) 11.2 .441 9.6 .378 20.2 .795 mm inch Frequency V.S.W.R. (Max.) Insertion loss (dB, Max.) Isolation (dB, Min.) 900MHz 1.2 0.2 60 2.6GHz 1.5 0.5 30 SPECIFICATIONS Contact Arrangement Contact material Initial contact resistance 1 Form C Gold Max. 100m 1W (at 2.6 GHz, Impedance 75 , V.S.W.R. Max.1.5) 10mA 24V DC (resistive load) 10W (at 2.6GHz, Impedance 75 , V.S.W.R. Max.1.5) 30 V DC 0.5 A DC Max. 1.2 (to 900MHz) Max. 1.5 (to 2.6GHz) Max. 0.2 (to 900MHz) Max. 0.5 (to 2.6GHz) Min. 60dB (to 900MHz) Min. 30dB (to 2.6GHz) 106 3x105 Characteristics Initial insulation resistance*1 Between open contacts Initial Between contact and coil breakdown Between contact and voltage*2 ground terminal Operate time*3 (at 20C) Release time (without diode)*3 (at 20C) Temperature rise (at 20C)*4 Functional*5 Shock resistance Destructive*6 Functional*7 Vibration resistance Destructive Conditions for operation, transport and storage*8 (Not freezing and condensing at low temperature) Unit weight Remarks * Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section. *2 Detection current: 10mA *3 Nominal operating voltage applied to the coil, excluding contact bounce time. *4 By resistive method, nominal voltage applied to the coil: Contact carrying power: 10W, at 2.6GHz, Impedance 75, V.S.W.R. & 1.5 *5 Half-wave pulse of sine wave: 11ms, detection time: 10s. *6 Half-wave pulse of sine wave: 6ms *7 Detection time: 10s *8 Refer to 5. Conditions for operation, transport and storage mentioned in NOTES Min. 100 M (at 500 V DC) 500 Vrms 1,000 Vrms 500 Vrms Max. 10ms Max. 5ms Max. 60C Min. 500 m/s2{50 G} Min. 1,000 m/s2{100 G} 10 to 55 Hz at double amplitude of 3 mm 10 to 55 Hz at double amplitude of 5 mm -40C to 60C -40F to 140F 5 to 85% R.H. Approx. 5 g .18 oz Contact rating Rating Contact carrying power Max. switching voltage Max. switching current V.S.W.R. High frequency characteristics Insertion loss (Impedance 75) Isolation Mechanical (at 180 cpm) Expected life (min. operations) 1W, 2.6GHz, Impedance 75, V.S.W.R. & 1.5 Electrical 10mA 24V DC (resistive load) (at 20cpm) Ambient temp. Humidity 3x105 Coil (at 20C, 68F) Nominal operating power 200 mW TYPICAL APPLICATIONS Broadcasting market * Set Top Box (CS/BS tuner, CATV tuner) * Multi-function TV * Measuring instruments for broadcasting ORDERING INFORMATION Ex. ARE 1 3 Contact arrangement 1: 1 Form C Operating function Terminal shape Coil voltage (DC) 03: 3 V 4H: 4.5 V 06: 6 V 09: 9 V 12: 12 V 24: 24 V Packing style Nil: Carton (PC board terminal) Tube (Surface-mount terminal) Z: Tape and reel packing (picked from 1/7 pin side) 3: Single side Nil: Standard PC board stable type terminal A: Surface-mount terminal Note: Tape and reel packing symbol "-Z" is not marked on the relay. "X type tape and reel packing (picked from 8/9/10/11/12/13/14-pin side) is also availabe. Suffix "X" instead of "Z". 77 RE TYPES AND COIL DATA (at 20C 68F) * Packing of standard PC board terminal: 50 pcs. in an inner package (carton); 500 pcs. in an outer package * Packing of surface-mount terminal: 25 pcs. in an inner package (tube); 200 pcs. in an outer package 400 pcs. in an inner package (tape and reel); 800 pcs. in an outer package Standard PC board terminal ARE1303 ARE134H ARE1306 ARE1309 ARE1312 ARE1324 Surface-mount terminal ARE13A03 ARE13A4H ARE13A06 ARE13A09 ARE13A12 ARE13A24 Nominal voltage, V DC 3 4.5 6 9 12 24 Pick-up voltage, V DC (max.) (initial) 2.25 3.375 4.5 6.75 9 18 Drop-out voltage, V DC (min.)(initial) 0.3 0.45 0.6 0.9 1.2 2.4 Coil resistance, (10%) 45 101 180 405 720 2,880 Nominal operating current, mA (10%) 66.7 44.4 33.3 22.2 16.7 8.3 Nominal operating power, mW 200 200 200 200 200 200 Max. allowable voltage, V DC 3.3 4.95 6.6 9.9 13.2 26.4 mm inch DIMENSIONS 1. Standard PC board terminal 20.2 .795 Stand off 11.2 .441 Direction indication Schematic (Bottom view) 1 7 14 13 12 11 10 9 8 NC COM NO (Deenergized condition) 8.6 .339 0.3 .012 2.54 .100 0.5 .020 3.0 .118 0.3 .012 (1.49) (.059) 0.3 .012 (2.09) (.082) 7.62 .300 General tolerance: 0.3 .012 2. Surface mount terminal (0.7) (.028) 20.2 .795 Schematic (Top view) NC COM NO 13.2 0.5 11.2 .520 .020 .441 Direction indication (1.3) (.511) 8.6 .339 0.3 .012 2.54 .100 0.5 .020 (1.49) (.059) 7.62 .300 (2.09) (.082) 0.3 .012 0.3 .012 14 13 12 11 10 9 8 1 7 (Deenergized condition) 9.6 .378 General tolerance: 0.3 .012 REFERENCE DATA 1. High frequency characteristics (Standard PC board terminal) * V.S.W.R. characteristics 2.0 1.9 Insertion loss, dB 1.8 V.S.W.R. 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1 900MHz Frequency COM-NC 3GHz COM-NO 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 900MHz Frequency 3GHz COM-NO COM-NC Isolation, dB * Insertion loss characteristics * Isolation characteristics 0 10 20 30 40 50 60 70 80 90 100 900MHz Frequency 3GHz COM-NO COM-NC 78 RE NOTES 1. Coil operating power Pure DC current should be applied to the coil. The wave form should be rectangular. If it includes ripple, the ripple factor should be less than 5%. However, check it with the actual circuit since the characteristics may be slightly different. 2. Cleaning For automatic cleaning, the boiling method is recommended. Avoid ultrasonic cleaning which subjects the relays to high frequency vibrations, which may cause the contacts to stick. It is recommended that alcoholic solvents be used. 3. Soldering 1) The soldering shall be performed under following condition. Max. 260C 500F 10s Max. 350C 662F 3s The affect of the PCB on the relay will differ depending on the type of PCB used. Please verify the type of PCB to be used. Soldering time: within 5s 2) In case of automatic soldering, the following conditions should be observed (Surface-mount terminal) (1) Position of measuring temperature 1.0mm .039inch B A (2) IR (infrared reflow) soldering method A: B: T5 T4 T3 T2 T1 t1 T1=150C 302F T2=160C 320F T3=183C 361F T4=245C 473F T5=270C 518F t2 t3 t4 t5 t2 - t1 = 80 to 120 s t5 - t3 = 30 to 40 s t4 = 170 to 190 s +0.1 +.004 1.5-0 .059-0 dia. Relay polarity bar 4 .157 2.00.15 .079.006 1.75 .069 0.4 .016 0.3 1.7 .067 R0.75 RE Relay 20.0 .030 .787 1.5 .059 Tape coming out direction 20.2 44 .012 20.75.795 1.732 .817 40.4 1.591 13.85 .545 +0.2 10.6-0.3 +.008 .417-.012 2) Dimensions of plastic reel A: Surface of PC board where relay is mounted. B: Above the PC board surface. 210.8.031 dia. .827 dia. 800.1 3.150.004 13 dia. .512.008 dia. 2.00.5 .079.020 +0.2 44.4-0 +.008 1.748-0 Max. 50.5 1.988 0.2 3800.2 .008 14.961 For Cautions for Use, see Relay Technical Information (Page 48 to 76). 3/7/2002 79 All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog ,,,,,,, ,,,,,,, ,,,,,,, ,,,,,,, ,,,,,,, 85 Tolerance range (Avoid freezing when used at temperatures lower than 0C32F) 5 (Avoid condensation when used at temperatures higher than 0C32F) -40 -40 0 +60 +32 +140 Temperature, C F Temperature rise of relay itself may vary according to the mounting level or the heating method of reflow equipment. Therefore, please set the temperature of soldering portion of relay terminal and the top surface of the relay case not to exceed the above mentioned soldering condition. It is recommended to check the temperature rise of each portion under actual mounting condition before use. 4. Packing style 1) Tape dimensions 5. Conditions for operation, transport and storage 1) Ambient temperature, humidity, and atmospheric pressure during usage, transport, and storage of the relay: (1) Temperature: -40 to +60C -40 to +140F (2) Humidity: 5 to 85% RH (Avoid freezing and condensation.) The humidity range varies with the temperature. Use within the range indicated in the graph below. (3) Atmospheric pressure: 86 to 106 kPa Temperature and humidity range for usage, transport, and storage: Humidity, %R.H. 2) Condensation Condensation forms when there is a sudden change in temperature under high temperature and high humidity conditions. Condensation will cause deterioration of the relay insulation. 3) Freezing Condensation or other moisture may freeze on the relay when the temperature is lower than 0C 32F. This causes problems such as sticking of movable parts or operational time lags. 4) Low temperature, low humidity environments The plastic becomes brittle if the relay is exposed to a low temperature, low humidity environment for long periods of time. |
Price & Availability of ARE1303 |