Part Number Hot Search : 
TXV2N GM195A 6Y062YN SRF10201 CSB737Q M5289 EZ12D5 SP3232
Product Description
Full Text Search
 

To Download ADDAC80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Single Chip Construction On-Board Output Amplifier Low Power Dissipation: 300 mW Monotonicity Guaranteed over Temperature Guaranteed for Operation with 12 V Supplies Improved Replacement for Standard DAC80, DAC800 Hl-5680 High Stability, High Current Output Buried Zener Reference Laser Trimmed to High Accuracy 1/2 LSB Max Nonlinearity Low Cost Plastic Packaging
Complete Low Cost 12-Bit D/A Converters ADDAC80/ADDAC85/ADDAC87
FUNCTIONAL BLOCK DIAGRAM
(MSB) BIT 1 1 BIT 2 2 BIT 3 3 BIT 4 4 BIT 5 5 BIT 6 6 BIT 7 7 BIT 8 8 BIT 9 9 BIT 10 10 BIT 11 11 (LSB) BIT 12 12 12-BIT RESISTOR LADDER NETWORK AND CURRENT SWITCHES 5k 5k
18 17 24
VREF OUT GAIN ADJUST +VS COMMON SUMMING JUNCTION 20V RANGE 10V RANGE BIPOLAR OFFSET REF INPUT VOUT -VS NC/+VL*
REF CONTROL CIRCUIT
23 22 21 20 19
6.3k -
16 15
+
14
ADDAC80
*NC = CBI VERSIONS 5V - CCD VERSIONS
13
PRODUCT DESCRIPTION
The ADDAC80 Series is a family of low cost 12-bit digital-toanalog converters with both a high stability voltage reference and output amplifier combined on a single monolithic chip. The ADDAC80 Series is recommended for all low cost 12-bit D/A converter applications where reliability and cost are of paramount importance. Advanced circuit design and precision processing techniques result in significant performance advantages over conventional DAC80 devices. Innovative circuit design reduces the total power consumption to 300 mW, which not only improves reliability, but also improves long term stability. The ADDAC80 incorporates a fully differential, nonsaturating precision current switching cell structure which provides greatly increased immunity to supply voltage variation. This same structure also reduces nonlinearities due to thermal transients as the various bits are switched; nearly all critical components operate at constant power dissipation. High stability, SiCr thin film resistors are trimmed with a fine resolution laser, resulting in lower differential nonlinearity errors. A low noise, high stability, subsurface Zener diode is used to produce a reference voltage with excellent long term stability, high external current capability and temperature drift characteristics which challenge the best discrete Zener references. The ADDAC80 Series is available in three performance grades and three package types. The ADDAC80 is specified for use over the 0C to 70C temperature range and is available in both plastic and ceramic DIP packages. The ADDAC85 and ADDAC87 are available in hermetically sealed ceramic packages and are specified for the -25C to +85C and -55C to +125C temperature ranges. REV. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
(MSB) BIT 1 1 BIT 2 2 BIT 3 3 BIT 4 4 BIT 5 5 BIT 6 6 BIT 7 7 BIT 8 8 BIT 9 9 BIT 10 10 BIT 11 11 (LSB) BIT 12 12 *NC = CBI VERSIONS 5V - CCD VERSIONS 12-BIT RESISTOR LADDER NETWORK AND CURRENT SWITCHES 2k 5k 5k 6.3k REF CONTROL CIRCUIT
24 23 22 21 20 19 18 17 16 15 14 13
VREF OUT GAIN ADJUST +VS COMMON SCALING NETWORK SCALING NETWORK SCALING NETWORK BIPOLAR OFFSET REF INPUT IOUT -VS NC/+VL*
PRODUCT HIGHLIGHTS
1. The ADDAC80 series of D/A converters directly replaces all other devices of this type with significant increases in performance. 2. Single chip construction and low power consumption provides the optimum choice for applications where low cost and high reliability are major considerations. 3. The high speed output amplifier has been designed to settle within 1/2 LSB for a 10 V full scale transition in 2.0 s, when properly compensated. 4. The precision buried Zener reference can supply up to 2.5 mA for use elsewhere in the application. 5. The low TC binary ladder guarantees that all units are monotonic over the specified temperature range. 6. System performance upgrading is possible without redesign.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
ADDAC80/ADDAC85/ADDAC87-SPECIFICATIONS
Model TECHNOLOGY DIGITAL INPUT Binary-CBI BCD-CCD Logic Levels (TTL Compatible) VIH (Logic "1") VIL (Logic "0") IIH (VIH = 5.5 V) IIL (VIL = 0.8 V) TRANSFER CHARACTERISTICS ACCURACY Linearity Error @ 25C CBI CCD TA @ TMIN to TMAX Differential Linearity Error @ 25C CBI CCD TA @ TMIN to TMAX Gain Error2 Offset Error2 Temperature Range for Guaranteed Monotonicity DRIFT (TMIN to TMAX) Total Bipolar Drift, max (includes gain, offset, and linearity drifts) Total Error (TMIN to TMAX)4 Unipolar Bipolar Gain Including Internal Reference Gain Excluding Internal Reference Unipolar Offset Bipolar Offset CONVERSION SPEED Voltage Model (V)5 Settling Time to 0.01% of FSR for FSR Change (2 k 500 pF load) with 10 k Feedback with 5 k Feedback For LSB Change Slew Rate ANALOG OUTPUT Voltage Models Ranges-CBI -CCD Output Current Output Impedance (dc) Short Circuit Current Internal Reference Voltage (VR) Output Impedance Max External Current6 Tempco of Drift POWER SUPPLY SENSITIVITY 15 V 10%, 5 V supply when applicable 12 V 5% POWER SUPPLY REQUIREMENTS Rated Voltages Range Analog Supplies Logic Supplies Supply Drain +12 V, +15 V -12 V, -15 V 15 11.47 5 14 16.5 10 20 11.47 5 14 Min ADDAC80 Typ Max Monolithic 12 2.0 0 5.5 0.8 250 100 2.0 0 Min ADDAC85 Typ Max Monolithic 12 5.5 0.8 250 100 2.0 0 Min
(TA = 25 C, rated power supplies unless otherwise noted.)
ADDAC87 Typ Max Monolithic 12 5.5 0.8 250 100 Bits Digits V V A A
Unit
1/2 1/4
1/2 1/4
1/2 1/2
1/2 3/4
1/2 3/4
3/4 3/4
LSB1 LSB LSB LSB LSB LSB %FSR3 %FSR3 C
0.1 0.05 0
3/4 0.3 0.15
+70 20 -25
0.1 0.05
1 0.2 0.1
+85 20 -55
0.1 0.05
1 0.2 0.1
+125 30
ppm of FSR/C % of FSR % of FSR ppm of FSR/C ppm of FSR/C ppm of FSR/C ppm of FSR/C
0.08 0.06 15 4 1 5
0.15 0.10 7
30
0.12 0.08
0.2 0.12 10
20
0.18 0.14
0.3 0.24
20 3 10
3 10
3 10
10
3 2 1 10
4 3 10
3 2 1
4 3 10
3 2 1
4 3
s s s V/s
2.5, 5, 10, +5, 10 5 0.05 6.23 6.3 1.5 10 40 6.37 2.5 20 0.002 0.002 6.23 5
2.5, 5, 10, +5, 10 5 0.05 6.3 1.5 10 40 6.37 2.5 20 0.002 0.002 15 16.5 10 20 11.47 6.23
2.5, 5, 10, +5, 10 0.05 6.3 1.5 40 6.37 2.5 10 0.002 0.002 15 16.5 5 14 10 20
V V V V mA mA V mA ppm of VR/C % of FSR/%VS % of FSR/%VS V V V mA mA
-2-
REV. B
ADDAC80/ADDAC85/ADDAC87
Model TEMPERATURE RANGE Specifications Operating Storage Min 0 -25 -25 ADDAC80 Typ Max +70 +85 +125 Min -25 -55 -65 ADDAC85 Typ Max +85 +125 +150 Min -55 -55 -65 ADDAC87 Typ Max +125 +125 +150 Unit C C C
NOTES 1 Least Significant Bit. 2 Adjustable to zero with external trim potentiometer. 3 FSR means "Full Scale Range" and is 20 V for the 10 V range and 10 V for the 5 V range. 4 Gain and offset errors adjusted to zero at 25C. 5 CF = 0, see Figure 3a. 6 Maximum with no degradation of specification, must be a constant load. 7 A minimum of 12.3 V is required for a 10 V full scale output and 11.4 V is required for all other voltage ranges. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units. Specifications subject to change without notice.
Model TECHNOLOGY DIGITAL INPUT Binary-CBI BCD-CCD Logic Levels (TTL Compatible) VIH (Logic "1") VIL (Logic "0") IIH (VIH = 5.5 V) IIL (VIL = 0.8 V) TRANSFER CHARACTERISTICS ACCURACY Linearity Error @ 25C CBI CCD TA @ TMIN to TMAX Differential Linearity Error @ 25C CBI CCD TA @ TMIN to TMAX Gain Error2 Offset Error2 Temperature Range for Guaranteed Monotonicity DRIFT (TMIN to TMAX) Total Bipolar Drift, max (includes gain, offset, and linearity drifts) Total Error (TMIN to TMAX)4 Unipolar Bipolar Gain Including Internal Reference Excluding Internal Reference Unipolar Offset Bipolar Offset CONVERSION SPEED Voltage Model (V)5 Settling Time to 0.01% of FSR for FSR Change (2 k 500 pF load) with 10 k Feedback with 5 k Feedback For LSB Change Slew Rate Current Model (I) Settling time to 0.01% of FSR for FSR Change 10 to 100 Load for 1 k
Min
ADDAC80 Typ Max Hybrid 12 3
Min
ADDAC85 Typ Max Hybrid 12 3
Min
ADDAC87 Typ Max Hybrid 12 3
Unit
Bits Digits V V A A
2.0 0 250 -100
5.5 0.8
2.0 0 250 -100
5.5 0.8
2.0 0 250 -100
5.5 0.8
1/4 1/8 1/4 1/2 1/4 0.1 0.05 0
1/2 1/4 1/2 3/4 1/2 1 0.3 0.15 +70 20 0
1/4 1/2 1/2 0.1 0.05
1/2 1/4 1/2
1/2 1/2 1/2 0.1 0.05 -25
1/2 1/4 1/2
LSB1 LSB LSB LSB LSB LSB %FSR3 %FSR3 C ppm of FSR/C % of FSR % of FSR
1
1
+70
+85
0.08 0.06 15 5 1 5
0.15 0.10 30 7 3 10 20 10 10 20 10 10
1
1
ppm of FSR/C ppm of FSR/C ppm of FSR/C ppm of FSR/C
10
5 3 1.5 15
5 3 1.5 20
5 3 1.5 20
s s s V/s
300 1
300 1
300 1
ns s
REV. B
-3-
ADDAC80/ADDAC85/ADDAC87-SPECIFICATIONS (continued)
Model ANALOG OUTPUT Voltage Models Ranges-CBI Ranges-CCD Output Current Output Impedance (dc) Short Circuit Duration Current Models Ranges-Unipolar Ranges-Bipolar Output Impedance Bipolar Unipolar Compliance Internal Reference Voltage (VR) Output Impedance Max External Current6 Tempco of Drift POWER SUPPLY SENSITIVITY 15 V 10%, 5 V Supply When Applicable POWER SUPPLY REQUIREMENTS Rated Voltages Range Analog Supplies Logic Supplies Supply Drain7 +15 V -15 V +5 V8 TEMPERATURE RANGE Specifications Operating Storage Min ADDAC80 Typ Max Min ADDAC85 Typ Max Min ADDAC87 Typ Max Unit 2.5, 5, 10, +5, +10 10 2.5, 5, 10, +5, +10 +10 2.5, 5, 10, +5, +10 +10
5
5
5
0.05 Indefinite to Common -2.0 1.0 3.2 6.6 -1.5, +10 6.3 6.43 1.5 2.5 10 20 0.002 15, +5 14 4.5 10 20 8 0 -25 -55 16 16 20 35 20 +70 +85 +130
0.05 Indefinite to Common -2.0 1.0 3.2 6.6 -2.5, +10 6.3 6.43 1.5 2.5 10 20 0.002 15, +5 14.5 4.5 15 25 15 0 -25 -65 15.5 15.5 20 30 20 +70 +85 +150
0.05 Indefinite to Common -2.0 1.0 3.2 6.6 -2.5, +10 6.3 6.43 1.5 2.5 10 20 0.002 15, +5 14.5 4.5 15 25 15 -25 -55 -65 15.5 15.5 20 30 20 +85 +125 +150
V V mA mA mA k k V V mA ppm of VR/C % of FSR/%VS V V V mA mA mA C C C
6.17
6.17
6.17
NOTES 1 Least Significant Bit. 2 Adjustable to zero with external trim potentiometer. 3 FSR means "Full Scale Range" and is 20 V for the 10 V range and 10 V for the 5 V range. 4 Gain and offset errors adjusted to zero at 25C. 5 CF = 0, see Figure 3a. 6 Maximum with no degradation of specification, must be a constant load. 7 Including 5 mA load. 8 5 V supply required only for CCD versions. Specifications subject to change without notice.
-4-
REV. B
ADDAC80/ADDAC85/ADDAC87
Model TECHNOLOGY DIGITAL INPUT Binary-CBI BCD-CCD Logic Levels (TTL Compatible) VIH (Logic "1") VIL (Logic "0") IIH (VIH = 5.5 V) IIL (VIL = 0.8 V) TRANSFER CHARACTERISTICS ACCURACY Linearity Error @ 25C CBI CCD TA @ TMIN to TMAX Differential Linearity Error @ 25C CBI CCD TA @ TMIN to TMAX Gain Error2 Offset Error2 Temperature Range for Guaranteed Monotonicity DRIFT (TMIN to TMAX) Total Bipolar Drift, max (includes gain, offset, and linearity drifts) Total Error (TMIN to TMAX)4 Unipolar Bipolar Gain Including Internal Reference Excluding Internal Reference Unipolar Offset Bipolar Offset CONVERSION SPEED Voltage Model (V)5 Settling Time to 0.01% of FSR for FSR change (2 k 500 pF load) with 10 k Feedback with 5 k Feedback For LSB Change Slew Rate Current Model (I) Settling Time to 0.01% of FSR for FSR Change 10 to 100 Load for 1 k ANALOG OUTPUT Voltage Models Ranges-CBI Ranges-CCD Output Current Output Impedance (dc) Short Circuit Duration Current Models Ranges-Unipolar Ranges-Bipolar Output Impedance Bipolar Unipolar Compliance Internal Reference Voltage (VR) Output Impedance Max External Current6 Tempco of Drift POWER SUPPLY SENSITIVITY 15 V 10%, 5 V supply when applicable ADDAC85LD Min Typ Max Hybrid 12 2.0 0 250 -100 5.5 0.8 2.0 0 250 -100 ADDAC85MIL Min Typ Max Hybrid 12 5.5 0.8 2.0 0 250 -100 Min ADDAC87 Typ Max Hybrid 12 5.5 0.8 Bits Digits V V A A Unit
1/2 1/2 1/2 0.1 0.05 -25 1 1/2 0.1 0.05 -55
1/2 3/4
1/4
1/2 3/4
LSB1 LSB LSB LSB LSB LSB %FSR3 %FSR3 C ppm of FSR/C % of FSR % of FSR ppm of FSR/C ppm of FSR/C ppm of FSR/C ppm of FSR/C
1/2 1 0.1 0.05 -55 15 0.13 0.12 1 0.2 0.1 +125 30 0.30 0.24 25 10 3 10
+85
+125
10 1 5 2
20 10
10 5 1 5
5 3 1.5 20
5 3 1.5 20
5 3 1.5 20
s s s V/s
300 1
300 1
300 1
ns s
2.5, 5, 10, +5, +10 5 0.05 Indefinite to Common -2.0 1.0 3.2 6.6 -2.5, +10 6.3 6.43 1.5 2.5 10 20 0.002 5
2.5, 5, 10, +5, +10 5 0.05 Indefinite to Common -2.0 1.0 3.2 6.6 -2.5, +10 6.3 6.43 1.5 2.5 10 20 0.002 2.5 5.0 6.17
2.5, 5, 10, +5, +10 0.05 Indefinite to Common -2.0 1.0 3.2 4.1 6.6 8.2 -1.5, +10 6.3 6.43 1.5 2.5 5 10 0.002 0.003
V V mA mA mA k k V V mA ppm of VR/C % of FSR/%VS
6.17
6.17
REV. B
-5-
ADDAC80/ADDAC85/ADDAC87-SPECIFICATIONS (continued)
Model POWER SUPPLY REQUIREMENTS Rated Voltages Range Analog Supplies Logic Supplies Supply Drain7 +15 V -15 V +5 V8 TEMPERATURE RANGE Specification Operating Storage ADDAC85LD Min Typ Max 15, 5 14.5 +4.5 15 25 15 -25 -55 -55 15.5 15.5 20 30 20 +85 +125 +125 -55 -55 -55 14.5 +4.5 15 25 15 ADDAC85MIL Min Typ Max 15, 5 15.5 +15.5 20 30 20 +125 +125 +125 -55 -55 -65 13.5 +4.5 10 20 10 Min ADDAC87 Typ Max 15, 5 16.5 16.5 20 35 20 +125 +125 +150 Unit V V V mA mA mA C C C
NOTES 1 Least Significant Bit. 2 Adjustable to zero with external trim potentiometer. 3 FSR means "Full-Scale Range" and is 20 V for the 10 V range and 10 V for the 5 V range. 4 Gain and offset errors adjusted to zero at 25C. 5 CF = 0, see Figure 3a. 6 Maximum with no degradation of specification, must be a constant load. 7 Including 5 mA load. 8 5 V supply required only for CCD versions. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
+VS to Power Ground . . . . . . . . . . . . . . . . . . . . 0 V to +18 V -VS to Power Ground . . . . . . . . . . . . . . . . . . . . 0 V to -18 V Digital Inputs (Pins 1 to 12) to Power Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0 V to +7 V Ref In to Reference Ground . . . . . . . . . . . . . . . . . . . . . 12 V Bipolar Offset to Reference Ground . . . . . . . . . . . . . . 12 V 10 V Span R to Reference Ground . . . . . . . . . . . . . . . 12 V 20 V Span R to Reference Ground . . . . . . . . . . . . . . . 24 V Ref Out . . . . . . . . . Indefinite Short to Power Ground or +VS
(MSB) BIT 1 1 BIT 2 2 BIT 3 3 BIT 4 4 BIT 5 5 BIT 6 6 BIT 7 7 BIT 8 8 BIT 9 9 BIT 10 10 BIT 11 11 (LSB) BIT 12 12 12-BIT RESISTOR LADDER NETWORK AND CURRENT SWITCHES 5k 5k REF CONTROL CIRCUIT
24 23 22 21 20 19 18 17
VREF OUT GAIN ADJUST +VS COMMON SUMMING JUNCTION 20V RANGE 10V RANGE BIPOLAR OFFSET REF INPUT VOUT -VS NC/+VL*
(MSB) BIT 1 1 BIT 2 2 BIT 3 3 BIT 4 4 BIT 5 5 BIT 6 6 BIT 7 7 BIT 8 8 BIT 9 9 BIT 10 10 BIT 11 11 (LSB) BIT 12 12 *NC = CBI VERSIONS 5V - CCD VERSIONS 12-BIT RESISTOR LADDER NETWORK AND CURRENT SWITCHES 2k 5k 5k 6.3k REF CONTROL CIRCUIT
24 23 22 21 20 19 18 17 16 15 14 13
VREF OUT GAIN ADJUST +VS COMMON SCALING NETWORK SCALING NETWORK SCALING NETWORK BIPOLAR OFFSET REF INPUT IOUT -VS NC/+VL*
6.3k -
16 15
+
14
ADDAC80
*NC = CBI VERSIONS 5V - CCD VERSIONS
13
Figure 1. Voltage Model Function Diagram and Pin Configuration
Figure 2. Current Model Functional Diagram and Pin Configuration
-6-
REV. B
ADDAC80/ADDAC85/ADDAC87
ORDERING GUIDE
Model ADDAC80N-CBI-V ADDAC80D-CBI-V ADDAC85D-CBI-V ADDAC87D-CBI-V ADDAC80-CBI-V ADDAC80-CBI-I ADDAC80-CCD-V ADDAC80-CCD-I ADDAC80Z-CBI-V2 ADDAC80Z-CBI-I2 ADDAC80Z-CCD-V2 ADDAC80Z-CCD-I2 ADDAC85C-CBI-V3 ADDAC85C-CBI-I ADDAC85-CBI-V3 ADDAC85-CBI-I3 ADDAC85LD-CBI-V3 ADDAC85LD-CBI-I3 ADDAC85MIL-CBI-V3 ADDAC85MIL-CBI-I3 ADDAC85C-CCD-V3 ADDAC85C-CCD-I3 ADDAC85-CCD-V3 ADDAC85-CCD-I3 ADDAC85MILCBII8 ADDAC85MILCBIV8 ADDAC87-CBI-V3 ADDAC87-CBI-I3 ADDAC87-CBII883 ADDAC87-CBIV883
Input Code Binary Binary Binary Binary Binary Binary Binary Coded Decimal Binary Coded Decimal Binary Binary Binary Coded Decimal Binary Coded Decimal Binary Binary Binary Binary Binary Binary Binary Binary Binary Coded Decimal Binary Coded Decimal Binary Coded Decimal Binary Coded Decimal Binary Binary Binary Binary Binary Binary
Output Mode Voltage Voltage Voltage Voltage Voltage Current Voltage Current Voltage Current Voltage Current Voltage Current Voltage Current Voltage Current Voltage Current Voltage Current Voltage Current Current Voltage Voltage Current Current Voltage
Technology Monolithic Monolithic Monolithic Monolithic Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid Hybrid
Temperature Range 0C to 70C 0C to 70C -25C to +85C -55Cto +125C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C -25C to +85C -25C to +85C -25C to +85C -25C to +85C -55C to +125C -55C to +125C 0C to 70C 0C to 70C -25C to +85C -25C to +85C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C
Linearity Error 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/4 LSB 1/4 LSB 1/2 LSB 1/2 LSB 1/4 LSB 1/4 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/4 LSB 1/4 LSB 1/4 LSB 1/4 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB 1/2 LSB
Package Option1 N-24A D-24 D-24 D-24 DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A DH-24A
NOTES 1 For outline information see Package Information section. 2 Z-Suffix devices guarantee performance of 0 V to +5 V and 5 V spans with minimum supply voltages of 11.4 V. 3 These models have been discontinued. This is for historical information only.
PRODUCT OFFERING
Table I. Digital Input Codes
Analog Devices has developed a number of technologies to support products within the data acquisition market. In serving the market new products are implemented with the technology best suited to the application. The DAC80 series of products was first implemented in hybrid form and now it is available in a single monolithic chip. We will provide both the hybrid and monolithic versions of the family so that in existing designs changes to documentation or product qualification will not have to be done. Specifications and ordering information for both versions are delineated in this data sheet.
DIGITAL INPUT CODES
Digital Input CSB Compl. Straight Binary +Full-Scale +1/2 Full-Scale Midscale Zero
Analog Input COB Compl. Offset Binary +Full-Scale Zero -1 LSB -Full-Scale CTC* Compl. Two's Compl. -1 LSB -Full-Scale +Full-Scale Zero
MSB
LSB
000000000000 011111111111 100000000000 111111111111
*Invert the MSB of the COB code with an external inverter to obtain CTC code.
The ADDAC80 Series accepts complementary digital input code in binary (CBI) format. The CBI model may be connected by the user for anyone of three complementary codes: CSB, COB or CTC.
REV. B
-7-
ADDAC80/ADDAC85/ADDAC87
ACCURACY
18 10V 1-12 DATA IN SUMMING JUNCTION 20 CF 25pF 10V HP6216A VOUT 15 2k 100pF TEKTRONIX 7A13
Accuracy error of a D/A converter is the difference between the analog output that is expected when a given digital code is applied and the output that is actually measured with that code applied to the converter. Accuracy error can be caused by gain error, zero error, linearity error, or any combination of the three. Of these three specifications, the linearity error specification is the most important since it cannot be corrected. Linearity error is specified over its entire temperature range. This means that the analog output will not vary by more than its maximum specification, from an ideal straight line drawn between the end points (inputs all "1"s and all "0"s) over the specified temperature range. Differential linearity error of a D/A converter is the deviation from an ideal 1 LSB voltage change from one adjacent output state to the next. A differential linearity error specification of 1/2 LSB means that the output voltage step sizes can range from 1/2 LSB to 1 1/2 LSB when the input changes from one adjacent input state to the next.
DRIFT Gain Drift
Figure 3a. Voltage Model Settling Time Circuit
>1mV
100 90
5V
10 0%
5V
500ns
A measure of the change in the full scale range output over temperature expressed in parts per million of full scale range per C (ppm of FSR/C). Gain drift is established by: 1) testing the end point differences for each ADDAC80 model at the lowest operating temperature, 25C and the highest operating temperature; 2) calculating the gain error with respect to the 25C value and; 3) dividing by the temperature change.
Offset Drift
Figure 3b. Voltage Model Settling Time CF = 25 pF
POWER SUPPLY SENSITIVITY
Power supply sensitivity is a measure of the effect of a power supply change on the D/A converter output. It is defined as a percent of FSR per percent of change in either the positive or negative supplies about the nominal power supply voltages.
REFERENCE SUPPLY
A measure of the actual change in output with all "1"s on the input over the specified temperature range. The maximum change in offset is referenced to the offset at 25C and is divided by the temperature range. This drift is expressed in parts per million of full scale range per C (ppm of FSR/C).
SETTLING TIME
Settling time for each model is the total time (including slew time) required for the output to settle within an error band around its final value after a change in input.
Voltage Output Models
All models are supplied with an internal 6.3 V reference voltage supply. This voltage (Pin 24) is accurate to 1% and must be connected to the Reference Input (Pin 16) for specified operation. This reference may also be used externally with external current drain limited to 2.5 mA. An external buffer amplifier is recommended if this reference is to be used to drive other system components. Otherwise, variations in the load driven by the reference will result in gain variations. All gain adjustments should be made under constant load conditions.
ANALYZING DEVICE ACCURACY OVER THE TEMPERATURE RANGE
Three settling times are specified to 0.01% of full scale range (FSR); two for maximum full scale range changes of 20 V, 10 V and one for a 1 LSB change. The 1 LSB change is measured at the major carry (0 1 1 1 . . . 1 1 to 1 0 0 0 . . . 0 0), the point at which the worst case settling time occurs. The settling time characteristic depends on the compensation capacitor selected, the optimum value is 25 pF as shown in Figure 3a.
Current Output Models
Two settling times are specified to 0.01% of FSR. Each is given for current models connected with two different resistive loads: 10 to 100 and 1000 to 1875 . Internal resistors are provided for connecting nominal load resistances of approximately 1000 to 1800 for output voltage ranges of 1 V and 0 V to -2 V.
For the purposes of temperature drift analysis, the major device components are shown in Figure 4. The reference element and buffer amplifier drifts are combined to give the total reference temperature coefficient. The input reference current to the DAC, IREF, is developed from the internal reference and will show the same drift rate as the reference voltage. The DAC output current, IDAC, which is a function of the digital input codes, is designed to track IREF; if there is a slight mismatch in these currents over temperature, it will contribute to the gain T.C. The bipolar offset resistor, RBP, and gain setting resistor, RGAIN, also have temperature coefficients that contribute to system drift errors. The input offset voltage drift of the output amplifier, OA, also contributes a small error.
-8-
REV. B
ADDAC80/ADDAC85/ADDAC87
15V RGAIN + - RBP 6.3V 6.3k - OA + IDAC
IREF
DAC V-
Figure 4. Bipolar Configuration
There are three types of drift errors over temperature: offset, gain, and linearity. Offset drift causes a vertical translation of the entire transfer curve; gain drift is a change in the slope of the curve; and linearity drift represents a change in the shape of the curve. The combination of these three drifts results in the complete specification for total error over temperature. Total error is defined as the deviation from a true straight line transfer characteristic from exactly zero at a digital input that calls for zero output to a point that is defined as full-scale. A specification for total error over temperature assumes that both the zero and full-scale points have been trimmed for zero error at 25C. Total error is normally expressed as a percentage of the full-scale range. In the bipolar situation, this means the total range from -VFS to +VFS. Several new design concepts not previously used in DAC80-type devices contribute to a reduction in all the error factors over temperature. The incorporation of low temperature coefficient silicon-chromium thin-film resistors deposited on a single chip, a patented, fully differential, emitter weighted, precision current steering cell structure, and a T.C. trimmed buried Zener diode reference element results in superior wide temperature range performance. The gain setting resistors and bipolar offset resistor are also fabricated on the chip with the same SiCr material as the ladder network, resulting in low gain and offset drift.
MONOTONICITY AND LINEARITY
Note that if the DAC and application resistors track perfectly, the bipolar offset drift will be zero even if the reference drifts. A change in the reference voltage, which causes a shift in the bipolar offset, will also cause an equivalent change in IREF and thus IDAC, so that IDAC will always be exactly balanced by IBP with the MSB turned on. This effect is shown in Figure 5. The net effect of the reference drift then is simply to cause a rotation in the transfer around bipolar zero. However, consideration of second order effects (which are often overlooked) reveals the errors in the bipolar mode. The unipolar offset drifts previously discussed will have the same effect on the bipolar offset. A mismatch of RBP to the DAC resistors is usually the largest component of bipolar drift, but in the ADDAC80 this error is held to 10 ppm/C max. Gain drift in the DAC also contributes to bipolar offset drift, as well as full-scale drift, but again is held to 10 ppm/C max.
ACTUAL GAIN SHIFT
OUTPUT
IDEAL
OFFSET (ZERO) SHIFT
UNIPOLAR
INPUT
OUTPUT
GAIN SHIFT
INPUT
OFFSET SHIFT BIPOLAR (IDEAL CASE)
Figure 5. Unipolar and Bipolar Drifts
USING THE ADDAC80 SERIES POWER SUPPLY CONNECTIONS
The initial linearity error of 1/2 LSB max and the differential linearity error of 3/4 LSB max guarantee monotonic performance over the specified range. It can therefore be assumed that linearity errors are insignificant in computation of total temperature errors.
UNIPOLAR ERRORS
Temperature error analysis in the unipolar mode is straightforward: there is an offset drift and a gain drift. The offset drift (which comes from leakage currents and drift in the output amplifier (OA)) causes a linear shift in the transfer curve as shown in Figure 5. The gain drift causes a change in the slope of the curve and results from reference drift, DAC drift, and drift in RGAIN relative to the DAC resistors.
BIPOLAR RANGE ERRORS
For optimum performance power supply decoupling capacitors should be added as shown in the connection diagrams. These capacitors (1 F electrolytic recommended) should be located close to the ADDAC80. Electrolytic capacitors, if used, should be paralleled with 0.01 F ceramic capacitors for optimum high frequency performance.
EXTERNAL OFFSET AND GAIN ADJUSTMENT
The analysis is slightly more complex in the bipolar mode. In this mode RBP is connected to the summing node of the output amplifier (see Figure 4) to generate a current that exactly balances the current of the MSB so that the output voltage is zero with only the MSB on.
Offset and gain may be trimmed by installing external OFFSET and GAIN potentiometers. These potentiometers should be connected as shown in the block diagrams and adjusted as described below. TCR of the potentiometers should be 100 ppm/C or less. The 3.9 M and 10 M resistors (20% carbon or better) should be located close to the ADDAC80 to prevent noise pickup. If it is not convenient to use these high-value resistors, a functionally equivalent "T" network, as shown in Figure 8 may be substituted in each case. The gain adjust (Pin 23) is a high impedance point and a 0.01 F ceramic capacitor should be connected from this pin to common to prevent noise pickup.
REV. B
-9-
ADDAC80/ADDAC85/ADDAC87
+VS
1 2 3 4 5 6 7 8 9 10 11 12 24
+VS
1 2 3 24
REF CONTROL CIRCUIT 12-BIT RESISTOR LADDER NETWORK AND CURRENT SWITCHES
10M
23 22 21 20
0.01 F
10k TO 100k -VS 10k TO 100k +VS
REF CONTROL CIRCUIT 12-BIT RESISTOR LADDER NETWORK AND CURRENT SWITCHES
10M
23 22 21 20
0.01 F
10k TO 100k -VS 10k TO 100k +VS
4 5 6 7 8
2k 3k 5k 6.3k
19 18
5k 5k
19 18
3.9M 1F
1F
17 16 15 14 13
17
3.9M -VS 1F
9
6.3k -
16 15
10
+
11 12 14 13
-VS 1F
Figure 6. External Adjustment and Voltage Supply Connection Diagram, Current Model
Offset Adjustment
Figure 7. External Adjustment and Voltage Supply Connection Diagram, Voltage Model
10M 270k 270k
For unipolar (CSB) configurations, apply the digital input code that should produce zero potential output and adjust the OFFSET potentiometer for zero output. For bipolar (COB, CTC) configurations, apply the digital input code that should produce the maximum negative output voltage. Example: If the FULL SCALE RANGE is connected for 20 V, the maximum negative output voltage is -10 V. See Table II for corresponding codes.
Gain Adjustment
7.8k
3.9M
180k
180k
10k
For either unipolar or bipolar configurations, apply the digital input that should give the maximum positive voltage output. Adjust the GAIN potentiometer for this positive full-scale voltage. See Table II for positive full-scale voltages.
Figure 8. Equivalent Resistances
Table II. Digital Input Analog Output
Digital Input 12-Bit Resolution MSB LSB 000000000000 011111111111 100000000000 111111111111 l LSB
Analog Output Voltage* 0 to +10 V +9.9976 V +5.0000 V +4.9976 V 0.0000 V 2.44 mV 10 V +9.9951 V 0.0000 V 4.88 mV -10.0000 V -0.0049 V Current 0 to -2 mA -1.9995 mA -1.0000 mA -0.9995 mA 0.0000 mA 0.488 A 1 mA -0.9995 mA 0.0000 mA +0.0005 mA -1.00 mA 0.488 A
*To obtain values for other binary ranges 0 to 5 V range: divide 0 to 10 values by 2; 5 V range: divide 10 V range values by 2; 2.5 V range: divide 10 V range values by 4.
-10-
REV. B
ADDAC80/ADDAC85/ADDAC87
VOLTAGE OUTPUT MODELS
TO REF CONTROL CIRCUIT 6.3k 17
Internal scaling resistors provided in the ADDAC80 may be connected to produce bipolar output voltage ranges of 10 V, 5 V or 2.5 V or unipolar output voltage ranges of 0 V to +5 V or 0 V to +10 V (see Figure 9).
REF INPUT TO REF CONTROL CIRCUIT 16 6.3k 17 BIPOLAR OFFSET COM
REF IN
16
18 5k 15
3k
2k
19
20
Figure 10. Internal Scaling Resistors
BIPOLAR OFFSET 17 16 6.3k TO REF CONTROL CIRCUIT 15 IOUT I 0 TO 2mA -
21 SUMMING JUNCTION FROM WEIGHTED RESISTOR NETWORK 20 5k - + 15 18 5k 19
REFERENCE INPUT
OUTPUT
6.6k 21 COMMON
Figure 9. Output Amplifier Voltage Range Scaling Circuit
V 6.3V + 24 REFERENCE OUT
Gain and offset drift are minimized in the ADDAC80 because of the thermal tracking of the scaling resistors with other device components. Connections for various output voltage ranges are shown in Table III. Settling time is specified for a full-scale range change: 4 s for a 10 k feedback resistor; 3 s for a 5 k feedback resistor when using the compensation capacitor shown in Figure 3a. The equivalent resistive scaling network and output circuit of the current model are shown in Figures 10 and 11. External RLS resistors are required to produce exactly 0 V to -2 V or 1 V output. TCR of these resistors should be 100 ppm/C or less to maintain the ADDAC80 output specifications. If exact output ranges are not required, the external resistors are not needed.
Figure 11. ADDAC80 Current Model Equivalent Output Circuit
Internal resistors are provided to scale an external op amp or to configure a resistive load to offer two output voltage ranges of 1 V or 0 V to -2 V. These resistors (RLI TCR = 20 ppm/C) are an integral part of the ADDAC80 and maintain gain and bipolar offset drift specifications. If the internal resistors are not used, external RL (or RF) resistors should have a TCR of 25 ppm/C or less to minimize drift. This will typically add 50 ppm/C + the TCR of RL (or RF) to the total drift.
Table III. Output Voltage Range Connections, Voltage Model ADDAC80
Output Range 10 V 5 V 2.5 V 0 V to 10 V 0 V to 5 V 0 V to 10 V
NC = No Connect
Digital Input Codes COB or CTC COB or CTC COB or CTC CSB CSB CCD
Connect Pin 15 to 19 18 18 18 18 19
Connect Pin 17 to 20 20 20 21 21 NC
Connect Pin 19 to 15 NC 20 NC 20 15
Connect Pin 16 to 24 24 24 24 24 24
DRIVING A RESISTIVE LOAD UNIPOLAR
A load resistance, RL = RLI, + RLS, connected as shown in Figure 12 will generate a voltage range, VOUT, determined by:
VOUT 6.6 k x RL = -2 mA 6.6 k + RL
15 RLI 968 6.6k RLS
+ VOUT
0 TO 2mA
18
(1)
CURRENT CONTROLLED BY DIGITAL INPUT
21 COMMON
-
where RL max = 1.54 k and VOUT max = -2.5 V To achieve specified drift, connect the internal scaling resistor (RLI) as shown in Table IV to an external metal film trim resistor (RLS) to provide full scale output voltage range of 0 V to -2 V. With RLS = 0 V, VOUT = -1.69 V.
Figure 12. Equivalent Circuit ADDAC80-CBI-I Connected for Unipolar Voltage Output with Resistive Load
REV. B
-11-
ADDAC80/ADDAC85/ADDAC87
DRIVING A RESISTOR LOAD BIPOLAR
The equivalent output circuit for a bipolar output voltage range is shown in Figure 13, RL = RLI + RLS. VOUT is determined by:
R x 3.22 k VOUT = 1 mA L RL + 3.22 k
5k
19 5k CBI 18
20V RANGE
10V RANGE 15 I 0 TO 2mA 6.6k AD509KH* 21 A VOUT
(2)
where RL max = 11.18 k and VOUT max = 2.5 V To achieve specified drift, connect the internal scaling resistors (RLI) as shown in Table IV for the COB or CTC codes and add an external metal film resistor (RLS) in series to obtain a full scale output range of 1 V. In this configuration, with RLS equal to zero, the full scale range will be 0.874 V.
15 RLI 1.2k 3.22k RLS
*FOR FAST SETTLING TIME
Figure 14. External Op Amp Using Internal Feedback Resistors
OUTPUT LARGER THAN 20 V RANGE
+ VOUT
1mA
20
21 COMMON CURRENT CONTROLLED BY DIGITAL INPUT
-
For output voltage ranges larger than 10 V, a high voltage op amp may be employed with an external feedback resistor. Use IOUT values of l mA for bipolar voltage ranges and -2 mA for unipolar voltage ranges (see Figure 15). Use protection diodes when a high voltage op amp is used. The feedback resistor, RF, should have a temperature coefficient as low as possible. Using an external feedback resistor, overall drift of the circuit increases due to the lack of temperature tracking between RF and the internal scaling resistor network. This will typically add 50 ppm/C + RF drift to total drift.
17 6.3k 16 15 I 0 TO 2mA - V + VREF 6.3V 24 171K* 6.6k 21 VOUT RF
Figure 13. ADDAC80-CBI-I Connected for Bipolar Output Voltage with Resistive Load
DRIVING AN EXTERNAL OP AMP
The current model ADDAC80 will drive the summing junction of an op amp used as a current to voltage converter to produce an output voltage. As seen in Figure 14,
VOUT = I OUT x R F
(3)
where IOUT is the ADDAC80 output current and RF is the feedback resistor. Using the internal feedback resistors of the current model ADDAC80 provides output voltage ranges the same as the voltage model ADDAC80. To obtain the desired output voltage range when connecting an external op amp, refer to Table V and Figure 14.
*FOR OUTPUT VOLTAGE SWINGS UP TO 140V p-p
Figure 15. External Op Amp Using External Feedback Resistors
Table IV. Current Model/Resistive Load Connections
Digital Input Codes CSB
Output Range
1% Metal Film RLI Connections Reference Bipolar Offset Internal External Resistance Resistance Connect Connect Connect Connect Connect RLI (k ) RLS Pin 15 to Pin 18 to Pin 20 to Pin 16 to Pin 17 to RLS 210 249 N/A 20 19 and RLS 15 19 RLS NC 24 Com (21) Between Pin 18 and Com (21) Between Pin 20 and Com (21) N/A
0 to -2 V 0.968
COB or CTC 1 V CCD
1.2
18
24
15
0 to 2 V 3
NC
21
24
NC
-12-
REV. B
ADDAC80/ADDAC85/ADDAC87
Table V. External Op Amp Voltage Mode Connections
Output Range 10 V 5 V 2.5 V 0 V to 10 V 0 V to 5 V
Digital Input Codes COB or CTC COB or CTC COB or CTC CSB CSB
Connect A to 19 18 18 18 18
Connect Pin 17 to 15 15 15 21 21
Connect Pin 19 to A NC 15 NC 15
Connect Pin 16 to 24 24 24 24 24
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead Plastic DIP (N-24A)
1.290 (32.70) 1.150 (29.30)
24 13
0.580 (14.73) 0.485 (12.32)
1 12
PIN 1
0.060 (1.52) 0.015 (0.38)
0.625 (15.87) 0.600 (15.24) 0.195 (4.95) 0.125 (3.18)
0.250 (6.35) MAX 0.200 (5.05) 0.125 (3.18) 0.022 (0.558) 0.014 (0.356)
0.150 (3.81) MIN 0.100 (2.54) BSC 0.070 (1.77) SEATING 0.030 (0.77) PLANE
0.015 (0.381) 0.008 (0.204)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS: INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
24-Lead Ceramic DIP (D-24)
SEE NOTE 5
0.005 (0.13) MIN
24
0.098 (2.49) MAX
13
0.610 (15.49) 0.500 (12.70)
SEE NOTE 4
PIN 1
SEE NOTE 1
1
12
SEE NOTE 4
SEE NOTE 3
1.290 (32.77) MAX 0.225 (5.72) MAX
0.075 (1.91) 0.015 (0.38)
0.620 (15.75) 0.590 (14.99)
0.150 (3.81) 0.200 (5.08) MIN 0.120 (3.05) SEATING 0.023 (0.58) 0.110 (2.79) 0.070 (1.78) PLANE 0.014 (0.36) 0.090 (2.29) 0.030 (0.76)
SEE NOTE 7 SEE NOTE 2, 6
0.015 (0.38) 0.008 (0.20)
SEE NOTE 6
NOTES 1. INDEX AREA; A NOTCH OR A LEAD ONE IDENTIFICATION MARK IS LOCATED ADJACENT TO LEAD ONE. 2. THE MINIMUM LIMIT FOR DIMENSION MAY BE 0.023" (0.58 mm) FOR ALL FOUR CORNER LEADS ONLY. 3. DIMENSION SHALL BE MEASURED FROM THE SEATING PLANE TO THE BASE PLANE. 4. THIS DIMENSION ALLOWS FOR OFF-CENTER LID, MENISCUS AND GLASS OVERRUN. 5. APPLIES TO ALL FOUR CORNERS. 6. ALL LEADS -- INCREASE MAXIMUM LIMIT BY 0.003" (0.08 mm) MEASURED AT THE CENTER OF THE FLAT, WHEN HOT SOLDER DIP LEAD FINISH IS APPLIED. 7. TWENTY TWO SPACES. 8. CONTROLLING DIMENSIONS ARE IN MILLIMETERS. INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
REV. B
-13-
ADDAC80/ADDAC85/ADDAC87
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead Side Brazed Ceramic DIP for Hybrid (DH-24A)
SEE NOTE 5
0.005 (0.13) MIN
24
0.098 (2.49) MAX
13
PIN 1
SEE NOTE 1
1 12
SEE NOTE 3
0.600 (14.70) 0.580 (14.21)
0.075 (1.91) 1.212 (29.69) MAX 0.015 (0.38) 0.225 (5.72) MAX 0.180 (4.57) 0.200 (5.08) MIN 0.120 (3.05) 0.023 (0.58) 0.100 (2.54) 0.070 (1.78) SEATING BSC 0.030 (0.76) PLANE 0.014 (0.36)
SEE NOTE 4, 7 SEE NOTE 2
0.015 (0.38) 0.008 (0.20) 0.620 (15.75) 0.590 (14.99)
SEE NOTE 6
NOTES 1. INDEX AREA; A NOTCH OR A LEAD ONE IDENTIFICATION MARK IS LOCATED ADJACENT TO LEAD ONE. 2. THE MINIMUM LIMIT FOR DIMENSION MAY BE 0.023" (0.58 mm) FOR ALL FOUR CORNER LEADS ONLY. 3. DIMENSION SHALL BE MEASURED FROM THE SEATING PLANE TO THE BASE PLANE. 4. THE BASIC PIN SPACING IS 0.100" (2.54 mm) BETWEEN CENTERLINES. 5. APPLIES TO ALL FOUR CORNERS. 6. SHALL BE MEASURED AT THE CENTERLINE OF THE LEADS. 7. TWENTY TWO SPACES. 8. CONTROLLING DIMENSIONS ARE IN MILLIMETERS: INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
-14-
REV. B
ADDAC80/ADDAC85/ADDAC87 Revision History
Location Data Sheet changed from REV. A to REV. B. Page
Update OUTLINE DIMENSION drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
REV. B
-15-
-16-
C00381-0-1/02(B)
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of ADDAC80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X