Part Number Hot Search : 
2108A LT3845A LT5526 1536W MB91110 11HWA 3S400 10EDA40
Product Description
Full Text Search
 

To Download A1143 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A1140/42/43/45
Preliminary Data Sheet
PRELIMINARYL DATA SHEET SUBJECT TO CHANGE WITHOUT NOTICE
Two-Wire, Factory-Programmed, Chopper-Stabilized, Unipolar Hall-Effect Switch
The A114X is a two-wire, unipolar, Hall-effect switch with factory programmability for end-of-line optimization of switch point accuracy. This device uses a patented high frequency chopper-stabilization technique on Allegro's most advanced BiCMOS wafer fabrication process to achieve magnetic stability and to eliminate offset inherent in single-element devices and from harsh-application environments. This device provides on-chip transient protection. A zener clamp on the power supply protects against over-voltage conditions on the supply line. The output of the A1143 will switch HIGH in the presence of a sufficiently large south-pole magnetic field and will switch LOW with the removal of the field. The A1140/2/5 has the opposite polarity as the A1143, switching LOW in the presence of a sufficiently large south-pole magnetic field. Two package styles provide a magnetically optimized package for most applications. Suffix "LH" is a miniature low profile package for surface-mount applications; suffix "UA" is a three-lead ultra-mini Single Inline Package (SIP) for through-hole mounting.
See typical application drawing for UA pinning.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VCC ............................................ 26.5 V Reverse-Battery Voltage VRB ............................................. -18 V Magnetic Flux Density B .......................................... Unlimited Package Power Dissipation ja, UA........................................ 206 C/W LH1.........................................248 C/W Junction Temperature, TJ .................... +170C Operating Temperature Range,TA Suffix `E'..........................-40 C to +85 C Suffix `L'........................ -40 C to +150 C Storage Temperature Range TS .............................. -65 C to +170 C
FEATURES / BENEFITS Chopper Stabilization s Low switch-point drift over temperature s Low stress sensitivity Factory programmed at end-of-line s Optimized switch Points On-chip Protection s Supply transient protection s Robust ESD/EMC protection s Reverse-battery protection On-board Voltage Regulator s 3.8 V to 24 V operation Order by complete part number (i.e. A1142LUA).
1
The "LH" PPD is based on a 0.062" thick FR4, single-sided board using 2 oz. copper, with a 0.55 mm2 area of copper attached to the ground lead.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE) CHARACTERISTICS
Valid over operating temperature range unless otherwise noted.
Part Number Characteristics Symbol Test Conditions Min. ELECTRICAL CHARACTERISTICS A114X A1140 Supply Voltage Supply Current VCC IGND(L) IGND(H) A1142/3/5 Supply Current Output Rise Time Output Fall Time A114X
2
Limits Typ. Max. Units
Operating Output I Low Output I High Output I Low Output I High RL=100 Ohms, CBYP=0.1uF RL=100 Ohms, CBYP=0.1uF t < ton, tr < 5us, no bypass capacitor I = 10mA
3.8 2 12 5 12 28
20 20 340 HIGH 36
24 5 17 6.9 17 25 40
V mA mA mA mA us us kHz s V
IGND(L) IGND(H) tr tf fC ton POS VZ
2
Chopping Frequency Power-Up Time Power-Up State Zener Voltage
MAGNETIC CHARACTERISTICS Operate Point, Bop A1140/2/3 Release Point, Brp Hysteresis Operate Point, Bop A1145 Release Point, Brp Hysteresis BHYS 1140/2 1143 1140/2 1143 BHYS 1145 B B B B > > < < Bop, IGND = Low Bop, IGND = High BRP, IGND = High BRP, IGND = Low 50 45 5 10 5 5 85 15 37 15 115 110 30 60 55 30 G G G G G G
BOP - BRP B > Bop, IGND = Low B < BRP, IGND = High BOP - BRP
2
Typical rise and fall time of the Hall sensor is 1us, the true rise and fall time is dependent on the load circuit as indicated by the 20us specification.
Rev. 1.0 18Apr03 Page 2
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
FUNCTIONAL BLOCK DIAGRAM Supply
Program / Lock
Reg
Programmming Logic
To all subcircuits
Offset Adjust
AMP
S/H
LPF
GND
Clock/Logic
GND
("UA" ONLY-Pin 3)
3)
A1140/2/5 Hysteresis Curve
+I
A1143 Hysteresis Curve
+I
IccHigh Output Current
IccHigh Output Current
Brp
B op
B rp
Bop
IccLow 0 0 Flux Density +B
IccLow 0 0 Flux Density +B
Rev. 1.0 18Apr03 Page 3
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
Typical Characterization Data All data is the average of 1 Lot, >1000 Units
Bop 85G trim Vcc=24v Vcc= 12v Vcc= 3.8v
94 92 90 88 86 84 82 80 78 -40 C
25 C Temperature (C)
85 C
17 16.5 16 15.5 Current (mA)
Iccon
Vcc= 24v Vcc= 12v Vcc= 3.8v
Current (mA) 6.8 6.6 6.4 6.2 6 5.8 5.6 5.4 5.2 5
Iccoff
Vcc =24v Vcc =12v Vcc =3.8v
15 14.5 14 13.5 13 12.5 12 -40 C 25 C Temperature (C) 85 C
-40 C
25 C Temperature (C)
85 C
Rev. 1.0 18Apr03 Page 4
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
Functional Description
Chopper-Stabilization Technique. A limiting factor for switch point accuracy when using Hall effect technology is the small signal voltage developed across the Hall plate. This voltage is proportionally small relative to the offset that can be produced at the output of the Hall sensor. This makes it difficult to process the signal and maintain an accurate, reliable output over the specified temperature and voltage range. Chopper Stabilization is a unique approach used to minimize Hall offset on the chip. The Allegro patented technique; dynamic quadrature offs et cancellation, removes key sources of the output drift induced by temperature and package stress. This offset reduction technique is based on a signal modulation-demodulation process. The undesired offset signal is separated from the magnetically induced signal in the frequency domain through modulation. The subsequent demodulation acts as a modulation process for the offset causing the magnetically induced signal to recover its original spectrum at base band while the dc offset becomes a high frequency signal. Then, using a low-pass filter the signal passes while the modulated dc offset is suppressed. The chopper stabilization technique uses a 170 kHz high frequency clock. The Hall plate chopping occurs on each clock edge resulting in a 340 kHz chop frequency. The high frequency operation allows for a greater sampling, which produces higher accuracy and faster signal processing capability. Using this chopper stabilization approach, the chip is desensitized to the effects of temperature and stress. This technique produces devices that have an extremely stable quiescent Hall output voltage, is immune to thermal stress, and has precise recoverability after temperature cycling. This technique is made possible through the use of a BiCMOS process which allows the use of low offset and low noise amplifiers in combination with high-density logic integration and sample and hold circuits. The repeatability of switching with a magnetic field is slightly affected using a chopper technique. Allegro's high frequency chopping approach minimizes the affect of jitter and makes it imperceptible in most applications. Applications that may notice the degradation are those that require the precise sensing of alternating magnetic fields such as ring magnet speed sensing. For those applications, Allegro recommends the "low jitter" family of digital sensors.
Regulator
Amplifier
Sample/ Hold
CLOCK
Hall Element
Concept of Dynamic Quadrature Offset Cancellation
Rev. 1.0 18Apr03 Page 5
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE) TYPICAL APPLICATION CIRCUIT
Applications. It is necessary that an external bypass capacitor be connected between the supply and ground of the device to reduce both external noise and noise generated by the chopper-stabilization technique. (The diagram below shows a 0.01uF bypass capacitor) The bypass capacitor should be no further than 5 mm away from the Hall sensor. The bypass capacitor is to protect the Hall IC only. All high frequency interferences conducted along the supply lines will be passed directly to the load through the bypass capacitor. Therefore, the ECU must have sufficient protection other than the bypass capacitor placed in parallel with the Hall IC. A series resistor on the supply side, Rs (not shown), in combination with the bypass capacitor will create a filter for EMC pulses. (See the ISO Transient Table). The series resistor (Rs) and/or sense resistor (Rsense) will have voltage drops across them that must be considered for the minimum Vcc requirement of the device. The preferred sense resistor value is approximately 100 ohms.
Typical Application (UA pkg):
Vcc 1 0.01uF
VSupply A114X
OUTPUT 2 ECU
3 Optional OUTPUT UA ONLY
RSENSE
Extensive applications information on magnets and Hall-effect sensors including Chopper-Stabilization is available in the Allegro Electronic Data Book CD, or at the website: http://www.allegromicro.com .
Rev. 1.0 18Apr03 Page 6
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
DEVICE QUALIFICATION PROGRAM
Test Name
Pre/Post Test High Temperature Operating Life (HTOL) High Temperature Bake (HTB) Pre Conditioning (PC) Temperature Humidity Bias (THB) or HAST Autoclave (AC) Temperature Cycle (TC) External Visual (EV) Physical Dimensions (PD) Lead Integrity Bond Pull Strength ESD Solderability (SD) Early Life Failure Rate (ELFR) Gate Leakage (GL) Electrical Distributions (ED) Ta = room, hot, cold 125C or 150C 48 hrs 1 24 hrs 1 3 6 30 CDF- AEC-Q100-006 800 JESD22-A108 HBM & MM
Test Conditions
Ta = room, hot, cold Ta = 150C, Tj ? 170C Ta = 170C 85C/85%RH 85C/85%RH 130C/85%RH 121C/15 psig -65C to +150C or -50C to +150C
Test Length
408 hrs 1000 hrs 168 hrs 1000 hrs 50 hrs 96 hrs 500 cycles 1000 cycles
# of Sample / Lots lot
1 1 1 1 1 1 77 77 231 77 77 77
Comments
JESD22-A108 JESD22-A103 JESD22-A112 & A113 JESD22-A101 JESD22-A110 JESD22-A102 JESD22-A104
1 1 1 1 1
30 45 30 3 per model JESD22-A114 & A115,CDFper V step AEC-Q100-002, 003 & 011 15 JESD22-B102
EMC Requirements (Electromagnetic Compatibility)
Please contact your local representative for EMC results
Test Name
ESD - Human Body Model ESD - Machine Model Conducted Transients Direct RF Injection Bulk Current Injection TEM Cell
Reference Specification
AEC-Q100-002 AEC-Q100-003 ISO 7637-1 ISO 11452-7 ISO 11452-4 ISO 11452-3
Rev. 1.0 18Apr03 Page 7
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
POWER DE-RATING Maximum Allowable Power Calculation for A118X Family 3:
Assume: Ta = Ta max = 150 C Tj(max) = 170C Icc = IONmax = 17 mA If: Tj = Ta + T Then: Tmax = Tjmax - Ta max = 170 C - 150 C = 20 C If: T = PD * Rja Then: PDmax = Tmax / Rja = 20 C / 206 C/W = 97.1 mW If: PD = Vcc * Icc Then the maximum Vcc at 150C is therefore: Vccmax = PDmax / Icc = 97.1 mW / 17 mA = 5.7 V
Due to internal power consumption, the junction temperature of the IC, Tj, is higher than the ambient environment temperature, Ta. To e nsure that the device does not operate above the maximum rated junction temperature use the following calculations: T = PD * Rja Where: PD = Vcc * Icc T=Vcc * Icc * Rja Where T denotes the temperature rise resulting from the IC's power dissipation. Tj = Ta + T For the sensor : Tj(max) = 170C Rja (UA Pkg) = 206C/W Typical Tj calculation: Ta = 25 C Vcc = 12 V Icc = IccONtyp = 14.5 mA PD = Vcc * Icc = 12 V * 14.5 mA = 174 mW
Dissipation
Maximum Supply Voltage vs Ambient Temperature
Maximum Supply Voltage (V)
T = PD * Rja = 174 mW * 206C/W = 35.8 C Tj = Ta + T = 25 C + 35.8 C = 60.8 C
30 25 20 15 10 5 0 0 25 50 75 100 125 150
Temperature (C)
UA (ROJA = 206C/W) LH (ROJA = 228C/W)
3
The "LH" PPD is based on a 0.062" thick FR4, single-sided board using 2 oz. copper, with a 0.55 mm2 area of copper attached to the ground lead. Rev. 1.0 18Apr03 Page 8
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
Rev. 1.0 18Apr03 Page 9
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
Rev. 1.0 18Apr03 Page 10
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
Rev. 1.0 18Apr03 Page 11
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
TWO-WIRE, UNIPOLAR HALL-EFFECT SWITCH FAMILY (PRELIMINARY INFORMATION - SUBJECT TO CHANGE)
The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support appliances, devices, or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringements of patents or other rights of third parties that may result from its use.
Rev. 1.0 18Apr03 Page 12
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1993, 1995 Allegro MicroSystems, Inc.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of A1143

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X