Part Number Hot Search : 
74AC24 SFR503 49LF00 TS431A MP4690 PUMD15 H06MTR22 KBJ4007
Product Description
Full Text Search
 

To Download 80C02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Features & Benefits
10 Gb/s Telecom & Datacom
- 80C08C and 80C12 - Lownoise, High Optical Sensitivity and Broad Wavelength Conformance Testing for 10GbE LAN, WAN, and FEC, 10G Fibre Channel, and 10 Gb/s Telecom Standard and FEC Rates - 80C11 30 GHz Optical Bandwidth Conformance Testing and Characterization for 10 Gb/s Telecom and Datacom Standards and FEC Rates - 80C08C and 80C11 Integrated Clock Recovery Supports All Current 10 Gb/s Standards or User Defined Rate from 9.8 to 12.6 Gb/s - 80C12 Clock Recovery Available Via 80A05 Clock Recovery Module
40 Gb/s Telecom
- 80C10 Provides 65 GHz Optical Bandwidth for Signal Characterization of 40 Gb/s RZ or NRZ Data - 80C10 Provides Reference Receivers for Conformance Testing of 39.813 Gb/s (OC-768/STM-256) and 43.018 Gb/s (ITU-T G.709 FEC)
CSA/TDS8000B Series Sampling Oscilloscope Optical Modules The CSA/TDS8000B Series Sampling Oscilloscopes, when configured with one or more optical sampling modules, provide complete optical test solutions for Telecom (155 Mb/s to 43.018 Gb/s) or Datacom (Fibre Channel, Gigabit Ethernet, 10GbE and InfiniBand) applications, as well as general purpose optical component testing. Each optical module includes all the elements necessary for optical testing:
Optical to electrical converter Average power monitor One or more reference receiver filters A full bandwidth optical path A low-noise electrical sampler Optional integrated clock recovery (80C12 clock recovery is provided via the 80A05 Clock Recovery Module - sold separately) Universal optical input connector
80C01 Multi-rate Telecom Sampling Module - The 80C01 module supports waveform conformance testing of longwavelength (1100 to 1650 nm) signals at 622, 2488 Mb/s and 9.953 Gb/s as well as general-purpose testing with up to 20 GHz optical bandwidth. With its clock recovery option, the 80C01 provides testing solutions for 622 and 2488 Mb/s telecom applications. 80C02 High-performance Telecom Sampling Module - The 80C02 module is optimized for testing of long-wavelength (1100 to 1650 nm) signals at 9.953 Gb/s (SONET OC-192/SDH STM-64). With its high optical bandwidth of 30 GHz (typical), it is also well-suited for general purpose, high-performance optical component testing. The 80C02 can be optionally configured with clock recovery that supports 9.953 Gb/s telecom standards.
Tributary Telecom & Datacom
- 80C07B and 80C12 Provide Excellent Optical Sensitivity and Broad Wavelength Test Capability - 80C07B, 80C12, 80C01 Multi-rate Telecom Conformance Testing Solutions from 155 Mb/s (OC-3/STM-4) Through 9.953 Gb/s (OC-192/ STM-64) and Datacom Conformance Testing Solutions for Fibre Channel, Ethernet and InfiniBand Standards
Applications
High-speed Optical Communications Testing Extinction Ratio and Q-factor Measurements Eye-pattern and Pulse Shape Analysis Relaxation Oscillation Testing Optical Signal Analysis Conformance Testing NRZ and RZ Pulse Characterization
1
Optical Signal Analysis * www.tektronix.com/optical
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
80C07B Multi-rate, Datacom & Telecom Optical Sampling Module - The 80C07B module is a broad wavelength (700 to 1650 nm) multi-rate optical sampling module optimized for testing datacom/telecom signals from 155 to 2500 Mb/s. With its amplified O/E converter design, this module provides excellent signal-to-noise performance, allowing users to examine low-power optical signals. The 80C07B can be optionally configured with clock recovery that supports 155, 622, 1063, 1250, 2125, 2488, 2500 and 2666 Mb/s rates. 80C08C Multi-rate, Datacom & Telecom Optical Sampling Module with 10GbE Forward Error Correction - The 80C08C module is a broad wavelength (700 to 1650 nm) multi-rate optical sampling module providing datacom rate testing for 10GbE applications at 9.953, 10.3125, 11.0957 Gb/s and 10G Fibre Channel applications at 10.51875 Gb/s. The 80C08C also provides telecom rate testing at 9.953, 10.664, and 10.709 Gb/s. With its amplified O/E converter design, this module provides excellent signalto-noise performance and high optical sensitivity, allowing users to examine lowpower level optical signals. The 80C08C can be optionally configured with clock recovery options that can support any standard or user defined rate in the continuous range from 9.8 to 12.6 Gb/s.
80C10 65 GHz 40 Gb/s Optical Sampling Module with 43 Gb/s ITU-T G.709 Forward Error Correction - The 80C10 module provides integrated and selectable reference receiver filtering, enabling conformance testing at either 1310 nm or 1550 nm for 39.813 Gb/s (OC-768/STM256) and 43.018 Gb/s (43 Gb/s ITU-T G.709 FEC) rates. In addition to the filter rates, the user may also choose selectable bandwidths of 30 GHz or 65 GHz for optimal noise vs. bandwidth performance for accurate signal characterization. The 80C10 is optionally available in a bundled ordering configuration which includes a 70+ GHz electrical sampling channel. 80C11 Multi-rate, Datacom & Telecom Optical Sampling Module - The 80C11 module is a long wavelength (1100 to 1650 nm) multi-rate optical sampling module optimized for testing 10 Gb/s datacom and telecom standard rates at 9.953, 10.3125, 10.51875, 10.664, 10.709, and 11.0957 Gb/s. With its high optical bandwidth of up to 30 GHz (typical) it is wellsuited for general purpose high-performance 10 Gb/s optical component testing. The 80C11 can be optionally configured with clock recovery options that can support any standard or user defined rate in the continuous range from 9.8 to 12.6 Gb/s.
80C12 Multi-rate, Datacom & Telecom Optical Sampling Module - The 80C012 module is a broad wavelength (700 to 1650 nm) multi-rate optical sampling module providing 1G, 2G, and 4G telecom and datacom testing. This highly flexible module can be configured to support either lower data rate applications (1 to 4 Gb/s) or a wide variety of 10 Gb/s applications. The low data rate applications include: 1, 2, and 4 Fibre Channel and "by 4" wavelength division multiplex standards such as 10G Base-X4 and 4-Lane 10 Gb/s Fibre Channel. The supported 10 Gb/s application includes both datacom and telecom application. The supported 10 Gb/s datacom applications include 10GbE applications at 9.953, 10.3125, 11.0957 Gb/s and 10G Fibre Channel applications at 10.51875 Gb/s. The 80C12 also provides telecom rate testing at 9.953, 10.664, and 10.709 Gb/s. With its amplified O/E converter design, this module provides excellent signal-to-noise performance and high optical sensitivity, allowing users to examine lowpower level optical signals. Clock recovery for the 80C12 is provided via the 80A05 (sold separately).
2
Optical Signal Analysis * www.tektronix.com/optical
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Optical Modules
Module 80C01 80C02 80C07B
Option Bandwidth (GHz) 20
CR 20 11001650 9 -8 30 11001650 9 -9
CR 30 11001650 9 -9
F1 2.5 7001650 9& 62.5 -22
F2 2.5 7001650 9& 62.5 -22
F3 2.5 7001650 9& 62.5 -22
F4 2.5 7001650 9& 62.5 -22
F5 2.5 7001650 9& 62.5 -22
F6 2.5 7001650 9& 62.5 -22
F7 2.5 7001650 9& 62.5 -22
F8 2.5 7001650 9& 62.5 -22
F9 2.5 7001650 9& 62.5 -22
F10 2.5 7001650 9& 62.5 -22
CR1 2.5 7001650 9& 62.5 -22
Wavelength 1100Range (nm) 1650 Fiber Input (m) Mask Test Sensitivity (dBm) Number of Channels 9 -8
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Rates Supported:
= Filter, = Optical
Clock Recovery, = Electrical Clock Recovery

155 Mb/s 622 Mb/s 1063 Mb/s 1250 Mb/s 2125 Mb/s 2488 Mb/s 2500 Mb/s 3.125 Gb/s 3.188 Gb/s 3.32 Gb/s 4.25 Gb/s 9.95 Gb/s

Optical Signal Analysis * www.tektronix.com/optical
3
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Optical Modules (continued)
Module 80C08C 80C10 80C11
Option Bandwidth (GHz) Wavelength Range (nm) Fiber Input (m) Mask Test Sensitivity (dBm) Number of Channels
Rates Supported:
CR1 10 700-1650 9& 62.5 -15 1 10 700-1650 9& 62.5 -15 1
CR2 10 700-1650 9& 62.5 -15 1
CR4 10 700-1650 9& 62.5 -15 1 65 1290-1330 1530-1570 9 0 1 30 1100-1650 9 -9 1
CR1 30 1100-1650 9 -9 1
CR2 30 1100-1650 9 -9 1
CR3 30 1100-1650 9 -9 1
CR4 30 1100-1650 9 -9 1
= Filter, = Optical
Clock Recovery, = Electrical Clock Recovery

9.95 Gb/s 10.31 Gb/s 10.52 Gb/s 10.66 Gb/s 10.71 Gb/s 11.1 Gb/s 39.81 Gb/s 43.02 Gb/s
4
Optical Signal Analysis * www.tektronix.com/optical
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Optical Modules (continued)
Module 80C12
Option Bandwidth (GHz) Wavelength Range (nm) Fiber Input (m) Mask Test Sensitivity (dBm) Number of Channels
Rates Supported:
F1 4.25 700-1650 9& 62.5 -15 1
F2 9 700-1650 9& 62.5 -15 1
F3 9 700-1650 9& 62.5 -15 1
F4 4.25 700-1650 9& 62.5 -15 1
F5 9 700-1650 9& 62.5 -15 1
F6 9 700-1650 9& 62.5 -15 1
FC 9 700-1650 9& 62.5 -15 1
10G 10 700-1650 9& 62.5 -12 1
CR*1
CR*2
= Filter, = Optical
Clock Recovery, = Electrical Clock Recovery

155 Mb/s 622 Mb/s 1063 Mb/s 1250 Mb/s 2125 Mb/s 2488 Mb/s 2500 Mb/s 3.125 Gb/s 3.188 Gb/s 3.32 Gb/s 4.25 Gb/s 9.95 Gb/s 10.31 Gb/s 10.52 Gb/s 10.66 Gb/s 10.71 Gb/s 11.1 Gb/s
*1 With 80A05. *2 With 80A05 Option 10G.


Optical Signal Analysis * www.tektronix.com/optical
5
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Electrical Clock Recovery
Module 80A05
Option
Rates Supported: = Electrical Clock Recovery
10G
155 Mb/s 622 Mb/s 1063 Mb/s 1250 Mb/s 2125 Mb/s 2488 Mb/s 2500 Mb/s 3.125 Gb/s 3.188 Gb/s 3.32 Gb/s 4.25 Gb/s 9.95 Gb/s 10.31 Gb/s 10.52 Gb/s 10.66 Gb/s 10.71 Gb/s 11.1 Gb/s


Electrical Modules
Module 80E01 80E012 80E03 80E04 80E06
Bandwidth (GHz) Number of Channels
50 1
12.5 2
20 2
20 2
70 1
6
Optical Signal Analysis * www.tektronix.com/optical
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Characteristics
Optical Sampling Module Characteristics (Refer to Optical Sampling Modules User Manual for more detailed information)
Application Type Standards and Supported Filtering Rates Number of Input Channels Effective Wavelength Range Calibrated Wavelengths
80C01
Tributary Telecom
OC-12/STM-4 (622 Mb/s), OC-48/STM-16 (2.488 Gb/s), OC-192/STM-64 (9.953 Gb/s) OC-192/STM-64 (9.953 Gb/s) 10GBase-W (9.953 Gb/s) Standard Included: OC-48/STM-16 (2.488 Gb/s), InfiniBand, 2 GbE (2.500 Gb/s); Optional (choose any two): OC-3/STM-1 (155 Mb/s), OC-12/STM-4 (622 Mb/s), Fibre Channel (1.063 Gb/s), GbE (1.250 Gb/s), 2G Fibre Channel (2.125 Gb/s) OC-192/STM-64 (9.953 Gb/s), 10GBase-W (9.953 Gb/s), 10GBase-R (10.31 Gb/s), 10G Fibre Channel (10.52 Gb/s), ITU-T G.975 FEC (10.664 Gb/s), ITU-T G.709 (10.709 Gb/s), 10GbE FEC (11.1 Gb/s) OC-768/STM-256 (39.813 Gb/s), ITU-T G.709 FEC (43.018 Gb/s) OC-192/STM-64 (9.953 Gb/s), 10GBase-W (9.953 Gb/s), 10GBase-R (10.31 Gb/s), 10G Fibre Channel (10.52 Gb/s), ITU-T G.975 FEC (10.664 Gb/s), ITU-T G.709 (10.709 Gb/s), 10GbE FEC (11.1 Gb/s) Fibre Channel (1.063 Gb/s), 2G Fibre Channel (2.125 Gb/s), 4G Fibre Channel (4.250 Gb/s) 10GBase-X4 (3.125 Gb/s) 10GFC-X4 (3.1875 Gb/s) VSR5-3318 (3.318 Gb/s) OC-192/STM-64 (9.953 Gb/s), 10GBase-W (9.953 Gb/s), 10GBase-R (10.31 Gb/s), 10G Fibre Channel (10.52 Gb/s), ITU-T G.975 FEC (10.664 Gb/s), ITU-T G.709 (10.709 Gb/s), 10GbE FEC (11.1 Gb/s)
1
1100 nm to 1650 nm
1310 nm and 1550 nm (20 nm)
80C02
10 Gb/s Telecom
1
1100 nm to 1650 nm
1310 nm and 1550 nm (20 nm)
80C07B Tributary Datacom/Telecom
1
700 nm to 1650 nm
780 nm, 850 nm, 1310 nm, and 1550 nm (20 nm)
80C08C
10 Gb/s Datacom/Telecom
1
700 nm to 1650 nm
780 nm, 850 nm, 1310 nm, and 1550 nm (20 nm)
80C10
40 Gb/s Telecom
1
1310 nm and 1550 nm
1310 nm and 1550 nm (20 nm) 1310 nm and 1550 nm (20 nm)
80C11
10 Gb/s Datacom/Telecom
1
1100 nm and 1650 nm
80C12
1 to 4.5 Gb/s Datacom/Telecom
1
700 nm to 1650 nm
850 nm, 1310 nm, and 1550 nm (20 nm)
10 Gb/s Datacom/Telecom
Optical Signal Analysis * www.tektronix.com/optical
7
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Optical Sampling Module Characteristics (continued)
Clock Recovery (Optional) Clock Recovery Outputs Unfiltered Optical Bandwidth*3 Absolute Maximum Nondestructive Optical Input Internal Fiber Diameter
80C01
Option CR: 622 Mb/s, 2.488 Gb/s
Clock, Data
20 GHz
5 mW average; 10 mW peak power at wavelength of highest relative responsivity 5 mW average; 10 mW peak power at wavelength of highest relative responsivity 5 mW average; 10 mW peak power at wavelength of highest responsivity
9 m/125 m single-mode
80C02
Option CR: 9.953 Gb/s
Clock, Clock/16, Data
28 GHz
9 m/125 m single-mode
80C07B
Option CR1: 155 Mb/s, 622 Mb/s, 1.063 Gb/s, 1.250 Gb/s, 2.125 Gb/s, 2.488 Gb/s, 2.500 Gb/s, 2.666 Gb/s Option CR1: 9.953 Gb/s, 10.31 Gb/s; Option CR2: 10.31 Gb/s, 10.52 Gb/s; Option CR4: Continuous from 9.8 Gb/s to 12.6 Gb/s Future Upgradeable
Clock, Data
2.5 GHz
62.5 m/125 m multi-mode
80C08C
Clock, Clock/16
10 GHz
1 mW average; 10 mW peak power at wavelength of highest responsivity
62.5 m/125 m multi-mode
80C10
Future
65 GHz
20 mW average; 60 mW peak power at wavelength of highest relative responsivity 5 mW average; 10 mW peak power at wavelength of highest responsivity
9 m/125 m single-mode
80C11
Option CR1: 9.953 Gb/s; Option CR2: 9.953 Gb/s, 10.664 Gb/s; Option CR3: 9.953 Gb/s, 10.709 Gb/s; Option CR4: Continuous between 9.8 Gb/s to 12.6 Gb/s Provided by 80A05 (sold separately)
CR1: Clock, Clock/16, Data; CR2, CR3, CR4: Clock, Clock/16
28 GHz
9 m/125 m single-mode
80C12
ELECTRICAL SIGNAL OUT
9 GHz (for all options except 10G) 10 GHz (Option 10G)
1 mW average; 10 mW peak power at wavelength of highest responsivity
62.5 m/125 m multi-mode
*3 Values shown are warranted unless printed in an italic typeface which represents a typical value.
8
Optical Signal Analysis * www.tektronix.com/optical
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Optical Sampling Module Characteristics (continued)
Optical Return Loss Fiber Input Accepted RMS Optical Noise (typical) RMS Optical Noise (maximum) Independent Channel Deskew
80C01
>30 dB
Single-mode
8.0 W at 622 Mb/s, 2.488 Gb/s, 9.953 Gb/s, 12.5 GHz; 15.0 W at 20 GHz 6.0 W at 9.953 Gb/s, 12.5 GHz; 10.0 W at 20 GHz; 15.0 W at 30 GHz 0.50 W at 155 Mb/s, 622 Mb/s, 1063 Mb/s, 1250 Mb/s; 0.70 W at 2.488/2.500 Gb/s 1.7 W at all filter rates
12.0 W at 622 Mb/s, 2.488 Gb/s, 9.953 Gb/s, 12.5 GHz; 25 W at 20 GHz 10.0 W at 9.953 Gb/s, 12.5 GHz mode; 15 W at 20 GHz; 30 W at 30 GHz 1.0 W at 155 Mb/s, 622 Mb/s, 1063 Mb/s, 1250 Mb/s; 1.5 W at 2.488/2.500 Gb/s
Standard
80C02
>30 dB
Single-mode
Standard
80C07B
>14 dB (multi-mode) >24 dB (single-mode)
Single- or multi-mode
Standard
80C08C
>14 dB (multi-mode) >24 dB (single-mode) >30 dB
Single- or multi-mode
3.0 W at all filter rates
Standard
80C10
Single-mode
40 W at 39.813 Gb/s, 43.018 Gb/s (1550 nm); 75 W at 39.813 Gb/s, 43.018 Gb/s (1310 nm); 30 W at 30 GHz mode (1550 nm); 55 W at 30 GHz mode (1310 nm); 85 W at 65 GHz mode (1550 nm); 150 W at 65 GHz mode (1310 nm) 5.5 W at all filter rates; 10.0 W at 20 GHz 20.0 W at 30 GHz 1.7 W (all filters except Option 10G) 3.4 W (`Full BW' and Option 10G filters)
60 W at 39.813 Gb/s, 43.018 Gb/s (1550 nm); 110 W at 39.813 Gb/s, 43.018 Gb/s (1310 nm); 50 W at 30 GHz (1550 nm); 90 W at 30 GHz (1310 nm); 120 W at 65 GHz (1550 nm); 220 W at 65 GHz (1310 nm) 8.0 W at all filter rates; 14.0 W at 20 GHz 30.0 W at 30 GHz 3.0 W ( all filters except Option 10G) 6.0 W (`Full BW' and Option 10G filters)
Standard
80C11
>30 dB
Single-mode
Standard
80C12
>14 dB (multi-mode) >24 dB (single-mode)
Single- or multi-mode
Standard
Optical Signal Analysis * www.tektronix.com/optical
9
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Optical Sampling Module Characteristics (continued)
Offset Capability Power Meter Power Meter Range Power Meter Accuracy Mask Test Optical Sensitivity*4
80C01
Standard
Standard
+4 dBm to -30 dBm
5% of reading
-8 dBm at 622 Mb/s, 2.488 Gb/s, 9.953 Gb/s; -5.0 dBm at 20 GHz -9 dBm at 9.953 Gb/s; -7 dBm at 20 GHz; -4 dBm at 30 GHz -22 dBm at 155 Mb/s, 622 Mb/s; -20 dBm at 2488/2500 Mb/s -15 dBm at all filter rates 0 dBm at 39.813 Gb/s, 43.018 Gb/s; 0 dBm at 30 GHz; +3 dBm at 65 GHz -10 dBm at all filter rates; -7 dBm at 20 GHz; -4 dBm at 30 GHz -15 dBm (for all options except Option 10G) -12 dBm (for Option 10G)
80C02
Standard
Standard
+4 dBm to -30 dBm
5% of reading
80C07B
Standard
Standard
+4 dBm to -30 dBm
5% of reading
80C08C 80C10
Standard Standard
Standard Standard
0 dBm to -30 dBm +13 dBm to -21 dBm
5% of reading 5% of reading
80C11
Standard
Standard
+4 dBm to -30 dBm
5% of reading
80C12
Standard
Standard
0 dBm to -30 dBm
5% of reading
*4 Smallest power level for mask test. Values represent theoretical typical sensitivity of NRZ eyes for competitive comparison purposes. Assumes instrument peak-peak noise consumes most of the mask margin.
Physical Characteristics for Optical Sampling Modules
Dimensions (mm/inches) Weight (kg/lb)
Width 80C01 80C02 80C07B 80C08C 80C10 80C11 80C12 165/6.5 165/6.5 165/6.5 165/6.5 165/6.5 165/6.5 165/6.5
Height 25/1.0 25/1.0 25/1.0 25/1.0 25/1.0 25/1.0 25/1.0
Depth 305/12.0 305/12.0 305/12.0 305/12.0 305/12.0 305/12.0 305/12.0
Net <2.61/<5.75 <2.61/<5.75 <1.36/<3.0 <1.22/<2.7 <2.61/<5.75 <1.22/<2.7 <2.61/<5.75
10 Optical Signal Analysis * www.tektronix.com/optical
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Ordering Information
80C01
Optical Sampling Module. Includes: User manual, FC/PC optical connector. Frequency response curves for 622, 2488 and 9953 Mb/s filter rates. Opt. CR - 622 and 2488 Mb/s clock recovery.
80C02
Opt. CR1 - 9.953, 10.31 Gb/s clock recovery. Opt. CR2 - 10.31, 10.52 Gb/s clock recovery. Opt. CR4 - Continuous rate clock recovery supporting any standard or user-definable rate in the range from 9.8 to 12.6 Gb/s.
80C10
Optical Sampling Module. Includes: User manual, FC/PC optical connector. Frequency response curves for 9.953 Gb/s filter rates. Opt. CR - 9.953 Gb/s clock recovery.
80C07B
Multi-rate Optical Sampling Module. Includes: User manual, FC/PC optical connector. Frequency response curves for 39.813 and 43.108 Gb/s filter rates. 80C10E1 - Bundled ordering configuration includes 80C10 plus one 80E06 single-channel 70+ GHz electrical module.
80C11
Opt. F3 - 1063, 2125 Mb/s Filters, 9 GHz Full Bandwidth. Opt. F4 - 2125, 3125, 3187.5, 4250 Mb/s Filters, 4.25 GHz Full Bandwidth. Opt. F5 - 3125, 3187.5, 4250 Mb/s Filters, 9 GHz Full Bandwidth. Opt. F6 - 2125, 3125, 3187.5 Mb/s Filters, 9 GHz Full Bandwidth. Opt. FC - 3125, 3187.5, 3318 Mb/s Filters, 9 GHz Full Bandwidth. Opt. 10G - 9.95, 10.31, 10.52, 10.66, 10.71, 11.1 Gb/s Filters, 10 GHz Full Bandwidth.
Service
Multi-rate Datacom and Telecom Optical Sampling Module. Includes: User Manual, FC/PC Optical Connector. Frequency response curves for 2.488, 2.500 Gb/s data rates plus selected filter option data rates. Opt. CR1 - 155/622/1063/1250/2125/2488/ 2500/2666 Mb/s clock/data recovery. User must select any one (1) of the following filter options: Opt. F1 - 155, 622 Mb/s. Opt. F2 - 155, 1063 Mb/s. Opt. F3 - 155, 1250 Mb/s. Opt. F4 - 155, 2125 Mb/s. Opt. F5 - 622, 1063 Mb/s. Opt. F6 - 622, 1250 Mb/s. Opt. F7 - 622, 2125 Mb/s. Opt. F8 - 1063, 1250 Mb/s. Opt. F9 - 1063, 2125 Mb/s. Opt. F10 - 1250, 2125 Mb/s.
80C08C
Multi-rate Datacom and Telecom Optical Sampling Module. Includes: User Manual, FC/PC optical connector. Frequency response curves for 9.953, 10.31, 10.52, 10.66, 10.71, 11.1 Gb/s filter rates. Opt. CR1 - 9.953 Gb/s clock recovery. Opt. CR2 - 9.953, 10.66 Gb/s clock recovery. Opt. CR3 - 9.953, 10.71 Gb/s clock recovery. Opt. CR4 - Continuous rate clock recovery supporting any standard or user-definable rate in the range from 9.8 to 12.6 Gb/s.
80C12
Opt. C3 - Calibration Service 3 Years. Opt. C5 - Calibration Service 5 Years. Opt. D1 - Calibration Data Report. Opt. D3 - Calibration Data Report 3 Years (with Option C3). Opt. D5 - Calibration Data Report 5 Years (with Option C5). Opt. R3 - Repair Service 3 Years. Opt. R5 - Repair Service 5 Years.
Optical Connector Accessories
Multi-rate Datacom and Telecom Optical Sampling Module. Includes: User Manual, FC/PC optical connector. Frequency response curves for 9.953, 10.31, 10.52, 10.66, 10.71, 11.1 Gb/s filter rates.
Multi-rate Datacom and Telecom Optical Sampling Module. Includes: User Manual, FC/PC optical connector. Frequency response curves for all included reference receiver filter rates. Clock recovery is available using the 80A05. The 80C12 Multi-rate Telecom & Datacom Optical Sampling Module is available with a wide variety of factory-configured signal conditioning options. These options provide a variety of reference receiver filtering and unfiltered signal acquisition bandwidths. The user must specify one of the following options when ordering this module: Opt. F1 - 1063, 2125, 4250 Mb/s Filters, 4.25 GHz Full Bandwidth. Opt. F2 - 2125, 4250 Mb/s Filters, 9 GHz Full Bandwidth.
While the FC/PC connector is standard with the 8000 Series optical sampling modules, the input connector type can be interchanged with any of the following standard adapters: ST/PC - Order 119-4513-00. D4/PC - Order 119-4514-00. Biconic - Order 119-4515-00. FC/APC - Order 119-5115-00. SMA 2.5 - Order 119-4517-00. SC/APC - Order 119-5116-00. DIN/PC 47256 - Order 119-4546-00. HP/PC - Order 119-4556-00. SMA - Order 119-4557-00. DIAMOND 3.5 - Order 119-4558-00.
Optical Signal Analysis * www.tektronix.com/optical
11
Optical Sampling Modules
80C01 * 80C02 * 80C07B * 80C08C * 80C10 * 80C11 * 80C12
Contact Tektronix:
ASEAN / Australasia / Pakistan (65) 6356 3900 Austria +43 2236 8092 262 Belgium +32 (2) 715 89 70 Brazil & South America 55 (11) 3741-8360 Canada 1 (800) 661-5625 Central Europe & Greece +43 2236 8092 301 Denmark +45 44 850 700 Finland +358 (9) 4783 400 France & North Africa +33 (0) 1 69 86 80 34 Germany +49 (221) 94 77 400 Hong Kong (852) 2585-6688 India (91) 80-22275577 Italy +39 (02) 25086 1 Japan 81 (3) 6714-3010 Mexico, Central America & Caribbean 52 (55) 56666-333 The Netherlands +31 (0) 23 569 5555 Norway +47 22 07 07 00 People's Republic of China 86 (10) 6235 1230 Poland +48 (0) 22 521 53 40 Republic of Korea 82 (2) 528-5299 Russia, CIS & The Baltics +358 (9) 4783 400 South Africa +27 11 254 8360 Spain +34 (91) 372 6055 Sweden +46 8 477 6503/4 Taiwan 886 (2) 2722-9622 United Kingdom & Eire +44 (0) 1344 392400 USA 1 (800) 426-2200 USA (Export Sales) 1 (503) 627-1916 For other areas contact Tektronix, Inc. at: 1 (503) 627-7111 Last Update March 01, 2004
Our most up-to-date product information is available at:
www.tektronix.com
Product(s) are manufactured in ISO registered facilities. Copyright (c) 2004, Tektronix, Inc. All rights reserved. Tektronix products are covered by U.S. and foreign patents, issued and pending. Information in this publication supersedes that in all previously published material. Specification and price change privileges reserved. TEKTRONIX and TEK are registered trademarks of Tektronix, Inc. All other trade names referenced are the service marks, trademarks or registered trademarks of their respective companies. 04/04 HB/WWW 85W-15964-6
12 Optical Signal Analysis * www.tektronix.com/optical


▲Up To Search▲   

 
Price & Availability of 80C02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X