Part Number Hot Search : 
167BZI 80001 ADN4662 1450C 54LS181J EPSA1 CP4725 4006B
Product Description
Full Text Search
 

To Download 1N4005GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001GP THRU 1N4007GP
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
D *
DO-204AL
Forward Current - 1.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 1.0 Ampere operation at TA=75C with no thermal runaway Typical IR less than 0.1A High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
N
T
E
P A T
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
E
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
0.023 (0.58)
for suffix "E" part numbers
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
Dimensions in inches and (millimeters) *Glass-plastic encapsulation technique is covered by Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
(R)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N 1N 4001GP 4002GP
1N 4003GP
1N 4004GP
1N 1N 4005GP 4006GP
1N 4007GP UNITS
* Maximum repetitive peak reverse voltage * Maximum RMS voltage * Maximum DC blocking voltage * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75C * Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A * Maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length TA= 75C * Maximum DC reverse current at rated DC blocking voltage Typical reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) * Operating junction and storage temperature range TA=25C TA=125C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amp
IFSM VF IR(AV) IR trr CJ RJA RJL TJ, TSTG
30.0 1.1 30.0 5.0 50.0 2.0 8.0 55.0 25.0 -65 to +175
Amps Volts A A s pF C/W C
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr= 0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted *JEDEC registered values
4/98
RATINGS AND CHARACTERISTIC CURVES 1N4001GP THRU 1N4007GP
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
1.0
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
0.8
PEAK FORWARD SURGE CURRENT, AMPERES
60 HZ RESISTIVE OR INDUCTIVE LOAD
30 25 20
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.6
0.4
15 10 5.0
0.2
0.375" (9.5mm) LEAD LENGTH
0 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE, C
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
20 10
10
TJ=100C
1
1
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
0.1
TJ=25C
0.1
0.01
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0.01 0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE TRANSIENT THERMAL IMPEDANCE (C/W)
100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
20
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHZ Vsig=50mVp-p
10
10
1
0.1 0.01
0.1
1
10
100
1 0.1
t, PULSE DURATION, sec
1
10
100
REVERSE VOLTAGE, VOLTS
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4005GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X