Part Number Hot Search : 
HM20N15D P2000D HC541 NZGL00 0V8X1 MAX5235 C1000 A5800905
Product Description
Full Text Search
 

To Download 1302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 V - 1,000 V Single Phase Bridge
4.5 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
1302 - 1310 1302F - 1310F 1302UF - 1310UF
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 1302 1306 1310 1302F 1306F 1310F 1302UF 1306UF 1310UF Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
(Vf)
uJ-C
200 600 1000 200 600 1000 200 600 1000
5.0 5.0 5.0 5.0 5.0 5.0 4.5 4.5 4.5
3.5 3.5 3.5 3.5 3.5 3.5 3.0 3.0 3.0
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
25 25 25 25 25 25 25 25 25
1.3 1.3 1.3 1.6 1.6 1.6 2.0 2.0 2.0
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
40 40 40 25 25 25 25 25 25
10 10 10 6 6 6 5 5 5
3000 3000 3000 150 250 500 70 70 70
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55C to +150C Isolation Voltage: 1500V
10
_
AC
.75(19.05)
AC
.40(10.16)
+
AC
.147(3.73) THRU .235(5.97) C'SINK .15(3.81) DP. Aluminum Case .40(10.16) .50(12.7) MAX. .25 (6.35) .75 (19.05)
_
+
AC
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
237
1302 - 1310 * 1302F - 1310F * 1302UF - 1310UF
6 5 Maximum Current (I) 4 3 2 1 0 25 50 75 100 125 Temperature (C) Ambient Temperature (C) 150
1300UF
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
2.5
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
1300-F
2.0 Forward Voltage (V)
1300UF 1300F
1.5
1300
1.0
0.5
0.0 0 1 2 3 4 5 6 Forward Current (A) 7 8 9
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
238


▲Up To Search▲   

 
Price & Availability of 1302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X