Part Number Hot Search : 
APL1087E AJ45A MKL5010A 19R104C 20LC20US SDA551 28F00 A1037
Product Description
Full Text Search
 

To Download SY100E417JCTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
FEATURES
s s s s s s 3.3V and 5V power supplies required Also, supports LVPECL-to-PECL translation 500ps propagation delays Fully differential design Differential line receiver capability Available in 28-pin PLCC package
SY100E417
DESCRIPTION
The SY100E417 is a quint LVPECL-to-PECL translator. It can also be used as a quint PECL-to-LVPECL translator. The device receives standard PECL signals and translates them to differential LVPECL output signals (or vice versa). The SY100E417 can also be used as a differential line receiver for PECL-to-PECL or LVPECL-to-LVPECL signals. However, please note that for the latter we will need two different power supplies. Please refer to Function Table for more details. A VBB output is provided for interfacing single ended input signals. If a single ended input is to be used, the VBB output should be connected to the Dn input and the active signal will drive the Dn input. When used, the VBB should be bypassed to VCC via a 0.01F capacitor. The VBB is designed to act as a switching reference for the SY100E417 under single ended input conditions. As a result, the pin can only source/sink 0.5mA of current. To accomplish the PECL-to-LVPECL level translation, the SY100E417 requires three power rails. The VCC and VCC_VBB supply is to be connected to the standard PECL supply, the 3.3V supply is to be connected to the VCCO supply, and GND is connected to the system ground plane. Both the VCC and VCCO should be bypassed to ground with a 0.01F capacitor. To accomplish the LVPECL-to-PECL level translation, the SY100E417 requires three power rails as well. The 5.0V supply is connected to the VCC and VCCO pins, 3.3V supply is connected to the VCC_VBB pin and GND is connected to the system ground plane. VCC_VBB is used to provide a proper VBB output level if a single ended input is used. VCC_VBB = 3.3V is only required for single-ended LVPECL input. For differential LVPECL input, VCC_VBB can be either 3.3V or 5.0V. Under open input conditions, the Dn input will be biased at a VCC/2 voltage level and the Dn input will be pulled to GND. This condition will force the "Qn" output low, ensuring stability.
BLOCK DIAGRAM
D0 D0 D1 D1 D2 D2 D3 D3 D4 D4 VBB Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4
FUNCTION TABLE
Function PECL-to-LVPECL LVPECL-to-PECL PECL-to-PECL LVPECL-to-LVPECL Vcc 5.0V 5.0V 5.0V 5.0V Vcco 3.3V 5.0V 5.0V 3.3V Vcc_VBB 5.0V 3.3V 5.0V 3.3V
Rev.: B
Amendment: /1
1
Issue Date: March, 1999
Micrel
SY100E417
PIN CONFIGURATION
D4 D4 VCC_VBB Q4 Q4 VCCO
PIN NAMES
Pin Dn Qn VBB
18 17
Function PECL / LVPECL Inputs PECL / LVPECL Outputs Reference Voltage Output VCC for Outputs VCC for VBB Output Common Ground Rail VCC for Internal Circuitry
25 24 23 22 21 20 19
D3
D3 D2 D2 GND VBB D0 D0
26 27 28 1 2 3 4 5 6 7 8 9 10 11
TOP VIEW PLCC J28-1
16 15 14 13 12
Q3 Q3 VCC Q2 Q2 VCCO Q1
VCCO VCC_VBB GND VCC
D1
D1
PECL INPUT DC ELECTRICAL CHARACTERISTICS
VCC_VBB = VCC = +4.5V to +5.5V
TA = -40C Symbol VCC VIH VIL VPP IIH IIL VBB ICC Parameter Power Supply Voltage Input HIGH Input LOW Input Input HIGH Current Input LOW Current
Output Reference(1)
VCCO Q1
VCCO Q0
Q0
TA = 0C Min. 4.5
3.835 3.190
TA = +25C Max. 5.5
4.120 3.525
TA = +85C Min. 4.5
3.835 3.190
Min. 4.5
3.835 3.190
Typ. --
-- --
Max. 5.5
4.120 3.515
Typ. --
-- --
Min. 4.5
3.835 3.190
Typ. --
-- --
Max. 5.5
4.120 3.525
Typ. --
-- --
Max. 5.5
4.120 3.525
Unit V
V V
Voltage(1) Voltage(1)
Minimum Peak-to-Peak
150 --
-- -- -- --
--
-- 150 -- --
3.740
150 -- 0.5 -600
3.620
-- -- -- --
--
-- 150 -- --
3.740
150 -- 0.5 -600
3.620
-- -- -- --
--
-- 150 -- --
3.740
150 -- 0.5 -600
3.620
-- -- -- --
--
-- 150 -- --
3.740
mV
A A
Dn Dn
0.5 -600
3.620
V mA
Power Supply Current
--
--
20
--
--
20
--
14
20
--
--
20
NOTE: 1. These levels are for VCC_VBB = 5.0V. Level specifications will vary 1:1 with VCC_VBB.
2
Micrel
SY100E417
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VCC = +4.5V to +5.5V; VCCO = +3.0V to 3.8V
TA = -40C Symbol VCCO VOH VOL ICCO Parameter Power Supply Voltage Output HIGH Voltage(1) Output LOW Voltage(1) Min. 3.0 2.215 1.470 -- Typ. -- -- -- -- Max. 3.8 2.420 1.745 35 3.0 2.275 1.490 -- TA = 0C Min. Typ. -- -- -- -- Max. 3.8 Min. 3.0 TA = +25C Typ. 3.3 Max. 3.8 3.0 TA = +85C Min. Typ. -- -- -- -- Max. 3.8 2.420 1.680 37 Unit V V V mA
2.420 2.275 2.350 2.420 2.275 1.680 1.490 1.600 1.680 1.490 35 -- 23 35 --
Power Supply Current
NOTE: 1. These levels are for VCCO = 3.3V. Level specifications will vary 1:1 with VCCO.
LVPECL INPUT DC ELECTRICAL CHARACTERISTICS
VCC_VBB = +3.0V to +3.8V(1); VCC = +4.5V to +5.5V
TA = -40C Symbol VCC VIH VIL VPP IIH IIL VBB ICC Parameter Power Supply Voltage Input HIGH Voltage(2) Input LOW Voltage(2)
Minimum Peak-to-Peak
TA = 0C Min. 4.5
2.135 1.490
TA = +25C Max. 5.5
2.420 1.825
TA = +85C Min. 4.5
2.135 1.490
Min. 4.5
2.135 1.490
Typ. --
-- --
Max. 5.5
2.420 1.825
Typ. --
-- --
Min. 4.5
2.135 1.490
Typ. --
-- --
Max. 5.5
2.420 1.825
Typ. --
-- --
Max. 5.5
2.420 1.825
Unit V
V V
150 --
-- -- -- --
--
-- 150 -- --
2.04
150 -- 0.5 -600
1.92
-- -- -- --
--
-- 150 -- --
2.04
150 -- 0.5 -600
1.92
-- -- -- --
--
-- 150 -- --
2.04
150 -- 0.5 -600
1.92
-- -- -- --
--
-- 150 -- --
2.04
mV
A A
Input Input HIGH Current Input LOW Current
Output Reference(2)
Dn Dn
0.5 -600
1.92
V mA
Power Supply Current
--
--
20
--
--
20
--
14
20
--
--
20
NOTES: 1. VCC_VBB = 3.3V is only required for single-ended LVPECL input. For differential LVPECL input, VCC_VBB can be either 3.3V or 5V. 2. These levels are for VCC_VBB = 3.3V. Level specifications will vary 1:1 with VCC_VBB.
3
Micrel
SY100E417
PECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = +4.5V to +5.5V
TA = -40C Symbol VCCO VOH VOL ICCO Parameter Power Supply Voltage Output HIGH Voltage(1) Output LOW Voltage(1) Min. 4.5
3.915 3.170
TA = 0C Min. Typ. 4.5
3.975 3.190
TA = +25C Max. 5.5
4.120 3.380
TA = +85C Min. 4.5
3.975 3.190
Typ. --
-- --
Max. 5.5
4.120 3.445
Min. 4.5
3.975 3.190
Typ. --
-- --
Max. 5.5
4.120 3.380
Typ. --
-- --
Max. 5.5
4.120 3.380
Unit V
V V
--
-- --
Power Supply Current
--
--
35
--
--
35
--
23
35
--
--
37
mA
NOTES: 1. These levels are for VCCO = 5.0V. Level specifications will vary 1:1 with VCCO.
AC ELECTRICAL CHARACTERISTICS(1)
TA = -40C Symbol tPLH tPHL tskew Parameter Propagation Delay D to Q Diff. S.E. Min. Typ. 410 380 -- -- -- 150 1.3 1.5 320 510 530 20 20 25 -- -- -- -- Max. 610 680 100 200 -- --
VCC-0.2 VCC-0.2
TA = 0C Min. 410 380 -- -- -- 150 1.2 1.4 320 Typ. 510 530 20 20 25 -- -- -- -- Max. 610 680 100 200 -- --
VCC-0.2 VCC-0.2
TA = +25C Min. 410 380 -- -- -- 150 1.2 1.4 320 Typ. 510 530 20 20 25 -- -- -- -- Max. 610 680 100 200 -- --
VCC-0.2 VCC-0.2
TA = +85C Min. 410 380 -- -- -- 150 1.2 1.4 320 Typ. 510 530 20 20 25 -- -- -- -- Max. Unit 610 680 100 200 -- --
VCC-0.2 VCC-0.2
ps
Within-Device Skew Output-to-Output(2) Part-to-Part (Diff.)(2) Duty Cycle (Diff.)(3) Minimum Input Swing(4) Common Mode VPP < 500mV VPP 500mV Output Rise/Fall Times Q (20% to 80%) Range(5)
ps
VPP VCMR
mV V
tr tf
580
580
580
580
ps
NOTES: 1. Power supply requirements applies as indicated in the DC electrical characteristics tables. 2. Skew is measured between outputs under identical transitions. 3. Duty cycle skew is the difference between a TPLH and TPHL propagation delay through a device Common Mode Range. 4. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of ~40. 5. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPP min. and 1V.
PRODUCT ORDERING CODE
Ordering Code SY100E417JC SY100E417JCTR Package Type J28-1 J28-1 Operating Range Commercial Commercial Ordering Code SY100E417JI SY100E417JITR Package Type J28-1 J28-1 Operating Range Industrial Industrial
4
Micrel
SY100E417
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD
FAX
SANTA CLARA
WEB
CA 95054 USA
+ 1 (408) 980-9191
+ 1 (408) 914-7878
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
5


▲Up To Search▲   

 
Price & Availability of SY100E417JCTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X