Part Number Hot Search : 
RF100 SQ131Y37 4008P 274BET 54LS1 CX86201 SPI220LE DA103M
Product Description
Full Text Search
 

To Download STW80NF55-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STW80NF55-08
N-CHANNEL 55V - 0.0065 - 80A TO-247 STripFETTM POWER MOSFET
TYPE STW80NF55-08
s s s s
VDSS 55 V
RDS(on) < 0.008
ID 80 A
TYPICAL RDS(on) = 0.0065 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED LOW THRESHOLD DRIVE
3 2 1
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s DC-AC & DC-DC CONVERTERS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS
TO-247
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID (*) ID IDM (l) PTOT EAS (1) Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Single Pulse Avalanche Energy Storage Temperature Max. Operating Junction Temperature Value 55 55 20 80 80 320 300 2 870 -65 to 175 175
(1) Starting T j = 25C, I D = 40A, VDD = 40V (*) Current Limited by wire bonding
Unit V V V A A A W W/C mJ C C
(q) Pulse width limited by safe operating area
September 2002
1/8
STW80NF55-08
THERMAL DATA
Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 0.5 62.5 300 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V Min. 55 1 10 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 40 A Min. 2 Typ. 3 0.0065 Max. 4 0.008 Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > 2.5 V, ID =18 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 20 3850 800 250 Max. Unit S pF pF pF
2/8
STW80NF55-08
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 27V, ID = 40A RG = 4.7 VGS = 10V (see test circuit, Figure 3) VDD = 80V, ID = 80A, VGS = 10V Min. Typ. 25 85 115 24 46 150 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf td(off) tf tc Parameter Turn-off-Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 27V, ID = 40A, RG = 4.7, VGS = 10V (see test circuit, Figure 3) Vclamp =44V, ID =80A RG = 4.7, VGS = 10V (see test circuit, Figure 5) Min. Typ. 70 25 85 75 110 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 80A, VGS = 0 ISD = 80A, di/dt = 100A/s, VDD = 50V, Tj = 150C (see test circuit, Figure 5) 80 250 6.4 Test Conditions Min. Typ. Max. 80 320 1.5 Unit A A V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area
Thermal Impedance
3/8
STW80NF55-08
Output Characteristics Tranfer Characteristics
Tranconductance
Static Drain-Source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STW80NF55-08
Normalized Gate Thereshold Voltage vs Temp. Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized Breakdown Voltage vs Temperature
5/8
STW80NF55-08
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STW80NF55-08
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 0.40 1 3 2 2 3 10.90 15.45 19.85 3.70 18.50 14.20 34.60 5.50 2 5 60 3.55 3.65 0.14 3 0.07 5 60 0.143 14.80 0.56 1.36 0.21 0.11 15.75 20.15 4.30 0.60 0.78 0.14 0.72 0.58 2.40 3.40 0.07 0.11 0.43 0.62 0.79 0.17 TYP MAX. 5.15 2.60 0.80 1.40 MIN. 0.19 0.08 0.015 0.04 0.11 0.07 0.09 0.13 inch TYP. MAX. 0.20 0.10 0.03 0.05
DIM. A D E F F1 F2 F3 F4 G H L L1 L2 L3 L4 L5 M V V2 Dia
7/8
STW80NF55-08
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STW80NF55-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X