Part Number Hot Search : 
74466300 473ML 20N65 215SX TM266DUB 5STRR CSNE251 5257B
Product Description
Full Text Search
 

To Download STTH60P03S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STTH60P03S
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
Table 1: Main Product Characteristics IF(AV) VRRM VFP (typ) IRM (typ) Tj VF (typ) FEATURES AND BENEFITS

60 A 300 V 2.5 V 6A 175C 0.9 V
A K A
A
K
A
Ultrafast recovery allowing High Sustain Frequency Decrease charge evacuation time in the inductance (see figure 1) Minimize switching-on and total power losses Increase luminuous efficiency and brightness Soft and noise-free recovery High surge capability High junction temperature
TO-247 STTH60P03SW
Table 2: Order Code Part Number STTH60P03SW
Marking STTH60P03SW
DESCRIPTION The STTH60P03SW is an Ultrafast Recovery Power Rectifier dedicated to energy recovery in PDP application. The key parameters of the DERC diode for the energy recovery cicuit have been optimized in order to decrease power losses. Table 3: Absolute Ratings (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM IFRM Tstg Tj RMS forward voltage Average forward current Surge non repetitive forward current Forward repetitive peak surge current Storage temperature range Maximum operating junction temperature tp = 10ms sinusoidal F = 200 kHz, tp = 500 ns Sinusoidal waveform, Tc = 155C Parameter Repetitive peak reverse voltage Value 300 80 60 250 150 -65 to + 175 175 Unit V A A A A C C
March 2005
REV. 3
1/6
STTH60P03S
Table 4: Thermal Parameters Symbol Rth(j-c) Zth(j-c) Junction to case Transient thermal resistance at 1s Parameter Value 0.8 0.002 Unit C/W C/W
Table 5: Static Electrical Characteristics Symbol IR * VF **
Pulse test:
Parameter Reverse leakage current
Test conditions Tj = 25C Tj = 125C Tj = 25C Tj = 125C IF = 30A VR = VRRM
Min.
Typ
Max. 100
Unit A mA V
0.1
1 1.5
Forward voltage drop
* tp = 5 ms, < 2%
0.9
1.15
** tp = 380 s, < 2%
To evaluate the conduction losses use the following equation: P = 0.88 x IF(AV) + 0.009 IF (RMS)
2
Table 6: Switching Characteristics Symbol IRM Sfactor VFP Parameter Reverse recovery current Softness factor Peak forward voltage Tj = 100C Tj = 25C Test conditions IF = 60A VR = 100V dIF/dt = 200 A/s IF = 60A dIF/dt = 400 A/s Min. Typ Max. Unit 6 0.5 2.5 3.5 V 7.5 A
2/6
STTH60P03S
Figure 1: Application Characteristics
VS VS
DCL L
T3 iL
T2 T1 VS /2 CS
DERC DERC
Cpanel DCL T4
VCpanel
GND
Figure 2: Application Waveforms
iL
IP
IDERC
IRM
t
tp
V(DERC1)
VFP VF
t
VS/2
Figure 3: Forward voltage drop versus forward current
IFM(A)
200 180 160 140 120 100 80 60 40 20 0 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Tj=25C (maximum values) Tj=125C (typical values) Tj=125C (maximum values)
Figure 4: Relative variation of thermal impedance junction to case versus pulse duration
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
Single pulse
VFM(V)
0.1 0.0 1.E-04 1.E-03
tp(s)
1.E-02 1.E-01 1.E+00
3/6
STTH60P03S
Figure 5: Peak reverse recovery current versus dIF/dt (typical values)
IRM(A)
20 18 16 14 12 10 8 6
IFIF(AV) VR=100V Tj=100C
Figure 6: Reverse recovery time versus dIF/dt (typical values)
trr(ns)
80 70 60 50 40 30 20
IFIF(AV) VR=100V Tj=100C
4 2 0 0 100 200 300 400 500 600 700 800 900 1000
dIF/dt(A/s)
10
dIF/dt(A/s)
0 0 100 200 300 400 500 600 700 800 900 1000
Figure 7: Reverse recovery softness factor versus dIF/dt (typical values)
S factor
0.8
IFIF(AV) VR=100V Tj=100C
Figure 8: Relative variations of dynamic parameters versus junction temperature
1.4 1.2 1.0
IF=IF(AV) VR=100V Reference: Tj=100C
0.7
0.6 0.8 0.5 0.6 0.4 0.2
IRM & S factor
0.4
0.3
Tj(C) dIF/dt(A/s)
0.0 20 0 100 200 300 400 500 600 700 800 900 1000 30 40 50 60 70 80 90 100
0.2
Figure 9: Transient peak forward voltage versus dIF/dt (typical values)
VFP(V)
6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 100 200 300 400 500 600 700 800 900 1000
IF=IF(AV) Tj=100C
Figure 10: Forward recovery time versus dIF/dt (typical values)
tfr(ns)
400 350 300 250 200 150 100 50
IF=IF(AV) VFR=1.1 x VF max. Tj=100C
dIF/dt(A/s)
0 0 100 200 300
dIF/dt(A/s)
400 500 600 700 800 900 1000
4/6
STTH60P03S
Figure 11: TO-247 Package Mechanical Data DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.85 5.15 0.191 0.203 D 2.20 2.60 0.086 0.102 E 0.40 0.80 0.015 0.031 F 1.00 1.40 0.039 0.055 F1 3.00 0.118 F2 2.00 0.078 F3 2.00 2.40 0.078 0.094 F4 3.00 3.40 0.118 0.133 G 10.90 0.429 H 15.45 15.75 0.608 0.620 L 19.85 20.15 0.781 0.793 L1 3.70 4.30 0.145 0.169 L2 18.50 0.728 L3 14.20 14.80 0.559 0.582 L4 34.60 1.362 L5 5.50 0.216 M 2.00 3.00 0.078 0.118 V 5 5 V2 60 60 Dia. 3.55 3.65 0.139 0.143
REF.
V
V
Dia.
H
A
L5
L L2 L4 F2 F3 V2 F(x3) G = = M E F4 L3
F1
L1 D
Table 7: Ordering Information Ordering type STTH60P03SW

Marking STTH60P03SW
Package TO-247
Weight 4.46 g
Base qty 30
Delivery mode Tube
Epoxy meets UL94, V0 Cooling method: by conduction (C) Recommended torque value: 0.8 m.N. Maximum torque value: 1.0 m.N.
Table 8: Revision History Date 04-Nov-2004 10-Jan-2005 04-03-2005 Revision 1 2 3 First issue. Minor layout update. No content change. Table 7 on page 5: base quantity delivery from 50 to 30. Description of Changes
5/6
STTH60P03S
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of STTH60P03S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X