Part Number Hot Search : 
MP90C IRF730AL P6KE200A TMPD2837 EH1100TS CXA3785R MMBD4448 033CC0
Product Description
Full Text Search
 

To Download SMD1812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) RESETTABLE FUSES
SMD1812
formerly No. 729
SMD Type, 6 V - 60 V
Standard
UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A
Specifications
Packaging A Materials Terminals: Blistertape and reel O 178 mm Solder-plated copper TS: Solder Material: 63/37 SnPb TF: Lead free plating on request Max. Device Surface Temperature in Tripped State 125 C Operating / Storage Temperature -40 C to +85 C (consider derating) Humidity Ageing +85 C, 85 % R.H., 1000 hours, 5 % typical resistance change Vibration MIL-STD-883C, Method 2007.1, Condition A, no change Thermal Shock MIL-STD-202F, Method 107G +85 C to -40 C 20 times, -30 % typical resistance change Solderability Meets EIA Specification RS186-9E, ANSI/J-STD-002, Category 3 Reflow only Solvent Resistance MIL-STD-202, Method 215, no change Marking "P", Part Code
Approvals
cULus Recognition TUV
Features is also designed for surfaceThis product line
WebLinks
Dimensions (mm)
mount applications. The products with 1812-mil footprint range in hold currents from 0.1 A to 2.6 A and voltage from 6 V to 60 V. These devices are suited for PC mother board, computer peripheral products and general electronics applications. Suitable for reflow soldering.
Further info see:
www.wickmanngroup.com www.wickmanngroup.com/download/fuseology.pdf
3.45
Further application info see fuseology:
Solder pad Layout (mm)
3.15
1.78
1.78
Dimensions (mm) Model
SMD1812P010TS/TF SMD1812P014TS/TF SMD1812P020TS/TF SMD1812P050TS/TF SMD1812P075TS/TF SMD1812P075TS/TF/24 SMD1812P110TS/TF SMD1812P110TS/TF/15 SMD1812P110TS/TF/16 SMD1812P125TS/TF SMD1812P150TS/TF SMD1812P160TS/TF SMD1812P160TS/TF/8 SMD1812P200TS/TF SMD1812P260TS/TF
A Min Max
4.37 4.73 4.37 4.73 4.37 4.73 4.37 4.73 4.37 4.73 4.374.73 4.37 4.73 4.374.73 4.374.73 4.37 4.73 4.37 4.73 4.37 4.73 4.37 4.73 4.37 4.73 4.37 4.73
B Min Max
3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.07 3.41 3.41 3.41 3.41 3.41 3.41 3.41 3.41 3.41 3.41 3.41 3.41 3.41 3.41 3.41
C Min Max
0.75 0.75 0.55 0.50 0.50 0.75 0.50 0.75 0.75 0.75 0.75 0.75 0.75 0.75 1.00 1.25 1.95 1.00 0.75 0.75 1.55 0.75 1.25 1.25 1.25 1.25 1.25 1.25 1.55 1.60
D Min
0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30
E Min Max
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.65 0.65 0.65 0.50 0.50 0.65 0.50 0.65 0.65 0.50 0.50 0.65 0.65 0.50 0.50
packaging quantity tape
1,500 1,500 2,000 2,000 2,000 1,500 2,000 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,000
cURus * * * * * * * * * * * * * * *
SMD1812P010TS/TF SMD1812P014TS/TF SMD1812P020TS/TF SMD1812P050TS/TF SMD1812P075TS/TF SMD1812P075TS/TF/24 SMD1812P110TS/TF SMD1812P110TS/TF/15* SMD1812P110TS/TF/16 SMD1812P125TS/TF SMD1812P150TS/TF SMD1812P160TS/TF SMD1812P160TS/TF/8 SMD1812P200TS/TF SMD1812P260TS/TF
0.10 0.14 0.20 0.50 0.75 0.75 1.10 1.10 1.10 1.25 1.50 1.60 1.60 2.00 2.60
0.30 0.34 0.40 1.00 1.50 1.50 2.20 1.95 1.95 2.50 3.00 2.80 2.80 3.50 5.20
30 60 30 15 13.2 24 6 15 16 15 6 6 8 8 6
10 10 10 40 40 40 40 40 40 40 40 40 40 40 40
1.50 @ 0.50 0.15 @ 1.50 0.02 @ 8.00 0.15 @ 8.00 0.20 @ 8.00 0.20 @ 8.00 0.30 @ 8.00 0.50 @ 8.00 0.50 @ 8.00 0.40 @ 8.00 0.50 @ 8.00 1.00 @ 8.00 1.00 @ 8.00 2.00 @ 8.00 2.50 @ 8.00
0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
1.600 1.500 0.800 0.150 0.110 0.110 0.040 0.060 0.060 0.070 0.040 0.030 0.030 0.020 0.015
7.000 4.000 2.900 0.600 0.260 0.200 0.120 0.120 0.120 0.160 0.070 0.066 0.066 0.040 0.030
15.000 6.000 5.000 1.000 0.450 0.290 0.210 0.180 0.180 0.250 0.110 0.100 0.100 0.060 0.047
* obsolete Please choose TS for SnPb and TF for Sn plating NOTE: I hold = Hold current: maximum current device will pass without tripping in 20 C still air. I trip = Trip current: minimum current at which the device will trip in 20 C still air. Vmax = Maximum voltage device can withstand without damage at rated current (I max) I max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
Power dissipated from device when in the tripped state at 20 C still air. Pd = Minimum resistance of device in initial (un-soldered) state. R min= Maximum resistance of device at 20 C measured one hour after tripping for 20 s. R 1max= Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. Specifications are subject to change without notice
Order Information
WebSite www.wickmanngroup.com
Qty.
OrderNumber
Model
Packaging
040614
Europe Tel: +49 2302 662-107 E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 China Tel: +86 21 6432-5146 E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn
TUV * * * * * * * * * * * * * * *
Permissible continuous operating current is 100 % at ambient temperature of 20 C (68 F). Model Ihold ITrip Vmax. dc Imax. max. time to trip (A) (A) (A) (V) (A) (s @ A)
Pd max. (W)
Resistance Approvals R min.() R typ.() RI max.()
POLYFUSE(R) RESETTABLE FUSES
SMD1812
100.000 B C DEF A 10.000
Time to Trip (Sec.)
A:SMD1812P010TS/TF B:SMD1812P014TS/TF C:SMD1812P020TS/TF D:SMD1812P050TS/TF E:SMD1812P075TS/TF F:SMD1812P075TS/TF/24
1.000
0.100 B 0.010 A C
F E D
0.001 0.10 1.00
Fault Current (Amp.)
10.00
100.00
100.000
A B C DE
F
G
10.000
Time to Trip (Sec.)
A:SMD1812P125TS/TF B:SMD1812P110TS/TF C:SMD1812P110TS/TF/16 D:SMD1812P150TS/TF E:SMD1812P160TS/TF F:SMD1812P200TS/TF G:SMD1812P260TS/TF
1.000
0.100
0.010 1.00 10.00
Fault Current (Amp.)
100.00
Thermal Derating Chart
Model SMD1812P010TS/TF SMD1812P014TS/TF SMD1812P020TS/TF SMD1812P050TS/TF SMD1812P075TS/TF SMD1812P075TS/TF/24 SMD1812P110TS/TF SMD1812P110TS/TF/15 SMD1812P110TS/TF/16 SMD1812P125TS/TF SMD1812P150TS/TF SMD1812P160TS/TF SMD1812P200TS/TF SMD1812P260TS/TF Ambient Operation Temperature - Ihold (A) -40 C 0.16 0.23 0.29 0.77 1.15 1.06 1.59 1.58 1.58 2.00 2.30 2.27 3.08 4.00 -20 C 0.14 0.19 0.26 0.68 1.01 0.95 1.43 1.43 1.43 1.75 2.03 2.05 2.71 3.52 0 C 0.12 0.17 0.23 0.59 0.88 0.84 1.26 1.27 1.27 1.52 1.76 1.83 2.35 3.06 23 C 0.01 0.14 0.20 0.50 0.75 0.75 1.10 1.10 1.10 1.25 1.50 1.60 2.00 2.60 40 C 0.08 0.12 0.17 0.44 0.65 0.60 0.95 0.95 0.95 1.00 1.25 1.35 1.80 2.34 50 C 0.07 0.10 0.15 0.40 0.60 0.55 0.87 0.85 0.85 0.95 1.10 1.25 1.60 2.08 60 C 0.06 0.09 0.14 0.37 0.55 0.50 0.80 0.77 0.77 0.90 1.00 1.15 1.50 1.95 70 C 0.05 0.08 0.12 0.33 0.49 0.45 0.71 0.71 0.71 0.75 0.80 1.00 1.07 1.39 85 C 0.03 0.06 0.10 0.29 0.43 0.37 0.60 0.58 0.58 0.53 0.60 0.85 0.80 1.04
040614
WebSite www.wickmanngroup.com
Europe Tel: +49 2302 662-107 E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 China Tel: +86 21 6432-5146 E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of SMD1812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X