Part Number Hot Search : 
KBJ601 80C51 15020 BX6155PM 1N472 KBJ601 1S1834 MB2505
Product Description
Full Text Search
 

To Download SHP5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHP5 SERIES
Single and dual output
* * * * * * 3 to 5 Watts in DIL package 32 models including 2.1V and 3.3V outputs Wide input ranges 4.5-9V, 9-18V, 18-36V and 36-72V EN55022 conducted emissions level B Operating temperature range -25C to +50C Input voltage range to ETS300-132-2
The SHP5 Series of DC/DC converters is designed to offer the optimum cost/benefit power solution for a wide variety of applications including public and private telecommunications, industrial systems and process and test equipment. The series consists of 32 models in a DIL package with input voltages of 4.5-9VDC, 9-18VDC, 1836VDC and 36-72VDC. The SHP5 offers standard 5V, 12V and 15V in single and dual outputs. 2.1V and 3.3V single outputs are also available suitable for low voltage logic applications. Optional filtering to EN55022 level B conducted emissions and low output ripple minimize design-in time, cost and eliminate the need for external components.
[ 2 YEAR WARRANTY ]
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Line regulation Load regulation Cross regulation Minimum load
All specifications are typical at nominal input, full load at 25C unless otherwise stated EMC CHARACTERISTICS 2.0% Conducted emissions Radiated emissions EN55022, EN55011, FCC Suffix `-F' versions, See Note 1 EN55022 Level B Level B
LL to HL, all outputs Min. load to full load Asymmetrical load 25% / 100% FL 2.1V, 3.3V, 5V Single 12V, 15V Dual At start-up 20MHz bandwidth 25% load step
0.1% 0.3%
GENERAL SPECIFICATIONS 4.0% max. Efficiency 50mA max. 80mA max. 80mA max. 3.0% max. 1.0% pk-pk, max. 75mV rms 10% max. dev., 1ms recovery to within 1.0% 0.02%/C 1 minute Automatic recovery Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standards (pending) Case material Material flammability Weight 4.5 to 9VDC 9 to 18VDC 18 to 36VDC 36 to 72VDC Common mode and Pi type See table Single output Dual and triple outputs 20mA 20mA 5ms Relative humidity Altitude Vibration MTBF MIL-HDBK-217F Input/output Input/output Input/output Fixed Safety 78% typ. 500VDC 108 1nF 200 to 250kHz VDE0805, EN60950 IEC950, UL1950 CSA C22.2 No. 950 Black coated, metal case UL94V-0 16g (0.56oz) 250,000 hours
Overshoot Ripple and noise Transient response
Temperature coefficient Short circuit protection
INPUT SPECIFICATIONS Input voltage range 5VDC nominal, FL 12VDC nominal, FL 24VDC nominal, FL 48VDC nominal, FL Suffix `-F' See Note 1
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient -25C to +50C (See derating curve) Extended temp., -40C to +50C option, See Note 3 Non-operating amb. -25C to +95C Case +95C max. Derating See derating curve Cooling Free air convection cooled Non-condensing Operating Non operating 5Hz to 500Hz 30% to 95% 10,000 feet max. 40,000 feet max. 2.5G rms (approx.)
Input filter Input current Input reflected ripple Start-up time
PAGE 1
DC/DC CONVERTERS
|
3-5W DC/DC
3 to 5 Watt Wide input DC/DC converters
INPUT VOLTAGE 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC Notes
1
Output Power (Watts)
OUTPUT VOLTAGE 2.1V 3.3V 5.0V 12V 15V 5.0V 12V 15V 2.1V 3.3V 5.0V 12V 15V 5.0V 12V 15V 2.1V 3.3V 5.0V 12V 15V 5.0V 12V 15V 2.1V 3.3V 5.0V 12V 15V 5.0V 12V 15V
OUTPUT CURRENT 1000mA 1000mA 600mA 250mA 200mA 300mA 125mA 100mA 1000mA 1000mA 1000mA 420mA 350mA 300mA 210mA 170mA 1000mA 1000mA 1000mA 420mA 350mA 300mA 210mA 170mA 1000mA 1000mA 1000mA 420mA 350mA 300mA 210mA 170mA
INPUT CURRENT 724mA 956mA 769mA 800mA 800mA 800mA 800mA 800mA 287mA 387mA 534mA 534mA 534mA 333mA 545mA 551mA 144mA 193mA 267mA 267mA 267mA 166mA 272mA 275mA 71mA 96mA 133mA 133mA 133mA 83mA 136mA 136mA
TYPICAL EFFICIENCY 58% 69% 75% 75% 75% 75% 75% 75% 61% 71% 78% 78% 78% 75% 77% 77% 61% 71% 78% 78% 78% 75% 77% 77% 61% 71% 78% 78% 78% 75% 77% 77%
REGULATION (Typ.) LINE 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1%
Output Power (Watts)
MODEL NUMBER SHP5-05S2V1 SHP5-05S3V3 SHP5-05S05 SHP5-05S12 SHP5-05S15 SHP5-05D05 SHP5-05D12 SHP5-05D15
(4) (4)
LOAD 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3%
(4) (4) (4) (4) (4) (4)
SHP5-12S2V1 SHP5-12S3V3 SHP5-12S05 SHP5-12S12 SHP5-12S15 SHP5-12D05 SHP5-12D12 SHP5-12D15 SHP5-24S2V1 SHP5-24S3V3 SHP5-24S05 SHP5-24S12 SHP5-24S15 SHP5-24D05 SHP5-24D12 SHP5-24D15 SHP5-48S2V1 SHP5-48S3V3 SHP5-48S05 SHP5-48S12 SHP5-48S15 SHP5-48D05 SHP5-48D12 SHP5-48D15
DERATING CURVE
5W
2 3
4
An optional internal filter is available, which will meet EN55022 level B. Add the suffix `-F' to the model number, e.g. SHP5-12S05-F. The suffix `-F' option is not available on the 5VDC input models. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. Extended operating temperature range is available as an option. To specify a SHP5 that operates down to -40C, add the suffix `-4' to the model number, e.g. SHP5-12S05-4. 5VDC input, max. 3 Watts output power.
50C
0W
90C 40C 60C 80C 100C 120C
-25C 0C 20C
Ambient Temperature (C)
http://www.artesyn.com
PAGE 2
3-5W DC/DC
|
DC/DC CONVERTERS
3 to 5 Watt Wide input DC/DC converters
PIN CONNECTIONS PIN NUMBER 2 9 11 14 16 23 SINGLE OUTPUTS - Input No Connection No Pin + Output - Output + Input DUAL OUTPUT - Input Common - Output + Output Common + Input
0.24 (6.10)
0.80 (20.32) 0.41 (10.41) 0.10 (2.54) 0.18 (4.47) 23 2 0.60 (15.24) 0.10 (2.54)
O 0.02 Dia. (0.51) 0.70 (17.78)
BOTTOM VIEW
1.25 (31.80)
16 0.20 (5.08) 14 0.18 (4.47)
9
11
ALL DIMENSIONS IN INCHES (mm) Tolerance : 0.008 (0.2) max. on pin placement 0.02 (0.5) max. on outer dimensions
DS_SHP5_19980401.PDF
PAGE 3


▲Up To Search▲   

 
Price & Availability of SHP5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X